Part Number Hot Search : 
LSM770 STA323W 2SD14 TA8563FN 20N50C1 TMG16C60 ANSR2N7 STM446
Product Description
Full Text Search
 

To Download SI5855CDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI5855CDC
Vishay Siliconix
P-Channel 20-V (D-S) MOSFET With Schottky Diode
MOSFET PRODUCT SUMMARY
VDS (V) - 20 RDS(on) () 0.144 at VGS = - 4.5 V 0.180 at VGS = - 2.5 V 0.222 at VGS = - 1.8 V ID (A)a - 3.7 - 3.3 - 3.0 4.1 nC Qg (Typ.)
FEATURES
* LITTLE FOOT(R) Plus Power MOSFET * Ultra Low VF Schottky
APPLICATIONS
RoHS
COMPLIANT
* Charging Switch for Portable Devices - With Integrated Low VF Trench Schottky Diode
SCHOTTKY PRODUCT SUMMARY
VKA (V) 20 Vf (V) Diode Forward Voltage 0.375 at 1 A
(R)
IF (A)a 1
1206-8 ChipFET
1
A K K D D A S
S
K
G Marking Code
G
JG XXX
Lot Traceability and Date Code D P-Channel MOSFET A
Bottom View
Part # Code
Ordering Information: SI5855CDC-T1-E3 (Lead (Pb)-free)
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Parameter Drain-Source Voltage (MOSFET) Reverse Voltage (Schottky) Gate-Source Voltage (MOSFET) TC = 25 C TC = 70 C TA = 25 C TA = 70 C TC = 25 C TA = 25 C Symbol VDS VKA VGS Limit - 20 20 8 - 3.7a - 3.0 - 2.5b, c - 2.0b, c - 10 - 1.1b, c 1 7 2.8 1.8 1.3b, c 0.8b, c 3.1 2.0 1.9 1.2 - 55 to 150 260 2.3a Unit V
Continuous Drain Current (TJ = 150 C) (MOSFET)
ID
Pulsed Drain Current (MOSFET) Continuous Source Current (MOSFET Diode Conduction) Average Forward Current (Schottky) Pulsed Forward Current (Schottky) TC = 25 C TC = 70 C TA = 25 C TA = 70 C TC = 25 C TC = 70 C TA = 25 C TA = 70 C
IDM IS IF IFM
A
Maximum Power Dissipation (MOSFET)
W
PD
Maximum Power Dissipation (Schottky)
W
Operating Junction and Storage Temperature Range Soldering Recommendation (Peak Temperature)d, e
TJ, Tstg
C
Document Number: 68910 S-82299-Rev. A, 22-Sep-08
www.vishay.com 1
SI5855CDC
Vishay Siliconix
THERMAL RESISTANCE RATINGS
Parameter Maximum Junction-to-Ambient (MOSFET)b, c, f Maximum Junction-to-Foot (Drain) (MOSFET) Maximum Junction-to-Ambient (Schottky)
b, c, g
Symbol RthJA RthJF RthJA RthJF
Typical 82 35 54 30
Maximum 99 45 65 40
Unit
C/W
Maximum Junction-to-Foot (Drain) (Schottky)
Notes: a. Based on TC = 25 C. b. Surface Mounted on FR4 board. c. t 5 s. d. See Solder Profile (http://www.vishay.com/doc?73257). The PowerPAK ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components. e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components. f. Maximum under Steady State conditions for MOSFETS is 130 C/W. g. Maximum under Steady State conditions for Schottky is 115 C/W.
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Static Drain-Source Breakdown Voltage VDS Temperature Coefficient VGS(th) Temperature Coefficient Gate-Source Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Dynamicb Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time www.vishay.com 2 Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf td(on) tr td(off) tf VDD = - 10 V, RL = 5 ID - 2 A, VGEN = - 5 V, Rg = 1 VDD = - 10 V, RL = 5 ID - 2 A, VGEN = - 4.5 V, Rg = 1 f = 1 MHz 1.1 VDS = - 10 V, VGS = - 5 V, ID = - 2.5 A VDS = - 10 V, VGS = - 4.5 V, ID = - 2.5 A VDS = - 10 V, VGS = 0 V, f = 1 MHz 276 60 43 4.5 4.1 0.6 1.0 5.5 11 34 22 8 5 14 17 8 11 17 51 33 16 10 21 26 16 ns 6.8 6.2 nC pF VDS VDS/TJ VGS(th)/TJ VGS(th) IGSS IDSS ID(on) RDS(on) gfs VGS = 0 V, ID = - 250 A ID = - 250 A VDS = VGS, ID = - 250 A VDS = 0 V, VGS = 8 V VDS = - 20 V, VGS = 0 V VDS = - 20 V, VGS = 0 V, TJ = 55 C VDS - 5 V, VGS = - 4.5 V VGS = - 4.5 V, ID = - 2.5 A VGS = - 2.5 V, ID = - 2.2 A VGS = - 1.8 V, ID = - 2.0 A VDS = - 10 V, ID = - 2.5 A - 10 0.120 0.150 0.185 18 0.144 0.180 0.222 S - 0.45 - 20 - 19 2 -1 100 -1 - 10 V mV/C V ns A A Symbol Test Conditions Min. Typ. Max. Unit
Document Number: 68910 S-82299-Rev. A, 22-Sep-08
SI5855CDC
Vishay Siliconix
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Continuous Source-Drain Diode Current Pulse Diode Forward Current Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Reverse Recovery Fall Time Reverse Recovery Rise Time Symbol IS ISM VSD trr Qrr ta tb IF = - 2 A dI/dt = 100 A/s TJ = 25 C IS = - 2 A, VGS = 0 V - 0.8 23 13 10 13 Test Conditions TC = 25 C Min. Typ. Max. - 2.3 - 10 - 1.2 35 20 Unit Drain-Source Body Diode Characteristics A V ns nC ns
Notes: a. Pulse test; pulse width 300 s, duty cycle 2 %. b. Guaranteed by design, not subject to production testing.
SCHOTTKY SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Forward Voltage Drop Symbol VF Test Conditions IF = 1 A IF = 1 A, TJ = 125 C Vr = 20 V Maximum Reverse Leakage Current Junction Capacitance Irm CT Vr = 20 V, TJ = 85 C Vr = 20 V, TJ = 125 C Vr = 10 V Min. Typ. 0.34 0.255 0.05 2 10 90 Max. 0.375 0.290 0.500 20 100 pF mA Unit V
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
10 VGS = 5 thru 2.5 V 8 I D - Drain Current (A) I D - Drain Current (A) VGS = 2 V 6 1.5 2.0
1.0 TC = 25 C 0.5
4
VGS = 1.5 V
2 VGS = 1 V 0 0 1 2 3 4 5 0.0 0.0
TC = 125 C TC = - 55 C 0.3 0.6 0.9 1.2 1.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Output Characteristics
Transfer Characteristics
Document Number: 68910 S-82299-Rev. A, 22-Sep-08
www.vishay.com 3
SI5855CDC
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
0.30 540
0.25 R DS(on) - On-Resistance () C - Capacitance (pF) VGS = - 1.8 V 0.20 VGS = - 2.5 V 0.15
450
360 Ciss 270
0.10
VGS = - 4.5 V
180 Coss Crss
0.05
90
0.00 0 2 4 6 8 10
0 0 4 8 12 16 20
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
On Resistance vs. Drain Current
5 ID = 2.5 A VGS - Gate-to-Source Voltage (V) 4 VDS = 10 V 3 VDS = 16 V R DS(on) - On-Resistance 1.3 (Normalized) 1.5
Capacitance
1.1
VGS = 4.5 V; I D = 2.5 A
2
0.9
1 VGS = 2.5 V; I D = 2.2 A 0 0 1 2 3 4 5 0.7 - 50 - 25 0 25 50 75 100 125 150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (C)
Gate Charge
100 0.25
On-Resistance vs. Junction Temperature
ID = 2.5 A R DS(on) - On-Resistance () 0.20 TJ = 125 C 0.15 I S - Source Current (A)
10
TJ = 150 C 1
TJ = 25 C
0.10 TJ = 25 C 0.05
0.1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 2 4 6 8
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Forward Diode Voltage vs. Temp.
On-Resistance vs. Gate-to-Source Voltage
www.vishay.com 4
Document Number: 68910 S-82299-Rev. A, 22-Sep-08
SI5855CDC
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
0.7 5
0.6 ID = 250 A Power (W) - 25 0 25 50 75 100 125 150 VGS(th) (V) 0.5
4
3
0.4
2
0.3
1
0.2 - 50
0 0.001
0.01
0.1 Time (s)
1
10
100
TJ - Temperature (C)
Threshold Voltage
100
Single Pulse Power
10 I D - Drain Current (A)
Limited by RDS(on)*
100 s 1 1 ms 10 ms 0.1 TA = 25 C Single Pulse BVDSS Limited 0.01 0.1 100 ms 1 s, 10 s DC
1 10 100 VDS - Drain-to-Source Voltage (V) * VGS > minimum VGS at which RDS(on) is specified
Safe Operating Area, Junction-to-Ambient
Document Number: 68910 S-82299-Rev. A, 22-Sep-08
www.vishay.com 5
SI5855CDC
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
5
4 I D - Drain Current (A)
3
2
1
0 0 25 50 75 100 125 150
TC - Case Temperature (C)
Current Derating*
4 1.2
3 Power (W) Power (W) 0 25 50 75 100 125 150
0.9
2
0.6
1
0.3
0
0.0 0 25 50 75 100 125 150
TC - Case Temperature (C)
TA - Ambient Temperature (C)
Power, Junction-to-Foot
Power, Junction-to-Ambient
* The power dissipation PD is based on TJ(max) = 150 C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
www.vishay.com 6
Document Number: 68910 S-82299-Rev. A, 22-Sep-08
SI5855CDC
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2
Single Pulse
2. Per Unit Base = RthJA = 110 C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
0.01 10 -4
10 -3
10 -2
10 -1
1
10
100
1000
Square Wave Pulse Duration (s)
Normalized Thermal Transient Impedance, Junction-to-Ambient
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.02 Single Pulse
0.05
0.01 10 -4
10 -3
10 -2 Square Wave Pulse Duration (s)
10 -1
1
Normalized Thermal Transient Impedance, Junction-to-Foot
SCHOTTKY TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
100 10 I R - Reverse Current (mA) I F - Forward Current (A) 10
1
TJ = 150 C 1 TJ = 25 C
0.1
20 V 10 V
0.01
0.001
0.0001 - 50
- 25
0
25
50
75
100
125
150
0.1 0.0
0.1
0.2
0.3
0.4
0.5
0.6
TJ - Junction Temperature (C)
VF - Forward Voltage Drop (V)
Reverse Current vs. Junction Temperature Document Number: 68910 S-82299-Rev. A, 22-Sep-08
Forward Voltage Drop www.vishay.com 7
SI5855CDC
Vishay Siliconix
SCHOTTKY TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
600
500 CT - Junction Capacitance (pF)
400
300
200
100
0 0 4 8 12 16 20 VKA - Reverse Voltage (V)
Capacitance
2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2
2. Per Unit Base = R thJA = 95 C/W 3. T JM - TA = PDMZthJA(t) 4. Surface Mounted
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (s)
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05
0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (s)
1
10
Normalized Thermal Transient Impedance, Junction-to-Foot
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?68910.
www.vishay.com 8
Document Number: 68910 S-82299-Rev. A, 22-Sep-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SI5855CDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X