Part Number Hot Search : 
SL74LV08 100C0 SF801G11 W15802 SK3024 APT30 HFBR1537 UH8JT
Product Description
Full Text Search
 

To Download SI5447DC-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si5447DC
Vishay Siliconix
P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
--20
rDS(on) ()
0.076 @ VGS = --4.5 V 0.110 @ VGS = --2.5 V 0.160 @ VGS = --1.8 V
ID (A)
--4.8 --4.0 --3.3
1206-8 ChipFETt
1
D D D D S D D G
S
G
Marking Code BG XX Lot Traceability and Date Code Part # Code
D P-Channel MOSFET
Bottom View
Ordering Information: SI5447DC-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Currenta Maximum Power Dissipationa Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature)b, c TA = 25_C TA = 85_C TA = 25_C TA = 85_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
5 secs
--20 8 --4.8 --3.5 --15 --2.1 2.5 1.3 --55 to 150 260
Steady State
Unit
V
--3.5 --2.5 --1.1 1.3 0.7 W A
_C
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Foot (Drain) t 5 sec Steady State Steady State
Symbol
RthJA RthJF
Typical
43 83 14
Maximum
50 95 20
Unit
_C/W C/
Notes a. Surface Mounted on 1" x 1" FR4 Board. b. See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection. c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components. Document Number: 71256 S-21251--Rev. B, 05-Aug-02 www.vishay.com
2-1
Si5447DC
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = --250 mA VDS = 0 V, VGS = 8 V VDS = --16 V, VGS = 0 V VDS = --16 V, VGS = 0 V, TJ = 85_C VDS --5 V, VGS = --4.5 V VGS = --4.5 V, ID = --3.5 A Drain-Source On-State Resistancea rDS(on) VGS = --2.5 V, ID = --2.9 A VGS = --1.8 V, ID = --1 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = --10 V, ID = --3.5 A IS = --1.1 A, VGS = 0 V --15 0.064 0.091 0.130 9 --0.8 --1.2 0.076 0.110 0.160 S V --0.45 100 --1 --5 V nA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = --1.1 A, di/dt = 100 A/ms VDD = --10 V, RL = 10 ID --1 A, VGEN = --4.5 V, RG = 6 VDS = --10 V, VGS = --4.5 V, ID = --3.5 A 6.5 1.4 1.3 14 29 42 35 30 21 45 65 55 60 ns 10 nC
Notes a. Pulse test; pulse width 300 ms, duty cycle 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
15 VGS = 5 thru 3 V 12 I D -- Drain Current (A) 2.5 V 12 I D -- Drain Current (A) 15
Transfer Characteristics
TC = --55_C 25_C
9 2V
9
125_ C
6
6
3
1.5 V 1V
3
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS -- Drain-to-Source Voltage (V) www.vishay.com
VGS -- Gate-to-Source Voltage (V) Document Number: 71256 S-21251--Rev. B, 05-Aug-02
2-2
Si5447DC
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.30 r DS(on) -- On-Resistance ( ) 0.25 0.20 0.15 0.10 0.05 0.00 0 3 6 9 12 15 VGS = 2.5 V VGS = 4.5 V VGS = 1.8 V C -- Capacitance (pF) 1200 1000 Ciss 800 600 400 200 0 0 4 8 12 16 20 Coss
Capacitance
Crss
ID -- Drain Current (A)
VDS -- Drain-to-Source Voltage (V)
Gate Charge
5 V GS -- Gate-to-Source Voltage (V) VDS = 10 V ID = 3.5 A 4 1.6
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 3.5 A 1.4
3
r DS(on) -- On-Resistance ( ) (Normalized) 4 6 8
1.2
2
1.0
1
0.8
0 0 2 Qg -- Total Gate Charge (nC)
0.6 --50
--25
0
25
50
75
100
125
150
TJ -- Junction Temperature (_C)
Source-Drain Diode Forward Voltage
20 TJ = 150_C I S -- Source Current (A) 10 r DS(on) -- On-Resistance ( ) 0.30 0.25 0.20 0.15 0.10 0.05 0.00 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0
On-Resistance vs. Gate-to-Source Voltage
ID = 3.5 A
TJ = 25_C
1 0.0
1
2
3
4
5
VSD -- Source-to-Drain Voltage (V)
VGS -- Gate-to-Source Voltage (V)
Document Number: 71256 S-21251--Rev. B, 05-Aug-02
www.vishay.com
2-3
Si5447DC
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 0.3 V GS(th) Variance (V) ID = 250 mA 0.2 0.1 0.0 --0.1 --0.2 --50 10 Power (W) 30 50
Single Pulse Power
40
20
--25
0
25
50
75
100
125
150
0 10 --2
10 --1
1 Time (sec)
10
100
600
TJ -- Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1 t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 80_C/W
t1 t2
Single Pulse 0.01 10 --4 10 --3 10 --2 10 --1 1 Square Wave Pulse Duration (sec)
3. TJM -- TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10 --4 10 --3 10 --2 10 --1 Square Wave Pulse Duration (sec) 1 10
www.vishay.com
2-4
Document Number: 71256 S-21251--Rev. B, 05-Aug-02
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SI5447DC-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X