|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBL1040 SCHOTTKY BARRIER RECTIFIER FEATURES * Schottky Barrier Chip * Guard Ring Die Construction for Transient Protection * Low Power Loss, High Efficiency * High Surge Capability * High Current Capability and Low Forward Voltage Drop * For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications TO-220AC TO-220AC 123 1. ANODE 1. .CATHODE 3.CATHODE 3 . ANODE 1 3 ELECTRICAL CHARACTERISTICS (Tamb=25 Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Output Current (Note 1) Forward Voltage Drop @ IF=10A, TC=25 Symbol VRRM VRWM VR IO unless otherwise specified) Value Unit 40 V 10 A VF 0.55 V Peak Reverse Current at Rated DC Blocking Voltage @ TC=25 IR 0.45 mA Operating and Storage Temperature Range Tj, TSTG -55 to +150 Notes: 1. Thermal resistance junction to case mounted heat sink. |
Price & Availability of SBL1040 |