Part Number Hot Search : 
8F048T 11016 LT241 AD7980 TD62476P CEE125 HD74AC P34BF
Product Description
Full Text Search
 

To Download S5K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5.0A Surface Mount Rectifier S5A - S5M
5.0A Surface Mount Rectifier
Features
* * * * * * * * Low profile surface mounted package Ideal for automated placement Glass passivated chip junction Low forward voltage drop Low leakage current High forward surge capability High temperature soldering: 250 C / 10 seconds at terminals RoHS compliant
DO-214AB (SMC)
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: JEDEC DO-214AB (SMC) molded plastic Plastic package has UL flammability classification 94V-0 Solder plated, solderable per MIL-STD-750, Method 2026 Color band denotes cathode end 0.007 ounce, 0.21 gram
Maximum Ratings (T Ambient=25C unless noted)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current Operating Junction and Storage Temperature Range S5A 50 35 50 S5B 100 70 100 S5D 200 140 200 S5G 400 280 400 5.0 S5J 600 420 600 S5K 800 560 800 S5M 1000 700 1000 Unit V V V A TL=75C 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Conditions
VRRM VRMS VDC IF(AV) IFSM TJ, TSTG
100
A
-55 to 150
C
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON Fax: (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2008-05-20 Page 1 of 5
5.0A Surface Mount Rectifier S5A - S5M
Electrical Characteristics (T Ambient=25C unless noted)
Symbol Description Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Reverse Recovery Time Typical Junction Capacitance Typical Thermal Resistance S5A S5B S5D S5G 1.15 5.0 A 250 2.5 40 10 S pF C/W TA=125 C IF=0.5A, IR=1.0A, Irr=0.25A VR=4V, f=1MHz Note 1 S5J S5K S5M Unit V Conditions IF=5.0A TA=25 C
VF IR Trr CJ R-JL
Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B.
with 0.3 x 0.3" (8.0 x 8.0mm) copper pad areas. (2) Single phase half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Typical Characteristics Curves
Fig.1- Forward Current Derating Curve
Average Forward Rectified Current (A) Peak Forward Surge Current (A)
Fig.2- Max. Non-Repetitive Forward Surge Current
Lead Temperature ( C)
Number of Cycles at 60Hz Rev. A/AH 2008-05-20
www.taitroncomponents.com
Page 2 of 5
5.0A Surface Mount Rectifier S5A - S5M
Fig.3- Typical Instantaneous Forward Characteristics
Fig.4- Typical Reverse Characteristics
Instantaneous Forward Current (A)
Instantaneous Forward Voltage (V)
Instantaneous Reverse Current (A)
Percentage of Peak Reverse Voltage (%)
Fig.5- Junction Capacitance
Junction Capacitance (pF)
Reverse Voltage (V)
Rev. A/AH 2008-05-20 www.taitroncomponents.com Page 3 of 5
5.0A Surface Mount Rectifier S5A - S5M
Dimensions in inch (mm)
DO-214AB (SMC)
Mounting Pad Layout in inch (mm)
Rev. A/AH 2008-05-20 www.taitroncomponents.com Page 4 of 5
5.0A Surface Mount Rectifier S5A - S5M
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-54249942 Fax: +86-21-5424-9931
Rev. A/AH 2008-05-20 www.taitroncomponents.com Page 5 of 5


▲Up To Search▲   

 
Price & Availability of S5K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X