Part Number Hot Search : 
MP1080 PT78602 00BGXC 60200 IPP100N G2012 0V10X PT78602
Product Description
Full Text Search
 

To Download PSSL-0810-100MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Power Inductor
Dimensions
(PSSL-0810 Series)
C A L IB E R
E L E C T R O N IC S IN C . specifications subject to change * revision 3-2003
12.95 max
2.54
1st
9.40 max
2nd 3rd
2.54
Bottom
11.43 max
7.62
(Not to scale)
Dimensions in mm
Part Numbering Guide
PSSL - 0810 - 100 M - T
Dimensions
(Length, Height)
Packaging Style
B=Bulk T=Tape & Reel (300 pcs per reel)
Inductance Code
Tolerance
M=20%
Features
Inductance Range Tolerance Temperature 10 H to 1000 H 20% -40C to 85C
Electrical Specifications
Inductance Code
100 150
Inductance (H)
10 15
Test Freq
100 kHz, 0.1 Vrms 100 kHz, 0.1 Vrms
DCR Max (Ohms)
0.033 0.042
Isat* (A)
8.0 7.0
220 330 470
22 33 47
100 kHz, 0.1 Vrms 100 kHz, 0.1 Vrms 100 kHz, 0.1 Vrms
0.054 0.080 0.10
5.5 4.0 3.8
680 101 151
68 100 150
100 kHz, 0.1 Vrms 100 kHz, 0.1 Vrms 100 kHz, 0.1 Vrms
0.17 0.22 0.34
3.0 2.5 2.0
221 331 471 681 102
*Inductance drop = 10% typical at rated Isat
220 330 470 680 1000
100 kHz, 0.1 Vrms 100 kHz, 0.1 Vrms 100 kHz, 0.1 Vrms 100 kHz, 0.1 Vrms 100 kHz, 0.1 Vrms
0.44 0.70 0.95 1.2 2.0
1.6 1.2 1.0 1.0 0.8
Rev. 10/00
Specifications subject to change without notice.
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of PSSL-0810-100MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X