Part Number Hot Search : 
39504 LM031100 20100 6SMB27A MS320 EMG408 KA78L10 1010A
Product Description
Full Text Search
 

To Download PG05HAS23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
Protection in Portable Electronics Applications.
PG05HAS23
TVS Diode Array for ESD Protection in Portable Electronics
FEATURES
350 Watts peak pulse power (tp=8/20 s) Transient protection for data lines to
A G
L
E B
L
DIM A
D
B C D E G H J K P P L M N P
MILLIMETERS _ 2.93 + 0.20
1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
IEC 61000-4-2(ESD) 15kV(Air), 8kV(Contact) IEC 61000-4-4(EFT) 40A(tp=5/50ns) IEC 61000-4-5(Lightning) 24A(tp=8/20 s) Standard SOT-23 Package. Protects one Bidirectional line or two Unidirectional Lines. Low clamping voltage. Low leakage current.
2
3
H
1
C
N
M
1. CATHODE 1
APPLICATIONS
Cell phone handsets and accessories. Microprocessor based equipment. Industrial Controls. Personal digital assistants (PDA's) Notebooks, desktops PC, & servers. Portable instrumentation. Set-Top Box, DVD Player.
2. CATHODE 2 3. ANODE
K
SOT-23
MAXIMUM RATING (Ta=25
CHARACTERISTIC Peak Pulse Power (tp=8/20 s) Peak Pulse Current (tp=8/20 s) Operating Temperature Storage Temperature
)
SYMBOL PPK IPP Tj Tstg RATING 350 24 -55 150 -55 150 UNIT W A
Marking
3
J
Lot No.
Type Name
5HA
2 1
3
2
1
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage Junction Capacitance
)
TEST CONDITION It=1mA VRWM=5V IPP=24A, tp=8/20 s VR=0V, f=1MHz Pin 1 to 3 and Pin 2 to 3 MIN. 6 TYP. MAX. 5 20 14.5 400 UNIT V V A V pF
SYMBOL VRWM VBR IR VC CJ
2003. 3. 26
Revision No : 0
1/2
PG05HAS23
NON-REPETITIVE PEAK PULSE POWER VS. PULSE TIME
POWER DERATION CURVE
110 RATED POWER OR IPP (%) 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75
10 PEAK PULSE POWER PPP (kW)
1
Peak Pulse Power 8/20us
0.1
Average Power
0.01 0.1 1 10 100 1k
100
125
150
PULSE DURATION TP (s)
AMBIENT TEMPERATURE Ta ( C)
PULSE WAVEFORM
110 PEAK PULSE CURRENT I PP (%) 100 90 80 70 60 50 40 30 20 10 0 0 5 10 15 TIME (s) 20 25 30
Waveform Parameters : tr=8s td=20s e -t
CJ - VR
400 CAPACITANCE C J (pF)
300
200
td=lpp/2
100
0 0 1 2 3 4 5 REVERSE VOLTAGE VR (VOLTS)
2003. 3. 26
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of PG05HAS23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X