Part Number Hot Search : 
PA1801 C18F67 DSF1B CX96420 45MTC DSF1B C18F67 ISP1563
Product Description
Full Text Search
 

To Download P30LL0APPS102MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P30L
Vishay Sfernice
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
FEATURES
* 1 million cycles * High power rating (2 W at 70 C) * Low temperature coefficient ( 150 ppm/C typical) * Custom designs on request
RoHS
COMPLIANT
DIMENSIONS in millimeters (inches) 0.5 ( 0.02)
P30L
8 (0.31) 20 (0.79) max. 13 (0.51) max. 12 (0.47) 14 Wrench Thread M10 x 0.75 O6 (0.24) a 76
c
R 5.2 (0.20)
FG = 16 (0.63) O 19.7 (0.78) FL = 25 (0.99) FR = 50 (1.97)
0.5 (0.02) 2.85 (0.11)
b
3 (0.12)
P30L: LPRP - Locating Peg
3 (0.12) O 1.8 (0.07)
0.8 (0.3)
O 10.5 (0.41)
12.5 (0.49)
9.2 (0.36) O 3.5 (0.14)
8.8 (0.35) 3 (0.12) 2.3 (0.9)
PANEL MOUNT PE30LME: Panel Sealed
23 (0.91) max. 16 (0.63) max. O 1.2 (0.05) 0.7 (0.03) O 1 (0.4) Flats located O6 (0.24) Sealing Ring
8 0.2 (0.31 0.01)
O 10.5 (0.41)
O 19.7 (0.78) 9 (0.35) FD = 13 (0.61) FJ = 22 (0.87) FP = 47 (1.85)
PANEL MOUNT
Document Number: 51056 Revision: 04-Sep-08
For technical questions, contact: sfer@vishay.com
www.vishay.com 1
P30L
Vishay Sfernice
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
Cermet 270 10 1 k - 5 k - 10 k - 50 k 20 % Linear
OUTPUT VOLTAGE RATIO (%)
100 80 60 40 20
ELECTRICAL SPECIFICATIONS
Resistive Element Electrical Travel Standard Resistance Values Tolerance
A
CIRCUIT DIAGRAM
Varation Law
a (1) b (2) cw c (3)
A
0
0
20
40
60
80
100
% CLOCKWISE SHAFT ROTATION
LIN. LAW "A" 2
POWER IN W
Power Rating
2 W at 70 C
1
0 0 20 40 60 70 80 100 120 140
AMBIENT TEMPERATURE IN C
Resistance Value (k) Standard Resistance Element Data 1 5 10 50 Temperature Coefficient (Typical) Limiting Element Voltage Contact Resistance Variation End Resistance (Typical) Dielectric Strength (RMS) Insulation Resistance (300 VDC) Independent Linearity (Typical)
Max. Power at 70 C (W) 2 2 2 1.8 150 ppm/C 300 V 3 % Rn 1 2500 V 105 M 5%
Max. Working Voltage (V) 44.7 100 141 300
www.vishay.com 2
For technical questions, contact: sfer@vishay.com
Document Number: 51056 Revision: 04-Sep-08
P30L
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
MECHANICAL SPECIFICATIONS
Mechanical Travel Operating Torque (Typical) End Stop Torque Tightening Torque of Mounting Nut Unit Weight Terminals 3 Ncm max. 70 Ncm max. 250 Ncm max. 23 to 32 g max. e3: pure Sn 300 5 4.25 oz.-inch max. 99 oz.-inch max. 22.13 lb-inch max. 0.8 to 1.13 oz.
Vishay Sfernice
ENVIRONMENTAL SPECIFICATIONS
Temperature Range Climatic Category Sealing - 40 C to 100 C 40/100/56 Fully sealed - Container IP67
OPTIONS
Special Feature Command Shaft Length is measured from the mounting surface to the free end of the shaft. The screwdriver slot is aligned with the wiper within 10. Special shafts are available, in accordance to drawings supplied by customers. We recommend that customers should not machine tool shafts, in order to avoid damage. Bending or torsion of terminals should also be avoided. The panel sealing device consists of a ring located in a groove on the potentiometer face. Sealing is obtained by tightening the ring against the panel when mounting the potentiometer. Location is obtained by fitting a special washer on the mounting face of the potentiometer.
Panel Sealing Locating Peg
MARKING
* VISHAY trademark * Model * Ohmic Value code * Tolerance code * Manufacturing date code * Marking of terminals 3, and a, b, c
APPLICATION NOTE
c (3)
The potentiometer shall be used in voltage divider with an impedance load at least 100 times higher than the total potentiometer nominal resistance value.
cw
Advised load impedance: 1 M min. for resistance range of 1k to 50 k
(1) a
(2) b
1 M min.
Document Number: 51056 Revision: 04-Sep-08
For technical questions, contact: sfer@vishay.com
www.vishay.com 3
P30L
Vishay Sfernice
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
PERFORMANCES
TESTS CONDITIONS Phase A dry heat 100 C Phase B damp heat Phase C cold - 40 C Phase D damp heat 5 cycles 56 days 40 C 93 % HR 1 000 000 cycles at rated power Turn angle: 60 33 cycles per minute Temperature: 20 C 1000 h at rated power 90'/30' Ambient temperature 70 C 5 cycles - 40 C at 100 C 50 g at 11 ms 3 successive shocks in 3 directions 10 - 55 Hz 0.75 mm or 10 g during 6 h RT/RT (%) R1-2/R1-2 (%) OTHER
Climatic Sequence
0.5 %
1%
-
Long Term Damp Heat
0.5 %
1%
Insulation resistance > 100 M Contact resistance variation max. 35 % Independent linearity 10 % (Typical) Contact resistance variation max. 30% -
Rotational Life
20 %
-
Load Life
20 %
20 %
Rapid Temperature Change
0.5 %
-
Shock
0.1 %
0.2 %
-
Vibration
0.1 %
0.2 %
-
SAP ORDERING INFORMATION (Part Number 18 digits)
P 3 0 L L 0 F D R 1 0 3 M A
MODEL
BUSHING L= M10 x 0.75 M = Panel sealed M10 x 0.75
OPTION 0 = None E = With Locating Peg (for M bushing only) L = LPRP Diameter F = O 6 mm AP = Custom shaft
SHAFT Length For L Bushing G = 16 mm L = 25 mm R = 50 mm For M Bushing D = 13 mm J = 22 mm P = 47 mm End Shaft Shape R = Round On request S = Slotted D = Custom end shaft F = Flatted
RESISTANCE CODE / TOLERANCE CODE / TAPER Ohmic Value Tolerance Variation Law A = linear
SPECIAL NUMBER (if applicable) Given by VISHAY for custom design
M = 20 % 102 = 1 k 502 = 5 k 103 = 10 k On request 503 = 50 k K = 10 %
PART NUMBER DESCRIPTION (for information only)
P30L MODEL L BUSHING 0 FDR 10K 20 % A TAPER SPECIAL BO10 PACKAGING SPECIAL SPECIAL e3 LEAD (Pb)-FREE
OPTION SHAFT VALUE TOLERANCE
www.vishay.com 4
For technical questions, contact: sfer@vishay.com
Document Number: 51056 Revision: 04-Sep-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of P30LL0APPS102MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X