Part Number Hot Search : 
CM8501C FN4044 TE28F C4495 LTC1420 MU1231A LTC1420 UN4115
Product Description
Full Text Search
 

To Download P2103NV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2103NV
SOP-8
PRODUCT SUMMARY V(BR)DSS N-Channel P-Channel 30 -30 RDS(ON) 21m 35m ID 7A -6A G : GATE D : DRAIN S : SOURCE
ABSOLUTE MAXIMUM RATINGS (TC = 25 C Unless Otherwise Noted) PARAMETERS/TEST CONDITIONS Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Power Dissipation Junction & Storage Temperature Range Lead Temperature ( /16" from case for 10 sec.)
1 1
SYMBOL VDS VGS
N-Channel P-Channel 30 20 7 6 28 2 1.3 -55 to 150 275 -30 20 -6 -5 -24
UNITS V V
TC = 25 C TC = 70 C TC = 25 C TC = 70 C
ID IDM PD Tj, Tstg TL
A
W
C
THERMAL RESISTANCE RATINGS THERMAL RESISTANCE Junction-to-Ambient
1 2
SYMBOL RJA
TYPICAL
MAXIMUM 62.5
UNITS C / W
Pulse width limited by maximum junction temperature. Duty cycle 1%
ELECTRICAL CHARACTERISTICS (TC = 25 C, Unless Otherwise Noted) LIMITS PARAMETER SYMBOL TEST CONDITIONS STATIC Drain-Source Breakdown Voltage V(BR)DSS VGS = 0V, ID = 250A VGS = 0V, ID = -250A Gate Threshold Voltage VGS(th) VDS = VGS, ID = 250A VDS = VGS, ID = -250A N-Ch P-Ch N-Ch P-Ch 30 -30 0.8 -0.8 1.5 -1.5 2.5 -2.5 V MIN TYP MAX UNIT
1
OCT-22-2003
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2103NV
SOP-8
VDS = 0V, VGS = 20V Gate-Body Leakage IGSS VDS = 0V, VGS = 20V VDS = 24V, VGS = 0V VDS = -24V, VGS = 0V Zero Gate Voltage Drain Current IDSS
N-Ch P-Ch N-Ch P-Ch
100 100 1 -1 10 -10 28 -24 21 44 14 28 8 7 32 60
nA
VDS = 20V, VGS = 0V, TJ = 55 C N-Ch VDS = -20V, VGS = 0V, TJ = 55 C P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch
A
On-State Drain Current1
ID(ON)
VDS = 5V, VGS = 10V VDS =-5V, VGS = -10V VGS = 4.5V, ID = 6A
A
Drain-Source Resistance1
On-State
VGS = -4.5V, ID = -5A RDS(ON) VGS = 10V, ID = 7A VGS = -10V, ID = -6A
m 21 35
Forward Transconductance1
gfs
VDS = 10V, ID = 5A VDS = -10V, ID = -5A
S
DYNAMIC
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge2 Gate-Source Charge2 Gate-Drain Charge2
Ciss Coss Crss Qg Qgs Qgd
N-Ch N-Channel VGS = 0V, VDS = 10V, f = 1MHz P-Channel P-Ch N-Ch P-Ch P-Ch N-Channel VDS = 0.5V(BR)DSS, VGS = 10V, ID = 6A P-Channel VDS = 0.5V(BR)DSS, VGS = -10V, ID = -5A N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch
1700 970 380 370 260 180 40 28 28 6 12 12 nC pF
VGS = 0V, VDS = -10V, f = 1MHz N-Ch
2
OCT-22-2003
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2103NV
SOP-8
Turn-On Delay Time2 Rise Time2 Turn-Off Delay Time2 Fall Time2
td(on) tr td(off) tf
N-Channel VDS = 15V ID 1A, VGS = 10V, RGEN = 6 P-Channel VDS = -15V, RL = 1
N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch
20 20 10 17 120 160 35 75 nS
ID -1A, VGS = -10V, RGEN = 6 P-Ch
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 C) Continuous Current IS N-Ch P-Ch N-Ch P-Ch IF = 1A, VGS = 0V VSD IF = -1A, VGS = 0V Reverse Recovery Time trr IF = 5A, dlF/dt = 100A / S IF = -5A, dlF/dt = 100A / S Reverse Recovery Charge
1 2
3 -3 6 -6 1 -1 15.5 15.5 7.9 7.9 V A
Pulsed Current
3
ISM
Forward Voltage1
N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch
nS
Qrr
nC
Pulse test : Pulse Width 300 sec, Duty Cycle 2%. Independent of operating temperature. 3 Pulse width limited by maximum junction temperature. REMARK: THE PRODUCT MARKED WITH "P2103NV", DATE CODE or LOT #
3
OCT-22-2003
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2103NV
SOP-8
N-CHANNEL
4
OCT-22-2003
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2103NV
SOP-8
5
OCT-22-2003
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2103NV
SOP-8
P-CHANNEL
6
OCT-22-2003
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2103NV
SOP-8
7
OCT-22-2003
NIKO-SEM
N- & P-Channel Enhancement Mode Field Effect Transistor
P2103NV
SOP-8
SOIC-8 (D) MECHANICAL DATA
mm Min. 4.8 3.8 5.8 0.38 Typ. 4.9 3.9 6.0 0.445 1.27 1.35 0.1 1.55 0.175 1.75 0.25 Max. 5.0 4.0 6.2 0.51 mm Min. 0.5 0.18 Typ. 0.715 0.254 0.22 0 4 8 Max. 0.83 0.25
Dimension A B C D E F G
Dimension H I J K L M N
8
OCT-22-2003


▲Up To Search▲   

 
Price & Availability of P2103NV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X