Part Number Hot Search : 
LMV331 NM2SOL3R 166TQC LH5499 LTC35 014AR CLA88 180MW
Product Description
Full Text Search
 

To Download NSSW109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 No. STSE-CC7168A
SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
MODEL : NSSW109T
NICHIA CORPORATION
-0-
Nichia STSE-CC7168A
1.SPECIFICATIONS
(1) Absolute Maximum Ratings Item Forward Current Pulse Forward Current Allowable Reverse Current Power Dissipation Operating Temperature Storage Temperature Soldering Temperature Symbol IF IFP IR PD Topr Tstg Tsld Absolute Maximum Rating 30 100 85 105 -40 ~ +100 -40 ~ +100 Reflow Soldering : 260C Hand Soldering : 350C (Ta=25C) Unit mA mA mA mW C C for 10sec. for 3sec.
IFP Conditions : Pulse Width < 10msec. and Duty < 1/10 = =
(2) Initial Electrical/Optical Characteristics Item Symbol Forward Voltage VF Luminous Intensity Iv x Chromaticity Coordinate y Please refer to CIE 1931 chromaticity diagram.
Condition IF=20[mA] IF=20[mA] IF=20[mA] IF=20[mA]
Typ. (3.2) (2200) 0.31 0.32
(Ta=25C) Max. Unit 3.5 V mcd -
(3) Ranking Item Luminous Intensity Rank A2204 Rank A1804 Rank A1404 Symbol Iv Iv Iv Condition IF=20[mA] IF=20[mA] IF=20[mA] Min. 2200 1800 1400
(Ta=25C) Max. Unit 2600 mcd 2200 mcd 1800 mcd
Luminous Intensity Measurement allowance is 10%.
Color Ranks x y 0.280 0.248 Rank a0 0.264 0.283 0.267 0.305 Rank b2 0.287 0.330 0.295 0.339 0.296 0.276 x y 0.287 0.295
(IF=20mA,Ta=25C) Rank b1 0.283 0.330 0.330 0.305 0.360 0.339 Rank c0 0.330 0.361 0.360 0.385
x y
0.296 0.276
0.330 0.318
x y
0.330 0.318
0.356 0.351
Color Coordinates Measurement allowance is 0.01. Basically, a shipment shall consist of the LEDs of a combination of the above ranks. The percentage of each rank in the shipment shall be determined by Nichia.
2. INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS
Please refer to figure's page.
-1-
Nichia STSE-CC7168A
3.OUTLINE DIMENSIONS AND MATERIALS
Please refer to figure's page. Material as follows ; Package Encapsulating Resin Electrodes : : : Heat-Resistant Polymer Epoxy Resin (with Diffused + Phosphor) Ag Plating Copper Alloy
4.PACKAGING
* The LEDs are packed in cardboard boxes after taping. Please refer to figure's page. The label on the minimum packing unit shows ; Part Number, Lot Number, Ranking, Quantity * In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation. * The LEDs may be damaged if the boxes are dropped or receive a strong impact against them, so precautions must be taken to prevent any damage. * The boxes are not water resistant and therefore must be kept away from water and moisture. * When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT NUMBER
The first six digits number shows lot number. The lot number is composed of the following characters; - Year ( 6 for 2006, 7 for 2007 ) - Month ( 1 for Jan., 9 for Sep., A for Oct., - Nichia's Product Number - Ranking by Color Coordinates - Ranking by Luminous Intensity
B for Nov. )
-2-
Nichia STSE-CC7168A
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item Resistance to Soldering Heat (Reflow Soldering) Solderability (Reflow Soldering) Thermal Shock Temperature Cycle Moisture Resistance Cyclic High Temperature Storage Temperature Humidity Storage Low Temperature Storage Steady State Operating Life Steady State Operating Life of High Temperature Steady State Operating Life of High Humidity Heat Steady State Operating Life of Low Temperature Vibration Standard Test Method JEITA ED-4701 300 301 JEITA ED-4701 300 303 JEITA ED-4701 300 307 JEITA ED-4701 100 105 JEITA ED-4701 200 203 JEITA ED-4701 200 201 JEITA ED-4701 100 103 JEITA ED-4701 200 202 Test Conditions Tsld=260C, 10sec. (Pre treatment 30C,70%,168hrs.) Tsld=215 5C, 3sec. (Lead Solder) 0C ~ 100C 15sec. 15sec. -40C ~ 25C ~ 100C ~ 25C 30min. 5min. 30min. 5min. 25C ~ 65C ~ -10C 90%RH 24hrs./1cycle Ta=100C Ta=60C, RH=90% Ta=-40C Ta=25C, IF=30mA Ta=85C, IF=20mA 60C, RH=90%, IF=15mA Ta=-40C, IF=20mA JEITA ED-4701 400 403 JEITA ED-4702 JEITA ED-4702 JEITA ED-4701 300 304 100 ~ 2000 ~ 100Hz Sweep 4min. 200m/s2 3directions, 4cycles 3mm, 5 1 sec. 5N, 10 1 sec. Note 2 times Number of Damaged 0/50
1 time over 95% 20 cycles 100 cycles 10 cycles 1000 hrs. 1000 hrs. 1000 hrs. 500 hrs. 500 hrs. 500 hrs. 500 hrs. 48min.
0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50
Substrate Bending Adhesion Strength Electrostatic Discharge
1 time 1 time 3 times Negative/Positive
0/50 0/50 0/22
R=1.5k, C=100pF Test Voltage=2kV
(2) CRITERIA FOR JUDGING DAMAGE
Item Forward Voltage Luminous Intensity Condition 1 Luminous Intensity Condition 2 Symbol VF IV IV Test Conditions IF=20mA IF=20mA IF=20mA Criteria for Judgement Min. Max. L.S.L.**) L.S.L.**) 0.7 0.5 U.S.L.*) 1.1
*) U.S.L. : Upper Standard Level
**) L.S.L. : Lower Standard Level
These test items are judged by the criteria of Luminous Intensity Condition 2.
-3-
Nichia STSE-CC7168A
7.CAUTIONS The LEDs are devices which are materialized by combining Blue LEDs and special phosphors.
Consequently, the color of the LEDs is changed a little by an operating current. Care should be taken after due consideration when using LEDs. (1) Moisture Proof Package * When moisture is absorbed into the SMT package it may vaporize and expand during soldering. There is a possibility that this can cause exfoliation of the contacts and damage to the optical characteristics of the LEDs. For this reason, the moisture proof package is used to keep moisture to a minimum in the package. * The moisture proof package is made of an aluminum moisture proof bag. A package of a moisture absorbent material (silica gel) is inserted into the aluminum moisture proof bag. The silica gel changes its color from blue to pink as it absorbs moisture. (2) Storage * Storage Conditions Before opening the package : The LEDs should be kept at 30C or less and 90%RH or less. The LEDs should be used within a year. When storing the LEDs, moisture proof packaging with absorbent material (silica gel) is recommended. After opening the package : The LEDs should be kept at 30C or less and 70%RH or less. The LEDs should be soldered within 168 hours (7days) after opening the package. If unused LEDs remain, they should be stored in moisture proof packages, such as sealed containers with packages of moisture absorbent material (silica gel). It is also recommended to return the LEDs to the original moisture proof bag and to reseal the moisture proof bag again. * If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : more than 24 hours at 65 5C * Nichia LED electrodes are silver plated copper alloy. The silver surface may be affected by environments which contain corrosive substances. Please avoid conditions which may cause the LED to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering operations. It is recommended that the User use the LEDs as soon as possible. * Please avoid rapid transitions in ambient temperature, especially in high humidity environments where condensation can occur. (3) Heat Generation * Thermal design of the end product is of paramount importance. Please consider the heat generation of the LED when making the system design. The coefficient of temperature increase per input electric power is affected by the thermal resistance of the circuit board and density of LED placement on the board, as well as other components. It is necessary to avoid intense heat generation and operate within the maximum ratings given in this specification. * The operating current should be decided after considering the ambient maximum temperature of LEDs.
-4-
Nichia STSE-CC7168A (4) Soldering Conditions * The LEDs can be soldered in place using the reflow soldering method. Nichia cannot make a guarantee on the LEDs after they have been assembled using the dip soldering method. * Recommended soldering conditions
Pre-heat Pre-heat time Peak temperature Soldering time Condition Reflow Soldering Lead Solder Lead-free Solder 180 ~ 200C 120 ~ 150C 120 sec. Max. 120 sec. Max. 260C Max. 240C Max. 10 sec. Max. refer to Temperature - profile 1. 10 sec. Max. refer to Temperature - profile 2. (N2 reflow is recommended.) Hand Soldering Temperature Soldering time 350C Max. 3 sec. Max. (one time only)
Although the recommended soldering conditions are specified in the above table, reflow or hand soldering at the lowest possible temperature is desirable for the LEDs. A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature. [Temperature-profile (Surface of circuit board)] Use the conditions shown to the under figure.
<1 : Lead Solder>
2.5 ~ 5C / sec. Pre-heating 120 ~ 150C 60sec.Max.
Above 200C
<2 : Lead-free Solder>
1~ 5C / sec. 240C Max. 10sec. Max. 1~ 5C / sec. Pre-heating 180 ~ 200C 60sec.Max.
Above 220C
260C Max. 10sec. Max.
2.5 ~ 5C / sec.
120sec.Max.
120sec.Max.
[Recommended soldering pad design] Use the following conditions shown in the figure.
9.5 4 1.5 1.5 4
2.6
4
: Solder resist
(Unit : mm)
* Occasionally there is a brightness decrease caused by the influence of heat or ambient atmosphere during air reflow. It is recommended that the User use the nitrogen reflow method. * Repairing should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used. It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing. * Reflow soldering should not be done more than two times. * When soldering, do not put stress on the LEDs during heating. * After soldering, do not warp the circuit board.
-5-
Nichia STSE-CC7168A (5) Cleaning * It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs. When using other solvents, it should be confirmed beforehand whether the solvents will dissolve the package and the resin or not. Freon solvents should not be used to clean the LEDs because of worldwide regulations. * Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition. Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur. (6) Static Electricity * Static electricity or surge voltage damages the LEDs. It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs. * All devices, equipment and machinery must be properly grounded. It is recommended that precautions be taken against surge voltage to the equipment that mounts the LEDs. * When inspecting the final products in which LEDs were assembled, it is recommended to check whether the assembled LEDs are damaged by static electricity or not. It is easy to find static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended). * Damaged LEDs will show some unusual characteristics such as the forward voltage becomes lower, or the LEDs do not light at the low current. Criteria : (VF > 2.0V at IF=0.5mA) (7) Others * NSSW109 complies with RoHS Directive. * The LED light output is strong enough to injure human eyes. Precautions must be taken to prevent looking directly at the LEDs with unaided eyes for more than a few seconds. * Flashing lights have been known to cause discomfort in people; you can prevent this by taking precautions during use. Also, people should be cautious when using equipment that has had LEDs incorporated into it. * The LEDs described in this brochure are intended to be used for ordinary electronic equipment (such as office equipment, communications equipment, measurement instruments and household appliances). Consult Nichia's sales staff in advance for information on the applications in which exceptional quality and reliability are required, particularly when the failure or malfunction of the LEDs may directly jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control equipment, life support systems and safety devices). * User shall not reverse engineer by disassembling or analysis of the LEDs without having prior written consent from Nichia. When defective LEDs are found, the User shall inform Nichia directly before disassembling or analysis. * The formal specifications must be exchanged and signed by both parties before large volume purchase begins. * The appearance and specifications of the product may be modified for improvement without notice.
-6-
Nichia STSE-CC7168A
ICI Chromaticity Diagram
0.9 520 530 0.8 540 510 0.7 550
560 0.6 570 500 0.5 580 590 0.4 600
y
b1
0.3 490
c0 b2
610 620 630
a0
0.2
480 0.1 470 460
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
x
Color Coordinates Measurement allowance is 0.01.
-7-
Forward Voltage vs. Forward Current
200 Forward Current IFP (mA) 100 50 20 10 5 Ta=25C Relative Luminosity (a.u.)
Forward Current vs. Relative Luminosity
5 Ta=25C 4 3 2 1 0 0 20 40 60 80 100 120 Forward Current IFP (mA) Allowable Forward Current IFP (mA)
Duty Ratio vs. Allowable Forward Current
200 Ta=25C 100 50 30 20 10 1
1 2.0 2.5 3.0 3.5 4.0 4.5 5.0 Forward Voltage VF (V)
5 10 20 50 100 Duty Ratio (%)
Ambient Temperature vs. Forward Voltage
5.0 Relative Luminosity (a.u.) Forward Voltage VF (V) 4.6 4.2 3.8 3.4 3.0 2.6 2.2 -60 -30 0 30 60 90 120 Ambient Temperature Ta (C) IFP=60mA IFP=20mA IFP=5mA
Ambient Temperature vs. Relative Luminosity
Allowable Forward Current IF (mA) 2.0 IFP=20mA 1.0
Ambient Temperature vs. Allowable Forward Current
40 30 20 10 8 0 0 20 40 60 80 100 120 Ambient Temperature Ta (C)
-8-
0.5
0.2 -60 -30 0 30 60 90 120 Ambient Temperature Ta (C)
Nichia STSE-CC7168A
Model
NSSW109
NICHIA CORPORATION
Title No.
CHARACTERISTICS
070709768491
Forward Current vs. Chromaticity Coordinate
Relative Emission Intensity (a.u.)
Spectrum
1.2 1.0 0.8 0.6 0.4 0.2 0 350 450 550 650 Wavelength (nm) 750 Ta=25C IF=20mA
0.35 0.34 0.33 0.32 0.31 0.30 Ta=25C
1mA 5mA 20mA 50mA 100mA
y
0.29 0.28 0.29 0.30 0.31 0.32 0.33 0.34
x Ambient Temperature vs. Chromaticity Coordinate
0.35 0.34 0.33 0.32 0.31 0.30 IFP=20mA IFP=10mA
-40C 0C 25C 50C 85C 100C
Directivity
1.0
Relative Luminosity (a.u.)
0 Ta=25C IFP=20mA
10 20 30 40 50
y
-9-
0.5
60 70 80
0.29 0.28 0.29 0.30 0.31 0.32 0.33 0.34
0 90
x
60 30 Radiation Angle
0
0.5
90 1.0
Nichia STSE-CC7168A
Model
NSSW109
NICHIA CORPORATION
Title No.
CHARACTERISTICS
070709768501
(2.4) Internal Circuit A Protection device
0.8 0.3
Anode
K 2.8 (0.4)
-10-
0.8 0.3
Cathode mark (C 0.6)
3.5 0.3
(2.4)
(1.9)
3.2
Cathode
MATERIALS
ITEM
Heat-Resistant Polymer Epoxy Resin ENCAPSULATING RESIN (with Diffused + Phosphor) ELECTRODES Ag Plating Copper Alloy NSSW109 has a protection device built in as a protection circuit against static electricity. Nichia STSE-CC7168A
2 0.3
(0.45)
(1.05) 2.2
Model
(0.8)
PACKAGE
NSSW109
Unit mm 15/1 Scale Allow 0.2
NICHIA CORPORATION
Title No.
OUTLINE DIMENSIONS
070709768511
1.750.1
Taping part
1.5+0.1 -0 40.1 20.05
0.250.05
Reel part
180+0 -3
11.41 90.3
3.50.05
Cathode mark
8+0.3 - 0.1
3.650.1
(2.75)
13
0.2
40.1
1+0.25 -0 2.850.1
2.150.1
Label
WHITE LED
TYPE NSSW109T LOT xxxxxxQTY pcs RoHS
Reel End of tape
No LEDs
LEDs mounting part
No LEDs
60+1 -0
2 1 0.8
-11Embossed carrier tape Reel Lead Min.160mm (No LEDs)
Reel Lead Min.100mm (No LEDs)
Pull direction
Top cover tape
Reel Lead Min.400mm
2,000pcs/Reel
Taping is based on the JIS C 0806 : Packaging of Electronic Components on Continuous Tapes.
Nichia STSE-CC7168A
Model
NSSW109T
Unit mm Scale Allow
NICHIA CORPORATION
Title No.
TAPING DIMENSIONS
070709768521
Nichia STSE-CC7168A
The reel and moisture absorbent material are put in the moisture proof foil bag and then heat sealed.
Reel
Label
Seal
TYPE LOT QTY
NICHIA
WHITE LED
NSSW109T xxxxxxPCS
NICHIA CORPORATION
491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN
RoHS
Moisture absorbent material
Moisture proof foil bag
The box is partitioned with the cardboard. Label
NICHIA
Nichia
LED
TYPE RANK QTY
WHITE LED
NSSW109T PCS RoHS
NICHIA CORPORATION
491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN
Packing unit
Moisture proof foil bag Cardboard box Cardboard box S Cardboard box M Cardboard box L Reel/bag 1reel Quantity/bag (pcs) 2,000 MAX. Reel/box 7reel MAX. 15reel MAX. 30reel MAX. Quantity/box (pcs) 14,000 MAX. 30,000 MAX. 60,000 MAX.
Dimensions (mm) 291 237 120 8t 259 247 243 5t 444 262 259 8t
Model
NSSW109T
NICHIA CORPORATION
Title No.
PACKING
070709768531
-12-


▲Up To Search▲   

 
Price & Availability of NSSW109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X