Part Number Hot Search : 
74121 EN2575E PTD3216 AX101 DCJ010 ECCM1 4AK22 KK555D
Product Description
Full Text Search
 

To Download N2596SG-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NIKO-SEM Voltage Regulator (SVR)-Preliminary
GENERAL DESCRIPTION
The N2596 Series switching voltage regulators (SVR) are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, Both series are capable of driving 3 A load respectively with excellent line and load regulation. The N2596 Series SVR include a switching regulator and compensation network all within the same package. Just add a choke, catch diode and two capacitors to obtain an efficient DC-to-DC converter. The output switch includes cycle-by-cycle current limit -ing, as well as thermal shutdown for full protection under fault conditions. The N2596 Series SVR offer replacement for popular 3 terminal linear regulators by providing higher efficiency with reduced heat sink size. In many applications a heat sink will not be required.
150 KHz 3A Step-Down Switching
N2596G-5
TO-220, TO263
FEATURES
Pin compatible with industry products of LM2596 Series Fixed 5V output version Wide output voltage range, 1.23V to 27V for adjustable output version DC-to-DC buck converter requiring only 4 external parts
150 KHz fixed frequency internal oscillator
TTL shutdown capability, low power stand -by mode High efficiency Uses readily available standard inductors
APPLICATIONS
Simple high-efficiency step-down (buck) regulator Positive to negative converter (Inverting Buck-Boost) Isolated Fly back Converter using minimum number of external parts Powering portable instrument, Set-Top Box, LCD Monitor, Scanner, I.A, Easy PC SMPS Post-Regulator
TYPICAL APPLICATION
8V - 27V Unregulated DC Input
1 +Vin 3 Gnd
4 N2596 5 2
Feedback
Output L1 47uH +
+5V, 3A Output
Regulated
On/Off
Cin 100uF
+
D1 1N5822
Cout 1000uF
1
MAY-03-2004
NIKO-SEM Voltage Regulator (SVR)-Preliminary
ABSOLUTE MAXIMUM RATINGS
Maximum Supply Voltage ON/OFF Pin Input Voltage Output Voltage to Ground (Stead State) Power Dissipation Thermal Resistance Junction to Case, JC 30V -0.3V+VI -1V Internally Limited 2.0C/W
150 KHz 3A Step-Down Switching
N2596G-5
TO-220, TO263
Thermal Resistance Junction to Ambient, JA TO-220 TO-263 Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering, 10 Seconds)
50C/W 60C/W -40 to 125C -65 to 150C 260C
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA = 25C.)
Parameter Output Voltage Output Voltage Efficiency Oscillator Frequency Saturation Voltage Current Limit ON/OFF Pin Logic Input Level ON/OFF Pin Logic Input Current Symbol VOUT VOUT FOSC VSAT ICL VIH VIL IIH IIL IOUT = 3A VOUT = 0V VOUT = Nominal Output Voltage ON/OFF Pin = 5V (OFF) ON/OFF Pin = 0V (ON) Test Conditions VIN = 12V ILOAD = 0.5A 8V VIN 27V 0.5A ILOAD 3A VIN = 12V, VOUT = 5V IOUT = 3A Typical 5V 5V 77% 127 KHz (Min) 150KHz 173 KHz (Max) 1.4V 1.8VMax 6.0A 4.0A ~ 7.0A 1.4V 2.2V (Min) 1.2V 1.0V (Max) 12A 30A (Max) 0A 10A (Max) Limits 4.9VMin 5.1VMax 4.8VMin 5.2VMax
REMARK: Orders for parts with Lead-Free plating can be placed using the N2596XG-5 parts name.
2
MAY-03-2004
NIKO-SEM Voltage Regulator (SVR)-Preliminary
DEVICE SELECTION GUIDE
Device Voltage (V) Current (A) Package Marking TO-263 N2596SG-5 N2596SG-5 5 3 TO-220 N2596TG-5 N2596TG-5 5
150 KHz 3A Step-Down Switching
N2596G-5
TO-220, TO263
PIN CONFIGURATIONS
5 -LEAD TO-220 (T)
5 - On/Off Ground 4 - Feedback 3 - Ground 2 - Output 1 - Vin
5 -LEAD TO-263 (S)
5 - On/Off Ground 4 - Feedback 3 - Ground 2 - Output 1 - Vin
3
MAY-03-2004
NIKO-SEM Voltage Regulator (SVR)-Preliminary
TO-220 (5-Lead) MECHANICAL DATA
mm Min. 9.78 2.61 28.5 14.6 8.4 0.73 Typ. 10.16 2.74 28.9 15.0 8.8 0.83 Max. 10.54 2.87 29.3 15.4 9.2 0.93
150 KHz 3A Step-Down Switching
N2596G-5
TO-220, TO263
Dimension A B C D E F G
Dimension H I J K L M N
mm Min. 1.57 4.4 1.14 2.3 0.26 Typ. 1.7 6.81 4.6 1.27 2.6 0.46 7 4.8 1.4 2.9 0.66 Max. 1.83
4
MAY-03-2004
NIKO-SEM Voltage Regulator (SVR)-Preliminary
150 KHz 3A Step-Down Switching
N2596G-5
TO-220, TO263
TO-263 (D2PAK, 5-Lead) MECHANICAL DATA
mm Min. 14.5 4.2 1.20 2.8 0.3 -0.102 8.5 9 0.4 0.5 0.203 9.5 Typ. 15 Max. 15.8 4.7 1.35 mm Min. 1.0 9.8 6.5 1.5 0.7 1.57 0.85 1.7 1.0 1.83 Typ. 1.5 Max. 1.8 10.3
Dimension A B C D E F G
Dimension H I J K L M N
5
MAY-03-2004


▲Up To Search▲   

 
Price & Availability of N2596SG-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X