|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
New Product MURS340S & MURS360S Vishay General Semiconductor Surface Mount Ultrafast Plastic Rectifier FEATURES * Glass passivated chip junction * Ideal for automated placement * Ultrafast reverse recovery time * Low switching losses, high efficiency * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C * Solder dip 260 C, 40 s DO-214AA (SMB) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC PRIMARY CHARACTERISTICS IF(AV) VRRM IFSM trr VF at IF = 3.0 A TJ max. 3.0 A 400 V, 600 V 35 A 50 ns 1.20 V 175 C TYPICAL APPLICATIONS For use in high frequency rectification and freewheeling application in switching mode converters and inverters for consumer, computer and telecommunication. MECHANICAL DATA Case: DO-214AA (SMB) Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Polarity: Color band denotes cathode end MAXIMUM RATINGS (TA = 25 C unless otherwise noted) PARAMETER Device marking codes Maximum repetitive peak reverse voltage Maximum average forward rectified current (Fig. 1) (1) SYMBOL MURS340S 3GS MURS360S 3JS 600 3.0 35 UNIT VRRM IF(AV) IFSM TJ, TSTG 400 V A A C Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Operating junction and storage temperature range Note: - 65 to + 175 (1) Units mounted on P.C.B. with 0.31 x 0.31" (8.0 x 8.0 mm) copper pad areas Document Number: 89110 Revision: 01-Aug-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 1 New Product MURS340S & MURS360S Vishay General Semiconductor ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted) PARAMETER Maximum instantaneous forward voltage (1) Maximum instantaneous reverse current (2) Maximum reverse recovery time Maximum reverse recovery time TEST CONDITIONS IF = 3.0 A rated VR TJ = 25 C TJ = 150 C TJ = 25 C TJ = 150 C SYMBOL VF IR trr trr MURS340S 1.45 1.20 5.0 150 50 75 MURS360S UNIT V A ns ns IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A IF = 1.0 A, dI/dt = 50 A/s, VR = 30 V, Irr = 10 % IRM Notes: (1) Pulse test: 300 s pulse width, 1 % duty cycle (2) Pulse test: Pulse width 40 ms THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted) PARAMETER Typical thermal Note: (1) Units mounted on P.C.B. with 8 x 8 mm, 1 oz. copper pad areas. Thermal resistance RJM - junction to mount resistance (1) SYMBOL RJM MURS340S 12 MURS360S UNIT C/W ORDERING INFORMATION (Example) PREFERRED P/N MURS360S-E3/52T MURS360S-E3/5BT UNIT WEIGHT (g) 0.093 0.093 PREFERRED PACKAGE CODE 52T 5BT BASE QUANTITY 750 3200 DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted) 3.0 4.4 4.0 D = 0.8 D = 0.3 D = 0.5 D = 0.2 Average Forward Rectified Current (A) Average Power Loss (W) 3.6 3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4 D = 0.1 2.0 D = 1.0 1.0 TM Measured at Mount of Terminal 0 0 25 50 75 100 125 150 175 T D = tp/T 0 0.5 1.0 1.5 2.0 2.5 tp 3.0 3.5 0 TM - Mount Temperature (C) Average Forward Current (A) Figure 1. Forward Current Derating Curve Figure 2. Forward Power Loss Characteristics www.vishay.com 2 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com Document Number: 89110 Revision: 01-Aug-08 New Product MURS340S & MURS360S Vishay General Semiconductor 100 100 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p Instantaneous Forward Current (A) 10 TA = 175 C TA = 150 C 1 TA = 125 C 0.1 TA = 25 C 0.01 0 0.4 0.8 Junction Capacitance (pF) TA = 100 C 10 1.2 1.6 2.0 1 0.1 1 10 100 Instantaneous Forward Voltage (V) Reverse Voltage (V) Figure 3. Typical Instantaneous Forward Characteristics Figure 5. Typical Junction Capacitance 1000 Instantaneous Reverse Current (A) TA = 175 C 100 TA = 150 C TA = 125 C TA = 100 C 1 TA = 25 C 0.1 10 0.01 10 20 30 40 50 60 70 80 90 100 Percent of Rated Peak Reverse Voltage (%) Figure 4. Typical Reverse Characteristics PACKAGE OUTLINE DIMENSIONS in inches (millimeters) DO-214AA (SMB) Cathode Band Mounting Pad Layout 0.085 (2.159) MAX. 0.086 (2.20) 0.077 (1.95) 0.155 (3.94) 0.130 (3.30) 0.086 (2.18) MIN. 0.180 (4.57) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152) 0.096 (2.44) 0.084 (2.13) 0.060 (1.52) 0.030 (0.76) 0.008 (0.2) 0 (0) 0.220 (5.59) 0.205 (5.21) 0.060 (1.52) MIN. 0.220 REF. Document Number: 89110 Revision: 01-Aug-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 3 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of MURS340S |