Part Number Hot Search : 
IRC840 A225D 10024 P1100EL SR260 3362R205 CXA1396D LC66566A
Product Description
Full Text Search
 

To Download MURS340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
MURS340 & MURS360
Vishay General Semiconductor
Surface Mount Ultrafast Plastic Rectifier
FEATURES * Glass passivated chip junction * Ideal for automated placement * Ultrafast reverse recovery time * Low switching losses, high efficiency * High forward surge capability * Meets MSL level 1, per J-STD-020, LF maximum peak of 260 C
DO-214AB (SMC)
* Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in high frequency rectification and freewheeling application in switching mode converters and inverters for consumer, computer, automotive and telecommunication.
3.0 A
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM trr VF TJ max. 400 V, 600 V 125 A 50 ns 1.05 V 175 C
MECHANICAL DATA Case: DO-214AB (SMC) Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: Color band denotes cathode end
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Device marking code Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at: (Fig. 1) TL = 130 C TL = 115 C VRRM VRWM VDC IF(AV) IFSM TJ, TSTG SYMBOL MURS340 MG 400 400 400 3.0 4.0 125 - 65 to + 175 MURS360 MJ 600 600 600 V V V A A C UNIT
Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Operating junction and storage temperature range
Document Number: 88816 Revision: 27-Aug-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
New Product
MURS340 & MURS360
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage (1) Maximum instantaneous reverse current at rated DC blocking voltage (1) Maximum reverse recovery time Maximum reverse recovery time Maximum forward recovery time Note: (1) Pulse test: tp = 300 s, duty cycle 2 % TEST CONDITIONS IF = 3.0 A IF = 4.0 A IF = 3.0 A TJ = 25 C TJ = 25 C TJ = 150 C TJ = 25 C TJ = 150 C IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A IF = 1.0 A, dI/dt = 50 A/s, VR = 30 V, Irr = 10 % IRM IF = 1.0 A, dI/dt = 100 A/s, rec. to 1.0 V SYMBOL VF MURS340 1.25 1.28 1.05 10 250 50 75 25 MURS360 UNIT V
IR trr trr tfr
A ns ns ns
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance junction to ambient SYMBOL RJL MURS340 11 MURS360 UNIT C/W
ORDERING INFORMATION (Example)
PREFERRED P/N MURS340-E3/57T MURS340-E3/9AT MURS340HE3/57T (1) MURS340HE3/9AT Note: (1) Automotive grade AEC Q101 qualified
(1)
UNIT WEIGHT (g) 0.211 0.211 0.211 0.211
PREFERRED PACKAGE CODE 57T 9AT 57T 9AT
BASE QUANTITY 850 3200 850 3200
DELIVERY MODE 7" diameter plastic tape and reel 13" diameter plastic tape and reel 7" diameter plastic tape and reel 13" diameter plastic tape and reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
5 150
Average Forward Current (A)
Average Forward Current (A)
25 50 75 100 125 150 175
4
125
100
3
75
2
50
1
25
0
0 1 10 100
TL - Lead Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88816 Revision: 27-Aug-07
New Product
MURS340 & MURS360
Vishay General Semiconductor
100
1000
Instantaneous Forward Current (A)
10
TJ = 125 C
Junction Capacitance (pF)
100
TJ = 150 C 1 TJ = 100 C TJ = 25 C 0.1 0.3
10
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
1 0.1
1
10
100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 5. Typical Junction Capacitance
1000
120
Instantaneous Reverse Current (A)
Stored Charge/Reverse Recovery Time, nC/ns
trr Qrr 100 1 A, 50 A/s, 30 V 80
100 TJ = 150 C 10 TJ = 125 C TJ = 100 C 1
60
40
0.1 TJ = 25 C 0.01 0 20 40 60 80 100
20
0 25 50 75 100 125
Percent of Rated Peak Reverse Voltage (%)
Junction Temperature (C)
Figure 4. Typical Reverse Characteristics
Figure 6. Typical Reverse Switching Characteristics
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
DO-214AB (SMC)
Cathode Band
0.185 (4.69) MAX.
Mounting Pad Layout
0.126 (3.20) 0.114 (2.90)
0.246 (6.22) 0.220 (5.59) 0.126 (3.20) MIN.
0.280 (7.11) 0.260 (6.60) 0.012 (0.305) 0.006 (0.152) 0.103 (2.62) 0.079 (2.06)
0.060 (1.52) MIN.
0.320 REF.
0.060 (1.52) 0.030 (0.76) 0.008 (0.2) 0 (0) 0.320 (8.13) 0.305 (7.75)
Document Number: 88816 Revision: 27-Aug-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MURS340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X