|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Freescale Semiconductor Technical Data Document Number: MMA7455L Rev 5, 11/2008 2g/4g/8g Three Axis Low-g Digital Output Accelerometer The MMA7455L is a Digital Output (I2C/SPI), low power, low profile capacitive micromachined accelerometer featuring signal conditioning, a low pass filter, temperature compensation, self-test, configurable to detect 0g through interrupt pins (INT1 or INT2), and pulse detect for quick motion detection. 0g offset and sensitivity are factory set and require no external devices. The 0g offset can be customer calibrated using assigned 0g registers and g-Select which allows for command selection for 3 acceleration ranges (2g/4g/8g). The MMA7455L includes a Standby Mode that makes it ideal for handheld battery powered electronics. Features * * * * * * * * * * * * * * * Digital Output (I2C/SPI) 3mm x 5mm x 1mm LGA-14 Package Low Current Consumption Self-Test for Z-Axis Low Voltage Operation: 2.4 V - 3.6 V User Assigned Registers for Offset Calibration Programmable Threshold Interrupt Output Level Detection for Motion Recognition (Shock, Vibration, Freefall) Pulse Detection for Single or Double Pulse Recognition Sensitivity (64 LSB/g @ 2g and @ 8g in 10-Bit Mode) Selectable Sensitivity (2g, 4g, 8g) for 8-bit Mode Robust Design, High Shocks Survivability (5,000g) RoHS Compliant Environmentally Preferred Product Low Cost MMA7455L MMA7455L: XYZ-AXIS ACCELEROMETER 2G/4G/8G Bottom View 14 LEAD LGA CASE 1977-01 Top View CS Typical Applications * * * * * Cell Phone/PMP/PDA: Image Stability, Text Scroll, Motion Dialing, Tap to Mute HDD: Freefall Detection Laptop PC: Freefall Detection, Anti-Theft Pedometer Motion Sensing, Event Recorder INT1/DRDY INT2 N/C N/C SDO SDA/SDI/SDO 8 9 10 11 12 13 7 AVDD GND IADDR0 N/C GND DVDD_IO 6 5 4 3 2 1 14 SCL/SPC ORDERING INFORMATION Part Number MMA7455LT MMA7455LR1 MMA7455LR2 Temperature Range -40 to +85C -40 to +85C -40 to +85C Package LGA-14 LGA-14 LGA-14 Shipping Tray 7" Tape & Reel 13" Tape & Reel Figure 1. Pin Connections This document contains certain information on a new product. Specifications and information herein are subject to change without notice. (c) Freescale Semiconductor, Inc., 2007, 2008. All rights reserved. Contents ELECTRO STATIC DISCHARGE (ESD) ......................................................................................................................................6 PRINCIPLE OF OPERATION .......................................................................................................................................................8 FEATURES ...................................................................................................................................................................................8 Self-Test .........................................................................................................................................................................8 g-Select ...........................................................................................................................................................................9 Standby Mode .................................................................................................................................................................9 Measurement Mode ........................................................................................................................................................9 LEVEL DETECTION ...................................................................................................................................................................10 $18: Control 1 (Read/Write) Setting the Detection Axes for X, Y and Z .......................................................................10 $19: Control 2 (Read/Write) Motion Detection (OR Condition) or Freefall Detection (AND Condition) ........................10 $18: Control 1 (Read/Write): Setting the threshold to be an integer value or an absolute value ..................................10 $1A: Level Detection Threshold Limit Value (Read/Write) ...........................................................................................10 THRESHOLD DETECTION FOR MOTION AND FREEFALL CONDITIONS .............................................................................11 CASE 1: Motion Detection ............................................................................................................................................11 CASE 2: Motion Detection ............................................................................................................................................11 CASE 3: Freefall Detection ...........................................................................................................................................11 CASE 4: Freefall Detection ...........................................................................................................................................11 PULSE DETECTION ...................................................................................................................................................................12 $18: Control 1 (Read/Write): Disable X, Y or Z for pulse detection ..............................................................................12 $19: Control 2 (Read/Write): Motion Detection (OR condition) or Freefall Detection (AND condition) .........................12 CASE 1: Single Pulse Motion Detection: X or Y or Z > Pulse Threshold for Time < Pulse Duration ...........................12 CASE 2: Freefall Detection: X and Y and Z < Pulse Threshold for Time > Latency Time ............................................13 CASE 3: Double Pulse Detection: X OR Y OR Z > Threshold for Pulse Duration1 < PDTime1, Latency Time, AND .14 ASSIGNING, CLEARING & DETECTING INTERRUPTS ...........................................................................................................15 Clearing the Interrupt Pins: Register $17 ......................................................................................................................15 Detecting Interrupts ......................................................................................................................................................16 DIGITAL INTERFACE .................................................................................................................................................................16 I2C Slave Interface ........................................................................................................................................................16 SPI Slave Interface .......................................................................................................................................................18 BASIC CONNECTIONS ..............................................................................................................................................................19 Pin Descriptions ............................................................................................................................................................19 Recommended PCB Layout for Interfacing Accelerometer to Microcontroller .............................................................19 REGISTER DEFINITIONS ..........................................................................................................................................................21 SOLDERING AND MOUNTING GUIDELINES FOR THE LGA ACCELEROMETER SENSOR TO A PC BOARD ...................29 MMA7455L Sensors Freescale Semiconductor 2 List of Figures Pin Connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Simplified Accelerometer Functional Block Diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Simplified Transducer Physical Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Single Pulse Detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Freefall Detection in Pulse Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Double Pulse Detection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Single Byte Read - The Master is reading one address from the MMA7455L . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Multiple Bytes Read - The Master is reading multiple sequential registers from the MMA7455L . . . . . . . . . . . . . . . . . . . . . . . . 17 Single Byte Write - The Master (MCU) is writing to a single register of the MMA7455L . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Multiple Byte Writes - The Master (MCU) is writing to multiple sequential registers of the MMA7455L . . . . . . . . . . . . . . . . . . . 17 SPI Timing Diagram for 8-Bit Register Read (4 Wire Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 SPI Timing Diagram for 8-Bit Register Read (3 Wire Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 SPI Timing Diagram for 8-Bit Register Write (3 Wire Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Pinout Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 I2C Connection to MCU . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 SPI Connection to MCU . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Sensing Direction and Output Response at 2g Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 Recommended PCB Land Pattern for the 5 x 3 mm LGA Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 Incorrect PCB Top Metal Pattern Under Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Correct PCB Top Metal Pattern Under Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Recommended PCB Land Pad, Solder Mask, and Signal Trace Near Package Design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Stencil Design Guidelines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 MMA7455L Temperature Coefficient of Offset (TCO) and Temperature Coefficient of Sensitivity (TCS) Distribution Charts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 MMA7455L Sensors Freescale Semiconductor 3 List of Tables Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5 Maximum Ratings (Maximum ratings are the limits to which the device can be exposed without causing permanent damage.) . . . . . . . . . . . . . . .6 Operating Characteristics Unless otherwise noted: -40C < TA < 85C, 2.4 V < AVDD < 3.6 V, Acceleration = 0g, Loaded output. . . . . . . . . . . . . . . . . . .7 Function Parameters for Detection -40C < TA < 85C, 2.4 V < AVDD < 3.6 V, unless otherwise specified . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8 $16: Mode Control Register (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9 Configuring the g-Select for 8-bit output using Register $16 with GLVL[1:0] bits. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9 Configuring the Mode using Register $16 with MODE[1:0] bits. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9 THOPT = 0 Absolute; THOPT = 1 Positive Negative . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 $1B: Pulse Detection Threshold Limit Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 $1C: Pulse Duration Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 $1B: Pulse Detection Threshold Limit Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13 $1D: Latency Time Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13 $1B: Pulse Detection Threshold Limit Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14 $1C: Pulse Duration Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14 $1D: Latency Time Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14 $1E: Time Window for 2nd Pulse Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14 $18 Control 1 Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15 Configuring the Interrupt settings using Register $18 with INTREG[1:0] bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15 $17: Interrupt Latch Reset (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15 $0A: Detection Source Register (Read only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16 Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19 User Register Summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21 $00: 10bits Output Value X LSB (Read only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21 $01: 10bits Output Value X MSB (Read only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 $02: 10bits Output Value Y LSB (Read only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 $03: 10bits Output Value Y MSB (Read only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 $05: 10bits Output Value X MSB (Read only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 $06: 8bits Output Value X (Read only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 $07: 8bits Output Value Y (Read only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 $08: 8bits Output Value Z (Read only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 $09: Status Register (Read only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 $0A: Detection Source Register (Read only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 $0D: I2C Device Address (Bit 6-0: Read only, Bit 7: Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24 $0E: User Information (Read Only: Optional) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24 $0F: "Who Am I" Value (Read only: Optional) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24 $10: Offset Drift X LSB (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24 $11: Offset Drift X MSB (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24 $12: Offset Drift Y LSB (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24 $13: Offset Drift Y MSB (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25 $14: Offset Drift Z LSB (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25 $15: Offset Drift Z MSB (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25 $16: Mode Control Register (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25 Configuring the g-Select for 8-bit output using Register $16 with GLVL[1:0] bits. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25 $17: Interrupt Latch Reset (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26 $18 Control 1 (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26 Configuring the Interrupt settings using Register $18 with INTREG[1:0] bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26 $1A: Level Detection Threshold Limit Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27 $1B: Pulse Detection Threshold Limit Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27 $1C: Pulse Duration Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27 $1D: Latency Time Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27 $1E: Time Window for 2nd Pulse Value (Read/Write) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27 Acceleration vs. Output (8-bit data) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28 MMA7455L 4 Sensors Freescale Semiconductor Table 1. Pin Descriptions Pin # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Pin Name DVDD_IO GND N/C IADDR0 GND AVDD CS INT1/DRDY INT2 N/C N/C SDO SDA/SDI/SDO SCL/SPC Digital Power for I/O pads Ground No internal connection. Leave unconnected or connect to Ground. I2C Address Bit 0 (optional)* Ground Analog Power SPI Enable (0), I2C Enable (1) Interrupt 1/ Data Ready Interrupt 2 No internal connection. Leave unconnected or connect to Ground. Leave unconnected or connect to Ground. SPI Serial Data Output 2 Description Pin Status Input Input Input Input Input Input Input Output Output Input Input Output I C Serial Data (SDA), SPI Serial Data Input (SDI), 3-wire interface Serial Data Output (SDO) Open Drain/Input/Output I2C Serial Clock (SCL), SPI Serial Clock (SPC) Input *This address selection capability is not enabled at the default state. If the user wants to use it, factory programming is required. If activated (pin4 on the device is active). <$1D= 0001 1101> bit 0 is VDD on pin 4 <$1C=0001 1100> bit 0 is GND on pin 4. If the pin is programmed it cannot be left NC. Figure 1. Simplified Accelerometer Functional Block Diagram MMA7455L Sensors Freescale Semiconductor 5 Table 2. Maximum Ratings (Maximum ratings are the limits to which the device can be exposed without causing permanent damage.) Rating Maximum Acceleration (all axes) Analog Supply Voltage Digital I/O pins Supply Voltage Drop Test Storage Temperature Range Symbol gmax AVDD DVDD_IO Ddrop Tstg Value 5000 -0.3 to +3.6 -0.3 to +3.6 1.8 -40 to +125 Unit g V V m C ELECTRO STATIC DISCHARGE (ESD) WARNING: This device is sensitive to electrostatic discharge. Although the Freescale accelerometer contains internal 2000V ESD protection circuitry, extra precaution must be taken by the user to protect the chip from ESD. A charge of over 2000 volts can accumulate on the human body or associated test equipment. A charge of this magnitude can alter the performance or cause failure of the chip. When handling the accelerometer, proper ESD precautions should be followed to avoid exposing the device to discharges which may be detrimental to its performance. MMA7455L 6 Sensors Freescale Semiconductor Table 3. Operating Characteristics Unless otherwise noted: -40C < TA < 85C, 2.4 V < AVDD < 3.6 V, Acceleration = 0g, Loaded output. Characteristic Analog Supply Voltage Standby/Operation Mode Enable Bus Mode Digital I/O Pins Supply Voltage Standby/Operation Mode Enable Bus Mode Supply Current Drain Operation Mode Pulse Detect Function Mode Standby Mode (except data loading and I2C/SPI communication period) Operating Temperature Range 0g Output Signal (TA=25C, AVDD = 2.8 V 2g range (25C) 8bit 4g range (25C) 8bit 8g range (25C) 8bit 8g range (25C) 10bit GLVL[1:0]= 0 1 GLVL[1:0]= 1 0 GLVL[1:0]= 0 0 -21 -- -- -21 0 0 0 0 21 -- -- 21 count count count count Symbol AVDD AVDD DVDD_IO DVDD_IO IDD IDD IDD TA Min 2.4 Typ 2.8 0 1.8 1.8 400 400 2.5 25 Max 3.6 Unit V V V V A A A C 1.71 1.71 -- -- -- -40 AVDD 3.6 490 490 10 85 Sensitivity (TA=25C, AVDD = 2.8 V) 2g range (25C) 8bit 4g range (25C) 8bit 8g range (25C) 8bit 8g range (25C) 10bit Self-Test Output Response Zout Input High Voltage Input Low Voltage Internal Clock Frequency (TA = 25C, AVDD = 2.8 V) SPI Frequency DVDD_IO < 2.4 V DVDD_IO > 2.4 V Bandwidth for Data Measurement (User Selectable) DFBW 0 DFBW 1 Output Data Rate Output Data Rate is 125 Hz when 62.5 bandwidth is selected. Output Data rate is 250 Hz when 125Hz bandwidth is selected. Control Timing Wait Time for I2C/SPI ready after power on Turn On Response Time (Standby to Normal Mode) Turn Off Response Time (Normal to Standby Mode) Self-Test Response Time Sensing Element Resonant Frequency XY Z Nonlinearity (2 g range) Cross Axis Sensitivity tsu tru trd tst fGCELLXY fGCELLZ STZ VIH VIL tCLK 58 -- -- 58 64 32 16 64 70 -- -- 70 count/g count/g count/g count/g 43 0.7 x DVDD -- 140 64 -- -- 150 83 -- 0.35 x DVDD 160 count V V kHz -- -- -- -- -- -- -- -- -- -- -- -- -1 -5 4 8 62.5 125 125 250 1 -- -- -- 6.0 3.4 -- -- -- -- -- -- -- -- -- 20 20 20 -- -- +1 +5 MHz MHz Hz Hz Hz Hz ms ms ms ms kHz kHz %FS % MMA7455L Sensors Freescale Semiconductor 7 Table 4. Function Parameters for Detection -40C < TA < 85C, 2.4 V < AVDD < 3.6 V, unless otherwise specified Characteristic Level Detection Detection Threshold Range Pulse Detection Pulse detection range (Adjustable range) Time step for pulse detection Threshold range for pulses Detection levels for threshold Latency timer (Adjustable range) Time Window (Adjustable range) Bandwidth for detecting interrupt* Time step for latency timer and time window Symbol Min 0 0.5 -- 0 -- 1 1 -- -- Typ -- -- 0.5 -- 127 -- -- 600 1 Max FS 127 -- FS -- 150 250 -- -- Unit g ms ms g Counts ms ms Hz ms Note: The response time is between 10% of full scale VDD input voltage and 90% of the final operating output voltage. *The bandwidth for detecting interrupts in level and pulse is 600Hz which is changed from measurement mode. PRINCIPLE OF OPERATION The Freescale accelerometer is a surface-micromachined integrated-circuit accelerometer. The device consists of a surface micromachined capacitive sensing cell (g-cell) and a signal conditioning ASIC contained in a single package. The sensing element is sealed hermetically at the wafer level using a bulk micromachined cap wafer. The g-cell is a mechanical structure formed from semiconductor materials (polysilicon) using semiconductor processes (masking and etching). It can be modeled as a set of beams attached to a movable central mass that move between fixed beams. The movable beams can be deflected from their rest position by subjecting the system to an acceleration (Figure 2). As the beams attached to the central mass move, the distance from them to the fixed beams on one side will increase by the same amount that the distance to the fixed beams on the other side decreases. The change in distance is a measure of acceleration. The g-cell beams form two back-to-back capacitors (Figure 2). As the center beam moves with acceleration, the distance between the beams changes and each capacitor's value will change, (C = A/D). Where A is the area of the beam, is the dielectric constant, and D is the distance between the beams. The ASIC uses switched capacitor techniques to measure the g-cell capacitors and extract the acceleration data from the difference between the two capacitors. The ASIC also signal conditions and filters (switched capacitor) the signal, providing a digital output that is proportional to acceleration. Acceleration Figure 2. Simplified Transducer Physical Model FEATURES Self-Test The sensor provides a self-test feature that allows the verification of the mechanical and electrical integrity of the accelerometer at any time before or after installation. This feature is critical in applications such as hard disk drive protection where system integrity must be ensured over the life of the product. When the self-test function is initiated through the mode control register ($16), accessing the "self-test" bit, an electrostatic force is applied to each axis to cause it to deflect. The Z-axis is trimmed to deflect 1g. This procedure assures that both the mechanical (g-cell) and electronic sections of the accelerometer are functioning. MMA7455L 8 Sensors Freescale Semiconductor g-Select The g-Select feature enables the selection between 3 acceleration ranges for measurement. Depending on the values in the Mode control register ($16), the MMA7455L's internal gain will be changed allowing it to function with a 2g, 4g or 8g measurement sensitivity. This feature is ideal when a product has applications requiring two or more acceleration ranges for optimum performance and for enabling multiple functions. The sensitivity can be changed during the operation by modifying the two GLVL bits located in the mode control register. $16: Mode Control Register (Read/Write) D7 -0 D6 DRPD 0 D5 SPI3W 0 D4 STON 0 D3 GLVL[1] 0 D2 GLVL[0] 0 D1 MODE[1] 0 D0 MODE[0] 0 Bit Function Default Table 5. Configuring the g-Select for 8-bit output using Register $16 with GLVL[1:0] bits. GLVL [1:0] 00 01 10 g-Range 8g 2g 4g Sensitivity 16 LSB/g 64 LSB/g 32 LSB/g Standby Mode This digital output 3-axis accelerometer provides a standby mode that is ideal for battery operated products. When standby mode is active, the device outputs are turned off, providing significant reduction of operating current. When the device is in standby mode the current will be reduced to 2.5 A typical. In standby mode the device can read and write to the registers with the I2C/ SPI available, but no new measurements can be taken in this mode as all current consuming parts are off. The mode of the device is controlled through the mode control register by accessing the two mode bits as shown in Table 6. Table 6. Configuring the Mode using Register $16 with MODE[1:0] bits. MODE [1:0] 00 01 10 11 Function Standby Mode Measurement Mode Level Detection Mode Pulse Detection Mode Measurement Mode During measurement mode, continuous measurements on all three axes enabled. The g-range for 2g, 4g, or 8g are selectable with 8-bit data and the g-range of 8g is selectable with 10-bit data. The sample rate during measurement mode is 125 Hz with 62.5 BW filter selected. The sample rate is 250 Hz with the 125 Hz filter selected. Therefore, when a conversion is complete (signaled by the DRDY flag), the next measurement will be ready. When measurements on all three axes are completed, a logic high level is output to the DRDY pin, indicating "measurement data is ready." The DRDY status can be monitored by the DRDY bit in Status Register (Address: $09). The DRDY pin is kept high until one of the three Output Value Registers are read. If the next measurement data is written before the previous data is read, the DOVR bit in the Status Register will be set. Also note that in measurement mode, level detection mode and pulse detection mode are not available. By default all three axes are enabled. X and/or Y and/or Z can be disabled. There is a choice between detecting an absolute signal or a positive or negative only signal on the enabled axes. There is also a choice between doing a detection for motion where X or Y or Z > Threshold vs. doing a detection for freefall where X & Y & Z < Threshold. MMA7455L Sensors Freescale Semiconductor 9 LEVEL DETECTION When in Level or Pulse detection mode, it is not advisable to read the XYZ measurements because this can conflict with timing. The interrupts for level and pulse detection are at 600 Hz, while measurement mode is at 125 Hz. It is best to exit the pulse/level mode before taking a measurement on the XYZ. Both the Level Detection and Pulse Detection modes can trigger an interrupt. Typically one interrupt is assigned to either pulse detection or level detection. To detect both at the same time 2 interrupts are required. The level detection mechanism has no timers associated with it. Once a set acceleration level is reached the interrupt pin will go high and remain high until the interrupt pin is cleared (See Assigning, Clearing & Detecting Interrupts). By default all three axes are enabled and the detection range is 8g only. X and/or Y and/or Z can be disabled. There is a choice between detecting an Absolute signal or a Positive or Negative only signal on the enabled axes. There is also a choice between doing a detection for Motion where X or Y or Z > Threshold vs. doing a detection for Freefall where X& Y & Z < Threshold. $18: Control 1 (Read/Write) Setting the Detection Axes for X, Y and Z This allows the user to define how many axes to use for detection. All axes are enabled by default. To disable write 1. XDA: Disable X YDA: Disable Y ZDA: Disable Z D7 DFBW 0 D6 THOPT 0 D5 ZDA 0 D4 YDA 0 D3 XDA 0 D2 INTREG[1] 0 D1 INTREG[0] 0 D0 INTPIN 0 Reg $18 Function Default $19: Control 2 (Read/Write) Motion Detection (OR Condition) or Freefall Detection (AND Condition) LDPL = 0: Level detection polarity is positive and detecting condition is OR for all 3 axes. X or Y or Z > Threshold ||X|| or ||Y|| or ||Z|| > Threshold LDPL = 1: Level detection polarity is negative detecting condition is AND for all 3 axes. X and Y and Z < Threshold ||X|| and ||Y|| and ||Z|| < Threshold D7 -0 D6 -0 D5 -0 D4 -0 D3 -0 D2 DRVO 0 D1 PDPL 0 D0 LDPL 0 Reg $19 Function Default $18: Control 1 (Read/Write): Setting the threshold to be an integer value or an absolute value This allows the user to set the threshold to be absolute, or to be based on the threshold value as positive or negative. THOPT = 0 Absolute; THOPT = 1 Positive Negative D7 DFBW 0 D6 THOPT 0 D5 ZDA 0 D4 YDA 0 D3 XDA 0 D2 INTREG[1] 0 D1 INTREG[0] 0 D0 INTPIN 0 Reg $18 Function Default $1A: Level Detection Threshold Limit Value (Read/Write) When an event is detected the interrupt pin (either INT1 or INT2) will go high. The interrupt pin assignment is set up in Register $18, discussed in the Assigning, Clearing & Detecting Interrupts section. The detection status is monitored by the Detection Source Register $0A. D7 LDTH[7] 0 D6 LDTH[6] 0 D5 LDTH[5] 0 D4 LDTH[4] 0 D3 LDTH[3] 0 D2 LDTH[2] 0 D1 LDTH[1] 0 D0 LDTH[0] 0 Reg $1A Function Default LDTH[7:0]: Level detection threshold value. If THOPT bit in Detection Control Register is "0", it is unsigned 7 bits value and LDTH[7] should be "0". If THOPT bit is "1", it is signed 8 bits value. MMA7455L 10 Sensors Freescale Semiconductor THRESHOLD DETECTION FOR MOTION AND FREEFALL CONDITIONS CASE 1: Motion Detection Integer Value: X >Threshold OR Y >Threshold OR Z > Threshold Reg $18 THOPT=1; Reg 19 LDPL=0, Set Threshold to 3g, which is 47 counts (16 counts/g). Set register $1A LDTH = $2F. TH = $2F CASE 2: Motion Detection Absolute: ||X|| > Threshold OR ||Y|| >Threshold OR ||Z|| > Threshold Reg $18 THOPT=0; Reg 19 LDPL=0, Set Threshold to 3g, which is 47 counts (16 counts/g). Set register $1A LDTH = $2F. TH = $2F TH = $D1 CASE 3: Freefall Detection Integer Value: X < Threshold AND Y < Threshold AND Z CASE 4: Freefall Detection Absolute: ||X|| MMA7455L Sensors Freescale Semiconductor 11 PULSE DETECTION There are two interrupt pins available for detection of level and pulse conditions. The pulse detection has several timing windows associated with it. A single pulse and a double pulse can be detected. Also freefall can be detected. The interrupt pins can be assigned to detect the first pulse on one interrupt and the second pulse on the other interrupt. This is explained on Page page 15, under the Assigning, Clearing & Detecting Interrupts section. By default all three axes are enabled and the detection range is 8g only. X and/or Y and/or Z can be disabled. There is a choice between doing a detection for Motion detection vs. doing a detection for Freefall. $18: Control 1 (Read/Write): Disable X, Y or Z for pulse detection This allows the user to define how many axes to use for detection. All axes are enabled by default. To disable write 1 XDA: Disable X YDA: Disable Y ZDA: Disable Z. D7 DFBW 0 D6 THOPT 0 D5 ZDA 0 D4 YDA 0 D3 XDA 0 D2 INTREG[1] 0 D1 INTREG[0] 0 D0 INTPIN 0 Reg $18 Function Default $19: Control 2 (Read/Write): Motion Detection (OR condition) or Freefall Detection (AND condition) PDPL 0: Pulse detection polarity is positive and detecting condition is OR 3 axes. 1: Pulse detection polarity is negative and detecting condition is AND 3 axes. D7 -0 D6 -0 D5 -0 D4 -0 D3 -0 D2 DRVO 0 D1 PDPL 0 D0 LDPL 0 Reg $19 Function Default CASE 1: Single Pulse Motion Detection: X or Y or Z > Pulse Threshold for Time < Pulse Duration For motion detection with single pulse the device must be in pulse mode. PDPL in Register $19 =0 for "OR" motion condition. The Pulse threshold must be set in Register $1B and the pulse duration time window must also be set using Register $1C. The pulse must be detected before the time window closes for the interrupt to trigger. $1B: Pulse Detection Threshold Limit Value (Read/Write) D7 PDTH[7] 0 D7 PD[7] 0 D6 PDTH[6] 0 D6 PD[6] 0 D5 PDTH[5] 0 D5 PD[5] 0 D4 PDTH[4] 0 D4 PD[4] 0 D3 PDTH[3] 0 D3 PD[3] 0 D2 PDTH[2] 0 D2 PD[2] 0 D1 PDTH[1] 0 D1 PD[1] 0 D0 PDTH[0] 0 D0 PD[0] 1 Reg $1B Function Default Reg $1C Function Default $1C: Pulse Duration Value (Read/Write) MMA7455L 12 Sensors Freescale Semiconductor G Pulse Detection Time duration G th INT pin Time *Note there is up to 1.6ms delay on the interrupt signal Time Single Pulse Detection ($19 PDPL=0 indicating motion detection) Time Window for 2nd pulse $1E TW =0 indicating single pulse Figure 3. Single Pulse Detection CASE 2: Freefall Detection: X and Y and Z < Pulse Threshold for Time > Latency Time For freefall detection, set in pulse mode. PDPL in Register $19 =1 for "AND" freefall condition. The Pulse threshold must be set in Register $1B and the pulse latency time window must also be set using Register $1D. All three axes must remain below the threshold longer than the time window for the interrupt to trigger. $1B: Pulse Detection Threshold Limit Value (Read/Write) D7 PDTH[7] 0 D7 LT[7] 0 D6 PDTH[6] 0 D6 LT[6] 0 D5 PDTH[5] 0 D5 LT[5] 0 D4 PDTH[4] 0 D4 LT[4] 0 D3 PDTH[3] 0 D3 LT[3] 0 D2 PDTH[2] 0 D2 LT[2] 0 D1 PDTH[1] 0 D1 LT[1] 0 D0 PDTH[0] 0 D0 LT[0] 1 Reg $1B Function Default Reg $1D Function Default $1D: Latency Time Value (Read/Write) Figure 4. Freefall Detection in Pulse Mode MMA7455L Sensors Freescale Semiconductor 13 CASE 3: Double Pulse Detection: X OR Y OR Z > Threshold for Pulse Duration1 < PDTime1, Latency Time, AND X OR Y OR Z > Threshold for Pulse Duration2 < PDTime2 For motion detection with double pulse the device must be in pulse mode. PDPL in Register $19 =0 for "OR" motion condition. The Pulse Threshold must be set in Register $1B and the Pulse Duration Time Window must also be set using Register $1C. Then the Latency Time (time between pulses) must be set in Register $1D and then the Second Time Window must be set in Register $1E for the time window of the second pulse. The pulse must be detected before the time window closes for the interrupt to trigger. $1B: Pulse Detection Threshold Limit Value (Read/Write) D7 PDTH[7] 0 D7 PD[7] 0 D7 LT[7] 0 D7 TW[7] 0 D6 PDTH[6] 0 D6 PD[6] 0 D6 LT[6] 0 D6 TW[6] 0 D5 PDTH[5] 0 D5 PD[5] 0 D5 LT[5] 0 D5 TW[5] 0 D4 PDTH[4] 0 D4 PD[4] 0 D4 LT[4] 0 D4 TW[4] 0 D3 PDTH[3] 0 D3 PD[3] 0 D3 LT[3] 0 D3 TW[3] 0 D2 PDTH[2] 0 D2 PD[2] 0 D2 LT[2] 0 D2 TW[2] 0 D1 PDTH[1] 0 D1 PD[1] 0 D1 LT[1] 0 D1 TW[1] 0 D0 PDTH[0] 0 D0 PD[0] 1 D0 LT[0] 1 D0 TW[0] 0 Reg $1B Function Default Reg $1C Function Default Reg $1D Function Default Reg $1E Function Default $1C: Pulse Duration Value (Read/Write) $1D: Latency Time Value (Read/Write) $1E: Time Window for 2nd Pulse Value (Read/Write) When any of the events are detected, the interrupt pin (either INT1 or INT2) will go high. The interrupt pin assignment is set up in Register $18, discussed in the Assigning, Clearing & Detecting Interrupts section on page 15. The detection status is monitored by the detection source register $0A. G Pulse Detection Time Window Pulse Detection Time Window for 2nd pulse Gth Latency Time Window (2nd pulse ignored here) Time INT Time Window >0 for 2 pulse detect *Note there is up to 1.6ms delay on the interrupt signal Double Pulse Detection ($19 PDPL=0 indicating motion detection) Time Window for 2nd pulse $1E TW>0 indicating double pulse Time Figure 5. Double Pulse Detection MMA7455L 14 Sensors Freescale Semiconductor ASSIGNING, CLEARING & DETECTING INTERRUPTS Assigning the interrupt pins is done in Register $18. There are 3 combinations for the interrupt pins to be assigned which are outlined below in the table for INTREG[1:0]. $18 Control 1 Register D7 DFBW 0 D6 THOPT 0 D5 ZDA 0 D4 YDA 0 D3 XDA 0 D2 INTREG[1] 0 D1 INTREG[0] 0 D0 INTPIN 0 Reg $18 Function Default Table 7. Configuring the Interrupt settings using Register $18 with INTREG[1:0] bits INTREG[1:0] 00 01 10 "INT1" Register Bit Level detection Pulse Detection Single Pulse detection "INT2" Register Bit Pulse Detection Level Detection Single or Double Pulse Detection 00: 01: INT1 Register is detecting Pulse while INT2 is detecting Level. 10: INT1 Register is detecting a Single Pulse and INT2 is detecting Single Pulse (if 2nd Time Window = 0) or if there is a latency time window and second time window>0 then INT2 will detect the double pulse only. INTPIN: INT1 pin is routed to INT1 bit in Detection Source Register ($0A) and INT2 pin is routed to INT2 bit in Detection Source Register ($0A). INTPIN: INT2 pin is routed to INT1 bit in Detection Source Register ($0A) and INT1 pin is routed to INT2 bit in Detection Source Register ($0A). Note: When INTREG[1:0] =10 for the condition to detect single pulse on INT1 and either single or double pulse on INT2, INT1 register bit can no longer be cleared by setting CLR_INT1 bit. It is cleared by setting CLR_INT2 bit. In this case, setting CLR_INT2 clears both INT1 and INT2 register bits and resets the detection operation. Follow the example given for clearing the interrupts. Clearing the Interrupt Pins: Register $17 $17: Interrupt Latch Reset (Read/Write) D7 -0 D6 -0 D5 -0 D4 -0 D3 -0 D2 -0 D1 CLR_INT2 0 D0 CLR_INT1 0 Reg $17 Function Default CLR_INT1 1: Clear "INT1" 0: Do not clear "INT1" CLR_INT2 1: Clear "INT2" 0: Do not clear "INT2" After interrupt has triggered due to a detection, the interrupt pin (INT1 or INT2) need to be cleared by writing a logic 1. Then the interrupt pin should be enabled to trigger the next detection by setting it to a logic 0. This example is to show how to reset the interrupt flags void ClearIntLatch(void) { IIC_ByteWrite(INTRST, 0x03); IIC_ByteWrite(INTRST, 0x00); } MMA7455L Sensors Freescale Semiconductor 15 Detecting Interrupts $0A: Detection Source Register (Read only) D7 LDX 0 D6 LDY 0 D5 LDZ 0 D4 PDX 0 D3 PDY 0 D2 PDZ 0 D1 INT2 0 D0 INT1 0 Reg $0A Function Default LDX 1: Level detection event is detected on X-axis 0: Level detection event is not detected on X-axis LDY 1: Level detection event is detected on Y-axis 0: Level detection event is not detected on Y-axis LDZ 1: Level detection event is detected on Z-axis 0: Level detection event is not detected on Z-axis PDX 1: 1st pulse is detected on X-axis 0: 1st pulse is detected on X-axis PDY 1: 1st pulse is detected on Y-axis 0: 1st pulse is detected on Y-axis PDZ 1: 1st pulse is detected on Z-axis 0: 1st pulse is detected on Z-axis INT1 1: Interrupt assigned by INTRG[1:0] bits in Control 1 Register ($18) and is detected 0: Interrupt assigned by INTRG[1:0] bits in Control 1 Register ($18) and is not detected INT2 1: Interrupt assigned by INTRG[1:0] bits in Control 1 Register ($18) and is detected 0: Interrupt assigned by INTRG[1:0] bits in Control 1 Register ($18) and is not detected DIGITAL INTERFACE The MMA7455L has both an I2C and SPI digital output available for a communication interface. CS pin is used for selecting the mode of communication. When CS is low, SPI communication is selected. When CS is high, I2C communication is selected. Note: It is recommended to disable I2C during SPI communication to avoid communication errors between devices using a different SPI communication protocol. To disable I2C, set the I2CDIS bit in I2C Device Address register using SPI. I2C Slave Interface I2C is a synchronous serial communication between a master device and one or more slave devices. The master is typically a microcontroller, which provides the serial clock signal and addresses the slave device(s) on the bus. The MMA7455L communicates only in slave operation where the device address is $1D. Multiple read and write modes are available. The protocol supports slave only operation. It does not support Hs mode, "10-bit addressing", "general call" and: "START byte". SINGLE BYTE READ The MMA7455L has an 10-bit ADC that can sample, convert and return sensor data on request. The transmission of an 8-bit command begins on the falling edge of SCL. After the eight clock cycles are used to send the command, note that the data returned is sent with the MSB first once the data is received. Figure 6 shows the timing diagram for the accelerometer 8-bit I2C read operation. The Master (or MCU) transmits a start condition (ST) to the MMA7455L, slave address ($1D), with the R/W bit set to "0" for a write, and the MMA7455L sends an acknowledgement. Then the Master (or MCU) transmits the 10-bit address of the register to read and the MMA7455L sends an acknowledgement. The Master (or MCU) transmits a repeated start condition (SR) and then addresses the MMA7455L ($1D) with the R/W bit set to "1" for a read from the previously selected register. The Slave then acknowledges and transmits the data from the requested register. The Master does not acknowledge (NAK) it received the transmitted data, but transmits a stop condition to end the data transfer. MULTIPLE BYTES READ The MMA7455L automatically increments the received register address commands after a read command is received. Therefore, after following the steps of a single byte read, multiple bytes of data can be read from sequential registers after each MMA7455L acknowledgment (AK) is received until a NACK is received from the Master followed by a stop condition (SP) signalling an end of transmission. See Figure 7. MMA7455L 16 Sensors Freescale Semiconductor SINGLE BYTE WRITE To start a write command, the Master transmits a start condition (ST) to the MMA7455L, slave address ($1D) with the R/W bit set to "0" for a write, the MMA7455L sends an acknowledgement. Then the Master (MCU) transmits the 8-bit address of the register to write to, and the MMA7455L sends an acknowledgement. Then the Master (or MCU) transmits the 8-bit data to write to the designated register and the MMA7455L sends an acknowledgement that it has received the data. Since this transmission is complete, the Master transmits a stop condition (SP) to the data transfer. The data sent to the MMA7455L is now stored in the appropriate register. See Figure 8. Figure 6. Single Byte Read - The Master is reading one address from the MMA7455L Figure 7. Multiple Bytes Read - The Master is reading multiple sequential registers from the MMA7455L Figure 8. Single Byte Write - The Master (MCU) is writing to a single register of the MMA7455L MULTIPLE BYTES WRITE The MMA7455L automatically increments the received register address commands after a write command is received. Therefore, after following the steps of a single byte write, multiple bytes of data can be written to sequential registers after each MMA7455L acknowledgment (ACK) is received. See Figure 9. Figure 9. Multiple Byte Writes - The Master (MCU) is writing to multiple sequential registers of the MMA7455L MMA7455L Sensors Freescale Semiconductor 17 SPI Slave Interface The MMA7455L also uses serial peripheral interface communication as a digital communication. The SPI communication is primarily used for synchronous serial communication between a master device and one or more slave devices. See Figure 15 for an example of how to configure one master with one MMA745xL device. The MMA7455L is always operated as a slave device. Typically, the master device would be a microcontroller which would drive the clock (SPC) and chip select (CS) signals. The SPI interface consists of two control lines and two data lines: CS, SPC, SDI, and SDO. The CS, also known as Chip Select, is the slave device enable which is controlled by the SPI master. CS is driven low at the start of a transmission. CS is then driven high at the end of a transmission. SPC is the Serial Port Clock which is also controlled by the SPI master. SDI and SDO are the Serial Port Data Input and the Serial Port Data Output. The SDI and SDO data lines are driven at the falling edge of the SPC and should be captured at the rising edge of the SPC. Read and write register commands are completed in 16 clock pulses or in multiples of 8, in the case of a multiple byte read/write. SPI Read Operation A SPI read transfer consists of a 1-bit Read/Write signal, a 6-bit address, and 1-bit don't care bit. (1-bit R/W=0 + 6-bits address + 1-bit don't care). The data to read is sent by the SPI interface during the next transfer. See Figure 10 and Figure 11 for the timing diagram for an 8-bit read in 4 wire and 3 wire modes, respectively. SPI Write Operation In order to write to one of the 8-bit registers, an 8-bit write command must be sent to the MMA7455L. The write command consists of an MSB (0=read, 1=write) to indicate writing to the MMA7455L register, followed by a 6-bit address and 1 don't care bit. The command should then be followed the 8-bit data transfer. See Figure 12 for the timing diagram for an 8-bit data write. Figure 10. SPI Timing Diagram for 8-Bit Register Read (4 Wire Mode) Figure 11. SPI Timing Diagram for 8-Bit Register Read (3 Wire Mode) Figure 12. SPI Timing Diagram for 8-Bit Register Write (3 Wire Mode) MMA7455L 18 Sensors Freescale Semiconductor BASIC CONNECTIONS Pin Descriptions Top View Table 8. Pin Descriptions Pin # 1 2 Pin Name DVDD_IO GND N/C IADDR0 GND AVDD CS INT1/DRDY INT2 N/C N/C SDO Description Digital Power for I/O pads Ground No internal connection. Leave unconnected or connect to Ground. I2C Address Bit 0 Ground Analog Power SPI Enable (0), I C Enable (1) Interrupt 1/ Data Ready Interrupt 2 2 Pin Status Input Input Input Input Input Input Input Output Output CS 7 INT1/DRDY INT2 N/C N/C SDO SDA/SDI/SDO AVDD GND IADDR0 N/C GND DVDD_IO Figure 13. Pinout Description Vdd VDD 10uF 0.1uF 10uF 0.1uF GND Sensors Freescale Semiconductor 8 9 10 11 12 13 14 SCL/SPC Recommended PCB Layout for Interfacing Accelerometer to Microcontroller 6 5 4 3 2 1 3 4 5 6 7 8 9 10 11 12 13 No internal connection. Leave Input unconnected or connect to Ground. No internal connection. Leave Input unconnected or connect to Ground. SPI Serial Data Output Output Open Drain/ Input/ Output Input SDA/SDI/SDO I2C Serial Data (SDA), SPI Serial Data Input (SDI), 3-wire interface Serial Data Output (SDO) SCL/SPC I2C Serial Clock (SCL), SPI Serial Clock (SPC) 14 Address set bit (bit 0) Vdd_IO VDD VDD Vdd 10k? R1 MCU SCL Vdd VDD 10k? R2 SDA INT2 INT1/DRDY Figure 14. I2C Connection to MCU MMA7455L 19 Vdd 1~10uF Vdd_IO 1~10uF MCU SCL/SPC SDA/SDI/SDO GND SDO INT2 INT1/DRDY CS Figure 15. SPI Connection to MCU NOTES: 1. Use a 0.1 F and a 10 F capacitor on AVDD to and DVDD_IO to decouple the power source. 2. 3. 4. 5. 6. Physical coupling distance of the accelerometer to the microcontroller should be minimal. PCB layout of power and ground should not couple power supply noise. Accelerometer and microcontroller should not be a high current path. Any external power supply switching frequency should be selected such that they do not interfere with the internal accelerometer sampling frequency (sampling frequency). This will prevent aliasing errors. Physical distance of the two GND pins (Pin2 and Pin5) tied together should be at the shortest distance. MMA7455L 20 Sensors Freescale Semiconductor Table 9. User Register Summary Address $00 $01 $02 $03 $04 $05 $06 $07 $08 $09 $0A $0B $0C $0D $0E $0F $10 $11 $12 $13 $14 $15 $16 $17 $18 $19 $1A $1B $1C $1D $1E $1F I2CAD USRINF WHOAMI XOFFL XOFFH YOFFL YOFFH ZOFFL ZOFFH MCTL INTRST CTL1 CTL2 LDTH PDTH PW LT TW 2 Name XOUTL XOUTH YOUTL YOUTH ZOUTL ZOUTH XOUT8 YOUT8 ZOUT8 STATUS DETSRC TOUT Definition 10 bits output value X LSB 10 bits output value X MSB 10 bits output value Y LSB 10 bits output value Y MSB 10 bits output value Z LSB 10 bits output value Z MSB 8 bits output value X 8 bits output value Y 8 bits output value Z Status registers Detection source registers "Temperature output value" (Optional) (Reserved) I C device address User information (Optional) "Who am I" value (Optional) Offset drift X value (LSB) Offset drift X value (MSB) Offset drift Y value (LSB) Offset drift Y value (MSB) Offset drift Z value (LSB) Offset drift Z value (MSB) Mode control Interrupt latch reset Control 1 Control 2 Level detection threshold limit value Pulse detection threshold limit value Pulse duration value Latency time value Time window for 2nd pulse value (Reserved) Bit 7 XOUT[7] -YOUT[7] -ZOUT[7] -XOUT[7] YOUT[7] ZOUT[7] -LDX TMP[7] -I2CDIS UI[7] ID[7] XOFF[7] -YOFF[7] -ZOFF[7] ---DFBW -LDTH[7] PDTH[7] PD[7] LT[7] TW[7] -- Bit 6 XOUT[6] -YOUT[6] -ZOUT[6] -XOUT[6] YOUT[6] ZOUT[6] -LDY TMP[6] -DAD[6] UI[6] ID[6] XOFF[6] -YOFF[6] -ZOFF[6] -DRPD -THOPT -LDTH[6] PDTH[6] PD[6] LT[6] TW[6] -- Bit 5 XOUT[5] -YOUT[5] -ZOUT[5] -XOUT[5] YOUT[5] ZOUT[5] -LDZ TMP[5] -DAD[5] UI[5] ID[5] XOFF[5] -YOFF[5] -ZOFF[5] -SPI3W -ZDA -LDTH[5] PDTH[5] PD[5] LT[5] TW[5] -- Bit 4 XOUT[4] -YOUT[4] -ZOUT[4] -XOUT[4] YOUT[4] ZOUT[4] -PDX TMP[4] -DAD[4] UI[4] ID[4] XOFF[4] -YOFF[4] -ZOFF[4] -STON -YDA -LDTH[4] PDTH[4] PD[4] LT[4] TW[4] -- Bit 3 XOUT[3] -YOUT[3] -ZOUT[3] -XOUT[3] YOUT[3] ZOUT[3] -PDY TMP[3] -DAD[3] UI[3] ID[3] XOFF[3] -YOFF[3] -ZOFF[3] -GLVL[1] -XDA -LDTH[3] PDTH[3] PD[3] LT[3] TW[3] -- Bit 2 XOUT[2] -YOUT[2] -ZOUT[2] -XOUT[2] YOUT[2] ZOUT[2] PERR PDZ TMP[2] -DAD[2] UI[2] ID[2] XOFF[2] XOFF[10] YOFF[2] YOFF[10] ZOFF[2] ZOFF[10] GLVL[0] -- Bit 1 XOUT[1] XOUT[9] YOUT[1] YOUT[9] ZOUT[1] ZOUT[9] XOUT[1] YOUT[1] ZOUT[1] DOVR INT2 TMP[1] -DAD[1] UI[1] ID[1] XOFF[1] XOFF[9] YOFF[1] YOFF[9] ZOFF[1] ZOFF[9] MOD[1] Bit 0 XOUT[0] XOUT[8] YOUT[0] YOUT[8] ZOUT[0] ZOUT[8] XOUT[0] YOUT[0] ZOUT[0] DRDY INT1 TMP[0] -DAD[0] UI[0] ID[0] XOFF[0] XOFF[8] YOFF[0] YOFF[8] ZOFF[0] ZOFF[8] MOD[0] CLRINT2 CLRINT1 INTPIN LDPL LDTH[0] PDTH[0] PD[0] LT[0] TW[0] -- INTRG[1] INTRG[0] DRVO LDTH[2] PDTH[2] PD[2] LT[2] TW[2] -PDPL LDTH[1] PDTH[1] PD[1] LT[1] TW[1] -- REGISTER DEFINITIONS $00: 10bits Output Value X LSB (Read only) D7 XOUT [7] 0 D6 XOUT [6] 0 D5 XOUT [5] 0 D4 XOUT [4] 0 D3 XOUT [3] 0 D2 XOUT [2] 0 D1 XOUT [1] 0 D0 XOUT[0] 0 Bit Function Default Signed byte data (2's compliment): 0g = 10'h000 Reading low byte XOUTL latches high byte XOUTH to allow 10-bit reads. XOUTH should be read directly following XOUTL read. MMA7455L Sensors Freescale Semiconductor 21 $01: 10bits Output Value X MSB (Read only) D7 -0 D6 -0 D5 -0 D4 -0 D3 -0 D2 -0 D1 XOUT [9] 0 D0 XOUT[8] 0 Bit Function Default Signed byte data (2's compliment): 0g = 10'h000 Reading low byte XOUTL latches high byte XOUTH to allow 10-bit reads. XOUTH should be read directly following XOUTL read. $02: 10bits Output Value Y LSB (Read only) D7 YOUT [7] 0 D6 YOUT [6] 0 D5 YOUT [5] 0 D4 YOUT [4] 0 D3 YOUT [3] 0 D2 YOUT [2] 0 D1 YOUT [1] 0 D0 YOUT[0] 0 Bit Function Default Signed byte data (2's compliment): 0g = 10'h000 Reading low byte YOUTL latches high byte YOUTH to allow coherent 10-bit reads. YOUTH should be read directly following YOUTL. $03: 10bits Output Value Y MSB (Read only) D7 -0 D6 -0 D5 -0 D4 -0 D3 -0 D2 -0 D1 YOUT [9] 0 D0 YOUT[8] 0 Bit Function Default Signed byte data (2's compliment): 0g = 10'h000 Reading low byte ZOUTL latches high byte ZOUTH to allow coherent 10-bit reads. ZOUTH should be read directly following ZOUTL. $04: 10bits Output Value Z LSB (Read only) D7 ZOUT [7] 0 D6 ZOUT [6] 0 D5 ZOUT [5] 0 D4 ZOUT [4] 0 D3 ZOUT [3] 0 D2 ZOUT [2] 0 D1 ZOUT [1] 0 D0 ZOUT[0] 0 Bit Function Default Signed byte data (2's compliment): 0g = 10'h000 Reading low byte ZOUTL latches high byte ZOUTH to allow coherent 10-bit reads. ZOUTH should be read directly following ZOUTL. $05: 10bits Output Value X MSB (Read only) D7 -0 D6 -0 D5 -0 D4 -0 D3 -0 D2 -0 D1 ZOUT [9] 0 D0 ZOUT[8] 0 Bit Function Default $06: 8bits Output Value X (Read only) D7 XOUT[7] 0 D6 XOUT [6] 0 D5 XOUT [5] 0 D4 XOUT [4] 0 D3 XOUT [3] 0 D2 XOUT [2] 0 D1 XOUT [1] 0 D0 XOUT [0] 0 Bit Function Default Signed byte data (2's compliment): 0g = 8'h00 $07: 8bits Output Value Y (Read only) D7 YOUT[7] 0 D6 YOUT [6] 0 D5 YOUT [5] 0 D4 YOUT [4] 0 D3 YOUT [3] 0 D2 YOUT [2] 0 D1 YOUT [1] 0 D0 YOUT [0] 0 Bit Function Default Signed byte data (2's compliment): 0g = 8'h00 MMA7455L 22 Sensors Freescale Semiconductor $08: 8bits Output Value Z (Read only) D7 ZOUT[7] 0 D6 ZOUT [6] 0 D5 ZOUT [5] 0 D4 ZOUT [4] 0 D3 ZOUT [3] 0 D2 ZOUT [2] 0 D1 ZOUT [1] 0 D0 ZOUT [0] 0 Bit Function Default Signed byte data (2's compliment): 0g = 8'h00 $09: Status Register (Read only) D7 -0 D6 -0 D5 -0 D4 -0 D3 -0 D2 PERR 0 D1 DOVR 0 D0 DRDY 0 Bit Function Default DRDY 1: Data is ready 0: Data is not ready DOVR 1: Data is over written 0: Data is not over written $0A: Detection Source Register (Read only) D7 LDX 0 D6 LDY 0 D5 LDZ 0 D4 PDX 0 D3 PDY 0 PERR 1: Parity error is detected in trim data. Then, self-test is disabled 0: Parity error is not detected in trim data D2 PDZ 0 D1 INT2 0 D0 INT1 0 Bit Function Default LDX 1: Level detection detected on X-axis 0: Level detection not detected on X-axis LDY 1: Level detection detected on Y-axis 0: Level detection not detected on Y-axis LDZ 1: Level detection detected on Z-axis 0: Level detection not detected on Z-axis PDX *Note 1: Pulse is detected on X-axis at single pulse detection 0: Pulse is not detected on X-axis at single pulse detection PDY *Note 1: Pulse is detected on Y-axis at single pulse detection 0: Pulse is not detected on Y-axis at single pulse detection PDZ *Note 1: Pulse is detected on Z-axis at single pulse detection 0: Pulse is not detected on Z-axis at single pulse detection Note: This bit value is not valid at double pulse detection INT1 1: Interrupt assigned by INTRG[1:0] bits in Control 1 Register ($18) and is detected 0: Interrupt assigned by INTRG[1:0] bits in Control 1 Register ($18) and is not detected INT2 1: Interrupt assigned by INTRG[1:0] bits in Control 1 Register ($18) and is detected 0: Interrupt assigned by INTRG[1:0] bits in Control 1 Register ($18) and is not detected *Note: Must define DRDY to be an output to either INT1 or not. This is done through bit DRPD located in Register $16. MMA7455L Sensors Freescale Semiconductor 23 $0D: I2C Device Address (Bit 6-0: Read only, Bit 7: Read/Write) D7 I2CDIS 0 D6 DVAD[6] 0 D5 DVAD[5] 0 D4 DVAD[4] 1 D3 DVAD[3] 1 D2 DVAD[2] 1 D1 DVAD[1] 0 D0 DVAD[0] 1 Bit Function Default I2CDIS 0: I2C and SPI are available. 1: I2C is disabled. DVAD[6:0]: I2C device address $0E: User Information (Read Only: Optional) D7 UI[7] 0/OTP D6 UI[6] 0/OTP D5 UI[5] 0/OTP D4 UI[4] 0/OTP D3 UI[3] 0/OTP D2 UI[2] 0/OTP D1 UI[1] 0/OTP D0 UI[0] 0/OTP Bit Function Default UI2[7:0]: User information $0F: "Who Am I" Value (Read only: Optional) D7 ID[7] 0/OTP D6 ID [6] 0/OTP D5 ID [5] 0/OTP D4 ID [4] 0/OTP D3 ID [3] 0/OTP D2 ID [2] 0/OTP D1 ID [1] 0/OTP D0 ID [0] 0/OTP Bit Function Default $10: Offset Drift X LSB (Read/Write) The following Offset Drift Registers are used for setting and storing the offset calibrations to eliminate the 0g offset. Please refer to Freescale application note AN3745 for detailed instructions on the process to set and store the calibration values. D7 XOFF[7] 0 D6 XOFF [6] 0 D5 XOFF [5] 0 D4 XOFF [4] 0 D3 XOFF [3] 0 D2 XOFF [2] 0 D1 XOFF [1] 0 D0 XOFF [0] 0 Bit Function Default Signed byte data (2's compliment): User level offset trim value for X-axis Bit Weight* XOFF[7] 64 LSB XOFF[6] 32 LSB XOFF[5] 16 LSB XOFF[4] 8 LSB XOFF[3] 4 LSB XOFF[2] 2 LSB XOFF[1] 1 LSB XOFF[0] 0.5 LSB *Bit weight is for 8g 10bit data output. Typical value for reference only. Variation is specified in "Electrical Characteristics" section. $11: Offset Drift X MSB (Read/Write) D7 -0 D6 -0 D5 -0 D4 -0 D3 -0 D2 XOFF [10] 0 D1 XOFF [9] 0 D0 XOFF [8] 0 Bit Function Default Signed byte data (2's compliment): User level offset trim value for X-axis $12: Offset Drift Y LSB (Read/Write) D7 YOFF[7] 0 D6 YOFF [6] 0 D5 YOFF [5] 0 D4 YOFF [4] 0 D3 YOFF [3] 0 D2 YOFF [2] 0 D1 YOFF [1] 0 D0 YOFF [0] 0 Bit Function Default Signed byte data (2's compliment): User level offset trim value for Y-axis Bit Weight* YOFF[7] 64 LSB YOFF[6] 32 LSB YOFF[5] 16 LSB YOFF[4] 8 LSB YOFF[3] 4 LSB YOFF[2] 2 LSB YOFF[1] 1 LSB YOFF[0] 0.5 LSB *Bit weight is for 2g 8bit data output. Typical value for reference only. Variation is specified in "Electrical Characteristics" section. MMA7455L 24 Sensors Freescale Semiconductor $13: Offset Drift Y MSB (Read/Write) D7 -0 D6 -0 D5 -0 D4 -0 D3 -0 D2 YOFF [10] 0 D1 YOFF [9] 0 D0 YOFF [8] 0 Bit Function Default Signed byte data (2's compliment): User level offset trim value for Y-axis Bit Weight* YOFF[10] Polarity YOFF[9] 256 LSB YOFF[8] 128 LSB *Bit weight is for 2g 8bit data output. Typical value for reference only. Variation is specified in "Electrical Characteristics" section. $14: Offset Drift Z LSB (Read/Write) D7 ZOFF[7] 0 D6 ZOFF[6] 0 D5 ZOFF[5] 0 D4 ZOFF[4] 0 D3 ZOFF[3] 0 D2 ZOFF[2] 0 D1 ZOFF[1] 0 D0 ZOFF[0] 0 Bit Function Default Signed byte data (2's compliment): User level offset trim value for Z-axis Bit Weight* ZOFF[7] 64 LSB ZOFF[6] 32 LSB ZOFF[5] 16 LSB ZOFF[4] 8 LSB ZOFF[3] 4 LSB ZOFF[2] 2 LSB ZOFF[1] 1 LSB ZOFF[0] 0.5 LSB *Bit weight is for 2g 8bit data output. Typical value for reference only. Variation is specified in "Electrical Characteristics" section. $15: Offset Drift Z MSB (Read/Write) D7 -0 D6 -0 D5 -0 D4 -0 D3 -0 D2 ZOFF[10] 0 D1 ZOFF[9] 0 D0 ZOFF[8] 0 Bit Function Default Signed byte data (2's compliment): User level offset trim value for Z-axis Bit Weight* ZOFF[10] Polarity ZOFF[9] 256 LSB ZOFF[8] 128 LSB *Bit weight is for 2g 8bit data output. Typical value for reference only. Variation is specified in "Electrical Characteristics" section. $16: Mode Control Register (Read/Write) D7 -0 D6 DRPD 0 D5 SPI3W 0 D4 STON 0 D3 GLVL[1] 0 D2 GLVL[0] 0 D1 MODE[1] 0 D0 MODE[0] 0 Bit Function Default Table 10. Configuring the g-Select for 8-bit output using Register $16 with GLVL[1:0] bits. GLVL [1:0] 00 01 10 g-Range 8g 2g 4g Sensitivity 16 LSB/g 64 LSB/g 32 LSB/g GLVL [1:0] 00: 8g is selected for measurement range. 10: 4g is selected for measurement range. 01: 2g is selected for measurement range. STON 0: Self-test is not enabled 1: Self-test is enabled SPI3W 0: SPI is 4 wire mode 1: SPI is 3 wire mode DRPD 0: Data ready status is output to INT1/DRDY PIN 1: Data ready status is not output to INT1/DRDY PIN MMA7455L Sensors Freescale Semiconductor 25 $17: Interrupt Latch Reset (Read/Write) D7 -0 D6 -0 D5 -0 D4 -0 D3 -0 D2 -0 D1 CLR_INT2 0 D0 CLR_INT1 0 Bit Function Default CLR_INT1 1: Clear "INT1" and LDX/LDY/LDZ or PDX/PDY/PDZ bits in Detection Source Register ($0A) depending on Control1($18) INTREG[1:0] setting. 0: Do not clear "INT1" LDX/LDY/LDZ or PDX/PDY/PDZ bits in Detection Source Register ($0A) CLR_INT2 1: Clear "INT2" and LDX/LDY/LDZ or PDX/PDY/PDZ bits in Detection Source Register ($0A) depending on Control1($18) INTREG[1:0] setting. 0: Do not clear "INT2" and LDX/LDY/LDZ or PDX/PDY/PDZ bits in Detection Source Register ($0A). $18 Control 1 (Read/Write) D7 DFBW 0 D6 THOPT 0 D5 ZDA 0 D4 YDA 0 D3 XDA 0 D2 INTREG[1] 0 D1 INTREG[0] 0 D0 INTPIN 0 Bit Function Default Table 11. Configuring the Interrupt settings using Register $18 with INTREG[1:0] bits INTREG[1:0] 00 01 10 "INT1" Register Bit Level detection Pulse Detection Single Pulse detection "INT2" Register Bit Pulse Detection Level Detection Single or Double Pulse Detection 01: INT1 Register is detecting Pulse while INT2 is detecting Level. 10: INT1 Register is detecting a Single Pulse and INT2 is detecting Single Pulse (if 2nd Time Window = 0) or if there is a latency time window and second time window>0 then INT2 will detect the double pulse only. INTPIN: INT1 pin is routed to INT1 bit in Detection Source Register ($0A) and INT2 pin is routed to INT2 bit in Detection Source Register ($0A). INTPIN: INT2 pin is routed to INT1 bit in Detection Source Register ($0A) and INT1 pin is routed to INT2 bit in Detection Source Register ($0A). Note: When INTREG[1:0] =10 for the condition to detect single pulse on INT1 and either single or double pulse on INT2, INT1 register bit can no longer be cleared by setting CLR_INT1 bit. It is cleared by setting CLR_INT2 bit. In this case, setting CLR_INT2 clears both INT1 and INT2 register bits and resets the detection operation. XDA 1: X-axis is disabled for detection. 0: X-axis is enabled for detection. YDA 1: Y-axis is disabled for detection. 0: Y-axis is enabled for detection. ZDA 1: Z-axis is disabled for detection. 0: Z-axis is enabled for detection. $19: Control 2 (Read/Write) D7 0 D6 0 D5 0 D4 0 D3 0 D2 DRVO 0 D1 PDPL 0 D0 LDPL 0 Bit Function Default THOPT (This bit is valid for level detection only, not valid for pulse detection) 0: Threshold value is absolute only 1: Integer value is available. DFBW 0: Digital filter band width is 62.5 Hz 1: Digital filter band width is 125 Hz LDPL 0: Level detection polarity is positive and detecting condition is OR 3 axes. 1: Level detection polarity is negative detecting condition is AND 3 axes. MMA7455L 26 PDPL 0: Pulse detection polarity is positive and detecting condition is OR 3 axes. 1: Pulse detection polarity is negative and detecting condition is AND 3 axes. Sensors Freescale Semiconductor DRVO 0: Standard drive strength on SDA/SDO pin $1A: Level Detection Threshold Limit Value (Read/Write) D7 LDTH[7] 0 D6 LDTH[6] 0 D5 LDTH[5] 0 D4 LDTH[4] 0 D3 1: Strong drive strength on SDA/SDO pin D2 LDTH[2] 0 D1 LDTH[1] 0 D0 LDTH[0] 0 Bit Function Default LDTH[3] 0 LDTH[7:0]: Level detection threshold value. If THOPT bit in Detection Control Register is "0", it is unsigned 7 bits value and LDTH[7] should be "0". If THOPT bit is "1", it is signed 8 bits value. $1B: Pulse Detection Threshold Limit Value (Read/Write) D7 XPDTH 0 D6 PDTH[6] 0 D5 PDTH[5] 0 D4 PDTH[4] 0 D3 PDTH[3] 0 D2 PDTH[2] 0 D1 PDTH[1] 0 D0 PDTH[0] 0 Bit Function Default PDTH[6:0]: Pulse detection threshold value (unsigned 7 bits). XPDTH: This bit should be "0". $1C: Pulse Duration Value (Read/Write) D7 PD[7] 0 D6 PD[6] 0 D5 PD[5] 0 D4 PD[4] 0 D3 PD[3] 0 D2 PD[2] 0 D1 PD[1] 0 D0 PD[0] 0 Bit Function Default Min: PD[7:0] = 4'h01 = 0.5 ms Max: PD[7:0] = 4'hFF = 127 ms 1 LSB = 0.5 ms $1D: Latency Time Value (Read/Write) D7 LT[7] 0 D6 LT[6] 0 D5 LT[5] 0 D4 LT[4] 0 D3 LT[3] 0 D2 LT[2] 0 D1 LT[1] 0 D0 LT[0] 0 Bit Function Default Min: LT[7:0] = 8'h01 = 1 ms Max: LT[7:0] = 8'hFF = 255 ms 1 LSB = 1 ms $1E: Time Window for 2nd Pulse Value (Read/Write) D7 TW[7] 0 D6 TW[6] 0 D5 TW[5] 0 D4 TW[4] 0 D3 TW[3] 0 D2 TW[2] 0 D1 TW[1] 0 D0 TW[0] 0 Bit Function Default Min: TW[7:0] = 8'h01 = 1 ms (Single pulse detection) Max: TW[7:0] = 8'hFF = 255 ms 1 LSB = 1 ms MMA7455L Sensors Freescale Semiconductor 27 SENSING DIRECTION AND OUTPUT RESPONSE The following figure shows sensing direction and the output response for 2g mode. Direction of Earth's gravity field.* 2 1 14 8 10 11 12 13 X Z Top View 6 7 9 OUT OUT 5 4 3 14 10 11 12 13 7 @ 0g = $00 @ +1g = $3F @ 0g = $00 Side View Top 8 6 1 2 Y Bottom X Y Z OUT OUT 5 9 3 OUT @ 0g = $00 @ 0g = $00 @ +1g = $3F 10 11 12 13 4 4 3 OUT 5 9 2 6 8 Bottom Top X Z Y OUT OUT 1 7 14 X Y Z OUT OUT @ +1g = $3F @ 0g = $00 @ 0g = $00 13 12 11 10 14 1 X Z 9 8 7 X Y Z OUT OUT @ -1g = $C1 @ 0g = $00 @ 0g = $00 @ 0g = $00 @ 0g = $00 @ -1g = $C1 OUT OUT OUT 2 OUT OUT 3 4 5 6 @ 0g = $00 @ -1g = $C1 @ 0g = $00 Y OUT * When positioned as shown, the Earth's gravity will result in a positive 1g output. Figure 16. Sensing Direction and Output Response at 2g Mode Table 12. Acceleration vs. Output (8-bit data) FS Mode 2g Mode Acceleration -2g -1g 0g +1g +2g 4g Mode -4g -1g 0g +1g +4g 8g Mode -8g -1g 0g +1g +8g Output $80 $C1 $00 $3F $7F $80 $E1 $00 $1F $7F $80 $F1 $00 $0F $7F MMA7455L 28 Sensors Freescale Semiconductor MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS Surface mount board layout is a critical portion of the total design. The footprint for the surface mount packages must be the correct size to ensure proper solder connection interface between the board and the package. With the correct footprint, the packages will self-align when subjected to a solder reflow process. It is always recommended to design boards with a solder mask layer to avoid bridging and shorting between solder pads. SOLDERING AND MOUNTING GUIDELINES FOR THE LGA ACCELEROMETER SENSOR TO A PC BOARD These guideline are for soldering and mounting the LGA package inertial sensors to printed circuit boards (PCBs). The purpose is to minimize the stress on the package after board mounting. The MMA7455L digital output accelerometer uses the Land Grid Array (LGA) package platform. This section describes suggested methods of soldering these devices to the PC board for consumer applications. Figure 17 shows the recommended PCB land pattern for the package. Figure 17. Recommended PCB Land Pattern for the 5 x 3 mm LGA Package MMA7455L Sensors Freescale Semiconductor 29 OVERVIEW OF SOLDERING CONSIDERATIONS Information provided here is based on experiments executed on LGA devices. They do not represent exact conditions present at a customer site. Hence, information herein should be used as a guidance only and process and design optimizations are recommended to develop an application specific solution. It should be noted that with the proper PCB footprint and solder stencil designs the package will self-align during the solder reflow process. The following are the recommended guidelines to follow for mounting LGA sensors for consumer applications. PCB MOUNTING RECOMMENDATIONS 1. 2. 3. 4. 5. The PCB land should be designed with Non Solder Mask Defined (NSMD) as shown in Figure 20. No additional metal pattern underneath package as shown in Figure 19. PCB land pad is 0.9 mm x 0.6 mm which is the size of the package pad plus 0.1 mm as shown in Figure 20. The solder mask opening is equal to the size of the PCB land pad plus an extra 0.1 mm as shown in Figure 20. The stencil aperture size is equal to the PCB land pad - 0.025mm. LGA package w/ solder PCB top metal layer Example of 2 layer PCB Top metal pattern Top metal pattern under package area under package area Via structure under Via structure under package area Figure 18. Incorrect PCB Top Metal Pattern Under Package Figure 19. Correct PCB Top Metal Pattern Under Package PCB land pattern - NSMD Pad Dimension by Package 0.5 mm 0.8 mm Cu: 0.9 x 0.6 mm sq. Wider trace Signal trace near package: 0.1mm width and min. 0.5mm length are recommended. Wider trace can be continued after these. SM opening = PCB land pad + 0.1mm = 1.0 x 0.7mm sq. Figure 20. Recommended PCB Land Pad, Solder Mask, and Signal Trace Near Package Design MMA7455L 30 Sensors Freescale Semiconductor Signal trace near package Package footprint Stencil opening = PCB landing pad -0.025mm = 0.575mmx0,875mm 10x0.8mm 14x0.575mm 14x0.875mm Figure 21. Stencil Design Guidelines Do not place any components or vias at a distance less than 2 mm from the package land area. This may cause additional package stress if it is too close to the package land area. 7. Signal traces connected to pads should be as symmetric as possible. Put dummy traces on NC pads in order to have same length of exposed trace for all pads. Signal traces with 0.1 mm width and min. 0.5 mm length for all PCB land pads near the package are recommended as shown in Figure 20 and Figure 21. Wider trace can be continued after the 0.5 mm zone. 8. Use a standard pick and place process and equipment. Do not us a hand soldering process. 9. It is recommended to use a cleanable solder paste with an additional cleaning step after SMT mount. 10. Do not use a screw down or stacking to fix the PCB into an enclosure because this could bend the PCB putting stress on the package. 11. The PCB should be rated for the multiple lead-free reflow condition with max 260C temperature. Please cross reference with the device data sheet for mounting guidelines specific to the exact device used. Freescale LGA sensors are compliant with Restrictions on Hazardous Substances (RoHS), having halide free molding compound (green) and lead-free terminations. These terminations are compatible with tin-lead (Sn-Pb) as well as tin-silver-copper (Sn-Ag-Cu) solder paste soldering processes. Reflow profiles applicable to those processes can be used successfully for soldering the devices. 6. MMA7455L Sensors Freescale Semiconductor 31 Xoff_mg/degreeC_-40to85 Xsens_%/DegreeC_-40to85 LSL Targ et USL LSL Target USL -3 -2 -1 0 1 2 3 -0.02 -0.01 0 0.01 0.02 Yoff_mg/degree C_-40to85 Ysens_%/DegreeC_-40to85 LSL T arg et USL LSL Target USL -3 -2 -1 0 1 2 3 -0.02 -0.01 0 0.01 0.02 Zoff_mg/degreeC_-40to85 Zsens_%/DegreeC_-40to85 LSL Targ et USL LSL Target USL -3 -2 -1 0 1 2 3 -0.03 -0.02 -0.01 0 0.01 0.02 0.03 Figure 22. MMA7455L Temperature Coefficient of Offset (TCO) and Temperature Coefficient of Sensitivity (TCS) Distribution Charts MMA7455L 32 Sensors Freescale Semiconductor PACKAGE DIMENSIONS CASE 1977-01 ISSUE A 14-LEAD LGA MMA7455L Sensors Freescale Semiconductor 33 PACKAGE DIMENSIONS CASE 1977-01 ISSUE A 14-LEAD LGA MMA7455L 34 Sensors Freescale Semiconductor How to Reach Us: Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 1-800-521-6274 or +1-480-768-2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor China Ltd. Exchange Building 23F No. 118 Jianguo Road Chaoyang District Beijing 100022 China +86 010 5879 8000 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or +1-303-675-2140 Fax: +1-303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2008. All rights reserved. RoHS-compliant and/or Pb-free versions of Freescale products have the functionality and electrical characteristics of their non-RoHS-compliant and/or non-Pb-free counterparts. For further information, see http:/www.freescale.com or contact your Freescale sales representative. For information on Freescale's Environmental Products program, go to http://www.freescale.com/epp. MMA7455L Rev. 5 11/2008 |
Price & Availability of MMA7455L08 |