Part Number Hot Search : 
RT8268 7555CD R5324D07 MC790006 0405M 107F600 ASM3P2 74479153
Product Description
Full Text Search
 

To Download MBRF10100-E34W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
MBR(F,B)1090 & MBR(F,B)10100
Vishay General Semiconductor
High-Voltage Schottky Rectifier
TMBS(R)
TO-220AC ITO-220AC
FEATURES * Trench MOS Schottky technology * Lower power losses, high efficiency * Low forward voltage drop * High forward surge capability * High frequency operation
2 MBR1090 MBR10100
PIN 1
PIN 2
2 1 MBRF1090 MBRF10100
PIN 1
PIN 2
1
* Meets MSL level 1, per J-STD-020, LF maximum peak of 245 C (for TO-263AB package) * Solder dip 260 C, 40 s (for TO-220AC and ITO-220AC package) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
CASE
TO-263AB K
2 1 MBRB1090 MBRB10100
PIN 1 PIN 2 K HEATSINK
TYPICAL APPLICATIONS For use in high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application. MECHANICAL DATA
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF TJ max. 10 A 90 V, 100 V 150 A 0.65 V 150 C
Case: TO-220AC, ITO-220AC, TO-263AB Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for commercial grade, meets JESD 201 class 1A whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
MAXIMUM RATINGS (TC = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC = 133 C Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Peak repetitive reverse current at tp = 2 s, 1 kHz Voltage rate of change (rated VR) Operating junction and storage temperature range Isolation voltage (ITO-220AC only) From terminal to heatsink t = 1 min SYMBOL VRRM VRWM VDC IF(AV) IFSM IRRM dV/dt TJ, TSTG VAC MBR1090 90 90 90 10 150 0.5 10 000 - 65 to + 150 1500 MBR10100 100 100 100 UNIT V V V A A A V/s C V
www.vishay.com 476
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89034 Revision: 19-May-08
New Product
MBR(F,B)1090 & MBR(F,B)10100
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER TEST CONDITIONS IF = 10 A IF = 10 A IF = 20 A TC = 25 C TC = 125 C TC = 125 C TJ = 25 C TJ = 100 C SYMBOL VALUE 0.80 0.65 0.75 100 6.0 UNIT
Maximum instantaneous forward voltage (1)
VF
V
Maximum reverse current at working peak reverse voltage (2) Notes: (1) Pulse test: 300 s pulse width, 1 % duty cycle (2) Pulse test: Pulse width 40 ms
IR
A mA
THERMAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance SYMBOL RJA RJC MBR 60 2.0 MBRF 3.5 MBRB 60 2.0 UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-220AC ITO-220AC TO-263AB TO-263AB PREFERRED P/N MBR10100-E3/4W MBRF10100-E3/4W MBRB10100-E3/4W MBRB10100-E3/8W UNIT WEIGHT (g) 1.845 1.661 1.384 1.384 PACKAGE CODE 4W 4W 4W 8W BASE QUANTITY 50/tube 50/tube 50/tube 800/reel DELIVERY MODE Tube Tube Tube Tape and reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
10 Resistive or Inductive Load 160
Peak Forward Surge Current (A)
TJ = TJ max. 8.3 ms Single Half Sine-Wave 140
Average Forward Current (A)
8
120
6
100
4
80
2
60
0 0 50 100 150
40 1 10 100
Case Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Document Number: 89034 Revision: 19-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 477
New Product
MBR(F,B)1090 & MBR(F,B)10100
Vishay General Semiconductor
100
100
TJ = 150 C 10 TJ = 125 C 1
Transient Thermal Impedance (C/W)
Instantaneous Forward Current (A)
Junction to Case
10
1
0.1
TJ = 25 C
MBR(B) 0.1 0.01 0.1 1 10 100
0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Instantaneous Forward Voltage (V)
t - Pulse Duration (s)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 6. Typical Transient Thermal Impedance
100
Transient Thermal Impedance (C/W)
Instantaneous Reverse Current (mA)
TJ = 150 C
10 Junction to Case
10 TJ = 125 C 1
1
0.1
0.1
0.01
0.01 TJ = 25 C 0.001 10 20 30 40 50 60 70 80 90 100
MBRF
0.001 0.1 1 10 100
Percent of Rated Peak Reverse Voltage (%)
t - Pulse Duration (s)
Figure 4. Typical Reverse Characteristics
Figure 7. Typical Transient Thermal Impedance
10 000 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p 1000
Junction Capacitance (pF)
100
10 1 10 100
Reverse Voltage (V)
Figure 5. Typical Junction Capacitance
www.vishay.com 478
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89034 Revision: 19-May-08
New Product
MBR(F,B)1090 & MBR(F,B)10100
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AC
0.415 (10.54)MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) DIA. 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54)
PIN 1 PIN 2 CASE
ITO-220AC
0.404 (10.26) 0.384 (9.75)
0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14)
45 REF.
0.076 (1.93) REF. 0.076 (1.93) REF. 7 REF. 0.140 (3.56) DIA. 0.125 (3.17) DIA. 0.671 (17.04) 0.651 (16.54) PIN
0.190 (4.83) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54) 0.135 (3.43) DIA. 0.122 (3.08) DIA.
0.635 (16.13) 0.625 (15.87)
1 PIN 2
0.603 (15.32) 0.573 (14.55)
0.600 (15.24) 0.580 (14.73)
7 REF. 0.350 (8.89) 0.330 (8.38)
1
2 0.191 (4.85) 0.171 (4.35) 7 REF.
0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14)
0.560 (14.22) 0.530 (13.46)
0.560 (14.22) 0.530 (13.46)
0.057 (1.45) 0.045 (1.14)
0.110 (2.79) 0.100 (2.54)
0.105 (2.67) 0.095 (2.41)
0.037 (0.94) 0.027(0.68) 0.205 (5.20) 0.195 (4.95)
0.022 (0.56) 0.014 (0.36)
0.025 (0.64) 0.015 (0.38)
0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.028 (0.71) 0.020 (0.51)
TO-263AB
0.41 (10.45) 1 0.380 (9.65) 0.245 (6.22) MIN K 0.360 (9.14) 0.320 (8.13) 1 K 2 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout
0.42 MIN. (10.66)
0.624 (15.85) 0.591(15.00)
0.055 (1.40) 0.047 (1.19)
0.670 (17.02) 0.591 (15.00)
0.33 (8.38) MIN.
0 to 0.01 (0 to 0.254) 0.110 (2.79) 0.090 (2.29) 0.021 (0.53) 0.014 (0.36) 0.140 (3.56) 0.110 (2.79)
0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95)
0.15 (3.81) MIN. 0.08 MIN. (2.032) 0.105 (2.67) (0.095) (2.41)
Document Number: 89034 Revision: 19-May-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 479
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MBRF10100-E34W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X