Part Number Hot Search : 
1N725A MP2483DS MJF6107 MBR15 D7514G 25X25 PC1498H AD7569TQ
Product Description
Full Text Search
 

To Download MBRB1545CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR(F,B)1535CT thru MBR(F,B)1560CT
Vishay General Semiconductor
Dual Common-Cathode Schottky Rectifier
TO-220AB ITO-220AB
FEATURES * Guardring for overvoltage protection * Lower power losses, high efficiency * Low forward voltage drop * High forward surge capability
2 MBR15xxCT
PIN 1 PIN 3 PIN 2 CASE
3 1 MBRF15xxCT
PIN 1 PIN 3 PIN 2
2
3
* High frequency operation * Meets MSL level 1, per J-STD-020, LF maximum peak of 245 C (for TO-263AB package) * Solder dip 260 C, 40 s (for TO-220AB and ITO-220AB package) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
1
TO-263AB K
2 1 MBRB15xxCT
PIN 1 PIN 2 K HEATSINK
TYPICAL APPLICATIONS For use in high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application. MECHANICAL DATA
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF TJ max. 7.5 A x 2 35 V to 60 V 150 A 0.57 V, 0.65 V 150 C
Case: TO-220AB, ITO-220AB, TO-263AB Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
MAXIMUM RATINGS (TC = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC = 105 C total device per diode SYMBOL MBR1535CT MBR1545CT MBR1550CT MBR1560CT VRRM VRWM VDC IF(AV) IFSM IRRM dV/dt TJ 1.0 10 000 - 65 to + 150 35 35 35 45 45 45 15 7.5 150 0.5 50 50 50 60 60 60 UNIT V V V A A A V/s C
Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode Peak repetitive reverse surge current per diode at tp = 2.0 s, 1 kHz Voltage rate of change (rated VR) Operating junction temperature range
Document Number: 88670 Revision: 08-Nov-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
MBR(F,B)1535CT thru MBR(F,B)1560CT
Vishay General Semiconductor
MAXIMUM RATINGS (TC = 25 C unless otherwise noted)
PARAMETER Storage temperature range Isolation voltage (ITO-220AB only) from terminal to heatsink t = 1 min SYMBOL MBR1535CT MBR1545CT MBR1550CT MBR1560CT TSTG VAC - 65 to + 175 1500 UNIT C V
ELECTRICAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage per diode (1) TEST CONDITIONS IF = 7.5 A IF = 7.5 A IF = 15 A IF = 15 A TC = 25 C TC = 125 C TC = 25 C TC = 125 C TC = 25 C TC = 125 C SYMBOL MBR1535CT MBR1545CT MBR1550CT MBR1560CT 0.57 0.84 0.72 0.1 15 0.75 0.65 1.0 50 UNIT
VF
V
Maximum instantaneous reverse current at rated DC blocking voltage per diode (1) Note:
IR
mA
(1) Pulse test: 300 s pulse width, 1 % duty cycle
THERMAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Maximum thermal resistance per diode SYMBOL RJA RJC MBR 60 3.0 MBRF 5.0 MBRB 60 3.0 UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-220AB ITO-220AB TO-263AB TO-263AB TO-220AB ITO-220AB TO-263AB TO-263AB Note: (1) Automotive grade AEC Q101 qualified PREFERRED P/N MBR1545CT-E3/45 MBRF1545CT-E3/45 MBRB1545CT-E3/45 MBRB1545CT-E3/81 MBR1545CTHE3/45 (1) MBRF1545CTHE3/45 (1) MBRB1545CTHE3/45 (1) MBRB1545CTHE3/81
(1)
UNIT WEIGHT (g) 1.85 1.99 1.35 1.35 1.85 1.99 1.35 1.35
PACKAGE CODE 45 45 45 81 45 45 45 81
BASE QUANTITY 50/tube 50/tube 50/tube 800/reel 50/tube 50/tube 50/tube 800/reel
DELIVERY MODE Tube Tube Tube Tape reel Tube Tube Tube Tape reel
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88670 Revision: 08-Nov-07
MBR(F,B)1535CT thru MBR(F,B)1560CT
Vishay General Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
25 100
Instantaneous Reverse Current (mA)
Resistive or Inductive Load
Average Forward Current (A)
MBR1535CT - MBR1545CT MBR1550CT & MBR1560CT 10 TJ = 125 C
20
15
1
10
0.1
TJ = 75 C
5
0.01 TJ = 25 C 0.001 0 20 40 60 80 100
0 0 50 100 150
Case Temperature (C)
Percent of Rated Peak Reverse Voltage (%)
Figure 1. Forward Current Derating Curve
Figure 4. Typical Reverse Characteristics Per Diode
175
10 000
Peak Forward Surge Current (A)
Junction Capacitance (pF)
150
TJ = TJ Max. 8.3 ms Single Half Sine-Wave
TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
1000
125
100
75
100
50
MBR1535CT - MBR1545CT MBR1550CT & MBR1560CT
10
25 1 10 100
0.1
1
10
100
Number of Cycles at 60 Hz
Reverse Voltage (V)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode
Figure 5. Typical Junction Capacitance Per Diode
100
100
10
TJ = 125 C
Pulse Width = 300 s 1 % Duty Cycle TJ = 25 C
Transient Thermal Impedance (C/W)
Instantaneous Forward Current (A)
10
1
1
0.1 MBR1535CT - MBR1545CT MBR1550CT & MBR1560CT 0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.1 0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
t - Pulse Duration (s)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
Document Number: 88670 Revision: 08-Nov-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
MBR(F,B)1535CT thru MBR(F,B)1560CT
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.635 (16.13) 0.625 (15.87) 3 0.603 (15.32) 0.573 (14.55) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14)
45 REF. 0.404 (10.26) 0.384 (9.75) 0.076 (1.93) REF. 0.076 (1.93) REF.
7 REF. 0.140 (3.56) DIA. 0.125 (3.17) DIA. 0.135 (3.43) DIA. 0.122 (3.08) DIA.
ITO-220AB
0.190 (4.83) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54)
0.600 (15.24) 0.580 (14.73)
PIN
0.671 (17.04) 0.651 (16.54)
7 REF. 0.350 (8.89) 0.330 (8.38)
1 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45)
PIN 2
1
2
3
7 REF.
0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.025 (0.64) 0.015 (0.38) 0.105 (2.67) 0.095 (2.41)
0.191 (4.85) 0.171 (4.35)
0.110 (2.79) 0.100 (2.54)
0.057 (1.45) 0.045 (1.14)
0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95)
0.028 (0.71) 0.020 (0.51)
TO-263AB
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN. K 0.360 (9.14) 0.320 (8.13) 1 K 2 0.055 (1.40) 0.047 (1.19) 0.670 (17.02) 0.591 (15.00) 0.15 (3.81) MIN. 0.08 (2.032) MIN. 0.105 (2.67) 0.095 (2.41) 0.33 (8.38) MIN. 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout
0.42 (10.66) MIN.
0.624 (15.85) 0.591 (15.00)
0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41)
0 to 0.01 (0 to 0.254) 0.110 (2.79) 0.090 (2.29) 0.021 (0.53) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 0.140 (3.56) 0.110 (2.79)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88670 Revision: 08-Nov-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MBRB1545CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X