Part Number Hot Search : 
ESD3V S6020 ICS1702 2815S 2SB1032K 1078096 VCO55 BC153
Product Description
Full Text Search
 

To Download MBR2050CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR2050CT thru MBR2060CT
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
A C(TAB) A C A C A Dimensions TO-220AB
Dim. A B C D E F G H J K M N Q R Inches Min. Max. 0.500 0.550 0.580 0.630 0.390 0.420 0.139 0.161 0.230 0.270 0.100 0.125 0.045 0.065 0.110 0.230 0.025 0.040 0.100 BSC 0.170 0.190 0.045 0.055 0.014 0.022 0.090 0.110 Milimeter Min. Max. 12.70 13.97 14.73 16.00 9.91 10.66 3.54 4.08 5.85 6.85 2.54 3.18 1.15 1.65 2.79 5.84 0.64 1.01 2.54 BSC 4.32 4.82 1.14 1.39 0.35 0.56 2.29 2.79
A=Anode, C=Cathode, TAB=Cathode
MBR2050CT MBR2060CT Symbol I(AV) IFSM dv/dt
VRRM V 50 60
VRMS V 35 42
VDC V 50 60
Characteristics Maximum Average Forward Rectified Current @TC=125oC
Maximum Ratings 20 150 10000 IF=10A IF=10A IF=20A IF=20A @TJ=25oC @TJ=125oC @TJ=25oC @TJ=125oC @TJ=25oC @TJ=125oC 0.80 0.70 0.95 0.85 0.1 15 2.0 400 -55 to +150 -55 to +175
Unit A A V/us
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave Superimposed On Rated Load (JEDEC METHOD) Voltage Rate Of Change (Rated VR) Maximum Forward Voltage (Note 1)
VF
V
IR ROJC CJ TJ TSTG
Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Thermal Resistance (Note 2)
mA
o
C/W pF
o o
Typical Junction Capacitance Per Element (Note 3) Operating Temperature Range Storage Temperature Range
C C
NOTES: 1. 300us Pulse Width, Duty Cycle 2%. 2. Thermal Resistance Junction To Case. 3. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
FEATURES
* Metal of silicon rectifier, majority carrier conducton * Guard ring for transient protection * Low power loss, high efficiency * High current capability, low VF * High surge capacity * For use in low voltage, high frequency inverters, free whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-220AB molded plastic * Polarity: As marked on the body * Weight: 0.08 ounces, 2.24 grams * Mounting position: Any
MBR2050CT thru MBR2060CT
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
20
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
150 125 100 75 50 25 0 1 2 5 10 20 50 100
15
10
5
RESISTIVE OR INDUCTIVE LOAD
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
1000
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(mA)
100
10
TJ = 100 C
10
1.0
TJ = 75 C
1.0
0.1
TJ = 25 C
TJ = 25 C PULSE WIDTH 300us 2% Duty cycle
0.01 0 20 40 60 80 100 120 140
0.1 0.1 0.2 0.3 0.4 0.5
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0.6
0.7
0.8
0.9
1.0
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
10000
TJ = 25 C, f= 1MHz
CAPACITANCE , (pF)
1000
100 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS


▲Up To Search▲   

 
Price & Availability of MBR2050CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X