Part Number Hot Search : 
9318M8 N5383 C3830 LSC2609 29LV8 PC357N03 BCR108 2SD1047
Product Description
Full Text Search
 

To Download MALPEYV00AV410J02W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EYV
Vishay Roederstein
Aluminum Capacitors Power Printed Wiring Style
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Large types, cylindrical aluminum case, insulated * Provided with keyed polarity * Very long useful life: 15 000 h at 85 C * Low ESR, high ripple current capability * High resistance to shock and vibration
Component outlines
APPLICATIONS
* * * *
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (O D x L in mm) Rated capacitance range (E6 series), CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 85 C Useful life at 85 C Useful life at 40 C, 1.4 x IR applied Shelf life at 0 V, 85 C Based on sectional specification Climatic category IEC 60068 VALUE 100 V > 100 V
25 x 30 to 40 x 100 470 F to 68 000 F 10 V to 100 V 47 F to 1000 F
MARKING
- 10 % to + 30 % - 40 C to + 85 C 5000 h 15 000 h 200 000 h 500 h
250 V to 400 V
IEC 60384-4/EN130300
FO
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 470 680 1000 1500 2200 3300 4700 6800 UR (V) 16 25 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 40 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 63 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 www.vishay.com 1 10 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 -
N
O T
10 000 15 000 22 000 33 000 47 000 68 000
Document Number: 25126 Revision: 21-Aug-08
R
40/085/56
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (Q for - 10/+ 30 %) * Rated voltage (in V) * Date code (YYMM) * Name of manufacturer * Code for factory of origin * Polarity of the terminals and `-' sign to indicate the negative terminal, visible from the top and/or side of the capacitor * Code number * Climatic category in accordance with IEC 60068
For technical questions, contact: aluminumcaps2@vishay.com
N
EW
D
Computer, telecommunication and industrial systems Smoothing and filtering Standard and switched mode power supplies Energy storage in pulse systems
ES I
G
N
RoHS
COMPLIANT
EYV
Vishay Roederstein
Aluminum Capacitors Power Printed Wiring Style
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 47 68 100 150 220 330 470 680 1000 UR (V) 250 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 385 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 400 25 x 30 25 x 40 30 x 40 35 x 40
DIMENSIONS in millimeters AND AVAILABLE FORMS
1
-
OD + 1 max.
EW N
D
2.5 2 5
1
10 0.1
L
L + 5 max.
R
1 = Positive terminal 5 = Negative terminal Case O D = 25 mm
5.1 0.1
Case O D = 25 mm
Fig.1 Printed wiring pin version
Fig.2 Mounting hole pattern viewed from the component side
FO
-
O T
OD + 1 max.
15 0.1
L
L + 5 max. 1.3 (4 x) 5.1 0.1 7.5 0.1 17.5 0.1 Case O D = 30 mm and 35 mm
N
1 = Positive terminal 5 = Negative terminal Case O D = 30 mm and 35 mm
Fig.3 Printed wiring pin version
Fig.4 Mounting hole pattern viewed from the component side
www.vishay.com 2
For technical questions, contact: aluminumcaps2@vishay.com
ES I
40 x 70 40 x 100 1.3 (3 x) 12.5 0.1 2.5 2 5 1 3
Document Number: 25126 Revision: 21-Aug-08
G
35 x 50 40 x 40 40 x 50
N
5 2
1 2 5 3
EYV
Aluminum Capacitors Power Printed Wiring Style
DIMENSIONS in millimeters AND AVAILABLE FORMS
+
Vishay Roederstein
1 4
2.5 3 5
O D + 1 max. 2 20 0.1 1
4
L
L + 1 max.
10 0.1
Fig.5 Printed wiring pin version
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100
26 26 31 36 36 41 41
35 45 45 45
N
NOMINAL CASE SIZE ODxL
EW
MASS (g) 24 28 51 66 78 82 110 176 38
1 = Positive terminal 5 = Negative terminal Case O D = 40 mm
5.1 0.1
1 = Positive terminal 5 = Negative terminal Case O D = 40 mm
Fig.6 Mounting hole pattern viewed from the component side
D
100 100 100 50 50 50 50 25 25
O Dmax.
Lmax.
PACKAGING QUANTITIES (units per box)
R
55
FO
45 55 75 105
41
41
N
O T
MOUNTING
When a number of capacitors are connected in a bank, they must not be closer together than 15 mm, when no derating of ripple current and/or temperature is applied. Pin numbers 2, 3 and 4 (if present) must be free from the electrical circuit.
Document Number: 25126 Revision: 21-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
ES I
17.5 0.1 20 0.1
G
1.3 (5 x)
CARDBOARD BOX DIMENSIONS LxWxH 290 x 280 x 50 290 x 280 x 60 340 x 330 x 60 390 x 198 x 60 390 x 198 x 70 440 x 223 x 60 440 x 223 x 70 230 x 230 x 90 230 x 230 x 120
N
www.vishay.com 3
2 5 3
EYV
Vishay Roederstein
Aluminum Capacitors Power Printed Wiring Style
ORDERING EXAMPLE
10 000 F/25 V; - 10/+ 30 % Nominal case size: O 35 x 50 mm
ELECTRICAL DATA
SYMBOL CR IR IL1 IL5 ESR Z DESCRIPTION rated capacitance at 100 Hz rated RMS ripple current at 100 Hz, 85 C or at 20 kHz, 70 C max. leakage current after 1 minute at UR max. leakage current after 5 minutes at UR max. equivalent series resistance at 100 Hz max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 4700 6800 10 000 15 000 22 000 22 000 33 000 47 000 68 000 3300 4700 6800 10 000 15 000 15 000 22 000 33 000 47 000 2200 3300 4700 6800 10 000 10 000 15 000 22 000 33 000 1500 2200 3300 4700 6800 6800 10 000 15 000 22 000 1000 1500 2200 3300 4700 4700 6800 10 000 15 000 NOMINAL CASE SIZE ODxL (mm) 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 IR 100 Hz 85 C (A) 2.4 3.2 3.8 4.1 5.0 4.2 5.0 6.8 9.2 2.4 3.1 3.7 4.1 5.0 4.2 5.0 6.7 9.1 2.3 3.1 3.7 4.1 5.0 4.2 5.0 6.8 9.2 2.0 2.7 3.3 3.8 4.7 4.1 4.9 6.6 9.0 1.8 2.5 3.1 3.6 4.4 3.8 4.7 6.2 8.5 IR 20 kHz 70 C (A) 4.6 6.1 7.2 7.8 9.5 8.0 9.5 12.9 17.5 4.6 5.9 7.0 7.8 9.5 8.0 9.5 12.7 17.3 4.4 5.9 7.0 7.8 9.5 8.0 9.5 12.9 17.5 3.8 5.1 6.3 7.2 8.9 7.8 9.3 12.5 17.1 3.4 4.7 5.9 6.8 8.3 7.2 8.9 11.8 16.1 IL1 1 min (mA) 0.28 0.41 0.60 0.90 1.32 1.32 1.98 2.82 4.08 0.32 0.45 0.65 0.96 1.44 1.44 2.12 3.17 4.51 0.33 0.49 0.70 1.02 1.50 1.50 2.25 3.30 4.95 0.36 0.53 0.79 1.13 1.64 1.64 2.40 3.60 5.28 0.38 0.57 0.83 1.25 1.78 1.78 2.57 3.78 5.67 IL5 5 min (mA) 0.10 0.14 0.20 0.30 0.44 0.44 0.66 0.94 1.36 0.11 0.15 0.22 0.32 0.48 0.48 0.71 1.06 1.51 0.11 0.17 0.24 0.34 0.50 0.50 0.75 1.10 1.65 0.12 0.18 0.27 0.38 0.55 0.55 0.80 1.20 1.76 0.13 0.19 0.28 0.42 0.60 0.60 0.86 1.26 1.89
ESR 100 Hz (m) 74 51 39 35 27 36 29 20 15 75 52 40 36 28 36 29 20 15 78 53 42 37 28 36 29 20 15 112 76 57 48 36 45 35 25 18 122 83 57 48 36 45 35 25 18
10
16
25
N
www.vishay.com 4
O T
40
63
FO
R
For technical questions, contact: aluminumcaps2@vishay.com
N
EW
D
ES I
Z 10 kHz (m) 50 37 29 26 21 27 22 17 14 50 37 30 27 21 27 22 17 14 52 38 31 28 21 27 22 17 14 68 51 41 35 27 33 27 20 16 74 54 41 35 27 33 27 20 16
Note (1) Unless otherwise specified, all electrical values apply at Ta = 20 C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
MALPEYV00AV447C02W MALPEYV00AB468C02W MALPEYV00BB510C02W MALPEYV00CB515C02W MALPEYV00CD522C02W MALPEYV00DB522C02W MALPEYV00DD533C02W MALPEYV00DG547C02W MALPEYV00DM568C02W MALPEYV00AV433D02W MALPEYV00AB447D02W MALPEYV00BB468D02W MALPEYV00CB510D02W MALPEYV00CD515D02W MALPEYV00DB515D02W MALPEYV00DD522D02W MALPEYV00DG533D02W MALPEYV00DM547D02W MALPEYV00AV422E02W MALPEYV00AB433E02W MALPEYV00BB447E02W MALPEYV00CB468E02W MALPEYV00CD510E02W MALPEYV00DB510E02W MALPEYV00DD515E02W MALPEYV00DG522E02W MALPEYV00DM533E02W MALPEYV00AV415G02W MALPEYV00AB422G02W MALPEYV00BB433G02W MALPEYV00CB447G02W MALPEYV00CD468G02W MALPEYV00DB468G02W MALPEYV00DD510G02W MALPEYV00DG515G02W MALPEYV00DM522G02W MALPEYV00AV410J02W MALPEYV00AB415J02W MALPEYV00BB422J02W MALPEYV00CB433J02W MALPEYV00CD447J02W MALPEYV00DB447J02W MALPEYV00DD468J02W MALPEYV00DG510J02W MALPEYV00DM515J02W Document Number: 25126 Revision: 21-Aug-08
G
ORDERING CODE
N
Ordering code: MALPEYV00CD510E02W
EYV
Aluminum Capacitors Power Printed Wiring Style
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 100 Hz (F) 470 680 1000 1500 2200 2200 3300 4700 6800 100 150 220 330 470 470 680 1000 47 68 100 150 220 220 330 470 47 68 100 150 220 220 330 470 680 NOMINAL CASE SIZE ODxL (mm) 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 25 x 30 25 x 40 30 x 40 35 x 40 35 x 50 40 x 40 40 x 50 40 x 70 40 x 100 IR 100 Hz 85 C (A) 1.4 1.9 2.5 3.1 3.9 3.6 4.6 6.2 8.2 0.6 0.8 1.0 1.4 1.8 1.8 2.3 3.0 0.5 0.67 0.84 1.13 1.48 1.48 1.97 2.7 0.47 0.63 0.84 1.13 1.41 1.41 1.86 2.54 3.56 IR 20 kHz 70 C (A) 2.7 3.6 4.7 5.8 7.4 6.8 8.7 11.7 15.5 1.15 1.5 1.9 2.65 3.4 3.4 4.4 5.7 0.94 1.27 1.59 2.14 2.8 2.8 3.73 5.11 0.89 1.29 1.59 2.14 2.67 2.67 3.52 4.81 6.75 IL1 1 min (mA) 0.28 0.41 0.60 0.90 1.32 1.32 1.98 2.82 4.08 0.15 0.23 0.33 0.49 0.70 0.70 1.02 1.50 0.11 0.16 0.23 0.34 0.50 0.50 0.75 1.06 0.11 0.16 0.24 0.36 0.52 0.52 0.79 1.12 1.63 IL5 5 min (mA) 0.10 0.14 0.20 0.30 0.44 0.44 0.66 0.94 1.36 0.05 0.08 0.11 0.17 0.24 0.24 0.34 0.50 0.04 0.06 0.08 0.11 0.17 0.17 0.25 0.36 0.04 0.06 0.08 0.12 0.17 0.17 0.26 0.37 0.54 ESR 100 Hz (m) 247 170 123 94 69 81 59 42 32 1800 1100 750 500 360 420 250 170 2370 1640 1275 850 580 580 385 270 2700 1875 1275 850 650 650 435 305 210 Z 10 kHz (m) 172 116 88 71 55 65 48 36 28 1300 850 550 400 290 350 190 140 1550 1100 950 635 430 430 300 215 2125 1470 1000 665 450 450 315 225 155 ORDERING CODE MALPEYV00AV347L02W MALPEYV00AB368L02W MALPEYV00BB410L02W MALPEYV00CB415L02W MALPEYV00CD422L02W MALPEYV00DB422L02W MALPEYV00DD433L02W MALPEYV00DG447L02W MALPEYV00DM468L02W MALPEYV00AV310N02W MALPEYV00AB315N02W MALPEYV00BB322N02W MALPEYV00CB333N02W MALPEYV00CD347N02W MALPEYV00DB347N02W MALPEYV00DD368N02W MALPEYV00DG410N02W MALPEYV00AV247R02W MALPEYV00AB268R02W MALPEYV00BB310R02W MALPEYV00CB315R02W MALPEYV00CD322R02W MALPEYV00DB322R02W MALPEYV00DD333R02W MALPEYV00DG347R02W MALPEYV00AV247X02W MALPEYV00AB268X02W MALPEYV00BB310X02W MALPEYV00CB315X02W MALPEYV00CD322X02W MALPEYV00DB322X02W MALPEYV00DD333X02W MALPEYV00DG347X02W MALPEYV00DM368X02W
Vishay Roederstein
100
250
385
400
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Conditions 250 V versions 385 V versions Us = 1.15 x UR Us = 1.1 x UR Urev 1 V After 1 minute at UR After 5 minutes at UR Case O D = 25 mm Equivalent series inductance (ESL) Case O D = 30 and 35 mm Case O D = 40 mm IL1 0.006 CR x UR + 4 A IL5 0.002 CR x UR + 4 A max. 25 nH max. 30 nH max. 35 nH Value
N
O T
Surge voltage
Reverse voltage
Current
Leakage current Inductance
FO
Note * 450 V on request
R
N
EW
D
Document Number: 25126 Revision: 21-Aug-08
For technical questions, contact: aluminumcaps2@vishay.com
ES I
G
N
www.vishay.com 5
EYV
Vishay Roederstein
Aluminum Capacitors Power Printed Wiring Style
LIFETIME TABLE rated voltage: 100 V INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (frequency dependent) FREQUENCY (Hz) 50 0.19 0.38 0.56 0.75 0.94 1.13 1.31 1.50 1.69 1.88 2.06 2.25 100 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 1.80 2.00 2.20 2.40 250 0.21 0.42 0.63 0.84 1.05 1.26 1.47 1.68 1.89 2.10 2.30 2.51 500 0.22 0.43 0.65 0.86 1.08 1.29 1.51 1.72 1.94 2.15 2.37 2.58 1000 0.22 0.45 0.67 0.89 1.12 1.34 1.56 1.79 2.01 2.23 2.45 2.68 > 2500 0.23 0.47 0.70 0.94 1.17 1.41 1.64 1.87 2.11 2.34 2.58 2.81 SURFACE TEMPERATURE RISE T0 (C) 0.2 0.7 1.5 2.5 3.8 5.4 7.4 9.6 12 15 18 21 40 63 55 45 35 26 18 13 8.3 5.4 3.4 2.1 1.2 LIFETIME MULTIPLIER (depending on I/IR and Ta) AMBIENT TEMPERATURE Ta (C) 45 40 35 29 23 17 13 8.7 5.9 3.9 2.5 1.5 50 26 23 19 15 12 8.6 6.1 4.2 2.8 1.8 1.1 55 17 15 13 10 7.9 5.9 4.2 3.0 2.0 60 11 9.9 8.5 6.9 5.4 4.1 3.0 2.1 65 7.3 6.7 5.7 4.7 3.7 2.9 2.1 1.5 1.0 70 5.0 4.5 3.9 3.3 2.6 2.0 1.5 75 3.4 3.1 2.7 2.3 1.8 1.4 1.1
G
not 70 75 4.2 3.1 2.8 2.4 2.0 1.6 1.2 80 not permitted
ES I
1.1 1.4 60 14 12 11 8.9 7.1 5.5 4.1 2.4 1.7 1.2 65 9.2 8.4 7.3 6.1 4.9 3.1 2.4 1.7 1.3 6.2 5.7 5.0 4.2 2.8 2.2 1.7 1.3
combination permitted
1.3
LIFETIME TABLE rated voltage: > 100 V
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (frequency dependent) FREQUENCY (Hz) 50 0.16 0.31 0.47 0.62 0.78 0.93 1.09 1.24 1.40 1.56 1.71 1.86 2.02 100 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 1.80 2.00 2.20 2.40 2.60 250 0.26 0.51 0.77 1.03 1.29 1.54 1.80 2.06 2.31 2.57 2.83 3.09 3.34 500 0.29 0.58 0.87 1.16 1.45 1.74 2.04 2.33 2.62 2.91 3.20 3.49 3.78 1000 0.31 0.63 0.94 1.25 1.57 1.88 2.19 2.51 2.82 3.13 3.45 3.76 4.07 > 2500 0.33 0.66 0.99 1.32 1.65 1.98 2.31 2.64 2.97 3.30 3.63 3.96 4.29 SURFACE TEMPERATURE RISE T0 (C) 0.2 0.6 1.3 2.3 3.4 5.3 7.2 9.3 12 14 17 19 22 40 78 68 56 43 32 23 16 11 7.4 4.9 2.5 1.6 1.0 LIFETIME MULTIPLIER (depending on I/IR and Ta) AMBIENT TEMPERATURE Ta (C) 45 50 44 37 29 22 16 12 8.0 5.4 2.9 1.9 1.2 50 32 29 24 19 15 11 8.2 5.8 3.2 2.2 1.5 55 21 19 16 13 10 7.8 5.8 4.2 2.3 1.6 1.1 85 1.64 1.53 1.36 1.18 1.00 2.3 2.2 1.9 1.7 1.4 1.1
O T
FO
R
N
EW
Notes IR 100 Hz alternating current (A) at upper category temperature TUC taken from datasheet I User current (A) Ta Ambient temperature of capacitor (C) T0 Surface temperature rise of capacitor caused by AC load (C) L Lifetime multiplier
D
combination
N
Notes IR 100 Hz alternating current (A) at upper category temperature TUC taken from datasheet I User current (A) Ta Ambient temperature of capacitor (C) T0 Surface temperature rise of capacitor caused by AC load (C) L Lifetime multiplier
www.vishay.com 6
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25126 Revision: 21-Aug-08
N
80 85 2.3 2.2 1.9 1.6 1.3 1.0 1.63 1.51 1.33 1.13 1.00
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MALPEYV00AV410J02W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X