Part Number Hot Search : 
SB1508 X0402MF 726LS 66HDS0 TA0288A K4H560 CO700 TDA9331H
Product Description
Full Text Search
 

To Download MAL214097011E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 CRH
Vishay BCcomponents
Aluminum Capacitors SMD (Chip), High Temperature
FEATURES
* Polarized aluminum electrolytic capacitors,
non-solid electrolyte, self healing * SMD-version with base plate, lead (Pb)-free RoHS reflow solderable COMPLIANT * High temperature, 3000 h at 125 C * High capacitance values * Very long useful life: 5000 h at 105 C for case size 12.5 x 12.5 x 13 * Standard 4 pin-version for diameter 12.5 mm * 4 pin-version for diameter 10 mm on request * Charge and discharge proof, no peak current limitation * Lead (Pb)-free and RoHS compliant * ATTENTION: for maximum safe soldering conditions refer to Fig. 4 APPLICATIONS * SMD technology, for high mounting density * Industrial and professional applications * Automotive, general industrial * Smoothing, filtering, buffering * 4 pin-version for high vibration
Fig.1 Component outline
140 CRH 125 C
175 C solid SMD
175 TMP
Lower temp.
153 CRV
150 CRZ
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (L x W x H in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 125 C: case size 10 x 10 x 14 case size 12.5 x 12.5 x 13 Useful life at 125 C: case size 10 x 10 x 14 case size 12.5 x 12.5 x 13 Useful life at 40 C; 1.8 x lR applied: case size 10 x 10 x 14 case size 12.5 x 12.5 x 13 Shelf life at 0 V, 125 C Based on sectional specification Climatic category IEC 60068 VALUE 8 x 8 x 10 to 12.5 x 12.5 x 16 10 to 1000 F 20 % 6.3 to 63 V - 55 to + 125 C 1000 hours 2000 hours 1500 hours 3000 hours 150 000 hours 300 000 hours 1000 hours IEC 60384-18/CECC32300 55/125/56
MARKING
* * * * Rated capacitance (in F) Rated voltage (in V) Date code, in accordance with IEC 60062 Black mark or `-' sign indicating the cathode (the anode is identified by bevelled edges)
* Code indicating group number (H)
PACKAGING
Supplied in blister tape on reel
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (L x W x H in mm)
CR (F) 10 22 33 47 68 100 150 220 330 470 680 1000 UR (V) 6.3 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 12.5 x 12.5 x 13 12.5 x 12.5 x 16 16 8 x 8 x 10 10 x 10 x 14 12.5 x 12.5 x 13 12.5 x 12.5 x 16 25 8 x 8 x 10 10 x 10 x 10 12.5 x 12.5 x 13 12.5 x 12.5 x 16 35 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 12.5 x 12.5 x 13 12.5 x 12.5 x 13 12.5 x 12.5 x 16 50 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 12.5 x 12.5 x 13 12.5 x 12.5 x 16 63 8 x 8 x 10 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 12.5 x 12.5 x 13 12.5 x 12.5 x 16 -
www.vishay.com 66
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28396 Revision: 24-Oct-08
140 CRH
Aluminum Capacitors SMD (Chip), High Temperature
10 x 10 x 14 mm 2-pin:
Hmax 0.3max
Vishay BCcomponents
min. 0.4/max. 1.0 (2 x)
min. 0.4/max. 1.0 (2 x)
12.5 x 12.5 x 13 mm 4-pin:
Hmax 0.3max
25V 2200u L4-H
W B
25V 2200u L4-H
D
D
W B
L1
S
L
L1
S
RL
T
Fig.2 Dimensional outline Table 1
DIMENSIONS in millimeters AND MASS
NOMINAL CASE SIZE LxWxH 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 12.5 x 12.5 x 13 12.5 x 12.5 x 16 Table 2 CASE CODE 0810 1010 1014 1213 1216 Lmax. 8.5 10.5 10.5 12.8 12.8 Wmax. 8.5 10.5 10.5 12.8 12.8 Hmax. 10.5 10.5 14.3 14.0 16.5 OD 8.0 10.0 10.0 12.5 12.5 Bmax. 1.0 1.0 1.0 1.3 1.3 S 2.2 3.5 3.5 3.6 3.6 L1max. 9.9 11.8 11.8 14.9 14.9 R 0.1 3.7 3.7 T 0.1 2.4 2.4 MASS (g) 1.0 1.3 1.5 2.6 2.8
TAPE AND REEL DIMENSIONS in millimeters, PACKAGING QUANTITIES
NOMINAL CASE SIZE LxWxH 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 12.5 x 12.5 x 13 12.5 x 12.5 x 16 CASE CODE 0810 1010 1014 1213 1216 PITCH P1 16 16 16 20 24 TAPE WIDTH W 24 24 24 24 32 TAPE THICKNESS T2 11.3 11.3 14.8 15.5 17.5 REEL DIAMETER 380 380 330 380 380 PACKAGING QUANTITY PER REEL 500 500 250 250 200
Note Detailed tape dimensions see section `PACKAGING'.
MOUNTING
The capacitors are designed for automatic placement on to printed-circuit boards. Optimum dimensions of soldering pads depend amongst others on soldering method, mounting accuracy, print layout and/or adjacent components. For recommended soldering pad dimensions, refer to Fig.3 and Table 3.
SOLDERING
Soldering conditions are defined by the curve, temperature versus time, where the temperature is that measured on the component during processing. For maximum conditions refer to Fig.4. Any temperature versus time curve which does not exceed the specified maximum curves may be applied.
AS A GENERAL PRINCIPLE, TEMPERATURE AND DURATION SHALL BE THE MINIMUM NECESSARY REQUIRED TO ENSURE GOOD SOLDERING CONNECTIONS. HOWEVER, THE SPECIFIED MAXIMUM CURVES SHOULD NEVER BE EXCEEDED.
Document Number: 28396 Revision: 24-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 67
140 CRH
Vishay BCcomponents
Aluminum Capacitors SMD (Chip), High Temperature
e d b b f d a c a a c a
Case size O D 10 mm
Case size O D 12.5 mm
Fig.3 Recommended soldering pad dimensions Table 3
RECOMMENDED SOLDERING PAD DIMENSIONS in millimeters
CASE CODE 0810 1010 1014 1213 1216 a 3.5 4.3 4.3 5.5 5.5 b 2.5 2.5 2.5 2.5 2.5 c 3.0 4.0 4.0 4.0 4.0 d 4.2 4.2 e 5.0 5.0 f 5.6 5.6
T (C) TPeak 230 217 200 t4 t3
150 t1 t2
time (s)
Fig.4 Maximum temperature load during reflow soldering Table 4
REFLOW SOLDERING CONDITIONS
PROFILE FEATURES Max. time from 25 C to TPeak Max. ramp-up rate to 150 C Max. time from 150 C to 200 C, (t1) Ramp up rate from 200 C to TPeak Max. time from 200 C to 217 C, (t2) Max. time above TLiquidus (217 C) (t3) Max. time above 230 C (t4) Peak temperature TPeak Max. time above TPeak minus 5 C Max. ramp-down rate from TLiquidus CASE CODE 0810 to 1014 240 s 3 K/s 150 s 0.5 K/s to 3 K/s 60 s 90 s 40 s 250 C 5s 6 K/s CASE CODE 1213 to 1216 200 s 3 K/s 120 s 0.5 K/s to 3 K/s 60 s 60 s 30 s 240 C 10 s 6 K/s
Note Temperature measuring point on top of the case and terminals max. 2 runs with pause of min. 30 min in between www.vishay.com 68 For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28396 Revision: 24-Oct-08
140 CRH
Aluminum Capacitors SMD (Chip), High Temperature
ELECTRICAL DATA
SYMBOL CR IR IL2 tan Z DESCRIPTION rated capacitance at 100 Hz, tolerance 20 % rated RMS ripple current at 100 kHz, 125 C max. leakage current after 2 minutes at UR max. dissipation factor at 100 Hz max. impedance at 100 kHz
Vishay BCcomponents
ORDERING EXAMPLE
Electrolytic capacitor 140 CRH series 100 F/50 V; 20 % Nominal case size: 10 x 10 x 14 mm; taped on reel Ordering Code: MAL214097102E3 Former 12NC: 2222 140 97102
Note Unless otherwise specified, all electrical values in Table 4 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 % Table 5
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR (F) 330 470 680 220 330 470 680 1000 150 330 470 680 100 220 330 470 68 100 150 220 330 470 47 68 100 220 330 10 22 33 47 68 100 220 NOMINAL CASE SIZE LxWxH (mm) 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 12.5 x 12.5 x13 12.5 x 12.5 x 16 8 x 8 x 10 10 x 10 x 14 12.5 x 12.5 x 13 12.5 x 12.5 x 16 8 x 8 x 10 10 x 10 x 10 12.5 x 12.5 x 13 12.5 x 12.5 x 16 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 12.5 x 12.5 x 13 12.5 x 12.5 x 13 12.5 x 12.5 x 16 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 12.5 x 12.5 x 13 12.5 x 12.5 x 16 8 x 8 x 10 8 x 8 x 10 8 x 8 x 10 10 x 10 x 10 10 x 10 x 14 12.5 x 12.5 x 13 12.5 x 12.5 x 16 IR 100 kHz 125 C (mA) 180 300 430 180 300 430 750 900 180 430 750 900 180 300 750 900 180 255 317 750 750 900 145 205 255 750 900 145 145 145 205 255 500 600 IL2 2 min (A) 21 30 43 22 33 47 68 100 24 53 75 108 25 55 82 117 24 35 53 77 115 164 24 34 50 110 165 6.3 14 21 30 43 63 138 tan 100 Hz 0.30 0.30 0.30 0.26 0.26 0.26 0.22 0.22 0.22 0.22 0.18 0.18 0.18 0.18 0.16 0.16 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.14 Z 100 kHz 20 C () 0.40 0.25 0.12 0.40 0.25 0.12 0.12 0.09 0.40 0.20 0.12 0.09 0.40 0.25 0.12 0.09 0.40 0.25 0.20 0.12 0.12 0.09 0.70 0.50 0.40 0.23 0.18 0.70 0.70 0.70 0.50 0.40 0.25 0.20 ORDERING CODE MAL2140....... 97303E3 97301E3 97302E3 97403E3 97401E3 97402E3 97411E3 97412E3 97502E3 97501E3 97511E3 97512E3 97602E3 97601E3 97611E3 97612E3 97003E3 97001E3 97002E3 97011E3 97012E3 97013E3 97103E3 97101E3 97102E3 97111E3 97112E3 97805E3 97803E3 97804E3 97801E3 97802E3 97811E3 97812E3
6.3
10
16
25
35
50
63
Document Number: 28396 Revision: 24-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 69
140 CRH
Vishay BCcomponents
Aluminum Capacitors SMD (Chip), High Temperature
ADDITIONAL ELECTRICAL DATA
PARAMETER Voltage Surge voltage for short periods Reverse voltage for short periods Current Leakage current Inductance O D = 8 mm Equivalent series inductance (ESL) O D = 10 mm O D 12.5 mm Resistance Equivalent series resistance (ESR) at 100 Hz Calculated from tan max. and CR (see Table 4) ESR = tan /2 f CR typ. 6 nH typ. 8 nH typ. 11 nH After 2 minutes at UR IL2 0.0 x CR x UR IEC 60384-18, subclause 4.14 IEC 60384-18, subclause 4.16 Us 1.15 x UR Urev 1 V CONDITIONS VALUE
CAPACITANCE (C)
1.2 C C0 1.1
DISSIPATION FACTOR (tan )
10 Tan Tan0
1 2
1.0
1
0.9
2 1 Curve 1: 10 V Curve 2: 63 V 0.1 - 40 - 20 0 20 40 60 80 100 120 Tamb (C) - 60 - 40 - 20 0 20 40 60 80 100 120 140 Tamb (C)
0.8 - 60
C0 = capacitance at 20 C, 100 Hz
tan 0 = typical tan at 20 C, 100 Hz
Fig.5
Typical multiplier of capacitance as function of ambient temperature
Fig.6
Multiplier of dissipation factor (tan ) as function of ambient temperature
www.vishay.com 70
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28396 Revision: 24-Oct-08
140 CRH
Aluminum Capacitors SMD (Chip), High Temperature
Vishay BCcomponents
EQUIVALENT SERIES RESISTANCE (ESR)
10 Curve 1: O = 8 mm, 10 mm Curve 2: O = 12.5 mm
IMPEDANCE (ESR)
10
2
Z () 10
ESR ESR0
Curve 1: 100-25-0810 Curve 2: 220-25-1010 Curve 3: 330-25-1213 Curve 4: 470-25-1216
1 2 1
1 1 2 3 4
0.1
0.1 10 10
2
0.01 10
3
10
4
ESR0 = typical ESR at 20 C, 100 Hz
f (Hz) 10 Tamb 20 C
5
10
10
2
10
3
10
4
f (Hz) 10 Tamb 20 C
5
Fig.7
Typical multiplier of ESR as function of frequency
Fig.8
Typical impedance as function of frequency
10 Z ( ) 10
3
10 Curve 1: 68-35-0810 Curve 2: 100-35-1010 Curve 3: 150-35-1014 Curve 4: 330-35-1213 Curve 5: 470-35-1216 Z ( ) 10
3
2
2
Curve 1: 33-63-0810 Curve 2: 47-63-1010 Curve 3: 68-63-1014 Curve 4: 100-63-1213 Curve 4: 220-63-1216 1
10
10 1 2 3 4 5
1
1
2 3 4 5
10 -
1
10 10
2
1
10
10
3
10
4
f (Hz) 10 Tamb 20 C
5
10
10
2
10
3
10
4
f (Hz) 10 Tamb 20 C
5
Fig.9
Typical impedance as function of frequency
Fig.10
Typical impedance as function of frequency
Document Number: 28396 Revision: 24-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 71
140 CRH
Vishay BCcomponents
Aluminum Capacitors SMD (Chip), High Temperature
RIPPLE CURRENT AND USEFUL LIFE
I A 4.3 IR 4.2 4.1 4.0 3.9 3.8 3.7 3.6 3.5 3.4 3.3 3.2 3.1 3.0 lifetime multiplier 2.8 MBC242
1. 0
2.6
1. 5 2. 0
2.4
3. 0 4. 0
2.2
6.
IA = actual ripple current at 100 kHz IR = rated ripple current at 100 kHz, 125 C
(1)
0 8.
2.0
0 12
1.8
20 30
Useful life at 125 C and IR applied: case code 1014: 1500 h case code 1014: 3000 h
1.6
60
1.4 1.2 1.0 0.8 0.5 0.0 40
10 0
(1)
20 0 40 0
50 60 70 80 90 100 110 120
130 Tamb (C)
Fig.11 Multiplier of useful life as a function of ambient temperature and ripple current load
Table 6
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 300 1000 3000 10 000 30 000 100 000 IR MULTIPLIER UR = 6.3 to 25 V 0.60 0.70 0.80 0.85 0.90 0.95 0.97 1.00 UR = 35 and 50 V 0.45 0.60 0.75 0.85 0.90 0.95 0.97 1.00 UR = 63 V 0.40 0.55 0.70 0.85 0.90 0.95 0.97 1.00
www.vishay.com 72
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28396 Revision: 24-Oct-08
140 CRH
Aluminum Capacitors SMD (Chip), High Temperature
Table 7
Vishay BCcomponents
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Mounting REFERENCE IEC 60384-18, subclause 4.3 PROCEDURE (quick reference) shall be performed prior to tests mentioned below; reflow soldering; for maximum temperature load refer to chapter "Mounting" Tamb = 125 C; UR applied; case size 10 x 10 x 14: 1000 h case size 12.5 x 12.5 x 13: 2000 h Tamb = 125 C; UR and IR applied; case size 10 x 10 x 14: 1500 h case size 12.5 x 12.5 x 13: 3000 h REQUIREMENTS C/C: 5 % tan spec. limit IL2 spec. limit
Endurance
IEC 60384-18/ CECC 32 300, subclause 4.15 CECC 30301, subclause 1.8.1
UR = 6.3 V; C/C: 25 % UR 10 V; C/C: 20 % tan 2 x spec. limit IL2 spec. limit C/C: 50 % tan 3 x spec. limit IL2 spec. limit no short or open circuit' total failure percentage: 1 % for requirements see `Endurance test' above
Useful life
Shelf life (storage at high temperature) Reverse voltage
IEC 60384-18/ CECC 32 300, subclause 4.17 IEC 60384-18/ CECC 32 300, subclause 4.16
Tamb = 125 C; no voltage applied; 1000 h after test: UR to be applied for 30 min, 24 to 48 h before measurement Tamb = 125 C: 125 h at U = - 0.5 V, followed by 125 h at UR
C/C: 15 % tan 1.5 x spec. limit IL2 spec. limit
Document Number: 28396 Revision: 24-Oct-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 73
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL214097011E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X