Part Number Hot Search : 
M100G 21KD20 N74F3037 A3130 13374 100AC IRFU3303 DS1387
Product Description
Full Text Search
 

To Download LME12W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
LME12W
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
Features
LOW POWER CONSUMPTION. POPULAR T-1 3/4 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute maximum ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Lead Solder Temperature [5mm Below Package Base] VR IF iFS PT TA Tstg ME (InGaAlP) 5 30 195 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR ME (InGaAlP) 2.0 2.5 10 Unit V V uA
p
630
nm
D
621
nm
260C For 3 Seconds 260C For 5 Seconds
20
nm
C
25
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 4990
Wavelength nm P
Viewing Angle 2 1/2
LME12W
Red
InGaAlP
Water Clear
1500
630
20
Published Date : MAR 26, 2008
Drawing No : SDSA3585
V7
Checked : B.L.LIU
P.1/4
Part Number:
LME12W
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
ME
Published Date : MAR 26, 2008
Drawing No : SDSA3585
V7
Checked : B.L.LIU
P.2/4
Part Number:
LME12W
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 26, 2008
Drawing No : SDSA3585
V7
Checked : B.L.LIU
P.3/4
Part Number:
LME12W
www.SunLED.com
T-1 3/4 (5mm) SOLID STATE LAMP
PACKING & LABEL SPECIFICATIONS
LME12W
Published Date : MAR 26, 2008
Drawing No : SDSA3585
V7
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of LME12W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X