Part Number Hot Search : 
F30U60 AMS431LC DS28EL25 ES51988 46VLA ST16N10 TG110 STPS1
Product Description
Full Text Search
 

To Download LBS12102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
121MHz SAW Filter 3MHz Bandwidth
Part Number: LBS12102
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth 50 dB Bandwidth Passband Variation Absolute Delay f01.95MHz f02.15MHz Ultimate Rejection f02.55MHz f06.55MHz Material Temperature coefficient Ambient Temperature Package Size
Unit
MHz dB MHz MHz MHz MHz dB usec
Minimum
120.9 3.05 35 45 50 55
Typical
121 23 2.92 3.1 3.9 4.06 0.9 3.46 47 50 50 60 0.121 25
Maximum
121.1 28 1.2 4 -
dB dB dB dB
KHz/C C
DIP3512 (35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
INPUT 50 C1
L1
L2
L1=L2=120nH
OUTPUT 50 C2
Notes - Component values may change depending on board layout.
C1=C2=36pF Source/Load Impedance=50 ohm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS12102 2006-8-9 1.0 Page 1/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
121MHz SAW Filter 3MHz Bandwidth
Part Number: LBS12102
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
35.000.5 12.800.5 4.7 4.5
0.450.05
2.540.2
7.620.2
3 6
2 1
4 5
25.400.2
2.540.2
Input Output Ground
1 5 2346
Package: DIP3512
Unit: mm
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS12102 2006-8-9 1.0 Page 2/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
121MHz SAW Filter 3MHz Bandwidth
Part Number: LBS12102
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-12.9338
-20.5
Passband Respond
-22.9338
-21
-32.9338
-21.5
-42.9338
-22
-52.9338
-22.5
-23
-62.9338
-23.5
-72.9338
-24
-82.9338
-24.5
-92.9338
-25
-102.9338 113.5
119
119.5
120
120.5
121
121.5
122
122.5
123
115
116.5
118
119.5
121
122.5
124
125.5
127
128.5
Group Delay Variation(f01.3MHz)
Phase Linearity(f01.3MHz)
Smith Chart S11
Smith Chart S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBS12102 2006-8-9 1.0 Page 3/3
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBS12102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X