Part Number Hot Search : 
2SK356 LM353 AN1483 ALN1954 C2688 0E226 330K35 15FM7
Product Description
Full Text Search
 

To Download LANC2405DUW8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LANC8UW Ultra Wide Series
Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage FEATURES APPLICATIONS
Measurement 8 Watts Output Power Wireless Network High Efficiency up to 88% Telecom/Datacom Output Current up to 2.4A Industry Control System Five-Sided Continuous Shield Semiconductor Equipment 4:1 Ultra Wide Input Voltage Range Fixed Switching Frequency (300KHz) Standard 1.25 x 0.8 x 0.4 Inch Package ISO9001 Certified Manufacturing Facilities Compliant to RoHS EU Directive 2002/95/EC Standard 24 Pin DIP Package & SMT Type Package
SPECIFICATIONS: LANC8UW Ultra Wide Series
All specifications apply @ 25C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 24V nominal input .......................... 9-36VDC 48V nominal input ........................ 18-75VDC Input Filter ....................................................................................... Pi Type Input Voltage Variation..................... dv/dt ................................ 5V/ms max Complies with ETS300 132 part 4.4) Input Surge Voltage (100ms max) ...... 24V input ...........................50VDC 48V input .........................100VDC Input Reflected Ripple Current (nominal Vin and full load) ...........20mAp-p Start Up Time (nominal Vin and constant resistive load) ...........450ms typ. Start Up Voltage................... 24V ......................................................9VDC 48V ....................................................18VDC Shutdown Voltage................ 24V ......................................................8VDC 48V ....................................................16VDC Remote ON/OFF (See Note 6) DC-DC ON .............Open or 3.5V < Vr < 12V DC-DC OFF .............Short or 0V < Vr < 1.2V Input Current of Remote Control Pin (nominal Vin) ........ -0.5mA ~ +0.5mA Remote Off State Input Current (nominal Vin) ..................................2.5mA
PROTECTION SPECIFICATIONS
Over Voltage Protection (single output) ........... 3.3V Output................. 3.9V 5.0V Output................. 6.2V 12V Output................... 15V 15V Output................... 18V Over Load Protection (% of full load at nominal input) ................. 150% typ. Short Circuit Protection...............................Continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table Switching Frequency .................................................................300KHz typ. Isolation Voltage Input to Output ............................................................... 1600VDC min. Input (Output) to Case (DIP).......................................... 1600VDC min. Input (Output) to Case (SMT) ........................................ 1000VDC min. Isolation Resistance ...............................................................10 ohms min. Isolation Capacitance ............................................................. 1500pF max.
9
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature Vo = 5V, 12V, 15V, 12V, 15V .............. -40C to +81C (w/o derating) +81C to 105C (w/ derating) Vo = 3.3, 5V............................................. -40C to +74C (w/o derating) +74 to +105C (w/ derating) Storage Temperature .......................................................... -55C ~ +125C Maximum Case Temperature ............................................................. 105C Relative Humidity (non-condensing) .....................................5% to 95% RH Thermal Impedance (Natural Convection) ................................. 20C / Watt Thermal Shock .................................................................... MIL-STD-810D Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z MTBF (See Note 1) ........BELLCORE-TR-NWT-000332 ....... 2.35 x 10 hrs 6 MIL-STD-217F ............................. 1.078 x 10 hrs
6
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table Voltage Accuracy (nominal Vin and full load) ...................................... 1% Output Current ..............................................................................see table Output Power .......................................................................... 8 watts max. Line Regulation (LL to HL at FL)....................................................... 0.2% Load Regulation (no load to full load) ...... Single Output (DIP) ....... 0.5% Single Output (SMT).......... 1% Dual Output (SMT, DIP) .... 1% Cross Regulation (Dual) (Asymmetrical load 25% / 100% FL) ............ 5% Minimum Load ....................................................................................... 0% Ripple/Noise (20 MHz BW) ...........................................................50mVp-p Temperature Coefficient ................................................. 0.02% / C max. Transient Response Recovery Time (25% load step) ...................... 250us
PHYSICAL SPECIFICATIONS
Weight ..................................................................................... 18g (0.63 oz) Dimensions................... 1.25 x 0.80 x 0.40 inches (31.8 x 20.3 x 10.2 mm) Case Material ..............................................................Nickel-coated copper Base Material...................................................Non-conductive black plastic Potting material..................................................................Epoxy (UL94-V0) Shielding..................................................................................... five - sided
Due to advances in technology, specifications subject to change without notice Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LANC8UW Ultra Wide Series
Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage SAFETY & EMC
Approvals and Standards................. IEC60950-1, UL60950-1, EN60950-1 EMI (See Note 7) ............... EN55022............................................. Class A 8KV ......Perf. Criteria B ESD.................... EN61000-4-2........ Air Contact 6KV Radiated Immunity........... EN61000-4-3...............10V/m Perf. Criteria A Fast Transient.................. EN61000-4-4 ................... 2KV Perf. Criteria B Surge (See Note 8).......... EN61000-4-5.................1KV Perf. Criteria B Conducted Immunity...... EN61000-4-6.............10 Vrms Perf. Criteria A
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number LANC2433UW8 LANC2405UW8 LANC2412UW8 LANC2415UW8 LANC2405DUW8 LANC2412DUW8 LANC2415DUW8 LANC4833UW8 LANC4805UW8 LANC4812UW8 LANC4815UW8 LANC4805DUW8 LANC4812DUW8 LANC4815DUW8 Input Range
Output Current Output Output Voltage Min. load Full load Ripple & Noise 3.3 VDC 0mA 2400mA 50mVp-p 5 VDC 0mA 1600mA 50mVp-p 24VDC 12 VDC 0mA 666mA 50mVp-p 0mA 533mA 50mVp-p (9 - 36 VDC) 15 VDC 5 VDC 0mA 800mA 50mVp-p 12 VDC 0mA 333mA 50mVp-p 15 VDC 0mA 267mA 50mVp-p 3.3 VDC 0mA 2400mA 50mVp-p 5 VDC 0mA 1600mA 50mVp-p 48VDC 12 VDC 0mA 666mA 50mVp-p 0mA 533mA 50mVp-p (18 - 75 VDC) 15 VDC 5 VDC 0mA 800mA 50mVp-p 12 VDC 0mA 333mA 50mVp-p 15 VDC 0mA 267mA 50mVp-p
(2)
(5) Input Current (4) Capacitor (3) (2) Efficiency Load max No load Full load
40mA 40mA 25mA 25mA 20mA 25mA 25mA 20mA 20mA 13mA 13mA 10mA 13mA 13mA
407mA 402mA 407mA 407mA 417mA 407mA 407mA 204mA 201mA 201mA 198mA 208mA 201mA 201mA
85% 87% 86% 86% 84% 86% 86% 85% 87% 87% 88% 84% 87% 87%
1330uF 1330uF 288uF 200uF 900uF 133uF 90uF 1330uF 1330uF 288uF 200uF 900uF 133uF 90uF
NOTES
1. 2. 3. 4. 5. 6. 7. 8. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment) MIL-STD-217F Notice2 @Ta=25 C, Full load (Ground, Benign, controlled environment) Maximum value at nominal input voltage and full load. Typical value at nominal input voltage and no load. Typical value at nominal input voltage and full load. Test by minimum Vin and constant resistive load. The ON/OFF control pin voltage is referenced to -Vin. The LANC8UW Series can meet EN55022 Class A with an external capacitor in parallel with the input pins. Recommend: 24Vin: 1F/50V 48Vin: 0.47F/100V An external filter capacitor is required if the module has to meet EN61000-4-5. The filter capacitor Wall Industries suggests: Nippon chemi-con KY Series, 220uF/100V, ESR 48m.
DERATING CURVE & EFFICIENCY GRAPHS
OUTPUT POW ER(% )
120 100 80 60 40 20 0 -40 -20 0 20 40 60
81 80
LANC4805UW8 Derating Curve FKC08-48S05W Derating Curve
100
120
95 90 85 80 75 70 65
FKC08-48S05W LANC4805UW8 Efficiency VS Input Voltage Efficiency vs Input Voltage
AMBIENT TEMPERATURE()
95 90 85 80 75 70 65
FKC08-48S05W LANC4805UW8 Efficiency VS vs Output Load Efficiency Output Load
18
24
30
36
42
48
54
60
66
72
75
EFFICENCY(%)
EFFICENCY(%)
Vin(V)
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LANC8UW Ultra Wide Series
Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage MECHANICAL DRAWING
1. All dimensions are in inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01 (0.25)
DIP TYPE
0.100 (2.54)
Pin size is 0.02 (0.5) Dia or 0.01 x 0.02 (0.25 x 0.50) Rectangular Pin 1.00 (25.4) 0.92 (23.4) 0.02 (0.5) 24 1
SMT TYPE
(add suffix "S") 0.100 (2.54) 0.44 (11.2) 0.43(10.9)
0.08 (2.0) 1 2 3
0.800 (20.32)
1.25 (31.8)
16 14
9 11 0.15 (3.8) 0.40 (10.2) Pin Area 0.04 x 0.02 (1.0 x 0.5) 16 13
BOTTOM VIEW
9 12 0.80 (20.3) 0.25 (6.4)
0.600 (15.24) 0.80 (20.3)
(DIP) PIN CONNECTION
PIN 1 2 3 9 11 SINGLE CTRL -INPUT -INPUT NC NC DUAL CTRL -INPUT -INPUT COMMON -OUTPUT PIN 23 22 16 14 SINGLE +INPUT +INPUT DUAL +INPUT +INPUT PIN 1 2 3 9 11 Others
(SMT) PIN CONNECTION
SINGLE CTRL -INPUT -INPUT NC NC NC DUAL CTRL -INPUT -INPUT PIN 23 22 SINGLE +INPUT +INPUT DUAL +INPUT +INPUT
-OUTPUT COMMON +OUTPUT +OUTPUT
COMMON 16 -OUTPUT 14 NC Others
-OUTPUT COMMON +OUTPUT +OUTPUT NC NC
FIGURE 1
Recommended Filter for EN55022 Class B Compliance
C3
FIGURE 2
Recommended EN55022 Class B Filter Circuit Layout
INPUT C1 INPUT
4
L1
3
+Vin C2 -Vin
+Vout Load -Vout
LANC8UW SERIES
1
2
D/D Converter
C4
The components used in the Figure 1, together with the manufacturers' part numbers for these components, are as follows: C1
LANC24xxUW8 4.7uF/50V
C2
N/A
C3
C4
L1
325uH 1000pF/2KV 1000pF/2KV Common Choke 1000pF/2KV 1000pF/2KV 325uH Common Choke
LANC48xxUW8 1.5uF/100V 1.5uF/100V
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
1.26 (32.0)
BOTTOM VIEW
0.200 (5.08)
20
5
0.15 (3.8)
23 22


▲Up To Search▲   

 
Price & Availability of LANC2405DUW8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X