Part Number Hot Search : 
M35V6 SD1080 CM312 BAXXCC0T 24VDC MMC4043 H45N03E 1232034
Product Description
Full Text Search
 

To Download IRFP9140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFP9140, SiHFP9140
Vishay Siliconix
Power MOSFET
PRODUCT SUMMARY
VDS (V) RDS(on) () Qg (Max.) (nC) Qgs (nC) Qgd (nC) Configuration VGS = - 10 V 61 14 29 Single
S
FEATURES
- 100 0.20
* * * * * * * *
Dynamic dV/dt Rating Repetitive Avalanche Rated P-Channel Isolated Central Mounting Hole 175 C Operating Temperature Fast Switching Ease of Paralleling Lead (Pb)-free Available
RoHS
COMPLIANT
TO-247
G
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of TO-220 devices. The TO-247 is similar but superior to the earlier TO-218 package because of its isolated mouting hole. It also provides greater creepage distance between pins to meet the requirements of most safety specifications.
S D G D P-Channel MOSFET
ORDERING INFORMATION
Package Lead (Pb)-free SnPb TO-247 IRFP9140PbF SiHFP9140-E3 IRFP9140 SiHFP9140
ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Currenta Linear Derating Factor Single Pulse Avalanche Energyb Repetitive Avalanche Currenta Repetitive Avalanche Energya Maximum Power Dissipation Peak Diode Recovery dV/dtc Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature) Mounting Torque VGS at - 10 V TC = 25 C TC = 100 C SYMBOL VDS VGS ID IDM EAS IAR EAR PD dV/dt TJ, Tstg LIMIT - 100 20 - 21 - 15 - 84 1.2 960 - 21 18 180 - 5.5 - 55 to + 175 300d 10 1.1 UNIT V
A W/C mJ A mJ W V/ns C lbf * in N*m
TC = 25 C
for 10 s 6-32 or M3 screw
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. VDD = - 25 V, starting TJ = 25 C, L = 3.3 mH, RG = 25 , IAS = - 21 A (see fig. 12). c. ISD - 21 A, dI/dt 200 A/s, VDD VDS, TJ 175 C. d. 1.6 mm from case. * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 91238 S-Pending-Rev. A, 26-Jun-08 www.vishay.com 1
WORK-IN-PROGRESS
IRFP9140, SiHFP9140
Vishay Siliconix
THERMAL RESISTANCE RATINGS
PARAMETER Maximum Junction-to-Ambient Case-to-Sink, Flat, Greased Surface Maximum Junction-to-Case (Drain) SYMBOL RthJA RthCS RthJC TYP. 0.24 MAX. 40 0.83 C/W UNIT
SPECIFICATIONS TJ = 25 C, unless otherwise noted
PARAMETER Static Drain-Source Breakdown Voltage VDS Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Drain-Source On-State Resistance Forward Transconductance Dynamic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulsed Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Forward Turn-On Time IS ISM VSD trr Qrr ton MOSFET symbol showing the integral reverse p - n junction diode
D
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS VDS/TJ VGS(th) IGSS IDSS RDS(on) gfs
VGS = 0 V, ID = - 250 A Reference to 25 C, ID = - 1 mA VDS = VGS, ID = - 250 A VGS = 20 V VDS = - 100 V, VGS = 0 V VDS = - 80 V, VGS = 0 V, TJ = 150 C VGS = - 10 V ID = - 13 Ab VDS = - 50 V, ID = - 13 Ab
- 100 - 2.0 6.2
- 0.087 -
- 4.0 100 - 100 - 500 0.20 -
V V/C V nA A S
Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf LD LS
VGS = 0 V, VDS = - 25 V, f = 1.0 MHz, see fig. 5
-
1400 590 140 16 73 34 57 5.0 13
61 14 29 nH ns nC pF
VGS = - 10 V
ID = - 19 A, VDS = - 80 V, see fig. 6 and 13b
-
VDD = - 50 V, ID = - 19 A, RG = 9.1 , RD = 2.4 , see fig. 10b
-
Between lead, 6 mm (0.25") from package and center of die contact
D
-
G
S
-
130 0.35
- 21 A - 84 - 5.0 260 0.70 V ns C
G
S
TJ = 25 C, IS = - 21 A, VGS = 0 Vb TJ = 25 C, IF = - 19 A, dI/dt = 100 A/sb
-
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Pulse width 300 s; duty cycle 2 %.
www.vishay.com 2
Document Number: 91238 S-Pending-Rev. A, 26-Jun-08
IRFP9140, SiHFP9140
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
Fig. 1 - Typical Output Characteristics, TC = 25 C
Fig. 3 - Typical Transfer Characteristics
Fig. 2 - Typical Output Characteristics, TC = 175 C
Fig. 4 - Normalized On-Resistance vs. Temperature
Document Number: 91238 S-Pending-Rev. A, 26-Jun-08
www.vishay.com 3
IRFP9140, SiHFP9140
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Maximum Safe Operating Area
www.vishay.com 4
Document Number: 91238 S-Pending-Rev. A, 26-Jun-08
IRFP9140, SiHFP9140
Vishay Siliconix
RD VDS VGS RG D.U.T. + - 10 V
Pulse width 1 s Duty factor 0.1 %
VDD
Fig. 10a - Switching Time Test Circuit
td(on) VGS 10 %
tr
td(off) tf
90 % VDS
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Document Number: 91238 S-Pending-Rev. A, 26-Jun-08
www.vishay.com 5
IRFP9140, SiHFP9140
Vishay Siliconix
L Vary tp to obtain required IAS RG VDS
IAS
D.U.T IAS
VDS + V DD VDD tp
- 10 V tp 0.01
VDS
Fig. 12a - Unclamped Inductive Test Circuit Fig. 12b - Unclamped Inductive Waveforms
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Current regulator Same type as D.U.T.
50 k
12 V
- 10 V QGS
QG
0.2 F
0.3 F
VG
VGS
- 3 mA
Charge
IG ID Current sampling resistors
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
www.vishay.com 6
Document Number: 91238 S-Pending-Rev. A, 26-Jun-08
+
D.U.T.
-
QGD
VDS
IRFP9140, SiHFP9140
Vishay Siliconix
Peak Diode Recovery dV/dt Test Circuit
+
P.W. Period Ripple 5 %
D.U.T.
Circuit layout considerations * Low stray inductance * Ground plane * Low leakage inductance current transformer
RG
Compliment N-Channel of D.U.T. for driver
Driver gate drive D=
D.U.T. ISD waveform Reverse recovery current Body diode forward current dI/dt D.U.T. VDS waveform Diode recovery dV/dt
Re-applied voltage Inductor current
Body diode forward drop
*
VGS = - 5 V for logic level and - 3 V drive devices Fig. 14 - For P-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91238.
Document Number: 91238 S-Pending-Rev. A, 26-Jun-08
+ + * dV/dt controlled by RG * ISD controlled by duty factor "D" * D.U.T. - device under test
+ - VDD
P.W. Period VGS = - 10 V*
VDD
ISD
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IRFP9140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X