Part Number Hot Search : 
74LS2 L0932 2SK18 18EZP TB7106F OX9162 PEB22504 BC1402
Product Description
Full Text Search
 

To Download IRFBC40AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFBC40AS, SiHFBC40AS
Vishay Siliconix
Power MOSFET
PRODUCT SUMMARY
VDS (V) RDS(on) () Qg (Max.) (nC) Qgs (nC) Qgd (nC) Configuration VGS = 10 V 42 10 20 Single
D
FEATURES
600 1.2
* Low Gate Charge Qg results in Simple Drive Requirement * Improved Gate, Avalanche and Dynamic dV/dt Ruggedness * Fully Characterized Capacitance Avalanche Voltage and Current * Effective Coss Specified * Lead (Pb)-free Available and
Available
RoHS*
COMPLIANT
D2PAK (TO-263)
APPLICATIONS
* Switch Mode Power Supply (SMPS)
G
* Uninterruptible Power Supply * High Speed Power Switching
GD S S N-Channel MOSFET
TYPICAL SMPS TOPOLOGIES
* Single Transistor Forward
ORDERING INFORMATION
Package Lead (Pb)-free SnPb Note a. See device orientation. D2PAK (TO-263) IRFBC40ASPbF SiHFBC40AS-E3 IRFBC40AS SiHFBC40AS D2PAK (TO-263) IRFBC40ASTRLPbFa SiHFBC40ASTL-E3a IRFBC40ASTRLa SiHFBC40ASTLa D2PAK (TO-263) IRFBC40ASTRRPbFa SiHFBC40ASTR-E3a IRFBC40ASTRRa SiHFBC40ASTRa
ABSOLUTE MAXIMUM RATINGS TC = 25 C, unless otherwise noted
PARAMETER Drain-Source Voltage Gate-Source Voltage Continuous Drain Currente Pulsed Drain Currenta, e Linear Derating Factor Single Pulse Avalanche Energyb Repetitive Avalanche Currenta Repetitive Avalanche Energya Maximum Power Dissipation Peak Diode Recovery dV/dtc, e Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature) for 10 s Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Starting TJ = 25 C, L = 29.6 mH, RG = 25 , IAS = 6.2 A (see fig. 12). c. ISD 6.2 A, dI/dt 88 A/s, VDD VDS, TJ 150 C. d. 1.6 mm from case. e. Uses IRFBC40A/SiHFBC40A data and test conditions. * Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 91113 S-Pending-Rev. A, 23-Jun-08 www.vishay.com 1 TC = 25 C EAS IAR EAR PD dV/dt TJ, Tstg VGS at 10 V TC = 25 C TC = 100 C SYMBOL VDS VGS ID IDM LIMIT 600 30 6.2 3.9 25 1.0 570 6.2 13 125 6.0 - 55 to + 150 300d W/C mJ A mJ W V/ns C A UNIT V
WORK-IN-PROGRESS
IRFBC40AS, SiHFBC40AS
Vishay Siliconix
THERMAL RESISTANCE RATINGS
PARAMETER Maximum Junction-to-Ambient Maximum Junction-to-Case (Drain) SYMBOL RthJA RthJC TYP. MAX. 40 1.0 UNIT C/W
SPECIFICATIONS TJ = 25 C, unless otherwise noted
PARAMETER Static Drain-Source Breakdown Voltage VDS Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Drain-Source On-State Resistance Forward Transconductance Dynamic Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulsed Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Forward Turn-On Time IS ISM VSD trr Qrr ton MOSFET symbol showing the integral reverse p - n junction diode
D
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS VDS/TJ VGS(th) IGSS IDSS RDS(on) gfs Ciss Coss Crss Coss Coss eff. Qg Qgs Qgd td(on) tr td(off) tf
VGS = 0 V, ID = 250 A Reference to 25 C, ID = 1 VGS = 30 V VDS = 600 V, VGS = 0 V VDS = 480 V, VGS = 0 V, TJ = 125 C VGS = 10 V ID = 3.7 Ab VDS = 50 V, ID = 3.7 A mAd
600 2.0 3.4
0.66 -
4.0 100 25 250 1.2 -
V V/C V nA A S
VDS = VGS, ID = 250 A
VGS = 0 V, VDS = 25 V, f = 1.0 MHz, see fig. 5 VDS = 1.0 V, f = 1.0 MHz VGS = 0 V VDS = 480 V, f = 1.0 MHz VDS = 0 V to 480 VGS = 10 V Vc
-
1036 136 7.0 1487 36 48 13 23 31 18
42 10 20 ns nC pF
ID = 6.2 A, VDS = 480 V, see fig. 6 and 13b
-
VDD = 300 V, ID = 6.2 A, RG = 9.1 , RD = 47 , see fig. 10b
-
-
431 1.8
6.2 A 25 1.5 647 2.8 V ns C
G
S
TJ = 25 C, IS = 6.2 A, VGS = 0
Vb
TJ = 25 C, IF = 6.2 A, dI/dt = 100 A/sb
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
Notes a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11). b. Pulse width 300 s; duty cycle 2 %. c. COSS eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising fom 0 to 80 % VDS. d. Uses IRHFBC40A/SiHFBC40A data and test conditions.
www.vishay.com 2
Document Number: 91113 S-Pending-Rev. A, 23-Jun-08
IRFBC40AS, SiHFBC40AS
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
Fig. 1 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Document Number: 91113 S-Pending-Rev. A, 23-Jun-08
www.vishay.com 3
IRFBC40AS, SiHFBC40AS
Vishay Siliconix
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Maximum Safe Operating Area
www.vishay.com 4
Document Number: 91113 S-Pending-Rev. A, 23-Jun-08
IRFBC40AS, SiHFBC40AS
Vishay Siliconix
RD VDS VGS RG D.U.T. + - VDD 10 V
Pulse width 1 s Duty factor 0.1 %
Fig. 10a - Switching Time Test Circuit
VDS 90 %
10 % VGS td(on) tr td(off) tf
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
15 V
VDS tp
VDS
L
Driver
RG 20 V tp
D.U.T IAS 0.01
+ A - VDD
IAS
Fig. 12a - Unclamped Inductive Test Circuit Document Number: 91113 S-Pending-Rev. A, 23-Jun-08
Fig. 12b - Unclamped Inductive Waveforms www.vishay.com 5
IRFBC40AS, SiHFBC40AS
Vishay Siliconix
Fig. 12c - Maximum Avalanche Energy vs. Drain Current
Fig. 12d - Maximum Avalanche Energy vs. Drain Current
Current regulator Same type as D.U.T.
50 k
12 V
10 V QGS
QG
0.2 F
0.3 F
QGD D.U.T.
+ -
VDS
VG
VGS
3 mA
Charge
IG ID Current sampling resistors
Fig. 13a - Basic Gate Charge Waveform
Fig. 13b - Gate Charge Test Circuit
www.vishay.com 6
Document Number: 91113 S-Pending-Rev. A, 23-Jun-08
IRFBC40AS, SiHFBC40AS
Vishay Siliconix
Peak Diode Recovery dV/dt Test Circuit
D.U.T
+
Circuit layout considerations * Low stray inductance * Ground plane * Low leakage inductance current transformer
+ +
-
RG
* * * *
dV/dt controlled by RG Driver same type as D.U.T. ISD controlled by duty factor "D" D.U.T. - device under test
+ VDD
Driver gate drive P.W. Period D=
P.W. Period VGS = 10 V*
D.U.T. ISD waveform Reverse recovery current Body diode forward current dI/dt D.U.T. VDS waveform Diode recovery dV/dt
VDD
Re-applied voltage Inductor current
Body diode
forward drop
Ripple 5 %
ISD
* VGS = 5 V for logic level devices
Fig. 14 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91113.
Document Number: 91113 S-Pending-Rev. A, 23-Jun-08
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IRFBC40AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X