Part Number Hot Search : 
CS453 AAT468 340104 SMBJ45A AON6266 VSMBR350 TYN816 TA143
Product Description
Full Text Search
 

To Download IR3316PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD60286_C
IR3316(S)PbF
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Features
* * * * * * * * Load current feedback Programmable over current shutdown Active clamp ESD protection Input referenced to Vcc Over temperature shutdown Switching time optimized for low EMI Reverse battery protection
Product Summary Rds(on) 7 m max. Vcc op. 6 to 26V Current Ratio 8800 Prog. Ishutdown 10 to 90A Vclamp 40V Packages
Description
The IR3316(S)PbF is a fully protected 4 terminals high side switch. The input signal is referenced to Vcc. When the input voltage Vcc - Vin is higher than the specified threshold, the output power Mosfet is turned on. When the Vcc - Vin is lower than the specified Vil threshold, the output Mosfet is turned off. A current proportional to the power Mosfet current is sourced to the Ifb pin. Over current shutdown occurs when Vst-Vin > 4.5V. The current shutdown threshold is adjusted by selecting the proper RIfb. Either over current and over temperature latches off the switch. The device is reset by pulling the input pin high. Other integrated protections (ESD, reverse battery, active clamp) make the switch very rugged in automotive environment.
TO-220 IR3316
DPak Pin 4 and 5 fused IR3316S
Typical Connection
Vcc IN Ifb Current feeback Input
On Off
IR3316S
Battery Out
10k Rifb Logic Ground Power Ground Load
www.irf.com
1
IR3316(S)PbF
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are referenced to Vcc lead. (Tambient=25C unless otherwise specified).
Symbol
Parameter
Min.
-16 -16 -16 -0.3

Max.
37 26 33 37 2.8 100 2 4 0.5 150
Units
V
Vcc-Vin Maximum Vcc voltage Vcc-Vin cont. Maximum continuous Vcc voltage Vcc-Vfb Maximum Ifb voltage Vcc-Vout Maximum output voltage Ids cont. Maximum body diode continuous current Rth=60C/W (1) Ids pulsed Maximum body diode pulsed current (1) Pd Maximum power dissipation Rth=60C/W ESD1 Electrostatic discharge voltage (Human body) C=100pF, R=1500 ESD2 Electrostatic discharge voltage (Machine Model) C=200pF,R=0 Tj max. Max. storage & operating temperature junction temperature Min Rfb Minimum on the resistor on Ifb pin Ifb max. Max. Ifb current (1) Limited by junction temperature. Pulsed is also limited by wiring
A W kV C k mA
-40 0.3 -50
50
Thermal Characteristics
Symbol
Rth1 Rth2 Rth2
Parameter
Thermal resistance junction to ambient D-Pak Std footprint Thermal resistance junction to case D-Pak Thermal resistance junction to case TO220
Typ.
60 0.7 0.7
Max.

Units
C/W
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Iout
Parameter
Min.
Max.
23 7 3.5
Units
A k ms Hz
Continuous output current Tambient=85C, Rth=5C/W, Tj=125C Tambient=85C, Rth=60C/W, Tj=125C Rifb Recommended Ifb resistor (2)(3) Pulse min. Minimum turn-on pulse width Fmax. Maximum operating frequency 2) If Rifb is too low, the device can be damaged. 3) If Rifb is too high, the device may not switch on.
0.5 1
200
www.irf.com
2
IR3316(S)PbF
Protection Characteristics
Tj=25C, Rifb=500 to 5k
Symbol
Vifb-Vin@Isd Tsd OV Isdf Isd_1k Treset Min. pulse WAIT Rds(on) rev.
Parameter
Over-current shutdown threshold Over temperature threshold Over voltage protection (not latched) Fixed over current shutdown Programmable over current shutdown 1k Time to reset protection Min. pulse width (no WAIT state) WAIT function timer Reverse battery On state resistance
Min.
4
Typ.
4.7 165 29 120 40 50 900 1 6.7
Max.
5.6
Units
V C V A s ms m
Test Conditions
See fig. 5 Vifb26 90 30
400 0.4 4
33 140 50 500 2000 2 10
Static Electrical Characteristics
Tj=25C, Vcc=14V (unless otherwise specified)
Symbol
Vcc op. Icc off Iin, on Vih Vil Vhyst Iout
Parameter
Operating Voltage range Supply leakage current On state IN positive current High level Input threshold voltage (4) Low level Input threshold voltage (4) Input hysteresis Vih-Vil Drain to source leakage current
Min.
6
Typ.
Max.
26 5 6 6.2 5.8 1 5
Units
V A mA V A
Test Conditions
Vin=Vcc, Vcc-Vout=14V, Vcc-Vifb=14V Vcc-Vin=14V
1.5 3 5.4 4.9 0.4 1.2
1.5
4 0.2
Vin=Vcc, Vcc-Vifb=0V, Vcc-Vout=14V Rds(on) On state resistance (5) Tj=25C 4 5.5 7 Iout=30A, Vcc-Vin=14V On state resistance (5) Tj=25C 4 6 10 Iout=17A, Vcc-Vin=6V m On state resistance (5)(6) Tj=150C 7 10.5 13.5 Iout=30A, Vcc-Vin=14V Iout=50mA V clamp1 Vcc to Vout clamp voltage 1 36 39 V 40 43 Iout=30A V clamp2 Vcc to Vout clamp voltage 2 (4) Input thresholds are measured directly between the input pin and the tab. Any parasitic resistance in common between the load current path and the input signal path can significantly affect the thresholds. (5) Rdson is measured between the tab and the Out pin, 5mm away from the package. (6) Guaranteed by design
Switching Electrical Characteristics
Vcc=14V, Resistive load=0.5, Tj=25C
Symbol
Tdon Tr1 Tr2 Eon Tdoff Tf Eoff
Parameter
Turn on delay time to 10% Vcc Rise time to Vcc-Vout=5V Rise time to Vcc-Vout=0.1Vcc Turn on energy Turn off delay time Fall time to Vout=10% of Vcc Turn off energy
Min.
30 20 30
Typ.
120 50 80 14 140 100 7
Max.
300 125 200
Units
s mJ s mJ
Test Conditions
See figure 2
30 35
350 250
www.irf.com
3
IR3316(S)PbF
Current Sense Characteristics
Symbol
Ratio Ratio_TC Offset Trst
Parameter
I Load/Iifb current ratio I Load/Iifb variation aver temperature(6) Load current diagnostic offset Ifb response time (low signal)
Min.
7,500 -5 -0.22
Typ.
8,800
Max.
9,950 +5 +0.2
Units
Test Conditions
Tj=25C, Rfb=500, Iout=60A Tj=-40C to 150C Iout=2A 90% of the Iout step
0 1
% A s
Functional Block Diagram
All values are typical
VCC
Charge Pump
Driver
On/Off Fast turn-off 38V 43V
43V
3mA
+ + Reset Set 29V Q
43V
Latch
Wait timer 1 ms 4.7V timer 400s 80 + Iout > 120A Tj > 165C Min. Pulse +
reverse battery protection
IN
IFB OUT
www.irf.com
4
IR3316(S)PbF
Lead Assignments
3- Vcc 3- Vcc
1- In 2- Ifb 3- Vcc (tab) 4- Out(TO220 NC) 5- Out
12345
12
45
DPak TO220
90%
Vcc-Vin Vih Vil Vhyst IN
Icc
Vcc IR3316 Iin Ifb Out
Vcc-Vout Vclamp1 Vclamp2
Vcc-Vin
10%
Tr-in
90% Vcc-5V
Vout
10%
Td on
Td off Tr1 Tr2 Tf
Ifb
Iout Isd
Figure 1 - Voltages and current definitions
Figure 2 - Switching time definitions
www.irf.com
5
IR3316(S)PbF
T clamp
Vin
Vcc-Vin
Iout
T min. pulse
T min. pulse
Vcc
Iout
Wait
Vout
Vcc - V clamp
See Application Notes to evaluate power dissipation
Figure 3 - Active clamp waveforms
Figure 4 - Min. pulse and Wait function
Vcc-Vin
t < T reset
t > T reset Wait
t < T reset
t > T reset Wait
Over-current shutdown
Iout
Over-temperature shutdown
Tj
Figure 5 - Protection Timing Diagrams
www.irf.com
6
IR3316(S)PbF
All curves are typical characteristics. Operation in hatched areas is not recommended. Tj=25C, Rifb=500ohm, Vcc=14V (unless otherwise specified).
10 6
Icc off, supply leakeage current (A)
0 10 20 30 40 50
8
5 4 3 2 1 0 -50 0 50 100 150
Icc, supply current (mA)
6
4
2
0
Vcc-Vin, supply voltage (V) Figure 6 - Icc (mA) Vs Vcc-Vin (V)
Tj, junction temperature (C) Figure 7 - Icc off (A) Vs Tj (C)
200%
6 5
Rds(on), Drain-to-Source On Resistance (Normalized)
150%
Vih, Vil and Vifb-Vin@Isd (V)
4 3 2 1 0
Vifb-Vin@Isd VIH VIL
100%
50% -50 0 50 100 150
-50
-25
0
25
50
75
100 125 150
Tj, junction temperature (C) Figure 8 - Normalized Rds(on) (%) Vs Tj (C)
Tj, junction temperature (C) Figure 9 - Vih, Vil and Vifb-Vin@Isd (V) Vs Tj (C)
www.irf.com
7
IR3316(S)PbF
18 16 14 12
100
With calibration Spec. Max.
Isd, over current shutdown (A)
10 0 20 40 60 80 100 100 1000 10000
Error (+/-A)
10 8 6 4 2 0
I load, load current (A) Figure 10 - Error (+/- A) Vs I load (A)
Rifb, feedback resistor () Figure 11 - Ids (A) Vs Rifb ()
30
60C/W 35C/W
100
Max. output current (A)
20
10
0 -50 0 50 100 150
Max. output current (A)
10 10 100 1000
Tamb., ambient temperature (C) Figure 12 - Max. Iout (A) Vs Tamb. (C)
Inductance (H) Figure 13 - Max. Iout (A) Vs inductance (H)
www.irf.com
8
IR3316(S)PbF
100 Tamb=25C Tamb=100C
100
Zth, transient thermal impedance (C/W)
50C/W free air
Ids, output current (A)
10
5C/W
1
10 1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0.1 1.E-4
1.E-3
1.E-2
1.E-1
1.E+0 1.E+1 1.E+2
Protection response time (s)
Figure 14 - Ids (A) Vs over temperature protection response time (s)
Time (s)
Figure 15 - Transient thermal impedance (C/W) Vs time (s)
www.irf.com
9
IR3316(S)PbF
Case Outline 5 Lead - D2PAK - Automotive Q100 PbF MSL1 qualified
www.irf.com
10
IR3316(S)PbF
Tape & Reel
5 Lead - D2PAK
www.irf.com
11
IR3316(S)PbF
Case Outline 5 Leads - TO220 - Automotive Q100 PbF qualified
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. D2Pak is MSL1 qualified. This product has been designed and qualified for the Automotive [Q100] market. 20/02/2008
www.irf.com
12


▲Up To Search▲   

 
Price & Availability of IR3316PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X