Part Number Hot Search : 
IRF748 CMO5TMA NTE1618 1N6635US TSH240 RC208 T72V3 LVX32
Product Description
Full Text Search
 

To Download IMS02ER100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMS-2
Vishay Dale
Inductors
Commercial, Molded, Shielded, Miniature
FEATURES
* * * * Flame retardant coating Electromagnetic shield Small package for a shielded inductor Epoxy molded construction provides superior moisture protection * Precision performance, excellent reliability, construction
RoHS
COMPLIANT
sturdy
ELECTRICAL SPECIFICATIONS
Inductance Tolerance: 10 % standard. 5 % available Insulation Resistance: 1000 Megohm minimum per MIL-STD-202, Method 302, Test Condition B
Dielectric Withstanding Voltage: 200 VAC per MIL-STD-202, Method 301 (sea level). Percent Coupling: 3 % maximum per MIL-PRF-15305 Operating Temperature Range: - 55 C to + 105 C
STANDARD ELECTRICAL SPECIFICATIONS
IND. (H) 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 TOL. 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % 10 % Q MIN. 54 52 50 49 47 46 44 42 41 41 39 38 37 40 41 43 45 48 49 50 53 54 55 55 57 36 38 40 40 40 41 42 44 44 45 45 40 TEST FREQ. L&Q (MHz) 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 SELF-* RESONANT FREQ. MIN. (MHz) 490.0 430.0 415.0 375.0 330.0 300.0 260.0 230.0 220.0 210.0 180.0 165.0 150.0 130.0 115.0 105.0 95.0 90.0 80.0 75.0 70.0 60.0 55.0 53.0 50.0 35.0 30.0 26.0 24.0 21.0 20.0 19.0 16.0 15.0 13.0 11.0 10.5 DCR MAX. (Ohms) 0.10 0.11 0.12 0.13 0.15 0.16 0.18 0.19 0.21 0.23 0.24 0.27 0.30 0.73 0.86 0.95 1.1 1.2 1.3 1.5 2.4 2.9 3.2 3.6 4.0 3.0 3.4 3.8 4.9 5.8 6.5 7.9 9.3 11.0 12.0 13.0 16.8 RATED** DC CURRENT (mA) 670 635 610 585 545 530 495 485 460 440 430 405 385 247 228 217 202 193 185 173 136 124 118 111 106 122 115 108 96 88 83 75 69 64 61 59 51
* Measured with full length lead. ** Rated DC Current: Based on the maximum temperature rise not to exceed 15 C at + 90 C ambient. www.vishay.com 22 For technical questions contact magnetics@vishay.com Document Number: 34045 Revision: 13-Dec-07
IRON CORE
IRON CORE
IMS-2
Inductors, Commercial, Molded, Shielded, Miniature
Vishay Dale
MECHANICAL SPECIFICATIONS
Terminal Strength: 3 pounds pull per MIL-STD-202, Method 211, Test Condition A except 180 rotation for a total of 540 C Weight: IMS-2 = 0.30 grams maximum
DIMENSIONS in inches [millimeters]
MATERIAL SPECIFICATIONS
Encapsulant: Epoxy Standard Terminal: #24 AWG tinned copper
1.50 0.120 [38.10 3.05]
0.250 0.010 [6.35 0.254] 0.095 0.010 [2.41 0.254]
TEST EQUIPMENT*
* H/P 4342A Q-Meter * Measurements Corporation Megacycle Meter, Model 59 * Wheatstone Bridge
* Test procedures per MIL-PRF-15305
0.020 0.0015 [0.508 0.038]
ENVIRONMENTAL PERFORMANCE
TEST Barometric Pressure Thermal Shock Flammability Overload Low Temperature Storage Resistance to Soldering Heat Resistance to Solvents CONDITIONS Test Condition C Test Condition A-1 Test Condition A SPECIFICATIONS MIL-STD-202, Method 105 MIL-STD-202, Method 107 MIL-STD-202, Method 111 MIL-PRF-15305 MIL-PRF-15305 MIL-STD-202, Method 210 MIL-STD-202, Method 215
ORDERING INFORMATION
IMS-2 10 H 10 % ER e2
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER INFORMATION
I M S
MODEL
0
2
E
R
1
0
0
K
TOL.
PACKING CODE
INDUCTANCE VALUE
Document Number: 34045 Revision: 13-Dec-07
For technical questions contact magnetics@vishay.com
www.vishay.com 23
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IMS02ER100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X