Part Number Hot Search : 
LM5122ZA T46R65 13002 P87C52 V638ME01 740G0BA 2SC4669 DSWT1981
Product Description
Full Text Search
 

To Download IMC0603ER10NJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMC-0603
Vishay Dale
High Frequency, Surface Mount, Laser Spiral Coated Inductors
FEATURES
* * * * * * * * Very small in size High self-resonant frequency values High Q values relative to size at higher frequencies RoHS Coated coil provides protection and moisture COMPLIANT resistance Compatible with vapor phase and infrared reflow soldering Tape and reel packaging for automatic handling, 3000/reel, EIA-481 L and Q value not affected by mounting orientation 100 % lead (Pb)-free and RoHS compliant
ELECTRICAL SPECIFICATIONS
Inductance Range: 1.0 nH to 220 nH Inductance Tolerance: 0.3 nH for 1.0 - 3.3 nH 5 % for 3.9 nH to 220 nH Operating Temperature: - 40 C to + 100 C Core Material: Ceramic
TEST EQUIPMENT
* Inductance and Q measured on HP4291B * SRF measured on HP8753E * DCR measured on HP4338B
STANDARD ELECTRICAL SPECIFICATIONS
INDUCTANCE (nH) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 TOLERANCE 0.3 nH, 0.2 nH 0.3 nH, 0.2 nH 0.3 nH, 0.2 nH 0.3 nH, 0.2 nH 0.3 nH, 0.2 nH 0.3 nH, 0.2 nH 0.3 nH, 0.2 nH 5% 5% 5% 5% 5% 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % 5 %, 2 % TEST FREQ. L (MHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 Q MINIMUM 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 26 26 26 20 20 TEST FREQ. Q (MHz) 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 SELF-RESONANT FREQ. MIN. (MHz) 6000 6000 6000 6000 6000 6000 5500 5500 4800 4600 3550 3500 2800 2800 2500 2300 2000 2000 1800 1800 1800 1800 1500 1500 1300 1200 1100 1000 900 DCR MAXIMUM (Ohms) 0.06 0.06 0.07 0.08 0.09 0.10 0.12 0.15 0.17 0.18 0.20 0.28 0.32 0.35 0.41 0.45 0.50 0.55 0.60 0.80 0.95 1.20 1.30 1.50 1.80 3.00 4.50 6.5 7.5 RATED DC CURRENT* (mA) 500 500 500 500 500 500 500 450 450 430 430 400 400 400 350 350 300 300 300 300 250 250 250 250 200 130 100 80 70
*Value obtained when current flows and the temperature has risen 15 C
DIMENSIONS in inches [millimeters]
0.031 0.008 [0.8 0.20] 0.016 0.008 [0.4 0.2] 0.063 0.008 [1.6 0.20] 0.016 0.004 [0.4 0.1] 0.031 0.006 [0.8 0.15]
0.083 [2.1]
Recommended Pad Layout
0.039 [1.0] 0.031 [0.8]
DESCRIPTION
IMC-0603 MODEL 10 nH INDUCTANCE VALUE 5% INDUCTANCE TOLERANCE ER PACKAGE CODE e4 JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I M C 0 6 SIZE 0 3 E R 1 0 N J TOL.
PRODUCT FAMILY
PACKAGE CODE
INDUCTANCE VALUE
www.vishay.com 94
For technical questions, contact: magnetics@vishay.com
Document Number: 34039 Revision: 30-Sep-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IMC0603ER10NJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X