|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
September 2006 HYS64D 32000H D L - [ 5 / 6 ] - C HYS64D 64020H D L - [ 5 / 6 ] - C 200-Pin Small-Outline Dual-In-Line Memory Modules SO-DIMM DDR SDRAM RoHS Compliant Products Internet Data Sheet Rev. 1.11 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules HYS64D32000HDL-[5/6]-C, HYS64D64020HDL-[5/6]-C Revision History: 2006-09, Rev. 1.11 Page All 22 Subjects (major changes since last revision) Adapted internet edition updated tRFC for DDR400 from 70 ns to 65 ns Previous Revision: Rev. 1.10, 2005-12 Previous Revision: Rev. 1.0, 2005-04 We Listen to Your Comments Any information within this document that you feel is wrong, unclear or missing at all? Your feedback will help us to continuously improve the quality of this document. Please send your proposal (including a reference to this document) to: techdoc@qimonda.com qag_techdoc_rev400 / 3.2 QAG / 2006-08-01 03292006-428D-USV0 2 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules 1 Overview This chapter gives an overview of the 200-Pin Small-Outline Dual-In-Line Memory Modules product family and describes its main characteristics. 1.1 * * * * * * * * * * * * * Features Non-parity 200-Pin Small-Outline Dual-In-Line Memory Modules One rank 32M x64 and two ranks 64M x64 organization Standard Double Data Rate Synchronous DRAMs ( ) Single +2.5 V ( 0.2 V) power supply and +2.6 V ( 0.1 V) for DDR400 Built with 512 Mbit s organized as x16 in P-TSOPII-66 packages Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave) Auto Refresh (CBR) and Self Refresh All inputs and outputs SSTL_2 compatible Serial Presence Detect with E2PROM Standard form factor: 67.60 mm x 31.75 mm x 3.80 mm Standard reference layout Raw Cards A and C Gold plated contacts RoHS Compliant Products1) TABLE 1 Performance Part Number Speed Code Speed Grade max. Clock Frequency Component Module @CL3 @CL2.5 @CL2 fCK3 fCK2.5 fCK2 -5 DDR400B PC3200-3033 200 166 133 -6 DDR333B PC2700-2533 166 166 133 -7 DDR266A PC2100-2033 - 143 133 Unit -- -- MHz MHz MHz 1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury, lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers. Rev. 1.11, 2006-09 03292006-428D-USV0 3 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules 1.2 Description capacitors are mounted on the PC board. The DIMMs feature serial presence detect based on a serial E2PROM device using the 2-pin I2C protocol. The first 128 bytes are programmed with configuration data and the second 128 bytes are available to the customer. The HYS64D32000HDL-[5/6]-C and HYS64D64020HDL- [5/6]-C are industry standard 200-Pin Small-Outline Dual-In-Line Memory Modules (SO-DIMMs) organized as 64M x64. The memory array is designed with Double Data Rate Synchronous DRAMs ( ). A variety of de coupling TABLE 2 Ordering Information for Lead-Free (RoHS Compliant Products) Product Type1) PC3200 (CL=3.0) HYS64D32000HDL-5-C HYS64D64020HDL-5-C PC2700 (CL=2.5) HYS64D32000HDL-6-C HYS64D64020HDL-6-C PC2700S-2533-1-C0 PC2700S-2533-1-A0 One rank 256MB SO-DIMM Two ranks 512MB SO-DIMM 512 MBit (x16) 512 MBit (x16) PC3200S-3033-1-C0 PC3200S-3033-1-A0 One rank 256MB SO-DIMM Two ranks 512MB SO-DIMM 512 MBit (x16) 512 MBit (x16) Compliance Code2) Description SDRAM Technology 1) All product types end with a place code designating the silicon-die revision. Reference information available on request. Example: HYS64D64020GDL-5-B, indicating Rev.B die are used for SDRAM components. 2) The Compliance Code is printed on the module labels and describes the speed sort (for example "PC3200"), the latencies (for example "30330" means CAS latency of 3.0 clocks, Row-Column-Delay (RCD) latency of 3 clocks and Row Pre-charge latency of 3 clocks), JEDEC SPD code definition version 1, and the Raw Card used for this module. Rev. 1.11, 2006-09 03292006-428D-USV0 4 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules 2 Pin Configuration explained in Table 4 and Table 5 respectively. The pin numbering is depicted in Figure 1. The pin configuration of the Unbuffered Small Outline DDR SDRAM DIMM is listed by function in Table 3 (200 pins). The abbreviations used in columns Pin and Buffer Type are TABLE 3 Pin Configuration of SO-DIMM Pin# Clock Signals 35 160 89 37 158 91 96 95 CK0 CK1 CK2 NC CK0 CK1 CK2 NC CKE0 CKE1 NC Control Signals 121 122 S0 S1 NC 118 120 119 117 116 RAS CAS WE BA0 BA1 I I NC I I I I I SSTL SSTL - SSTL SSTL SSTL SSTL SSTL Chip Select Rank 0 Chip Select Rank 1 Note: 2-ranks module Note: 1-rank module Row Address Strobe Column Address Strobe Write Enable Bank Address Bus 1:0 I I I NC I I I NC I I NC SSTL SSTL SSTL - SSTL SSTL SSTL - SSTL SSTL - Clock Enable Rank 0 Clock Enable Rank 1 Note: 2-ranks module Note: 1-rank module Complement Clock Complement Clock Complement Clock Clock Signal Clock Signal Clock Signal Name Pin Type Buffer Type Function Address Signals Rev. 1.11, 2006-09 03292006-428D-USV0 5 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Pin# 112 111 110 109 108 107 106 105 102 101 115 100 99 Name A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 AP A11 A12 NC Pin Type I I I I I I I I I I I I I I NC I NC I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O Buffer Type SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL - SSTL - SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL Function Address Bus 11:0 Address Signal 12 Note: Module based on 256 Mbit or larger dies Note: 128 Mbit based module Address Signal 13 Note: 1 Gbit based module Note: Module based on 512 Mbit or smaller dies Data Bus 63:0 123 A13 NC Data Signals 5 7 13 17 6 8 14 18 19 23 29 31 20 24 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 Rev. 1.11, 2006-09 03292006-428D-USV0 6 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Pin# 30 32 41 43 49 53 42 44 50 54 55 59 65 67 56 60 66 68 127 129 135 139 128 130 136 140 141 145 151 153 142 146 152 154 163 165 171 175 164 166 Name DQ14 DQ15 DQ16 DQ17 DQ18 DQ19 DQ20 DQ21 DQ22 DQ23 DQ24 DQ25 DQ26 DQ27 DQ28 DQ29 DQ30 DQ31 DQ32 DQ33 DQ34 DQ35 DQ36 DQ37 DQ38 DQ39 DQ40 DQ41 DQ42 DQ43 DQ44 DQ45 DQ46 DQ47 DQ48 DQ49 DQ50 DQ51 DQ52 DQ53 Pin Type I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O Buffer Type SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL Function Data Bus 63:0 Rev. 1.11, 2006-09 03292006-428D-USV0 7 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Pin# 172 176 177 181 187 189 178 182 188 190 71 73 79 83 72 74 80 84 11 25 47 61 133 147 169 183 77 Name DQ54 DQ55 DQ56 DQ57 DQ58 DQ59 DQ60 DQ61 DQ62 DQ63 CB0 NC CB1 NC CB2 NC CB3 NC CB4 NC CB5 NC CB6 NC CB7 NC DQS0 DQS1 DQS2 DQS3 DQS4 DQS5 DQS6 DQS7 DQS8 NC Pin Type I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O NC I/O NC I/O NC I/O NC I/O NC I/O NC I/O NC I/O NC I/O I/O I/O I/O I/O I/O I/O I/O I/O NC Buffer Type SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL - SSTL - SSTL - SSTL - SSTL - SSTL - SSTL - SSTL - SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL - Function Data Bus 63:0 Check Bit 0 Check Bit 1 Check Bit 2 Check Bit 3 Check Bit 4 Check Bit 5 Check Bit 6 Check Bit 7 Data Strobes 7:0 Data Strobe 8 Rev. 1.11, 2006-09 03292006-428D-USV0 8 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Pin# 12 26 48 62 134 148 170 184 78 EEPROM 195 193 194 196 198 1,2 197 Name DM0 DM1 DM2 DM3 DM4 DM5 DM6 DM7 DM8 NC SCL SDA SA0 SA1 SA2 VREF VDDSPD Pin Type I I I I I I I I I NC I I/O I I I AI PWR Buffer Type SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL SSTL - CMOS OD CMOS CMOS CMOS - - Function Data Mask 7:0 Data Mask 8 Serial Bus Clock Serial Bus Data Slave Address Select Bus 2:0 Power Supplies I/O Reference Voltage EEPROM Power Supply Rev. 1.11, 2006-09 03292006-428D-USV0 9 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Pin# 9,10,21, 22, 33, 34, 36, 45, 46, 57, 58, 69, 70, 81, 82, 92, 93, 94, 113, 114, 131, 132, 143, 144, 155, 156, 157, 167, 168, 179, 180, 191, 192 Name VDD Pin Type PWR Buffer Type - Function Power Supply Rev. 1.11, 2006-09 03292006-428D-USV0 10 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Pin# 3,4, 15, 16, 27, 28, 38, 39, 40, 51, 52, 63, 64, 75, 76, 87, 88, 90, 103, 104, 125, 126, 137, 138, 149, 150, 159, 161, 162, 173, 174, 185, 186 Other Pins 199 85, 86, 97, 98, 124, 200 Name VSS Pin Type GND Buffer Type - Function Ground Plane VDDID NC O NC OD - VDD Identification Not connected Rev. 1.11, 2006-09 03292006-428D-USV0 11 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules TABLE 4 Abbreviations for Pin Type Abbreviation I O I/O AI PWR GND NC Description Standard input-only pin. Digital levels. Output. Digital levels. I/O is a bidirectional input/output signal. Input. Analog levels. Power Ground Not Connected TABLE 5 Abbreviations for Buffer Type Abbreviation SSTL LV-CMOS CMOS OD Description Serial Stub Terminated Logic (SSTL2) Low Voltage CMOS CMOS Levels Open Drain. The corresponding pin has 2 operational states, active low and tristate, and allows multiple devices to share as a wire-OR. Rev. 1.11, 2006-09 03292006-428D-USV0 12 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules FIGURE 1 Pin Configuration Diagram 200-Pin SO-DIMM Rev. 1.11, 2006-09 03292006-428D-USV0 13 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules TABLE 6 Address Format Density 256MB 512MB Notes 1. VDD = VDDQ, therefore VDDID strap open 2. DQ, DQS, DM resistors are 22 5 % Organization 32M x64 64M x64 Memory Ranks 1 2 SDRAMs 32M x16 32M x16 # of SDRAMs 4 8 # of row/bank/ columns bits 13/2/10 13/2/10 Refresh 8K 8K Period 64 ms 64 ms Interval 7.8 ms 7.8 ms Rev. 1.11, 2006-09 03292006-428D-USV0 14 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules 3 3.1 Electrical Characteristics Operating Conditions TABLE 7 Absolute Maximum Ratings Parameter Symbol min. Values typ. - - - - - - 1 50 max. Unit Note/ Test Condition - - - - - - - - Voltage on I/O pins relative to VSS Voltage on inputs relative to VSS Voltage on VDD supply relative to VSS Voltage on VDDQ supply relative to VSS Operating temperature (ambient) Storage temperature (plastic) Power dissipation (per SDRAM component) Short circuit output current VIN, VOUT VIN VDD VDDQ TA TSTG PD -0.5 -1 -1 -1 0 -55 - - VDDQ + 0.5 +3.6 +3.6 +3.6 +70 +150 - - V V V V C C W mA IOUT Attention: Permanent damage to the device may occur if "Absolute Maximum Ratings" are exceeded. This is a stress rating only, and functional operation should be restricted to recommended operation conditions. Exposure to absolute maximum rating conditions for extended periods of time may affect device reliability and exceeding only one of the values may cause irreversible damage to the integrated circuit. TABLE 8 Electrical Characteristics and DC Operating Conditions Parameter Symbol Min. Device Supply Voltage Device Supply Voltage Output Supply Voltage Output Supply Voltage EEPROM supply voltage Supply Voltage, I/O Supply Voltage Input Reference Voltage I/O Termination Voltage (System) VDD VDD VDDQ VDDQ VDDSPD VSS, VSSQ VREF VTT 2.3 2.5 2.3 2.5 2.3 0 0.49 x VDDQ VREF - 0.04 0.5 x VDDQ Values Typ. 2.5 2.6 2.5 2.6 2.5 Max. 2.7 2.7 2.7 2.7 3.6 0 0.51 x VDDQ VREF + 0.04 V V V V V V V V fck 166 MHz fck 166 MHz 2) fck 166 MHz 3) fck 166 MHz 2)3) -- -- 4) 5) Unit Note/Test Condition 1) Rev. 1.11, 2006-09 03292006-428D-USV0 17 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Parameter Symbol Min. Values Typ. Max. VDDQ + 0.3 VREF - 0.15 VDDQ + 0.3 VDDQ + 0.6 1.4 2 Unit Note/Test Condition 1) Input High (Logic1) Voltage Input Low (Logic0) Voltage Input Voltage Level, CK and CK Inputs Input Differential Voltage, CK and CK Inputs VI-Matching Pull-up Current to Pull-down Current Input Leakage Current VIH(DC) VIL(DC) VIN(DC) VID(DC) VIRatio II VREF + 0.15 -0.3 -0.3 0.36 0.71 -2 V V V V -- A 6) 6) 6) 6)7) 8) Any input 0 V VIN VDD; All other pins not under test = 0 V 9) DQs are disabled; 0 V VOUT VDDQ 9) VOUT = 1.95 V VOUT = 0.35 V Output Leakage Current IOZ -5 -- 16.2 5 -16.2 -- A mA mA Output High Current, Normal IOH Strength Driver Output Low Current, Normal Strength Driver 1) 2) 3) 4) 5) 6) 7) 8) IOL 9) 0 C TA 70 C; VDDQ = 2.5 V 0.2 V, VDD = +2.5 V 0.2 V; VDDQ = 2.6 V 0.1 V, VDD = +2.6 V 0.1 V (DDR400); DDR400 conditions apply for all clock frequencies above 166 MHz Under all conditions, VDDQ must be less than or equal to VDD. Peak to peak AC noise on VREF may not exceed 2% VREF (DC). VREF is also expected to track noise variations in VDDQ. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF, and must track variations in the DC level of VREF. Inputs are not recognized as valid until VREF stabilizes. VID is the magnitude of the difference between the input level on CK and the input level on CK. The ratio of the pull-up current to the pull-down current is specified for the same temperature and voltage, over the entire temperature and voltage range, for device drain to source voltage from 0.25 to 1.0 V. For a given output, it represents the maximum difference between pull-up and pull-down drivers due to process variation. Values are shown per pin. Rev. 1.11, 2006-09 03292006-428D-USV0 18 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules 3.2 Current Specification and Conditions TABLE 9 IDD Conditions Parameter Operating Current 0 one bank; active/ precharge; DQ, DM, and DQS inputs changing once per clock cycle; address and control inputs changing once every two clock cycles. Operating Current 1 one bank; active/read/precharge; Burst Length = 4; see component data sheet. Precharge Power-Down Standby Current all banks idle; power-down mode; CKE VIL,MAX Precharge Floating Standby Current CS VIH,,MIN, all banks idle; CKE VIH,MIN; address and other control inputs changing once per clock cycle; VIN = VREF for DQ, DQS and DM. Precharge Quiet Standby Current CS VIHMIN, all banks idle; CKE VIH,MIN; VIN = VREF for DQ, DQS and DM; address and other control inputs stable at VIH,MIN or VIL,MAX. Active Power-Down Standby Current one bank active; power-down mode; CKE VILMAX; VIN = VREF for DQ, DQS and DM. Active Standby Current one bank active; CS VIH,MIN; CKE VIH,MIN; tRC = tRAS,MAX; DQ, DM and DQS inputs changing twice per clock cycle; address and control inputs changing once per clock cycle. Operating Current Read one bank active; Burst Length = 2; reads; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; CL = 2 for DDR266(A), CL = 3 for DDR333 and DDR400B; IOUT = 0 mA Operating Current Write one bank active; Burst Length = 2; writes; continuous burst; address and control inputs changing once per clock cycle; 50% of data outputs changing on every clock edge; CL = 2 for DDR266(A), CL = 3 for DDR333 and DDR400B Auto-Refresh Current tRC = tRFCMIN, burst refresh Self-Refresh Current CKE 0.2 V; external clock on Operating Current 7 four bank interleaving with Burst Length = 4; see component data sheet. Symbol IDD0 IDD1 IDD2P IDD2F IDD2Q IDD3P IDD3N IDD4R IDD4W IDD5 IDD6 IDD7 Rev. 1.11, 2006-09 03292006-428D-USV0 19 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules TABLE 10 IDD Specification for HYS64D[32/64]0x0HDL-5-C Product Type Organization HYS64D32000HDL-5-C 256MB x64 1 Rank -5 Symbol IDD0 IDD1 IDD2P IDD2F IDD2Q IDD3P IDD3N IDD4R IDD4W IDD5 IDD6 IDD7 Typ. 300 360 4 100 70 50 150 440 460 580 - 840 Max. 360 440 18 120 90 60 180 540 540 760 12 1000 HYS64D64020HDL-5-CC 512MB x64 2 Ranks -5 Typ. 450 510 9 200 140 100 300 590 610 730 - 990 Max. 540 620 37 240 180 130 360 720 720 940 24 1180 mA mA mA mA mA mA mA mA mA mA mA mA 3) 3)4) 5) 5) 5) 5) 5) 3)4) 3) 3) 5) 3)4) Unit Note 1)2) 1) Module IDD values are calculated on the basis of component IDD and can be measured differently according to DQ loading capacity. 2) Test condition for maximum values: VDD = 2.7 V, TA = 10 C 3) The module IDDx values are calculated from the IDDx values of the component data sheet as follows: m x IDDx[component] + n x IDD3N[component] with m and n number of components of rank 1 and 2; n=0 for 1 rank modules 4) DQ I/O (IDDQ) currents are not included in the calculations (see note ) 5) The module IDDx values are calculated from the corrponent IDDx data sheet values as: (m + n) x IDDx[component] TABLE 11 IDD Specification HYS64D[32/64]0x0HDL-6-C Product Type Organization HYS64D32000HDL-6-C 256MB x64 1 Rank -6 Symbol IDD0 IDD1 IDD2P Typ. 280 320 4 Max. 340 380 18 HYS64D64020HDL-6-C 512MB x64 2 Ranks -6 Typ. 410 450 9 Max. 500 540 37 mA mA mA 3) 3)4) 5) Unit Note 1)2) Rev. 1.11, 2006-09 03292006-428D-USV0 20 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Product Type Organization HYS64D32000HDL-6-C 256MB x64 1 Rank -6 HYS64D64020HDL-6-C 512MB x64 2 Ranks -6 Unit Note 1)2) Symbol IDD2F IDD2Q IDD3P IDD3N IDD4R IDD4W IDD5 IDD6 IDD7 Typ. 80 60 40 130 380 400 520 - 760 Max. 100 90 60 160 460 480 700 12 920 Typ. 170 120 90 260 510 530 650 - 890 Max. 200 180 120 320 620 640 860 24 1080 mA mA mA mA mA mA mA mA mA 5) 5) 5) 5) 3)4) 3) 3) 5) 3)4) 1) Module IDD values are calculated on the basis of component IDD and can be measured differently according to DQ loading capacity. 2) Test condition for maximum values: VDD = 2.7 V, TA = 10 C 3) The module IDDx values are calculated from the IDDx values of the component data sheet as follows: m x IDDx[component] + n x IDD3N[component] with m and n number of components of rank 1 and 2; n=0 for 1 rank modules 4) DQ I/O (IDDQ) currents are not included in the calculations (see note ) 5) The module IDDx values are calculated from the corrponent IDDx data sheet values as: (m + n) x IDDx[component] Rev. 1.11, 2006-09 03292006-428D-USV0 21 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules 3.3 AC Characteristics TABLE 12 AC Timing - Absolute Specifications for PC3200 and PC2700 Parameter Symbol -5 DDR400B Min. Max. +0.5 0.55 8 12 12 0.55 -6 DDR333 Min. -0.7 0.45 6 6 7.5 0.45 Max. +0.7 0.55 12 12 12 0.55 Unit Note/ Test Condition 1) DQ output access time from CK/CK CK high-level width Clock cycle time tAC tCH tCK -0.5 0.45 5 6 7.5 ns tCK ns ns ns tCK tCK 2)3)4)5) 2)3)4)5) CL = 3.0 2)3)4)5) CL = 2.5 2)3)4)5) CL = 2.0 2)3)4)5) 2)3)4)5) 2)3)4)5)6) CK low-level width Auto precharge write recovery + precharge time DQ and DM input hold time DQ and DM input pulse width (each input) DQS output access time from CK/CK tCL tDAL tDH tDIPW tDQSCK 0.45 (tWR/tCK)+(tRP/tCK) 0.4 1.75 -0.6 0.35 -- 0.72 0.4 0.2 0.2 min. (tCL, tCH) -- 0.6 0.7 -- -- +0.6 -- +0.40 1.25 -- -- -- -- +0.7 -- -- -- 0.45 1.75 -0.6 0.35 -- 0.75 0.45 0.2 0.2 min. (tCL, tCH) -0.7 0.75 0.8 2.2 -- -- +0.6 -- +0.40 1.25 -- -- -- -- +0.7 -- -- -- ns ns ns tCK ns tCK ns tCK tCK ns ns ns ns ns 2)3)4)5) 2)3)4)5)6) 2)3)4)5) DQS input low (high) pulse width tDQSL,H (write cycle) DQS-DQ skew (DQS and associated DQ signals) Write command to 1st DQS latching transition DQ and DM input setup time DQS falling edge hold time from CK (write cycle) DQS falling edge to CK setup time (write cycle) Clock Half Period Data-out high-impedance time from CK/CK Address and control input hold time tDQSQ tDQSS tDS tDSH tDSS tHP tHZ tIH 2)3)4)5) TFBGA 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5)7) fast slew rate 3)4)5)6)8) slow slew rate 3)4)5)6)8) 2)3)4)5)9) Control and Addr. input pulse width (each input) tIPW 2.2 Rev. 1.11, 2006-09 03292006-428D-USV0 22 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Parameter Symbol -5 DDR400B Min. Max. -- -- +0.7 -- -- +0.50 -- 70E+3 -- -- 7.8 -- -- 1.1 0.60 -- -- -- 0.60 -- -- -- -- -6 DDR333 Min. 0.75 0.8 -0.7 2 tHP -tQHS -- tRCD 42 60 18 -- 72 18 0.9 0.40 12 0.25 0 0.40 15 1 75 200 Max. -- -- +0.7 -- -- +0.50 -- 70E+3 -- -- 7.8 -- -- 1.1 0.60 -- -- -- 0.60 -- -- -- -- Unit Note/ Test Condition 1) Address and control input setup time tIS 0.6 0.7 ns ns ns tCK ns ns ns ns ns ns s ns ns tCK tCK ns tCK ns tCK ns tCK ns tCK fast slew rate 3)4)5)6)8) slow slew rate 3)4)5)6)8) 2)3)4)5)7) Data-out low-impedance time from CK/CK Mode register set command cycle time DQ/DQS output hold time Data hold skew factor Active to Autoprecharge delay Active to Precharge command Active to Active/Auto-refresh command period Active to Read or Write delay Average Periodic Refresh Interval Auto-refresh to Active/Autorefresh command period Precharge command period Read preamble Read postamble Active bank A to Active bank B command Write preamble Write preamble setup time Write postamble Write recovery time Internal write to read command delay Exit self-refresh to non-read command Exit self-refresh to read command tLZ tMRD tQH tQHS tRAP tRAS tRC tRCD tREFI tRFC tRP tRPRE tRPST tRRD tWPRE tWPRES tWPST tWR tWTR tXSNR tXSRD -0.7 2 tHP -tQHS -- tRCD 40 55 15 -- 65 15 0.9 0.40 10 0.25 0 0.40 15 2 75 200 2)3)4)5) 2)3)4)5) TFBGA 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5)10) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5)11) 2)3)4)5)12) 2)3)4)5) 2)3)4)5) 2)3)4)5) 2)3)4)5) 1) 0 C TA 70 C; VDDQ = 2.5 V 0.2 V, VDD = +2.5 V 0.2 V (DDR333); DDQ = 2.6 V 0.1 V, DD = +2.6 V 0.1 V (DDR400) 2) Input slew rate 1 V/ns for DDR400, DDR333 3) The CK/CK input reference level (for timing reference to CK/CK) is the point at which CK and CK cross: the input reference level for signals other than CK/CK, is VREF. CK/CK slew rate are 1.0 V/ns. 4) Inputs are not recognized as valid until VREF stabilizes. 5) The Output timing reference level, as measured at the timing reference point indicated in AC Characteristics (note 3) is VTT. 6) For each of the terms, if not already an integer, round to the next highest integer. tCK is equal to the actual system clock cycle time. 7) tHZ and tLZ transitions occur in the same access time windows as valid data transitions. These parameters are not referred to a specific voltage level, but specify when the device is no longer driving (HZ), or begins driving (LZ). Rev. 1.11, 2006-09 03292006-428D-USV0 23 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules 8) Fast slew rate 1.0 V/ns , slow slew rate 0.5 V/ns and < 1 V/ns for command/address and CK & CK slew rate > 1.0 V/ns, measured between VIH(ac) and VIL(ac). 9) These parameters guarantee device timing, but they are not necessarily tested on each device. 10) A maximun of eight Autorefresh commands can be posted to any given DDR SDRAM device 11) The specific requirement is that DQS be valid (HIGH,LOW, or some point on a valid transition) on or before this CK edge. A valid transition is defined as monotonic and meeting the input slew rate specificationsof the device. When no writes were previously in progress on the bus, DQS will be transitioning from Hi-Z to logic LOW. If a previous write was in progress, DQS could be HIGH, LOW at this time, depending on tDQSS. 12) The maximum limit for this parameter is not a device limit. The device operates with a greater value for this parameter, but system performance (bus turnaround) degrades accordingly. Rev. 1.11, 2006-09 03292006-428D-USV0 24 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules 4 SPD Codes This chapter lists all hexadecimal byte values stored in the EEPROM of the products described in this data sheet. SPD stands for serial presence detect. All values with XX in the table are module specific bytes which are defined during production. List of SPD Code Tables * Table 13 "SPD Codes for HYS64D[32/64][000/020]HDL-5-C" on Page 25 * Table 14 "SPD Codes for HYS64D[32/64][000/020]HDL-6-C" on Page 28 TABLE 13 SPD Codes for HYS64D[32/64][000/020]HDL-5-C Product Type Organization HYS64D32000HDL-5-C 256MB x64 1 Rank (x16) Label Code JEDEC SPD Revision Byte# 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Description Programmed SPD Bytes in E PROM Total number of Bytes in E PROM Memory Type (DDR = 07h) Number of Row Addresses Number of Column Addresses Number of DIMM Ranks Data Width (LSB) Data Width (MSB) Interface Voltage Levels tCK @ CLmax (Byte 18) [ns] tAC SDRAM @ CLmax (Byte 18) [ns] Error Correction Support Refresh Rate Primary SDRAM Width Error Checking SDRAM Width tCCD [cycles] Burst Length Supported Number of Banks on SDRAM Device CAS Latency CS Latency Write Latency 2 2 HYS64D64020HDL-5-C 512MB x64 2 Ranks (x16) PC3200S-30331 Rev. 1.0 HEX 80 08 07 0D 0A 02 40 00 04 50 70 00 82 10 00 01 0E 04 1C 01 02 PC3200S-30331 Rev. 1.0 HEX 80 08 07 0D 0A 01 40 00 04 50 70 00 82 10 00 01 0E 04 1C 01 02 Rev. 1.11, 2006-09 03292006-428D-USV0 25 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Product Type Organization HYS64D32000HDL-5-C 256MB x64 1 Rank (x16) HYS64D64020HDL-5-C 512MB x64 2 Ranks (x16) PC3200S-30331 Rev. 1.0 HEX 20 C1 60 70 75 70 3C 28 3C 28 40 60 60 40 40 00 37 41 28 28 50 00 01 00 10 77 7F 7F 7F 7F 7F 51 00 Label Code JEDEC SPD Revision Byte# 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 - 40 41 42 43 44 45 46 47 48 - 61 62 63 64 65 66 67 68 69 70 Description DIMM Attributes Component Attributes tCK @ CLmax -0.5 (Byte 18) [ns] tAC SDRAM @ CLmax -0.5 [ns] tCK @ CLmax -1 (Byte 18) [ns] tAC SDRAM @ CLmax -1 [ns] tRPmin [ns] tRRDmin [ns] tRCDmin [ns] tRASmin [ns] Module Density per Rank tAS, tCS [ns] tAH, tCH [ns] tDS [ns] tDH [ns] Not used tRCmin [ns] tRFCmin [ns] tCKmax [ns] tDQSQmax [ns] tQHSmax [ns] not used DIMM PCB Height Not used SPD Revision Checksum of Byte 0-62 Manufacturer's JEDEC ID Code (1) Manufacturer's JEDEC ID Code (2) Manufacturer's JEDEC ID Code (3) Manufacturer's JEDEC ID Code (4) Manufacturer's JEDEC ID Code (5) Manufacturer's JEDEC ID Code (6) Manufacturer's JEDEC ID Code (7) PC3200S-30331 Rev. 1.0 HEX 20 C1 60 70 75 70 3C 28 3C 28 40 60 60 40 40 00 37 41 28 28 50 00 01 00 10 76 7F 7F 7F 7F 7F 51 00 Rev. 1.11, 2006-09 03292006-428D-USV0 26 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Product Type Organization HYS64D32000HDL-5-C 256MB x64 1 Rank (x16) HYS64D64020HDL-5-C 512MB x64 2 Ranks (x16) PC3200S-30331 Rev. 1.0 HEX 00 xx 36 34 44 36 34 30 32 30 48 44 4C 35 43 20 20 20 20 20 1x xx xx xx xx 00 Label Code JEDEC SPD Revision Byte# 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 - 98 Description Manufacturer's JEDEC ID Code (8) Module Manufacturer Location Part Number, Char 1 Part Number, Char 2 Part Number, Char 3 Part Number, Char 4 Part Number, Char 5 Part Number, Char 6 Part Number, Char 7 Part Number, Char 8 Part Number, Char 9 Part Number, Char 10 Part Number, Char 11 Part Number, Char 12 Part Number, Char 13 Part Number, Char 14 Part Number, Char 15 Part Number, Char 16 Part Number, Char 17 Part Number, Char 18 Module Revision Code Test Program Revision Code Module Manufacturing Date Year Module Manufacturing Date Week Module Serial Number PC3200S-30331 Rev. 1.0 HEX 00 xx 36 34 44 33 32 30 30 30 48 44 4C 35 43 20 20 20 20 20 1x xx xx xx xx 00 99 - 127 Not used Rev. 1.11, 2006-09 03292006-428D-USV0 27 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules TABLE 14 SPD Codes for HYS64D[32/64][000/020]HDL-6-C Product Type Organization HYS64D32000HDL-6-C 256MB x64 1 Rank (x16) Label Code JEDEC SPD Revision Byte# 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 Description Programmed SPD Bytes in E PROM Total number of Bytes in E PROM Memory Type (DDR = 07h) Number of Row Addresses Number of Column Addresses Number of DIMM Ranks Data Width (LSB) Data Width (MSB) Interface Voltage Levels tCK @ CLmax (Byte 18) [ns] tAC SDRAM @ CLmax (Byte 18) [ns] Error Correction Support Refresh Rate Primary SDRAM Width Error Checking SDRAM Width tCCD [cycles] Burst Length Supported Number of Banks on SDRAM Device CAS Latency CS Latency Write Latency DIMM Attributes Component Attributes tCK @ CLmax -0.5 (Byte 18) [ns] tAC SDRAM @ CLmax -0.5 [ns] tCK @ CLmax -1 (Byte 18) [ns] tAC SDRAM @ CLmax -1 [ns] tRPmin [ns] tRRDmin [ns] tRCDmin [ns] 2 2 HYS64D64020HDL-6-C 512MB x64 2 Ranks (x16) PC2700S-25331 Rev. 1.0 HEX 80 08 07 0D 0A 02 40 00 04 60 70 00 82 10 00 01 0E 04 0C 01 02 20 C1 75 70 00 00 48 30 48 PC2700S-25331 Rev. 1.0 HEX 80 08 07 0D 0A 01 40 00 04 60 70 00 82 10 00 01 0E 04 0C 01 02 20 C1 75 70 00 00 48 30 48 Rev. 1.11, 2006-09 03292006-428D-USV0 28 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Product Type Organization HYS64D32000HDL-6-C 256MB x64 1 Rank (x16) HYS64D64020HDL-6-C 512MB x64 2 Ranks (x16) PC2700S-25331 Rev. 1.0 HEX 2A 40 75 75 45 45 00 3C 48 30 2D 55 00 01 00 10 1B 7F 7F 7F 7F 7F 51 00 00 xx 36 34 44 36 34 30 32 Label Code JEDEC SPD Revision Byte# 30 31 32 33 34 35 36 - 40 41 42 43 44 45 46 47 48 - 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 Description tRASmin [ns] Module Density per Rank tAS, tCS [ns] tAH, tCH [ns] tDS [ns] tDH [ns] Not used tRCmin [ns] tRFCmin [ns] tCKmax [ns] tDQSQmax [ns] tQHSmax [ns] not used DIMM PCB Height Not used SPD Revision Checksum of Byte 0-62 Manufacturer's JEDEC ID Code (1) Manufacturer's JEDEC ID Code (2) Manufacturer's JEDEC ID Code (3) Manufacturer's JEDEC ID Code (4) Manufacturer's JEDEC ID Code (5) Manufacturer's JEDEC ID Code (6) Manufacturer's JEDEC ID Code (7) Manufacturer's JEDEC ID Code (8) Module Manufacturer Location Part Number, Char 1 Part Number, Char 2 Part Number, Char 3 Part Number, Char 4 Part Number, Char 5 Part Number, Char 6 Part Number, Char 7 PC2700S-25331 Rev. 1.0 HEX 2A 40 75 75 45 45 00 3C 48 30 2D 55 00 01 00 10 1A 7F 7F 7F 7F 7F 51 00 00 xx 36 34 44 33 32 30 30 Rev. 1.11, 2006-09 03292006-428D-USV0 29 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Product Type Organization HYS64D32000HDL-6-C 256MB x64 1 Rank (x16) HYS64D64020HDL-6-C 512MB x64 2 Ranks (x16) PC2700S-25331 Rev. 1.0 HEX 30 48 44 4C 36 43 20 20 20 20 20 1x xx xx xx xx 00 Label Code JEDEC SPD Revision Byte# 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 - 98 Description Part Number, Char 8 Part Number, Char 9 Part Number, Char 10 Part Number, Char 11 Part Number, Char 12 Part Number, Char 13 Part Number, Char 14 Part Number, Char 15 Part Number, Char 16 Part Number, Char 17 Part Number, Char 18 Module Revision Code Test Program Revision Code Module Manufacturing Date Year Module Manufacturing Date Week Module Serial Number PC2700S-25331 Rev. 1.0 HEX 30 48 44 4C 36 43 20 20 20 20 20 1x xx xx xx xx 00 99 - 127 Not used Rev. 1.11, 2006-09 03292006-428D-USV0 30 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules 5 Package Outlines FIGURE 4 Package Outline SO-DIMM Raw Card A (L-DIM-200-6) Rev. 1.11, 2006-09 03292006-428D-USV0 31 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules FIGURE 5 Package Outline SO-DIMM Raw Card C (L-DIM-200-11) Rev. 1.11, 2006-09 03292006-428D-USV0 32 Internet Data Sheet HYS64D[32/64][000/020]HDL-[5/6]-C Small-Outline DDR SDRAM Modules Table of Contents 1 1.1 1.2 2 3 3.1 3.2 3.3 4 5 Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current Specification and Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 17 19 22 SPD Codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Package Outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 Table of Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 Rev. 1.11, 2006-09 03292006-428D-USV0 33 Internet Data Sheet Edition 2006-09 Published by Qimonda AG Gustav-Heinemann-Ring 212 D-81739 Munchen, Germany (c) Qimonda AG 2006. All Rights Reserved. Legal Disclaimer The information given in this Internet Data Sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Qimonda hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Qimonda Office. Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Qimonda Office. Qimonda Components may only be used in life-support devices or systems with the express written approval of Qimonda, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered. www.qimonda.com |
Price & Availability of HYS64D32000HDL-6-C |