Part Number Hot Search : 
LPT41 1N4935 100LV KSB1116S LT123 764306 T72V3 HBR20100
Product Description
Full Text Search
 

To Download HT0740LG-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT0740
High Voltage, Isolated MOSFET Driver
Features
400V input to output isolation Low input logic current, 500A max No external voltage supply required Floating isolated output drivers 5.0V logic compatible
General Description
The Supertex HT0740 is a single channel, high voltage, low input current, isolated driver utilizing Supertex's proprietary HVCMOS(R) technology. It is designed to drive discrete MOSFETs, configured as high side switches, up to 400V. The HT0740 generates an independent DC isolated voltage across the pair of outputs when the logic input is at a logic high. The HT0740 does not require any external power supplies. The internal supply voltage is supplied from the logic input when it is in the high state.
Applications
Telecommunications Modems Solid state relays High side switches High end audio switches Avionics ATE
Block Diagram
Isolation Barrier
VIN
1 Logic & Internal Clock
R
4 + VOUT - 3
Driver
10R
R GND 7
VISO
HT0740
Ordering Information
Device HT0740 Package Options 8-Lead SOIC (Narrow Body) HT0740LG HT0740LG-G
-G indicates package is RoHS compliant (`Green')
Absolute Maximum Ratings
Parameter Input to output isolation voltage, VISO Logic input voltage, VIN Operating temperature Storage temperature Soldering temperature
1
Pin Configuration
Value 400V -0.5 to +7.0V -40C to +85C -55C to +150C 300C
VIN 1 NC
2
8
NC GND
HT0740
7
-VOUT 3 +VOUT 4
6 NC 5 NC
HT0740
(Top View)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Continuous operation of the device at the absolute rating level may affect device reliability. All voltages are referenced to device ground. Note 1. Distance of 1.6mm from case for 10 seconds.
DC Electrical Characteristics (T = -40C
J
to +85C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IH IL VOUT VIN VISO
Logic high input current Logic low input current (quiescent) Output voltage across output terminals Input voltage for zero output Input to output isolation voltage
4.5 8.5 400
-
500 10 0.8 -
A A V V V V
VIN = 5.0V VIN = 0.5V VIN = 3.15V, no load VIN = 4.5V, no load No load ---
AC Electrical Characteristics
Symbol td(ON) tr td(OFF) tf Parameter Turn-on delay time Rise time Turn-off delay time Fall time Min Typ Max 50 650 150 3.0 Units s s s ms See timing diagram and test circuit CL = 600pF, TA = 25C Conditions
Recommended Operating Conditions
Symbol VIH VIL TA Parameter Logic input high voltage Logic input low voltage Operating temperature Min 3.15 0 -40 Typ Max 5.5 0.5 +85 Units V V
O
Conditions -------
C
2
HT0740
Timing Diagram
4.5V
50%
VIN 0V
50%
90% 10%
90% 10%
VOUT
td(ON) tr
td(OFF) tf
Test Circuit
4.5V 0V VOUT CL = 600pF
1
VIN
+
4
VOUT
7
GND
-
3
HT0740
3
HT0740
8-Lead SOIC (Narrow Body) LG Package Outline
4.90 0.10 8 6.00 0.20 3.90 0.10 Note 2 Notes: 1. All dimensions in millimeters. Angles in degrees. 2. If the corner is not chamfered, then a Pin 1 identifier must be located within the area indicated.
1
Top View
0.17 - 0.25 1.75 MAX 1.25 MIN
5 - 15 (4 PLCS) 45
0.25 - 0.50 Note 2
0 - 8 0.10 - 0.25 1.27BSC 0.40 - 1.27
0.31 - 0.51
Side View
End View
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HT0740 A040207
4


▲Up To Search▲   

 
Price & Availability of HT0740LG-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X