Part Number Hot Search : 
MAX4571 R61A106 X0202DA CONTROL BT2222 226X0 2N3392 WKO332
Product Description
Full Text Search
 

To Download HD74LS280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LS280
9-bit Odd / Even Parity Generator / Checker
REJ03D0475-0300 Rev.3.00 Jul.15.2005 This parity generator / checker offers the designer a trade-off between reduced power consumption and high performance. Although the HD74LS280 is implemented without expander inputs, the corresponding function is provided by the availability of an input at pin 4 and the absence of any internal connection at pin 3.
Features
* Ordering Information
Part Name HD74LS280P HD74LS280FPEL Package Type DILP-14 pin SOP-14 pin (JEITA) Package Code (Previous Code) PRDP0014AB-B (DP-14AV) Package Abbreviation P Taping Abbreviation (Quantity) -- EL (2,000 pcs/reel)
PRSP0014DF-B FP (FP-14DAV) Notes: Please consult the sales office for the above package availability.
Pin Arrangement
G Inputs H NC Input I Even Outputs Odd GND
1 G 2 3 4 5 6 7 I Even Odd A H F E D C B
14 13 12 11 10 9 8
VCC F E D Inputs C B A
(Top view)
Function Table
Number of inputs A through I that are high 0, 2, 4, 6, 8 1, 3, 5, 7, 9 Outputs Even H L Odd L H
Rev.3.00, Jul.15.2005, page 1 of 5
HD74LS280
Block Diagram
A B C Even
D E F Odd G H I
Absolute Maximum Ratings
Item Supply voltage Input voltage Power dissipation Storage temperature Symbol VCC VIN PT Tstg Ratings 7 7 400 -65 to +150 Unit V V mW C
Note: Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item Supply voltage Output current Operating temperature Symbol VCC IOH IOL Topr Min 4.75 -- -- -20 Typ 5.00 -- -- 25 Max 5.25 -400 8 75 Unit V A mA C
Rev.3.00, Jul.15.2005, page 2 of 5
HD74LS280
Electrical Characteristics
(Ta = -20 to +75 C)
Item Input voltage Symbol VIH VIL VOH Output voltage VOL IIH IIL min. 2.0 -- 2.7 -- -- -- -- -- -20 -- -- typ.* -- -- -- -- -- -- -- -- -- 16 -- max. -- 0.8 -- 0.4 0.5 20 -0.4 0.1 -100 27 -1.5 Unit V V V V A mA mA mA mA V Condition
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V, IOH = -400 A IOL = 4 mA VCC = 4.75 V, VIH = 2 V, IOL = 8 mA VIL = 0.8 V VCC = 5.25 V, VI = 2.7 V VCC = 5.25 V, VI = 0.4 V VCC = 5.25 V, VI = 7 V VCC = 5.25 V VCC = 5.25 V VCC = 4.75 V, IIN = -18 mA
Input current
II Short-circuit output current IOS Supply current** ICC Input clamp voltage VIK Notes: * VCC = 5 V, Ta = 25C ** ICC is measured with all outputs open and all inputs grounded.
Switching Characteristics
(VCC = 5 V, Ta = 25C)
Item Symbol tPLH tPHL tPLH tPHL Outputs Even Odd min. -- -- -- -- typ. 33 29 23 31 max. 50 45 45 50 Unit ns ns ns ns Condition
Propagation delay time
CL = 15 pF, RL = 2 k
Rev.3.00, Jul.15.2005, page 3 of 5
HD74LS280
Testing Method
Test Circuit
4.5V VCC Output
Load circuit 1 A Input RL even CL
See Function Table
B C D E F G H I
P.G. Zout = 50
Output odd Same as Load Circuit 1.
Notes:
1. CL includes probe and jig capacitance. 2. All diodes are 1S2074(H).
Waveform
tTLH 90% 1.3 V 10% tPLH tTHL 90% 1.3 V 10% tPHL VOH In phase output tPHL 1.3 V tPLH VOH Out of phase output 1.3 V 1.3 V VOL 1.3 V VOL 3V 0V
Input
Note:
Input pulse; tTLH 15 ns, tTHL 6 ns, PRR = 1 MHz, duty cycle 50%.
Rev.3.00, Jul.15.2005, page 4 of 5
HD74LS280
Package Dimensions
JEITA Package Code P-DIP14-6.3x19.2-2.54 RENESAS Code PRDP0014AB-B Previous Code DP-14AV MASS[Typ.] 0.97g
D
14
8
1 b3
7
Z
E
Reference Symbol
Dimension in Millimeters Min Nom 7.62 19.2 6.3 20.32 7.4 5.06 0.51 0.40 0.48 1.30 0.19 0 2.29 2.54 0.25 0.31 15 2.79 2.39 2.54 0.56 Max
A
A1
e1 D E
L
A A1 bp
e
bp
e1
c
b3 c
e Z
( Ni/Pd/Au plating )
L
JEITA Package Code P-SOP14-5.5x10.06-1.27
RENESAS Code PRSP0014DF-B
Previous Code FP-14DAV
MASS[Typ.] 0.23g
*1
D 8
F
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
14
bp
HE
E
Index mark
*2
c
Reference Symbol
Dimension in Millimeters Min Nom 10.06 5.50 Max 10.5
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
D E A2 A1 0.00
7 bp x M L1
0.10
0.20 2.20
A bp b1 c c
1
0.34
0.40
0.46
0.15
0.20
0.25
A
HE
0 7.50 7.80 1.27
8 8.00
A1
y L
e x y
0.12 0.15 1.42 0.50
1
Detail F
Z L L 0.70 1.15
0.90
Rev.3.00, Jul.15.2005, page 5 of 5
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> 2-796-3115, Fax: <82> 2-796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .3.0


▲Up To Search▲   

 
Price & Availability of HD74LS280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X