Part Number Hot Search : 
P4KE43 AP9566GH L6920 MMSZ5 PMMAD ETL9321N LT4356 CAT28
Product Description
Full Text Search
 

To Download HD74LS161A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LS161A
Synchronous 4-bit Binary Counter (direct clear)
REJ03D0445-0200 Rev.2.00 Feb.18.2005 This synchronous 4-bit binary counter features an internal carry look-ahead for application in high-speed counting designs. Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs changes coincident with each other when so instructed by the count-enable inputs and internal gating. This mode is operation eliminates the output counting spikes that are normally associated with asynchronous (ripple clock) counters. A buffered clock input triggers the four flip-flops on the rising (positive-going) edge of the clock input waveform. This counter is fully programmable; that is, the output may be preset to either level. As presetting is synchronous, setting up a low level at the load input disables the counter and causes the outputs to agree with the setup data after the next clock pulse regardless of the levels of the enable inputs. Low-to-high transitions at the load input should be avoided when the clock is low if the enable inputs are high at or before the transition. The clear function is asynchronous and a low level at the clear input sets all four of the flip-flop outputs low regardless of the levels of clock, load, or enable inputs. The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without additional getting. Instrumental in accomplishing this function are two count-enable inputs and a ripple carry output. Both count-enable inputs (P and T) must be high to count, and input T is fed forward to enable the ripple carry output. The ripple carry output thus enabled will produced a high-level output pulse with a duration approximately equal to the high-level portion of the QA output. This high-level overflow ripple carry pulse can be used to enable successive cascaded stages. High-to-low-level transitions at the enable P or T inputs should occur only when the clock input is high.
Features
* Ordering Information
Part Name HD74LS161AP HD74LS161AFPEL HD74LS161ARPEL Package Type DILP-16 pin SOP-16 pin (JEITA) SOP-16 pin (JEDEC) Package Code (Previous Code) PRDP0016AE-B (DP-16FV) PRSP0016DH-B (FP-16DAV) PRSP0016DG-A (FP-16DNV) Package Abbreviation P FP RP Taping Abbreviation (Quantity) -- EL (2,000 pcs/reel) EL (2,500 pcs/reel)
Note: Please consult the sales office for the above package availability.
Rev.2.00, Feb.18.2005, page 1 of 10
HD74LS161A
Pin Arrangement
Clear Clock A Data Inputs B C D Enable P GND
1 2 3 4 5 6 7 8 CLR CK Ripple Carry A B C D P Load QA QB QC QD T
16 15 14 13 12 11 10 9
VCC Ripple Carry Output QA QB Outputs QC QD Enable T Load
(Top view)
Block Diagram
Clock Clear Load D CK Q CLR Q Output QA
Enable
P T A D CK B Q Output QB
Q CLR
Data Inputs
C
DQ CK Q CLR
Output QC
D
DQ CK Q CLR
Output QD
Ripple Carry Output
Rev.2.00, Feb.18.2005, page 2 of 10
HD74LS161A
Absolute Maximum Ratings
Item Supply voltage Input voltage Power dissipation Storage temperature Symbol VCC VIN PT Tstg Ratings 7 7 400 -65 to +150 Unit V V mW C
Note: Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item Supply voltage Output current Operating temperature Clock frequency Clock pulse width Clear pulse width A, B, C, D Setup time Hold time Enable P, T Load th tsu Symbol VCC IOH IOL Topr clock tw (clock) tw (clear) Min 4.75 -- -- -20 0 25 20 20 20 20 3 Typ 5.00 -- -- 25 -- -- -- -- -- -- -- Max 5.25 -400 8 75 25 -- -- -- -- -- -- Unit V A mA C MHz ns ns ns ns ns ns
Typical Clear, Preset, and Inhibit Sequence
Clear Load A Data Inputs B C D Clock Enable P Enable T QA QB Outputs QC QD Carry
12 Preset (Load)
13
14
15 0 Count
1
2 Inhibit
Clear
Rev.2.00, Feb.18.2005, page 3 of 10
HD74LS161A
Electrical Characteristics
(Ta = -20 to +75 C)
Item Input voltage Symbol VIH VIL VOH Output voltage VOL Data, Enable P Load, Clock, Enable T Clear Data, Enable P Load, Clock, Enable T Clear Data, Enable P Load, Clock, Enable T min. 2.0 -- 2.7 -- -- -- -- -- -- -- -- -- -- -- -20 -- typ.* -- -- -- -- -- -- -- -- -- -- -- -- -- -- 18 max. -- 0.8 -- 0.4 0.5 20 40 20 -0.4 -0.8 -0.4 0.1 0.2 0.1 -100 31 Unit V V V V Condition
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V, IOH = -400 A IOL = 4 mA VCC = 4.75 V, VIH = 2 V, IOL = 8 mA VIL = 0.8 V VCC = 5.25 V, VI = 2.7 V
IIH
A
Input current
IIL
mA
VCC = 5.25 V, VI = 0.4 V
II IOS ICCH
mA mA mA
VCC = 5.25 V, VI = 7 V VCC = 5.25 V VCC = 5.25 V
Clear Short-circuit output current Supply current**
ICCL -- 19 32 mA VCC = 5.25 V Input clamp voltage VIK -- -- -1.5 V VCC = 4.75 V, IIN = -18 mA Notes: * VCC = 5 V, Ta = 25C ** ICCH is measured with the load input high, then again with the load input low, with all other inputs high and all outputs open. ICCL is measured with the clock input high, then again with the clock input low, with all other inputs low and all outputs open.
Switching Characteristics
(VCC = 5 V, Ta = 25C)
Item Maximum clock frequency Symbol max tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL tPHL Inputs Clock Clock Clock (Load = "H") Clock (Load = "L") Enable T Clear Outputs QA to QD Ripple Carry QA to QD QA to QD Ripple Carry QA to QD min. 25 -- -- -- -- -- -- -- -- -- typ. 32 20 18 13 18 13 18 9 9 20 max. -- 35 35 24 27 24 27 14 14 28 Unit MHz ns ns ns ns ns ns ns ns ns Condition
Propagation delay time
CL = 15 pF, RL = 2 k
Rev.2.00, Feb.18.2005, page 4 of 10
HD74LS161A
Timing Method
tw (CK) 3V Clock 1.3V tsu Load 1.3V th 3V 1.3V tsu Data Outputs A to D th 1.3V 0V 3V 1.3V 1.3V tsu Enable P or T 1.3V 1.3V 0V th 0V 3V 1.3V 0V
Testing Method
Test Circuit
VCC 4.5V Load circuit 1 QA
Load CK Input A B C D
RL QA CL
See Testing Table
P.G. Zout = 50
QB QB QC QC QD Ripple Carry Same as Load Circuit 1. Same as Load Circuit 1. Same as Load Circuit 1. Same as Load Circuit 1.
Input P.G. Zout = 50
P T QD Ripple Carry
CLR
Notes:
1. CL includes probe and jig capacitance. 2. All diodes are 1S2074(H).
Rev.2.00, Feb.18.2005, page 5 of 10
HD74LS161A Testing Table
Item max CK Ripply Carry CK Q CK Q Enable T CLR Q Ripple Carry From input to output Inputs Clear 4.5V 4.5V 4.5V 4.5V 4.5V IN Load 4.5V 4.5V 4.5V GND GND GND Enable P 4.5V 4.5V 4.5V GND 4.5V GND T 4.5V 4.5V 4.5V GND IN GND Clock IN IN IN IN IN* IN* Data A GND GND GND IN* 4.5V 4.5V B GND GND GND IN* 4.5V 4.5V C GND GND GND IN* 4.5V 4.5V D GND GND GND IN* 4.5V 4.5V
tPLH tPHL
Notes: *. For initialized Outputs QA OUT -- OUT OUT -- OUT QB OUT -- OUT OUT -- OUT QC OUT -- OUT OUT -- OUT QD OUT -- OUT OUT -- OUT Ripple Carry OUT OUT -- -- OUT --
Item max
From input to output
tPLH tPHL
CKRipple Carry CKQ CKQ Enable TRipple Carry CLRQ
Rev.2.00, Feb.18.2005, page 6 of 10
HD74LS161A Waveforms 1 max, tPLH, tPHL, (ClockQ, Ripple Carry)
tTLH tTHL 3V 1.3V tPHL (Measure at tn + 2) 1.3V tPHL tPLH (Measure at tn + 2) (Measure at tn + 4) QB 1.3V 1.3V VOL tPLH (Measure at tn + 4) tPHL (Measure at tn + 8) QC 1.3V tPHL (Measure at tn + 16) QD tPLH (Measure at tn + 15) Ripple Carry 1.3V 1.3V tPHL (Measure at tn + 16) VOH 1.3V VOL 1.3V VOL tPLH (Measure at tn + 8) VOH 1.3V VOL VOH VOL VOH 1.3V 0V VOH 1.3V
Clock 10%
90% 90% 1.3V 1.3V 10% (Measure at tn + 1) tw (CK)
tPLH QA
Note:
Clock input pulse; tTLH 15 ns, tTHL 6 ns, PRR = 1 MHz, duty cycle 50% and : max tTLH = tTHL 2.5 ns. tn is reference bit time when all outputs are low.
Rev.2.00, Feb.18.2005, page 7 of 10
HD74LS161A Waveforms 2 tPLH, tPHL, (ClockQ)
tTLH 90% Clock 10% tTLH tTHL 90% 1.3V 10% tTHL 90% Data Inputs A, B, C or D 10% tPLH Outputs QA, QB, QC or QD 90% 10% tPHL VOH 1.3V 1.3V VOL 3V 1.3V 0V 3V
0V
Note:
Input pulse: tTLH 15 ns, tTHL 6 ns, Clock input: PRR = 1 MHz, duty cycle 50%, Data input: PRR = 500 kHz, duty cycle 50%
Waveforms 3 tPLH, tPHL, (Enable TRipple Carry)
tTLH 90 % 1.3 V 10 % tPLH tTHL 90 % 1.3 V 10 % tPHL 3V 0V
Enable T
VOH Carry Output 1.3 V 1.3 V VOH
Note:
Input pulse: tTLH 15 ns, tTHL 6 ns, PRR = 1 MHz
Waveforms 4 tPHL, (ClearQ)
tTHL Clear 90% 1.3V tTLH 90% 1.3V tw (CLR) 20ns QA to QD 1.3V tPHL VOL 3V
10% 10%
0V VOH
Note:
Input pulse: tTLH 15 ns, tTHL 6 ns
Rev.2.00, Feb.18.2005, page 8 of 10
HD74LS161A
Package Dimensions
JEITA Package Code P-DIP16-6.3x19.2-2.54 RENESAS Code PRDP0016AE-B Previous Code DP-16FV MASS[Typ.] 1.05g
D
16
9
1 0.89 b3
8
Z
E
A1
A
Reference Symbol
Dimension in Millimeters Min Nom 7.62 19.2 6.3 20.32 7.4 5.06 0.51 0.40 0.48 1.30 0.19 0 2.29 2.54 0.25 0.31 15 2.79 1.12 2.54 0.56 Max
e D E
L
1
A A1
e
bp
e1
b c b c
p 3
e Z ( Ni/Pd/Au plating ) L
JEITA Package Code P-SOP16-5.5x10.06-1.27
RENESAS Code PRSP0016DH-B
Previous Code FP-16DAV
MASS[Typ.] 0.24g
*1
D F 9
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
Reference Symbol
*2
c
Dimension in Millimeters Min Nom 10.06 5.50 Max 10.5
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
D E A2
8 bp x M L1
A1 A bp b1 c
0.00
0.10
0.20 2.20
0.34
0.40
0.46
0.15
1
0.20
0.25
A
c
HE
0 7.50 7.80 1.27
8 8.00
A1
y L
e x y
0.12 0.15 0.80 0.50
1
Detail F
Z L L 0.70 1.15
0.90
Rev.2.00, Feb.18.2005, page 9 of 10
HD74LS161A
JEITA Package Code P-SOP16-3.95x9.9-1.27 RENESAS Code PRSP0016DG-A Previous Code FP-16DNV MASS[Typ.] 0.15g
*1
D 9
F
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
Index mark
*2
E
HE
c
Reference Symbol
Dimension in Millimeters Min Nom 9.90 3.95 Max 10.30
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
D E A2
8 bp x M L1
A1 A bp b1 c c
1
0.10
0.14
0.25 1.75
0.34
0.40
0.46
0.15
0.20
0.25
HE
0 5.80 6.10 1.27
8 6.20
A
A1
L y
e x y
0.25 0.15 0.635 0.40
1
Detail F
Z L L 0.60 1.08
1.27
Rev.2.00, Feb.18.2005, page 10 of 10
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .2.0


▲Up To Search▲   

 
Price & Availability of HD74LS161A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X