Part Number Hot Search : 
1SV323 8761E 1N3309RB U6808B LTC1436 K1536BDC 12S10 PE4352
Product Description
Full Text Search
 

To Download HAU680 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H.U
Vishay Draloric
Ceramic High Voltage Disc Capacitors, Class 1
DESIGN:
Disc capacitors with epoxy coating
e max.
s max. Dmax.
RATED VOLTAGE UR:
HAU HBU HCU HDU HEU HFU
L V 0.5
RoHS
COMPLIANT
1 kVDC 2 kVDC 3 kVDC 4 kVDC 5 kVDC 6 kVDC
F1
DIELECTRIC STRENGTH BETWEEN LEADS: Component test HAU HBU HCU HDU HEU HFU 1750 kVDC, 2 s 3000 kVDC, 2 s 5000 kVDC, 2 s 6000 kVDC, 2 s 7500 kVDC, 2 s 9000 kVDC, 2 s
O d 0.05
Dimensions in mm
COATING EXTENSION e
ALL TYPES 3 max.
BULK STANDARD LEAD LENGHT L
30.0 + 0 - 3 or 6.0 1
DISSIPATION FACTOR tan :
100 C < 30 pF: --------- + 7 * 10-4 C
COATING:
Epoxy dipped, insulating, Flame retarding acc. to UL 94V-0
C 30 pF: 10 * 10-4
INSULATION RESISTANCE RIS:
1 * 1010
TEMPERATURE CHARACTERISTIC OF CAPACITANCE:
See General Information
CATEGORY TEMPERATURE RANGE A:
(- 40 to + 85) C
LEAD CONFIGURATION & TAPING:
See General Information
CLIMATIC CATEGORY ACC. TO EN 60068-1:
40 / 085 / 21 Clear text With letter code Clear text With letter code U Where D 13 mm only
MARKING:
Capacitance value Capacitance tolerance Rated voltage Ceramic Dielectric Manufacturers logo
ORDERING INFORMATION
HAU MODEL 220 CAPACITANCE VALUE K TOLERANCE BA RATED VOLTAGE CD0 LEAD CONFIGURATION K INTERNAL CODE R RoHS COMPLIANT
Document Number: 22114 Revision: 31-Jan-2006
www.vishay.com 27
H.U
Vishay Draloric
Ceramic Disc Capacitors, Class 2
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 1 KV (DC)
C (pF) CLASS 1 10 15 22 33 47 68 82 100 150 220 330 470 560 680 N 750 7.0 x 3.0 7.0 x 3.0 7.0 x 3.0 8.0 x 3.0 8.0 x 3.0 8.0 x 3.0 8.0 x 3.0 8.0 x 3.0 10.0 x 3.5 11.0 x 3.5 12.5 x 3.5 14.5 x 3.5 16.5 x 3.5 16.5 x 3.5 HAU100 HAU150 HAU220 HAU330 HAU470 HAU680 HAU820 HAU101 HAU151 HAU221 HAU331 HAU471 HAU561 HAU681 BA BA BA BA BA BA BA BA BA BA BA BA BA BA KR KR KR KR KR KR KR KR KR KR KR KR KR KR TOL. (%) Dxs (mm) F1* (mm) d 0.05 * (mm) V 0.5 * (mm) CERAMIC CODE ORDERING CODE
10 %
7.5
0.6
1.4
U
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 2 KV (DC)
C (pF) CLASS 1 10 15 22 33 47 68 82 100 150 220 330 470 N 750 7.0 x 4.0 7.0 x 4.0 7.0 x 4.0 7.0 x 4.0 7.0 x 4.0 8.0 x 4.0 8.0 x 4.0 10.0 x 4.2 10.0 x 4.2 12.0 x 4.2 15.0 x 4.2 17.0 x 4.2 1.2 1.3 7.5 0.6 1.4 U HBU100 HBU150 HBU220 HBU330 HBU470 HBU680 HBU820 HBU101 HBU151 HBU221 HBU331 HBU471 BB BB BB BB BB BB BB BB BB BB BB BB KR KR KR KR KR KR KR KR KR KR KR KR TOL. (%) Dxs (mm) F1* (mm) d 0.05 * (mm) V 0.5 * (mm) CERAMIC CODE ORDERING CODE
10 %
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 3 KV (DC)
C (pF) CLASS 1 10 15 22 33 47 68 82 100 150 220 330 N 750 7.0 x 4.0 7.0 x 4.0 7.0 x 4.0 7.0 x 4.0 8.0 x 4.0 9.0 x 4.0 10.0 x 4.4 10.0 x 4.4 11.0 x 4.4 15.0 x 4.4 17.0 x 4.4 1.3 0.6 10.0 1.4 U HCU100 HCU150 HCU220 HCU330 HCU470 HCU680 HCU820 HCU101 HCU151 HCU221 HCU331 BC BC BC BC BC BC BC BC BC BC BC KR KR KR KR KR KR KR KR KR KR KR TOL. (%) Dxs (mm) F1* (mm) d 0.05 * (mm) V 0.5 * (mm) CERAMIC CODE ORDERING CODE
10 %
0.8
1.6
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING CODE
7th digit 10th to 12th digit R 14th digit Capacitance Tolerance Lead Configuration (See General Information) RoHS Compliant Component 10 % = K
www.vishay.com 28
Document Number: 22114 Revision: 31-Jan-2006
H.U
Ceramic Disc Capacitors, Class 2
Vishay Draloric
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 4 KV (DC)
C (pF) CLASS 1 10 15 22 33 47 68 82 100 150 220 330 470 TOL. (%) N 750 7.0 x 4.3 7.0 x 4.3 7.0 x 4.3 7.0 x 4.3 9.5 x 4.3 9.5 x 4.7 11.0 x 4.7 11.0 x 4.7 13.0 x 4.7 15.0 x 4.7 17.0 x 4.7 20.0 x 4.7 1.4 0.6 HDU100 HDU150 HDU220 HDU330 HDU470 HDU680 HDU820 HDU101 HDU151 HDU221 HDU331 HDU471 BD BD BD BD BD BD BD BD BD BD BD BD KR KR KR KR KR KR KR KR KR KR KR KR Dxs (mm) F1* (mm) d 0.05 * (mm) V 0.5 * (mm) CERAMIC CODE ORDERING CODE
10 %
10.0 1.9 0.8
U
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 5 KV (DC)
C (pF) CLASS 1 22 33 47 68 82 100 150 220 330 TOL. (%) N 750 7.0 x 4.8 9.3 x 4.8 9.3 x 4.8 11.8 x 5.2 11.8 x 5.2 11.8 x 5.2 14.4 x 5.2 16.3 x 5.2 19.5 x 5.2 0.6 2.2 HEU220 HEU330 HEU470 HEU680 HEU820 HEU101 HEU151 HEU221 HEU331 BE BE BE BE BE BE BE BE BE KR KR KR KR KR KR KR KR KR Dxs (mm) F1* (mm) d 0.05 * (mm) V 0.5 * (mm) CERAMIC CODE ORDERING CODE
10 %
12.5 0.8 2.4
U
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 6 KV (DC)
C (pF) CLASS 1 10 15 22 33 47 68 82 100 150 220 330 TOL. (%) N 750 7.0 x 4.8 7.0 x 4.8 7.0 x 4.8 9.5 x 4.8 9.5 x 4.8 12.0 x 5.2 12.0 x 5.2 12.0 x 5.2 15.0 x 5.2 17.0 x 5.2 20.0 x 5.2 HFU100 HFU150 HFU220 HFU330 HFU470 HFU680 HFU820 HFU101 HFU151 HFU221 HFU331 BF BF BF BF BF BF BF BF BF BF BF KR KR KR KR KR KR KR KR KR KR KR Dxs (mm) F1* (mm) d 0.05 * (mm) V 0.5 * (mm) CERAMIC CODE ORDERING CODE
0.6
2.2
10 %
12.5 0.8 2.4
U
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING CODE
7th digit 10th to 12th digit R 14th digit Capacitance Tolerance Lead Configuration (See General Information) RoHS Compliant Component 10 % = K
Document Number: 22114 Revision: 31-Jan-2006
For technical questions, contact powcap@vishay.com
www.vishay.com 29
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of HAU680

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X