Part Number Hot Search : 
WM8782 G958T23U BTS3408 RA255 2001HI TOP201YN TPCF8105 TDF0123
Product Description
Full Text Search
 

To Download HAT2207C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HAT2207C
Silicon N Channel MOS FET Power Switching
REJ03G1239-0600 Rev.6.00 Feb 28, 2006
Features
* Low on-resistance RDS(on) = 100 m typ. (at VGS = 4.5 V) * Low drive current. * High density mounting * 2.5 V gate drive devices.
Outline
RENESAS Package code: PWSF0006JA-A (Package name: CMFPAK-6) Indexband 6 5 4 6 G 2345 DD DD
1. Source 2. Drain 3. Drain 4. Drain 5. Drain 6. Gate
1
2
3
S 1
Absolute Maximum Ratings
(Ta = 25C)
Item Symbol Drain to source voltage VDSS Gate to source voltage VGSS Drain current ID Drain peak current ID (pulse)Note1 Body - Drain diode reverse drain current IDR Channel dissipation PchNote 2 Channel temperature Tch Storage temperature Tstg Notes: 1. PW 10 s, duty cycle 1% 2. When using the glass epoxy board. (FR4 40 40 1.6 mm) Ratings 20 12 1.5 6 1.5 790 150 -55 to +150 Unit V V A A A mW C C
Rev.6.00 Feb 28, 2006 page 1 of 6
HAT2207C
Electrical Characteristics
(Ta = 25C)
Item Drain to Source breakdown voltage Gate to Source breakdown voltage Gate to Source leakage current Drain to Source leakage current Gate to Source cutoff voltage Drain to Source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate to Source charge Gate to Drain charge Turn - on delay time Rise time Turn - off delay time Fall time Body - Drain diode forward voltage Notes: 3. Pulse test Symbol V(BR)DSS V(BR)GSS IGSS IDSS VGS(off) RDS(on) | yfs | Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDF Min. 20 12 -- -- 0.4 -- -- 1.5 -- -- -- -- -- -- -- -- -- -- -- Typ. -- -- -- -- -- 100 140 3 135 40 15 1.7 0.4 0.5 7 11 35 7 0.85 Max. -- -- 10 1 1.4 130 210 -- -- -- -- -- -- -- -- -- -- -- 1.1 Unit V V A A V m m S pF pF pF nC nC nC ns ns ns ns V Test Conditions ID = 10 mA, VGS = 0 IG = 10 A, VDS = 0 VGS = 10 V, VDS = 0 VDS = 20 V, VGS = 0 ID = 1 mA, VDS = 10 V Note3 ID = 0.8 A, VGS = 4.5 V Note3 ID = 0.8 A, VGS = 2.5 V Note3 ID = 0.8 A, VGS = 10 V Note3 VGS = 0, f = 1 MHz, VDS = 10 V VGS = 4.5 V, VDS = 10 V, ID = 1.5 A VGS = 10 V, ID = 0.8 A, VDD = 10 V, RL = 12.5 , Rg = 4.7 IF = 1.5 A, VGS = 0
Rev.6.00 Feb 28, 2006 page 2 of 6
HAT2207C
Main Characteristics
Power vs. Temperature Derating
1.0
Maximum Safe Operation Area
100
Ta = 25C, 1shot pulse
Pch (W)
Drain Current ID (A)
0.8
Test Condition : When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), Ta = 25C
30 When using the FR4 board. 10 3
PW
10 s
10
Channel Dissipation
0.6
0 s
1
1
D
m s 10
=
0.4
0.3 0.1 0.03
C
op
s m
er
at
0.2
Operation in this area is limited by RDS(on)
io
n
0
50
100
150
200
0.01
0.03 0.1 0.3
1
3
10 30 100
Ambient Temperature
Ta (C)
Drain to Source Voltage VDS (V)
Typical Output Characteristics
10 Pulse Test 10
Typical Transfer Characteristics
VDS = 10 V Pulse Test
Drain Current ID (A)
Drain Current ID (A)
8
8 25C 6 -25C Tc = 75C 4
10 V
4.5 V 3V 2.5 V
6
4 2V 2 VGS = 1.5 V 0 2 4 6 8 10
2
0
1
2
3
4
5
Drain to Source Voltage VDS (V)
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs. Gate to Source Voltage
Static Drain to Source on State Resistance vs. Drain Current
Drain to Source On State Resistance RDS(on) (m)
1000 Pulse Test
Drain to Source Voltage VDS(on) (mV)
160 1.5 A 120
2.5 V 100 VGS = 4.5 V
80
0.8 A ID = 0.5 A
40 Pulse Test 0 2 4 6 8 10
10 0.1
1
10
Gate to Source Voltage VGS (V)
Drain Current ID (A)
Rev.6.00 Feb 28, 2006 page 3 of 6
HAT2207C
Static Drain to Source on State Resistance vs. Temperature
Forward Transfer Admittance |yfs| (S)
500 100 Pulse Test
Static Drain to Source on State Resistance RDS(on) (m)
Forward Transfer Admittance vs. Drain Current
400
10 Tc = -25C
300 1.5 A 200 VGS = 2.5 V
ID = 0.5, 0.8 A
25C
1
75C
100 VGS = 4.5 V 0 -25 0 25 50
ID = 0.5, 0.8, 1.5 A
VDS = 10 V Pulse Test 0.1 0.1 1 10
75
100 125 150
Case Temperature
Tc
(C)
Drain Current ID (A)
Dynamic Input Characteristics
Drain to Source Voltage VDS (V)
ID = 1.5 A 30 VDS 6
Typical Capacitance vs. Drain to Source Voltage
Gate to Source Voltage VGS (V)
8 1000 300 Ciss 100 Coss 30 Crss 10 3 1 0 VGS = 0 f = 1 MHz 10 20
40
VDD = 5 V 10 V 20 V VGS
20
4
10
VDD = 20 V 10 V 5V 0.4 0.8 1.2 1.6 2
2
0 0
Gate Charge Qg (nc)
Capacitance C (pF)
Drain to Source Voltage VDS (V)
Reverse Drain Current vs. Source to Drain Voltage
10 1000
Switching Characteristics
VGS = 4.5 V, VDS = 10 V Rg = 4.7
Reverse Drain Current IDR (A)
6
5V
2.5 V VGS = 0 V
Switching Time t (ns)
8
tr
100 td(off) tf td(on) 1 0.1
4
10
2 Pulse Test 0 0.4 0.8 1.2 1.6 2.0
0.3
1
3
10
Source to Drain Voltage VSD (V)
Drain Current ID (A)
Rev.6.00 Feb 28, 2006 page 4 of 6
HAT2207C
Switching Time Test Circuit Waveform
Vin Monitor D.U.T. RL 4.7 Vin 10 V
Vout Monitor Vin Vout VDD = 10 V 10% 10%
90%
10%
90% td(on) tr
90% td(off) tf
Rev.6.00 Feb 28, 2006 page 5 of 6
HAT2207C
Package Dimensions
Package Name CMFPAK-6 JEITA Package Code RENESAS Code PWSF0006JA-A Previous Code CMFPAK-6 / CMFPAK-6V MASS[Typ.] 0.0065g
D e A c LP
E
HE
A xM
A SA b
L
Reference Symbol
Dimension in Millimeters
e A2 A
yS
A1 S e1 b b1 l1 c1 b2 Pattern of terminal position areas
c
A-A Section
A A1 A2 b b1 c c1 D E e HE L LP x y b2 e1 l1
Min 0.6 0 0.7 0.15 0.1 1.9 1.6 2.05 0.1 0.15
Nom
0.22 0.2 0.13 0.11 2.0 1.7 0.65 2.1 0.2
Max 0.8 0.01 0.79 0.3 0.15 2.1 1.8 2.15 0.3 0.45 0.05 0.05 0.35 0.5
1.65
Ordering Information
Part Name HAT2207C-EL-E Quantity 3000 pcs Taping Shipping Container
Note: For some grades, production may be terminated. Please contact the Renesas sales office to check the state of production before ordering the product.
Rev.6.00 Feb 28, 2006 page 6 of 6
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HAT2207C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X