Part Number Hot Search : 
P89C738 CFD1499 T107C1 FXP6000 2SK37 73641 YE152 3000A
Product Description
Full Text Search
 

To Download H2516384000BE50GX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Specify
VCXO
Quartz Crystal Oscillators
FEATURES
Wide Frequency Range Fast Turnaround Options 3.0V and 5.0V Devices Wide Pull Ranges
APPLICATIONS
IT Applications Datacommunications Telecommunications Automotive Electronics
GENERAL
SPECIFICATION
3.3V Type +3.3V 500KHz to 125MHz +- 10ppm (Option Code A) +- 25ppm (Option Code B) +- 50ppm (Option Code C) +- 100ppm (Option Code D) +-5ppm per year max 0 to +70 Deg C (Option Code E) -40 to +85 Deg C (Option Code F) -40 to +85 Deg C 10% max +1.65V +-1.35V +2.5V +-2.0V +-30ppm to +-150ppm +-80ppm to +-200ppm Positive or Negative Positive or Negative 5 ~ 45mA max. 10mS max 10KHz min 50K Ohms @ 10KHz min TTL Square Wave 2.4V min 0.4V max 10nS max (measured between 0.4V and 2.4V) 40% min , 60% max (measured at 1.4V) 5 ~ 10 TTL gates CMOS Square Wave 2.97V min 0.33V max Vcc -0.5V min 0.5V max 6% Typical 5.0V Type +5.0V Comments +-5% Package Dependant
Parameter Input Voltage (Vdd) Frequency Range
Frequency Stability
Vs Aging Operating Temp Storage Temp Linearity Control Voltage Pull Range Slope Polarity Current Consumption Start-up Time Modulation Bandwidth Input Impedance Output Voltage Level High '1 ' Low '0' Rise & Fall Time Duty Cycle Output Load Output Voltage Level High '1 ' Low '0'
Positive Std Frequency Dependant 5mS Typical
3nS Typical
www.aelcrystals.co.uk
quartz
based
frequency
control
components
Order Hotline +44 1293 524245
28
www.aelcrystals.co.uk sales@aelcrystals.co.uk
Specify
VCXO
Quartz Crystal Oscillators
Packages Available
20.8
#1 15.24 #7
20.8
15.24 #1
#7
7.62
12.9
5.3
7.5
6.8
DRAWING A
12.9
#1 7.62 #4
5.3 6.8
1.8
DRAWING C (D With Gullwing Lead)
15.36
12.9
# 14 #8
7.62
PIN CONNECTIONS PIN Function #1 Voltage Control #7 Ground #8 Output # 14 Supply Voltage
7.62
# 14
#8
PIN CONNECTIONS PIN #1 #7 #8 # 14 Function Voltage Control Ground Output Supply Voltage
1.8
13.1
DRAWING B
#1
#4
#1 #7
12.0 #14
#8
12.9
7.62
7.62
#8
#5
#8
#5
5.3
PIN CONNECTIONS PIN Function #1 Voltage Control #4 Ground #5 Output #8 Supply Voltage
4.7
PIN CONNECTIONS PIN #1 #7 #8 # 14 Function Voltage Control Ground Output Supply Voltage
2.5
4.0 15.24
0.5
0.5 4.0 7.62
DRAWING E
13.0
#1 12.0 #14
#7
7.62
8.95
9.8
#8
18.3
21.3
PIN CONNECTIONS
4.7
PIN CONNECTIONS
4.1
4.7
4.0
4.0
DRAWING F
11.4+-0.3
PIN Function #1 Voltage Control #7 Ground #8 Output # 14 Supply Voltage PIN CONNECTIONS (4 Pad) PIN Function #1 Voltage Control #2 Ground #3 Output #4 Supply Voltage
H 1.85mm , 2.5mm and 4.7mm Available
0.51
5.08
DRAWING G
7.5 Max
7.62
PIN #1 #7 #8 # 14
Function Voltage Control Ground Output Supply Voltage
H
0.6 7.0 1.3+-0.2 1 R0.5
3
5.0 Max
2.54
5.08+-0.2
5.08+-0.2
4
6 5 4
1 2
2.54
1.0+-0.2
1.4
#6
#5
#4
4 Pad Version DRAWING H
6 Pad Version
5.08
H
2.5mm and 4.7mm Available
DRAWING I
www.aelcrystals.co.uk q u a r t z
based
frequency
control
2.6
2
3
PIN CONNECTIONS (6 Pad) PIN Function #1 Voltage Control #2 Tri State #3 Output #4 Ground #5 No Connection #6 Supply Voltage
#1
#2
#3
PIN CONNECTIONS PIN Function #1 Voltage Control #2 Tri State #3 Ground #4 Output #5 No Connection #6 Supply Voltage
components
Order Hotline +44 1293 524245
29
www.aelcrystals.co.uk sales@aelcrystals.co.uk
1.8
Specify
VCXO
Quartz Crystal Oscillators
PACKAGE CODES
Package Code A1 B1 C1 D1 E1 F1 G1 H1 H2 H3 H4 H5 I1
ORDERING CODE
Drawing A B C D E F G H H H H H I
Description 14 Pin D IL Herme tically Sealed 14 Pin SM D Gullw ing - DIL H ermetically Sealed 8-Pin D IL Herme tically Sealed 8-Pin D IL Gullw ing Herm etically Sealed 14-Pin DIL Low Cost 4.7mm High 14-Pin DIL Gullwing Low Cost 4.7mm High Plastic Mo ulded SM D 9mm x 11mm SMD - 2.5mm High - 6 Pad 9mm x 11mm SMD - 4.7mm High - 6 Pad 9mm x 11mm SMD - 1.85mm High - 4 Pad 9mm x 11mm SMD - 2.5mm High - 4 Pad 9mm x 11mm SMD - 4.7mm High - 4 Pad 7.5mm x 5mm SMD -1.8mm High - 6 Pad
H2 / 5 / 16.384000 / A / E / 50 / G / X
Package Code 3 = +3.0V 5 = +5.0V Frequency (to 6 decimal places) Stability (Over Temp) A = 10ppm B = 25ppm C = 50ppm D = 100ppm CUSTOM OPTIONS AVAILABLE
A - Tape and reeled B - Customer Specified Adjustment Tolerance C - Tri State option D - Customer Specified Stability / Temp Combination E - Negative Slope Polarity (Inc Vc = dec Fo) F - Customer Specified Power Consumption G - Specified Phase noise requirements H - Custom Marking Solder Conditions
Custom Options (see below) Range Code G = Maximum H = Minimum L = Typical Pull Range (ppm) Operating Temp Range
www.aelcrystals.co.uk
quartz
based
frequency
control
components
Order Hotline +44 1293 524245
30
www.aelcrystals.co.uk sales@aelcrystals.co.uk


▲Up To Search▲   

 
Price & Availability of H2516384000BE50GX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X