![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Incremental encoders Mini series, with shaft Resolution 5...2048 pulses GI328 Features - Mini encoder with shaft o5 mm - Resolution max. 2048 ppr - Housing o30 mm - High rotation speed max. 12000 rpm - Operating temperature range -20...+85C GI328 with shaft Technical data - electrical ratings Voltage supply 5 VDC 10 % 10...30 VDC 60 mA 5...2048 Zero pulse, width 90 Optical 100 kHz A 90 B, N + inverted Linedriver RS422 Push-pull short-circuit proof DIN EN 61000-6-2 DIN EN 61000-6-4 Technical data - mechanical design Housing Shaft Flange Protection DIN EN 60529 Operating speed Admitted shaft load Materials o30 mm o5 mm Synchro flange IP 42 IP 65 6000 rpm IP 65 12000 rpm IP 42 10 N axial 10 N radial Housing: polyamide black Flange: aluminium Shaft: stainless -20...+85 C 95 % non-condensing Subject to modification in technic and design. Errors and omissions excepted. 31/10/2008 Reverse polarity protection Yes (10...30 VDC) Consumption w/o load Resolution (steps/turn) Reference signal Sensing method Output frequency Output signals Output circuit Interference immunity Emitted interference Operating temperature Relative humidity Resistance Output signals Clockwise rotating direction when looking at flange. Output signal 5 VDC, linedriver Track A Track A Weight approx. E-connection DIN EN 60068-2-6 Vibration 10 g, 16-200 Hz DIN EN 60068-2-27 Shock 50 g, 11 ms 85 g Cable 1 m Clockwise rotating direction when looking at flange. Output signals 10...30 VDC, push-pull Track B Track A Track B Track B 90 Zero pulse Zero pulse 90 Zero pulse 1 www.baumerivo.com Incremental encoders Mini series, with shaft Resolution 5...2048 pulses GI328 Part number GI328. See part number (pulses) E-connection 31 Cable 1 m, axial 41 Cable 1 m, radial Voltage supply / signals 22 5 VDC / linedriver RS422 60 10...30 VDC / push-pull Shaft 0 Shaft o5 mm / IP 65 1 Shaft o5 mm / IP 42 Part number (pulses) 49 39 40 41 (5) (50) (60) (100) 06 09 13 14 (200) (250) (360) (400) 15 22 23 28 (500) (1000) (1024) (2000) 29 (2048) Terminal assignment Linedriver Core colour Assignment brown green red yellow blue pink grey white UB Track A Track A inv. Track B Track B inv. Track N (zero pulse) Track N inv. (zero pulse inv.) GND Push-pull Core colour Assignment brown green yellow pink white UB Track A Track B Track N (zero pulse) GND Other pulse numbers upon request. Example: ordering key 23 = 1024 pulses Please use cores twisted in pairs (for example track A / track A inv.) for extension cables of more than 10 m length. Trigger level Outputs Output level High Output level Low Load High Load Low Outputs Output level High Output level Low Load High Load Low Linedriver RS422 >2.4 V (I = -20 mA) <0.4 V (I = 20 mA) <20 mA <20 mA Push-pull circuit-proof >UB -2.7 V (I = -10 mA) <0.2 V (I = 20 mA) <20 mA <20 mA Subject to modification in technic and design. Errors and omissions excepted. 31/10/2008 Dimensions 120 M3 x 5 (3x) 120 M3 x 5 (3x) o16 o5 o30 o5 o16 23 30 2.2 10 33.5 12 1.8 2 o27 23 30 2.2 11 33.5 1.8 2 12 2 www.baumerivo.com o27 o30 |
Price & Availability of GI3280603106
![]() |