Part Number Hot Search : 
EK00213 D471K DT74FCT ULQ2814A 6543F CRO2390A BLM21PG IDT77305
Product Description
Full Text Search
 

To Download GE355A223126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Incremental encoders
Stainless steel housing, shaft with clamping flange Resolution 5...6000 pulses
GE355
Features - Encoder with clamping flange - Stainless steel design - Optical sensing - Resolution max. 6000 ppr - Clamping flange with shaft o10 mm
GE355 with clamping flange Technical data - electrical ratings Voltage supply 5 VDC 10 % 4.75...30 VDC 30 mA (24 VDC) 60 mA (5 VDC) 5...6000 Zero pulse, width 90 Optical 150 kHz A 90 B, N + inverted Linedriver RS422 Push-pull short-circuit proof DIN EN 61000-6-2 DIN EN 61000-6-4 UL approval / E63076 Technical data - mechanical design Housing Shaft Flange Protection DIN EN 60529 Operating speed Starting torque Rotor moment of inertia Admitted shaft load Materials Operating temperature Relative humidity Resistance o58 mm o10 mm (clamping flange) Clamping flange IP 67 10000 rpm 0.03 Nm IP 67 14.5 gcm 20 N axial 40 N radial Housing: stainless steel 1.4305 Flange: stainless steel 1.4305 -25...+85 C 95 % non-condensing
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
Reverse polarity protection Yes (4.75...30 VDC) Consumption w/o load Resolution (steps/turn) Reference signal Sensing method Output frequency Output signals Output circuit Interference immunity Emitted interference Approval
DIN EN 60068-2-6 Vibration 10 g, 16-2000 Hz DIN EN 60068-2-27 Shock 200 g, 6 ms 500 g Cable 1 m
Weight approx. E-connection
1
www.baumerivo.com
Stainless steel housing, shaft with clamping flange Resolution 5...6000 pulses
Incremental encoders
GE355
Part number GE355. A See part number (pulses) E-connection 31 Cable 1 m, axial 41 Cable 1 m, radial Voltage supply / signals 22 5 VDC / linedriver RS422 70 4.75...30 VDC / push-pull 72 4.75...30 VDC / linedriver RS422 (5 VDC) Flange / Shaft A Clamping flange / o10 mm IP 67 Part number (pulses) 49 36 50 39 40 41 (5) (10) (25) (50) (60) (100) 57 06 09 13 14 15 (128) (200) (250) (360) (400) (500) 22 23 24 26 28 29 (1000) (1024) (1250) (1500) (2000) (2048) 30 31 34 35 48 (2500) (3600) (4096) (5000) (6000)
Other pulse numbers upon request. Example: ordering key 23 = 1024 pulses
2
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
Incremental encoders
Stainless steel housing, shaft with clamping flange Resolution 5...6000 pulses
GE355
Output signals Clockwise rotating direction when looking at flange. Track A Track A Terminal assignment Core colour Assignment pink blue red black brown Track B Track B 90 green - grey - white Track B inv. UB-Sense Track N (zero pulse) Track N inv. (zero pulse inv.) Track A Track A inv. - Track B - GND-Sense
white/green GND Zero pulse Zero pulse brown/green UB UB-Sense and GND-Sense are directly connected to UB resp. GND. Please use cores twisted in pairs (for example track A / track A inv.) for extension cables of more than 10 m length Trigger level Outputs Output level High Output level Low Load High Load Low Outputs Output level High Output level Low Load High Load Low Linedriver RS422 >2.5 V (I = -20 mA) <0.5 V (I = 20 mA) <20 mA <20 mA Push-pull short-circuit proof >UB -3 V (I = -20 mA) <0.5 V (I = 20 mA) <20 mA <20 mA
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
3
www.baumerivo.com
Stainless steel housing, shaft with clamping flange Resolution 5...6000 pulses
Incremental encoders
GE355
Dimensions
M3 x 5 120 15 16 35 10 20 o10h8 15 35 10 20 15 o10h8 9. 13
36f8 48 0.1 58
9.
4
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.


▲Up To Search▲   

 
Price & Availability of GE355A223126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X