Part Number Hot Search : 
PT2265 EPA368 CES181J MA100 JZ4730 2SK231 M215H RS203
Product Description
Full Text Search
 

To Download FDS6690AS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDS6690AS 30V N-Channel PowerTrench(R) SyncFETTM
May 2008
FDS6690AS
30V N-Channel PowerTrench(R) SyncFETTM
General Description
The FDS6690AS is designed to replace a single SO-8 MOSFET and Schottky diode in synchronous DC:DC power supplies. This 30V MOSFET is designed to maximize power conversion efficiency, providing a low RDS(ON) and low gate charge. The FDS6690AS includes an integrated Schottky diode using Fairchild's monolithic SyncFET technology. The performance of the FDS6690AS as the low-side switch in a synchronous rectifier is close to the performance of the FDS6690A in parallel with a Schottky diode.
tm
Features
* 10 A, 30 V. RDS(ON) max= 12 m @ VGS = 10 V RDS(ON) max= 15 m @ VGS = 4.5 V * * * Includes SyncFET Schottky diode Low gate charge (16nC typical) High performance trench technology for extremely low RDS(ON) * High power and current handling capability
Applications
* DC/DC converter * Low side notebooks
D D
D
D
5 6 4 3 2 1
SO-8
S
S
S
G
7 8
Absolute Maximum Ratings
Symbol
VDSS VGSS ID PD Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed
TA=25oC unless otherwise noted
Parameter
Ratings
30 20
(Note 1a)
Units
V V A W
10 50 2.5 1.2 1 -55 to +150
Power Dissipation for Single Operation
(Note 1a) (Note 1b) (Note 1c)
TJ, TSTG
Operating and Storage Junction Temperature Range
C
Thermal Characteristics
RJA RJC Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case
(Note 1a) (Note 1)
50 25
C/W C/W
Package Marking and Ordering Information
Device Marking FDS6690AS Device FDS6690AS Reel Size 13'' Tape width 12mm Quantity 2500 units
(c)2008 Fairchild Semiconductor Corporation
FDS6690AS Rev A2(X)
FDS6690AS 30V N-Channel PowerTrench(R) SyncFETTM
Electrical Characteristics
Symbol
BVDSS BVDSS TJ IDSS IGSS
TA = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage
(Note 2)
Test Conditions
VGS = 0 V, ID = 1 mA ID = 10 mA, Referenced to 25C VDS = 24 V, VGS = 20 V, VGS = 0 V VDS = 0 V
Min
30
Typ
Max
Units
V
Off Characteristics
30 500 100 mV/C A nA
On Characteristics
VGS(th) VGS(th) TJ RDS(on)
Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance
VDS = VGS, ID = 1 mA ID = 10 mA, Referenced to 25C VGS = 10 V, ID = 10 A VGS = 4.5 V, ID = 8.5 A VGS=10 V, ID =10A, TJ=125C VGS = 10 V, VDS = 15 V, VDS = 5 V ID = 10 A
1
1.6 -4 10 12 15
3
V mV/C
12 15 19
m
ID(on) gFS
50 45
A S
Dynamic Characteristics
Ciss Coss Crss RG Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
(Note 2)
VDS = 15 V, f = 1.0 MHz VGS = 15 mV,
V GS = 0 V,
910 270 100
pF pF pF
f = 1.0 MHz
2.0
Switching Characteristics
td(on) tr td(off) tf td(on) tr td(off) tf Qg(TOT) Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time
8 VDS = 15 V, VGS = 10 V, ID = 1 A, RGEN = 6 5 25 6 11 VDS = 15 V, VGS = 4.5 V, ID = 1 A, RGEN = 6 11 15 8 16 VDD = 15 V, ID = 10 A 9 2.3 3.0
16 10 40 12 20 20 27 16 23 13
ns ns ns ns ns ns ns ns nC nC nC nC
Total Gate Charge at Vgs=10V Total Gate Charge at Vgs=5V Gate-Source Charge Gate-Drain Charge
FDS6690AS Rev A2 (X)
FDS6690AS 30V N-Channel PowerTrench(R) SyncFETTM
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions Min Typ Max Units
Drain-Source Diode Characteristics and Maximum Ratings
IS VSD Trr Qrr Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Diode Reverse Recovery Time Diode Reverse Recovery Charge VGS = 0 V, IF = 10A, diF/dt = 300 A/s
(Note 3)
3.5
(Note 2)
A V nS nC
IS = 3.5 A
0.6 16 9
0.7
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design.
a) 50/W when mounted on a 1 in2 pad of 2 oz copper
b) 105/W when mounted on a .04 in2 pad of 2 oz copper
c) 125/W when mounted on a minimum pad.
Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0% 3. See "SyncFET Schottky body diode characteristics" below.
FDS6690AS Rev A2 (X)
FDS6690AS 30V N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics
50 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
VGS = 10V 4.0V
2.2
VGS = 4.0V
40 ID, DRAIN CURRENT (A)
6.0V 4.5V
1.8
3.5V
30
3.0V
1.4
4.0V 4.5V 5.0V 6.0V 10V
20
1
10
2.5V
0 0 0.5 1 1.5 VDS, DRAIN-SOURCE VOLTAGE (V) 2
0.6 0 10 20 30 ID, DRAIN CURRENT (A) 40 50
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
0.06 RDS(ON), ON-RESISTANCE (OHM)
1.6 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.45 1.3 1.15 1 0.85 0.7 -50 -25 0 25 50 75 100 o TJ, JUNCTION TEMPERATURE ( C) 125 150
ID = 10A VGS = 10V
ID = 5A 0.05
0.04
0.03 TA = 125 C 0.02
o
0.01
TA = 25oC
0 2 4 6 8 VGS, GATE TO SOURCE VOLTAGE (V) 10
Figure 3. On-Resistance Variation with Temperature.
50 IS, REVERSE DRAIN CURRENT (A)
VDS = 5V
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
10
VGS = 0V
ID, DRAIN CURRENT (A)
40
1
TA = 125oC
30
0.1
25oC -55oC
20
TA = 125 C
o
-55 C
o
0.01
10
25oC
0 1 1.5 2 2.5 3 3.5 VGS, GATE TO SOURCE VOLTAGE (V) 4
0.001 0 0.2 0.4 0.6 VSD, BODY DIODE FORWARD VOLTAGE (V) 0.8
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature.
FDS6690AS Rev A2 (X)
FDS6690AS 30V N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics
10 VGS, GATE-SOURCE VOLTAGE (V)
ID =10A
1400 1200
f = 1MHz VGS = 0 V
8 CAPACITANCE (pF)
VDS = 10V 20V
1000 800 600
Coss
Ciss
6
15V
4
400 200
Crss
2
0 0 3 6 9 12 15 Qg, GATE CHARGE (nC) 18 21
0 0 5 10 15 20 25 VDS, DRAIN TO SOURCE VOLTAGE (V) 30
Figure 7. Gate Charge Characteristics.
100 P(pk), PEAK TRANSIENT POWER (W)
RDS(ON) LIMIT 100s 1ms 10ms 100ms 1s
Figure 8. Capacitance Characteristics.
50
SINGLE PULSE RJA = 125C/W TA = 25C
ID, DRAIN CURRENT (A)
40
10
30
1
DC VGS = 10V SINGLE PULSE o RJA = 125 C/W TA = 25oC
10s
20
0.1
10
0.01 0.1 1 10 VDS, DRAIN-SOURCE VOLTAGE (V) 100
0 0.001
0.01
0.1
1 t1, TIME (sec)
10
100
1000
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
1
D = 0.5 0.2
0.1
0.1 0.05 0.02 0.01
RJA(t) = r(t) * RJA RJA = 125 C/W P(pk) t1 t2
SINGLE PULSE
0.01
TJ - TA = P * RJA(t) Duty Cycle, D = t1 / t2
0.001 0.0001
0.001
0.01
0.1 t1, TIME (sec)
1
10
100
1000
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c. Transient thermal response will change depending on the circuit board design.
FDS6690AS Rev A2(X)
FDS6690AS 30V N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics (continued)
SyncFET Schottky Body Diode Characteristics
Fairchild's SyncFET process embeds a Schottky diode in parallel with PowerTrench MOSFET. This diode exhibits similar characteristics to a discrete external Schottky diode in parallel with a MOSFET. Figure 12 shows the reverse recovery characteristic of the FDS6690AS. Schottky barrier diodes exhibit significant leakage at high temperature and high reverse voltage. This will increase the power in the device.
0.1 IDSS, REVERSE LEAKAGE CURRENT (A)
0.01
TA = 125oC
0.001
TA = 100oC
0.0001
3A/DIV
0.00001
TA = 25oC
0.000001 0 5 10 15 20 VDS, REVERSE VOLTAGE (V) 25 30
Figure 14. SyncFET body diode reverse leakage versus drain-source voltage and temperature.
10nS/DIV
Figure 12. FDS6690AS SyncFET body diode reverse recovery characteristic.
For comparison purposes, Figure 13 shows the reverse recovery characteristics of the body diode of an equivalent size MOSFET produced without SyncFET (FDS6690A).
3A/DIV
0V
10nS/DIV
Figure 13. Non-SyncFET (FDS6690A) body diode reverse recovery characteristic.
FDS6690AS Rev A2(X)
FDS6690AS 30V N-Channel PowerTrench(R) SyncFETTM
Typical Characteristics
VDS VGS RGE VGS
0V tp
L tP DUT IAS 0.01 + VDD IAS
BVDSS VDS VDD
vary tP to obtain required peak IAS
tAV Figure 15. Unclamped Inductive Load Test Circuit
Drain Current Same type as
10V + F 50k
Figure 16. Unclamped Inductive Waveforms
-
10
1F
+ VDD DUT VGS QG(TOT) 10V QGS QGD
VGS
Ig(REF Charge, (nC) Figure 17. Gate Charge Test Circuit Figure 18. Gate Charge Waveform tON td(ON) VDS + DUT VDD
0V 10% 90% 50% 10% 50% 10% 90%
VDS VGS RGEN VGSPulse Width 1s
RL
tr
tOFF td(OFF tf )
90%
VGS
0V
Duty Cycle 0.1%
Pulse Width
Figure 19. Switching Time Test Circuit
Figure 20. Switching Time Waveforms
FDS6690AS Rev A2(X)
TRADEMARKS
The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidianries, and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM *
TM
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) *
FPSTM F-PFSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
tm
PDP-SPMTM Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM Saving our world 1mW at a timeTM SmartMaxTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SuperMOSTM (R)
The Power Franchise(R)
tm
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) Ultra FRFETTM UniFETTM VCXTM VisualMaxTM
* EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. This datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I34
Preliminary
First Production
No Identification Needed Obsolete
Full Production Not In Production
FDS6690AS Rev.A2(X)


▲Up To Search▲   

 
Price & Availability of FDS6690AS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X