Part Number Hot Search : 
DTA124 U30D60PT WR204 550PEF10 22210 10BQ040 CRCW0603 10BQ040
Product Description
Full Text Search
 

To Download FDMA410NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDMA410NZ Single N-Channel 1.5 V Specified PowerTrench(R) MOSFET
September 2008
FDMA410NZ
Single N-Channel 1.5 V Specified PowerTrench MOSFET
20 V, 9.5 A, 23 m
Features
Max rDS(on) = 23 m at VGS = 4.5 V, ID = 9.5 A Max rDS(on) = 29 m at VGS = 2.5 V, ID = 8.0 A Max rDS(on) = 36 m at VGS = 1.8 V, ID = 4.0 A Max rDS(on) = 50 m at VGS = 1.5 V, ID = 2.0 A HBM ESD protection level > 2.5 kV (Note 3) Low Profile-0.8 mm maximum in the new package MicroFET 2x2 mm RoHS Compliant
tm
(R)
General Description
This Single N-Channel MOSFET has been designed using Fairchild Semiconductor's advanced Power Trench process to optimize the rDS(ON) @ VGS = 1.5 V on special MicroFET leadframe.
Applications
Li-lon Battery Pack
Pin 1
D
D
G
Bottom Drain Contact D D 1 2 3 6 5 4 D D
Drain
Source
G
S
D
D
S
MicroFET 2X2 (Bottom View)
MOSFET Maximum Ratings TA = 25 C unless otherwise noted
Symbol VDS VGS ID PD TJ, TSTG Parameter Drain to Source Voltage Gate to Source Voltage -Continuous -Pulsed Power Dissipation Power Dissipation TA = 25 C TA = 25 C (Note 1a) (Note 1b) TA = 25 C (Note 1a) Ratings 20 8 9.5 24 2.4 0.9 -55 to +150 Units V V A W C
Operating and Storage Junction Temperature Range
Thermal Characteristics
RJA RJA Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Ambient (Note 1a) (Note 1b) 52 145 C/W
Package Marking and Ordering Information
Device Marking 410 Device FDMA410NZ Package MicroFET 2X2 Reel Size 7 '' Tape Width 12 mm Quantity 3000 units
(c)2008 Fairchild Semiconductor Corporation FDMA410NZ Rev.B
1
www.fairchildsemi.com
FDMA410NZ Single N-Channel 1.5 V Specified PowerTrench(R) MOSFET
Electrical Characteristics TJ = 25 C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = 250 A, VGS = 0 V ID = 250 A, referenced to 25 C VDS = 16 V, VGS = 0 V VGS = 8 V, VDS = 0 V 20 17 1 10 V mV/C A A
On Characteristics
VGS(th) VGS(th) TJ Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient VGS = VDS, ID = 250 A ID = 250 A, referenced to 25 C VGS = 4.5 V, ID = 9.5 A VGS = 2.5 V, ID = 8.0 A rDS(on) Static Drain to Source On Resistance VGS = 1.8 V, ID = 4.0 A VGS = 1.5 V, ID = 2.0 A VGS = 4.5 V, ID = 9.5 A, TJ = 125 C gFS Forward Transconductance VDD = 5 V, ID = 9.5 A 0.4 0.7 -3 17 20 24 29 23 35 23 29 36 50 32 S m 1.0 V mV/C
Dynamic Characteristics
Ciss Coss Crss Rg Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance VDS = 10 V, VGS = 0 V, f = 1 MHz f = 1 MHz 815 130 85 2.1 1080 175 130 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain "Miller" Charge VGS = 4.5 V , VDD = 10 V, ID = 9.5 A VDD = 10 V, ID = 9.5 A, VGS = 4.5 V, RGEN = 6 7.5 3.9 27 3.7 10 1.2 2.0 15 10 44 10 14 ns ns ns ns nC nC nC
Drain-Source Diode Characteristics
IS VSD trr Qrr Maximum Continuous Drain-Source Diode Forward Current Source to Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0 V, IS = 2.0 A (Note 2) 0.7 12 2.6 2.0 1.2 22 10 A V ns nC
IF = 9.5 A, di/dt = 100 A/s
NOTES: 1. RJA is determined with the device mounted on a 1 in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RJC is guaranteed by design while RJA is determined by the user's board design. a.52 C/W when mounted on a 1 in2 pad of 2 oz copper. b. 145 C/W when mounted on a minimum pad of 2 oz copper.
2. Pulse Test: Pulse Width < 300 s, Duty cycle < 2.0%. 3. The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
(c)2008 Fairchild Semiconductor Corporation FDMA410NZ Rev.B
2
www.fairchildsemi.com
FDMA410NZ Single N-Channel 1.5 V Specified PowerTrench(R) MOSFET
Typical Characteristics TJ = 25 C unless otherwise noted
24 20
ID, DRAIN CURRENT (A) VGS = 4.5 V VGS = 3.5 V VGS = 2.5 V VGS = 1.8 V VGS = 1.5 V
4.0
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE VGS = 1.2 V
3.5 3.0
PULSE DURATION = 80 s DUTY CYCLE = 0.5%MAX VGS = 1.5 V
16 12 8 4 0 0.0
2.5 2.0 1.5 1.0 0.5 0 4 8
VGS = 3.5 V VGS = 4.5 V VGS = 1.8 V VGS = 2.5 V
PULSE DURATION = 80 s DUTY CYCLE = 0.5%MAX
VGS = 1.2 V
0.5
1.0
1.5
2.0
12
16
20
24
VDS, DRAIN TO SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 1. On-Region Characteristics
Figure 2. Normalized On-Resistance vs Drain Current and Gate Voltage
60
SOURCE ON-RESISTANCE (m)
1.6
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE ID = 9.5 A VGS = 4.5 V
ID = 4.75 A
PULSE DURATION = 80 s DUTY CYCLE = 0.5%MAX
1.4 1.2 1.0 0.8 0.6 -75
rDS(on), DRAIN TO
50 40
TJ = 125 oC
30 20
TJ = 25 oC
-50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (oC)
10 1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 3. Normalized On- Resistance vs Junction Temperature
24 20
ID, DRAIN CURRENT (A)
Figure 4. On-Resistance vs Gate to Source Voltage
IS, REVERSE DRAIN CURRENT (A)
PULSE DURATION = 80 s DUTY CYCLE = 0.5%MAX
30
10
VGS = 0 V
VDS = 5 V
16 12
TJ = 125 oC
1
TJ = 125 oC TJ = 25 oC
0.1
8
TJ = 25 oC
0.01
4
TJ = -55 oC
TJ = -55 oC
0 0.0
0.5
1.0
1.5
2.0
0.001 0.0
0.2
0.4
0.6
0.8
1.0
1.2
VGS, GATE TO SOURCE VOLTAGE (V)
VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward Voltage vs Source Current
(c)2008 Fairchild Semiconductor Corporation FDMA410NZ Rev.B
3
www.fairchildsemi.com
FDMA410NZ Single N-Channel 1.5 V Specified PowerTrench(R) MOSFET
Typical Characteristics TJ = 25 C unless otherwise noted
5
VGS, GATE TO SOURCE VOLTAGE (V)
2000
ID = 9.5 A
4 3 2 1 0 0 2 4 6 8 10 12
Qg, GATE CHARGE (nC)
1000
CAPACITANCE (pF)
Ciss
VDD = 8 V VDD = 10 V VDD = 12 V
Coss
100 50 0.1
f = 1 MHz VGS = 0 V
Crss
1
10
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance vs Drain to Source Voltage
40
10
Ig, GATE LEAKAGE CURRENT (A)
-2
10 10 10 10 10
-4
-ID, DRAIN CURRENT (A)
10
-3
VGS = 0 V
10
0.1 ms
-5
TJ = 125 o C
1
THIS AREA IS LIMITED BY rDS(on)
1 ms 10 ms 100 ms 1s 10 s DC
-6
TJ = 25 oC
-7
0.1
SINGLE PULSE TJ = MAX RATED RJA = 145 C/W
o
-8
0
3
6
9
12
15
0.01 0.1
TA = 25 oC
1
10
50
VGS, GATE TO SOURCE VOLTAGE (V)
-VDS, DRAIN to SOURCE VOLTAGE (V)
Figure 9. Gate Leakage Current vs Gate to Source Voltage
50
VGS = 4.5 V
P(PK), PEAK TRANSIENT POWER (W)
Figure 10. Forward Bias Safe Operation Area
SINGLE PULSE RJA = 145 oC/W TA = 25 oC
10
1 0.5 -3 10
10
-2
10
-1
10
0
10
1
100
1000
t, PULSE WIDTH (sec)
Figure 11.
Single Pulse Maximum Power Dissipation
(c)2008 Fairchild Semiconductor Corporation FDMA410NZ Rev.B
4
www.fairchildsemi.com
FDMA410NZ Single N-Channel 1.5 V Specified PowerTrench(R) MOSFET
Typical Characteristics TJ = 25 C unless otherwise noted
2
DUTY CYCLE-DESCENDING ORDER
1
NORMALIZED THERMAL IMPEDANCE, ZJA
D = 0.5 0.2 0.1 0.05 0.02 0.01
PDM
0.1
t1 t2
SINGLE PULSE RJA = 145 C/W
o
NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJA x RJA + TA
-1 0 1
0.01 -3 10
10
-2
10
10
10
100
1000
t, RECTANGULAR PULSE DURATION (sec)
Figure 12. Junction-to-Ambient Transient Thermal Response Curve
(c)2008 Fairchild Semiconductor Corporation FDMA410NZ Rev.B
5
www.fairchildsemi.com
FDMA410NZ Single N-Channel 1.5 V Specified PowerTrench(R) MOSFET
Dimensional Outline and Pad Layout
0.10 C
2.000
2X
1.05 (0.47) 0.10 C
PIN#1 LO CATIO N
1.00 6
4
NO D RAIN O G R ATE TRACES ALLO ED IN W THIS AREA
2.000
1.35 0.66 2.30
2X
1 0.65 TYP
3 0.40 TYP
0.8 M AX 0.10 C (0.20) 0.08 C
RECO M M ENDED LAND PATTERN O 1 PT
0.05 0.00
C 1.00 6
SEATING PLANE (0.30)
4
PIN #1 IDENT
0.33 0.20
1.000 0.800
1
3 1.05
(0.56)
1.05 0.95
1.35 0.66 2.30
(0.47) 1 3 0.40 TYP 0.65 TYP
6 0.65 1.30
4 0.25~0.35
0.10 0.05 CAB C
RECO M M ENDED LAND PATTERN O 2 PT
A. DO NO FULLY CO ES T NFO TO JEDEC REG RM ISTRATIO N M -229 DATED AUG O /2003 B. DIM ENSIO ARE IN M NS ILLIM ETERS. C. DIM ENSIO AND TO NS LERANCES PER ASM Y14.5M 1994 E , D. DRAW ING FILENAM M E: KT-M LP06Lrev2.
(c)2008 Fairchild Semiconductor Corporation FDMA410NZ Rev.B
6
www.fairchildsemi.com
FDMA410NZ Single N-Channel 1.5 V Specified PowerTrench(R) MOSFET
TRADEMARKS The following includes registered and unregistered trademarks and service marks, owned by Fairchild Semiconductor and/or its global subsidiaries, and is not intended to be an exhaustive list of all such trademarks. Build it NowTM CorePLUSTM CorePOWERTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) EfficentMaxTM EZSWITCHTM *
TM
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FlashWriter(R) * FPSTM
F-PFSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM MotionMaxTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
tm
PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM Quiet SeriesTM RapidConfigureTM
The Power Franchise(R)
tm
PDP SPMTM Power-SPMTM
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TM TinyPowerTM Saving our world, 1mW /W /kW at a timeTM TinyPWMTM SmartMaxTM TinyWireTM SMART STARTTM SerDesTM SPM(R) STEALTHTM SuperFETTM UHC(R) SuperSOTTM-3 Ultra FRFETTM SuperSOTTM-6 UniFETTM SuperSOTTM-8 VCXTM SupreMOSTM VisualMaxTM SyncFETTM (R)
* EZSWITCHTM and FlashWriter(R) are trademarks of System General Corporation, used under license by Fairchild Semiconductor. DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ANTI-COUNTERFEITING POLICY Fairchild Semiconductor Corporation's Anti-Counterfeiting Policy. Farichild's Anti-Counterfeiting Policy is also stated on our external website, www.fairchildsemi.com, under Sales Support. Counterfeiting of semiconductor parts is a growing problem in the industry. All manufactures of semiconductor products are experiencing counterfeiting of their parts. Customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substandard performance, failed application, and increased cost of production and manufacturing delays. Fairchild is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. Farichild strongly encourages customers to purchase Farichild parts either directly from Fairchild or from Authorized Fairchild Distributors who are listed by country on our web page cited above. Products customers buy either from fairchild directly or from Authorized Fairchild Distributors are genuine parts, have full traceability, meet Fairchild's quality standards for handing and storage and provide access to Farichild's full range of up-to-date technical and product information. Fairchild and our Authorized Distributors will stand behind all warranties and will appropriately address and warranty issues that may arise. Fairchild will not provide any warranty coverage or other assistance for parts bought from Unauthorized Sources. Farichild is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative / In Design Definition Datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve the design. Datasheet contains specifications on a product that is discontinued by Fairchild Semiconductor. The datasheet is for reference information only.
Rev. I36
Preliminary
First Production
No Identification Needed Obsolete
Full Production Not In Production
(c)2008 Fairchild Semiconductor Corporation FDMA410NZ Rev.B
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDMA410NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X