Part Number Hot Search : 
AN302 MC340 BL1085 2N3262 60300 BL1085 BL1085 2N3262
Product Description
Full Text Search
 

To Download F4706R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LVDS 7x5mm 3.3V Oscillator
F4700 SERIES FEATURES
* 3.3V Operation
RoHS Compliant / Pb Free
Learn more about: Part Marking Identification Tape and Reel Specification Mechanical Specification
Internet required
Rev. 12/21/2005
http://www.foxonline.com/need_a_sample.htm
* * * *
LVDS Output Differential Outputs Standby Function Tape and Reel (2,000 pcs. STD)
* PART NUMBER SELECTIONLearn More - Internet Required
Part Number 703-Frequency-xxxxx 704-Frequency-xxxxx 705-Frequency-xxxxx 706-Frequency-xxxxx 707-Frequency-xxxxx 708-Frequency-xxxxx 709-Frequency-xxxxx Model Number F4700 F4700R F4705 F4705R F4706 F4706R F4708 Operating Frequency Stability 1 Temperature (C) -10 ~ +70 100PPM -40 ~ +85 100PPM -10 ~ +70 50PPM -40 ~ +85 50PPM -10 ~ +70 25PPM -40 ~ +85 25PPM* -10 ~ +70 20PPM* Frequency Range (MHz) 2 80.000 ~ 230.000 80.000 ~ 230.000 80.000 ~ 230.000 80.000 ~ 170.000 80.000 ~ 170.000 80.000 ~ 170.000 80.000 ~ 170.000
* ELECTRICAL CHARACTERISTICS
PARAMETERS
Frequency Range (FO) Storage Temperature Range (TSTG) Supply Voltage (VDD) Input Current (IDD) Differential Output Voltage (VOD) (Out 1 - Out 2) Offset Voltage (VOS) Differential Output Swing (VOp-p) Output Symmetry (Output Crossing Point) Rise Time (TR) (20% ~ 80% VOp-p) Fall Time (TF) (80% ~ 20% VOp-p) Output Load (Out 1 - Out 2) Standby Current Start-up Time (TS) Output Disable Time 3 Output Enable Time 3
1
MAX
(unless otherwise noted)
80.000 ~ 250.000 MHz -55C ~ +125C 3.3V 5% 66mA 0.247V ~ 0.454V (0.33V Typical) 1.125V ~ 1.375V (1.25V Typical) 0.35Vp-p Min 45% ~ 55% 0.7nS 0.7nS 100 Ohms Typical 30A 10mS 200nS 10mS
Inclusive of operating temperature range, input voltage change, load change, aging, shock, and vibration. (*F4706R, F4708R: Excludes Shock/Vibration) 2 Frequencies up to 250 MHz are available on an inquiry basis. 3 An internal pullup resistor from pin 1 to pin 6 allows active output if pin 1 is left open. Note: A 0.01F bypass capacitor should be placed between VDD (Pin 6) and GND (Pin 3) to minimize power supply line noise. All specifications subject to change without notice.
All dimensions are in millimeters.
* ENABLE / DISABLE FUNCTION OUTPUT (Pin 4) OUTPUT (Pin 5) (Pin 1) ACTIVE ACTIVE OPEN 3 ACTIVE '1' Level VIH 70% VDD ACTIVE High Z '0' Level VIL 30% VDD High Z
FOXElectronics 72
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239) 693.0099 FAX +1 (239) 693.1554 http://www.foxonline.com
EMEA United Kingdom Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 FAX +852.2854.4282 (c) 2005 FOX ELECTRONICS | ISO9001:2000 Certified


▲Up To Search▲   

 
Price & Availability of F4706R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X