Part Number Hot Search : 
25FS406 T26M100J 2415S 2SA16 N5844 SI3991DV TL081AMD AOZ8234
Product Description
Full Text Search
 

To Download EQXP-HC726R-106250000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
EQXP-HC72 SERIES
Features * * * * * * Extremely low jitter Low cost Express delivery Stability from 20ppm, -40 to +85C RoHS compliant Serial ID with comprehensive traceability
HCMOS 7x5mm 2.5V OSCILLATOR
Freq: 0.75MHz to 180MHz
OUTLINE & DIMENSIONS
Description The XPRESSO range of fully configurable oscillators utilizes a family of proprietary ASICs developed for noise reduction to provide oscillators with noise levels comparable to traditional bulk-produced quartz and SAW-based oscillators. XPRESSO oscillators are low-cost, low-noise, with a wide frequency range, excellent ambient performance and available on very short leadtimes. All XPRESSO oscillators are 100% final tested . Electrical Specification Frequency Range: Frequency stability: Operating Temperature Range: Storage Temperature Range: Supply Voltage: Input Current 0.75 ~ 20MHz: 20+ ~ 50MHz: 50+ ~ 100MHz: 100+ ~ 130MHz: 130+ ~ 160MHz: 160+ ~ 180MHz: Output Load: Start up Time: Output Enable/Disable Time: Output Low/High Voltages 0.75 ~ 150MHz: 160+ ~ 180MHz: Symmetry: Rise/Fall Times 0.75 ~ 160MHz: 160+ ~ 180MHz: Moisture Sensitivity Level: Termination Finish: Maximum Soldering Parameters: Model Selection Guide 0.750MHz ~ 180.0MHz from 20ppm to 100ppm -40 ~ +85C -55 ~ +125C +2.5 Volts 5% 22mA max. 25mA max. 29mA max. 32mA max. 35mA max. 37mA max. 15pF standard 30pF <125MHz available 10mS 100ns 10%Vdd max./90%Vdd min. 20%Vdd max./80% Vdd min. 45%/55% 3.5ns max. 2.5ns max. 1 Au 260C for 10 seconds
Typical applications * Any application requiring an oscillator. * SONET * Ethernet * Storage Area Networks * Broadband Access * Microprocessors/DSP/FPGA * Industrial Controllers * Test and measurement * Fibre Channel
Supply Format Tape and Reel, 16mm tape, 8.0mm pitch, 1k reel = 178mmO 2k reel = 255mmO
EQXP - H C 7 2 6 R - 106.250000
H = HCMOS C = Ceramic 7 = 7x5mm 2 = 2.5V Jitter Measurements Rj/Dj Composition Frequency Phase Jitter Time Interval Error Random Deterministic Total Jitter (Tj) (14*Rj)+Dj Jitter (Dj) (MHz) (12kHz~20MHz) s of jitter distribution Jitter (Rj) (ps) (ps p-p) (ps RMS) (ps RMS) (ps RMS) 62.5 106.25 125.0 156.25 2.1 1.2 1.1 0.8 3.1 3.5 2.7 3.7 1.3 1.4 1.3 1.4 8.4 8.3 6.7 9.7 27.6 27.7 25.6 29.5 0 5 6 8 Frequency Blank = -20~+70C R = -40 ~ +85C = + = = 100ppm 50ppm 25ppm 20ppm (-20~+70 only)
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of EQXP-HC726R-106250000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X