Part Number Hot Search : 
MS21253 HD74AL A1046 DDTC144 014014 SAA5297 014014 U3000A
Product Description
Full Text Search
 

To Download EM782SP16A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EM782SP16A
Document Title
512K x 16Bit Multiplexed Single Transistor RAM
512Kx16 Multiplexed STRAM
Revision History
Revision No.
0.0 0.1 0.2 0.3
History
Initial Draft 1'st Revision 2'nd Revision 3'rd Revision Add to pad coordinate Product code change from EM782SP16AW to EM782SP16A Remove configuration register sets at functional description table
Draft Date
December 21, 2006 March 07, 2007 March 20, 2007 May 9, 2007
Remark
Preliminary Preliminary Preliminary Preliminary
4F Korea Construction Financial Cooperative B/D, 301-1 Yeon-Dong, Jeju-Si, Jeju-Do, Rep.of Korea Tel : +82-64-740-1700 Fax : +82-64-740-1749~1750 / Homepage : www.emlsi.com
Emerging Memory & Logic Solutions Inc.
Zip Code: 690-717
The attached data sheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your questions about device. If you have any questions, please contact the EMLSI office. 1
EM782SP16A
512K x16 Bit Multiplexed Single Transistor RAM
FEATURES
- Process Technology : 0.13m CMOS process - Organization :512K x16 - Power Supply Voltage : 1.7~1.9V - Multiplexed address and data bus - Three state outputs - Auto TCSR for power saving
512Kx16 Multiplexed STRAM
GENERAL WAFER SPECIFICATIONS
- Deep trench process - 3 Metal layers including local inter-connection - Wafer diameter : 8-inch
PAD DESCRIPTION
Name /CS /OE /WE /AVD ADQi Ai Function Chip select inputs Output enable input Write enable input Address valid input Address/Data In-out Address inputs Name /LB /UB VCC VCCQ Function Lower byte (ADQ0~7) Upper byte (ADQ8~15) Power supply I/O Power supply
VSS(Q) Ground NC No connection
FUNCTION BLOCK DIAGRAM
/AVD /CS /UB /LB /WE /OE
Self-Refresh CONTROL CONTROL LOGIC
COLUMN SELECT
ROW SELECT
A16~A18
ADDRESS DECODER
Memory Array 512K X 16
ADQ0~ ADQ15
ADDRESS/DATA Multiplexer Din/Dout BUFFER
I/O CIRCUIT 2
EM782SP16A
ABSOLUTE MAXIMUM RATINGS 1) Parameter
Voltage on Any Pin Relative to Vss Voltage on Vcc supply relative to Vss Power Dissipation Storage Temperature Operating Temperature
512Kx16 Multiplexed STRAM
Symbol
VIN, VOUT VCC, VCCQ PD TSTG TA
Minimum
-0.2 to VCCQ+0.3V -0.22) to 2.5V 1.0 -65 to 150 -25 to 85
Unit
V V W
oC oC
1. Stresses greater than those listed above "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. Undershoot at power-off : -1.0V in case of pulse width < 20ns
FUNCTIONAL DESCRIPTION
CS H L L L L L L L L L OE X H X H L L L H H H WE X H X H H H H L L L LB X X H H L H L L H L UB X X H H H L L H L L AVD X H X L H H H H H H ADQ0~15 High-Z High-Z High-Z Add. Input Data Out Data Out Data Out Data In Data In Data In A16~A18 X X X Add. Input X X X X X X Mode Deselected Output Disabled Output Disabled Address Input Lower Byte Read Upper Byte Read Word Read Lower Byte Write Upper Byte Write Word Write Power Stand by Active Active Active Active Active Active Active Active Active
Note: X means don't care. (Must be low or high state)
3
EM782SP16A
RECOMMENDED DC OPERATING CONDITIONS 1)
Parameter Supply voltage Ground Input high voltage Input low voltage
1. 2. 3. 4.
512Kx16 Multiplexed STRAM
Symbol VCC VCCQ VSS, VSSQ VIH VIL
Min 1.7 1.7 0 VCCQ - 0.4 -0.23)
Typ 1.8 1.8 0 -
Max 1.9 1.9 0 VCCQ + 0.22) 0.4
Unit V V V V V
TA= -25 to 85oC, otherwise specified Overshoot: VCC +1.0 V in case of pulse width < 20ns Undershoot: -1.0 V in case of pulse width < 20ns Overshoot and undershoot are sampled, not 100% tested.
CAPACITANCE1) (f =1MHz, TA=25oC)
Item Input capacitance Input/Output capacitance
1. Capacitance is sampled, not 100% tested
Symbol CIN CIO
Test Condition VIN=0V VIO=0V
Min -
Max 8 10
Unit pF pF
DC AND OPERATING CHARACTERISTICS
Parameter Input leakage current Output leakage current Symbol ILI ILO ICC1 Average operating current ICC2 Output low voltage Output high voltage VOL VOH ISB1 Test Conditions
VIN=VSS to VCCQ , VCC=VCCmax CS=VIH or OE=VIH or WE=VIL , VIO=VSS to VCCQ , VCC=VCCmax Cycle time=1s, 100% duty, IIO=0mA, CS<0.2V, VIN<0.2V or VIN>VCCQ-0.2V Cycle time = Min, IIO=0mA, 100% duty, CS=VIL, VIN=VIL or VIH IOL = 0.1mA, VCC=VCCmin IOH = -0.1mA, VCC=VCCmin CS>VCCQ-0.2V, Other inputs = 0 ~ VCCQ (Typ. condition : VCC=1.8V @ 25oC) (Max. condition : VCC=1.9V @ 85oC)
Min -1 -1 VCCQ-0.1
Typ -
Max 1 1 3 25 0.1 -
Unit uA uA mA mA V V
Standby Current (CMOS)
LL
-
-
60
uA
1. Maximum Icc specifications are tested with VCC = VCCmax.
4
EM782SP16A
AC OPERATING CONDITIONS
512Kx16 Multiplexed STRAM
Test Conditions (Test Load and Test Input/Output Reference) Input Pulse Level : 0.2V to VCCQ-0.2V Input Rise and Fall Time : 5ns Input and Output reference Voltage : VCCQ/2 Output Load (See right) : CL = 30pF 1. Including scope and Jig capacitance
1)
Dout
CL1)
AC CHARACTERISTICS (Vcc = 1.7 to 1.9V, Gnd = 0V, TA = -25C to +85oC)
Parameter List
AVD Low pulse Common Address setup to AVD rising edge Address hold from AVD rising edge Chip enable setup to AVD rising edge AVD low to data valid time Address access time Chip enable to data output Address disable to output enable Output enable to valid output Read UB, LB enable to data output UB, LB enable to low-Z output Output enable to low-Z output Chip disable to high-Z output UB, LB disable to high-Z output Output disable to high-Z output AVD low to end of write Address valid to end of write Chip enable to end of write Write Write pulse low UB, LB valid to end of write Data to write time overlap Data hold from write time
Symbol
tAVD tAVDS tAVDH tCSS tACC1 tACC2 tACC3 tADOE tOE tUBLBA tBLZ tOLZ tHZ tBHZ tOHZ tACW1 tACW2 tACW3 tWRL tBW tDW tDH
Speed Min 15 15 5 7 0 5 5 70 70 70 45 50 25 0 Max 1000 70 70 70 25 25 15 15 15 -
Unit
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
5
EM782SP16A
Device Operaton
512Kx16 Multiplexed STRAM
The access is performed in two stages. The first stage is address latching. The first stage take place between point A and B in timing diagram. At this stage, the Chip Select(CS) to the device is asserted. The random access is enabled either from the point the address becomes stable, the falling edge of the AVD signal or from the falling edge of the last chip select signal. The second stage is the read or write access. This takes place between points B and C in timing diagram. In case of a read access, the multiplexed address/data bus (ADQ0 ~ ADQ15) changes its direction. It is important to notice tOE when it is dominant that the device gets into the read cycle since the address is available long before the device output is enabled.
Read Access
The read access is initiated by applying the address to the multiplexed address/data bus or to the address bus over A15 (A16 -> Axx). When the address is stable, the device chip select(CS) is set active low. At point A, the AVD signal is taken low and the latch becomes transparent. This allows the address to be propagated to the memory array. The address is stable at the rising edge of the AVD signal. The AVD signal goes high at point B in which the address latch is completed. At this point the read cycle is entered. The OE signal is set active low. This changes the direction of the bus. The status of control signals UB and LB are set according to the access. Data is read at point C.
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE (1) ( WE = VIH )
A
tAVD
B
C
AVD
tAVDS Address/Data
Address Valid
tACC1 tAVDH
Data Valid
tACC2
tADOE tOLZ
tOHZ tOE tHZ
OE
tCSS tACC3
CS
tBLZ
tBHZ
UB, LB
tUBLBA
6
EM782SP16A
512Kx16 Multiplexed STRAM
TIMING WAVEFORM OF READ CYCLE (2) ( WE = VIH )
A
tAVD
B
C
AVD
tAVDS Address/Data
Address Valid
tAVDH
Data Valid
tACC2
tOLZ
tOHZ tOE tHZ
OE
tCSS
CS
tBLZ tUBLBA tBHZ
UB, LB
NOTES (READ CYCLE) 1. tHZ and tBHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels.
7
EM782SP16A
Write Access
512Kx16 Multiplexed STRAM
The write access is initiated by applying the address to the multiplexed address/data bus or to the address bus over A15 (A16 -> Axx). When the address is stable, the device chip select(CS) is set active low. At point A, the AVD signal is taken low and the latch becomes transparent. This allows the address to be propagated to the memory array. The address is stable at the rising edge of the AVD signal. The AVD signal goes high at point B in which the address latch is completed. At this point, the second stage of the write process is entered. Data is input to the multiplexed address/data bus. The WE signal is set low and control signal UB and LB are set according to the access.
TIMING WAVEFORM OF WRITE CYCLE (1) (OE = VIH)
A
tAVD
B
C
AVD
tACW1 tAVDS Address/Data
Address Valid
tAVDH
Data Valid
tACW2 tWRL
tDW
tDH
WE
tCSS tACW3
CS
tBW
UB, LB
TIMING WAVEFORM OF WRITE CYCLE (2) (OE = VIH)
A B
tAVD
C
AVD
tAVDS Address/Data
Address Valid
tAVDH
Data Valid
tACW2 tWRL
tDW
tDH
WE
tCSS
CS
tBW
UB, LB
NOTES (WRITE CYCLE) 1. A write occurs during the overlap(tWRL) of low CS, low WE and low UB or LB. A write begins at the last transition among low CS and low WE with asserting UB or LB low for single byte operation or simultaneously asserting UB and LB low for word operation. A write ends at the earliest transition among high CS and high WE. The tWRL is measured from the beginning of write to the end of write.
8
EM782SP16A
TIMING WAVEFORM OF POWER UP
200us
VCC(Min.)
512Kx16 Multiplexed STRAM
VCC
CS
Power Up Mode Normal Operation NOTE . ( POWER UP ) 1. After Vcc reaches Vcc(Min.) , wait 200us with CS high. Then you get into the normal operation.
TCSR (Temperature Cotrolled Self Refresh)
The 8M STRAM can be operated with temperature controlled self-refresh. The device internal self-refresh period is controlled according as temperature change automatically.
9
EM782SP16A
MEMORY FUNCTION GUIDE
512Kx16 Multiplexed STRAM
EM X XX X X X XX X X - XX XX
1. EMLSI Memory 2. Device Type 3. Density 4. Option 5. Technology 6. Operating Voltage
1. Memory Component 2. Device Type 6 ------------------------ Low Power SRAM 7 ------------------------ STRAM 3. Density 1 ------------------------- 1M 2 ------------------------- 2M 4 ------------------------- 4M 8 ------------------------- 8M 16 ----------------------- 16M 32 ----------------------- 32M 64 ----------------------- 64M 4. Function 0 ----------------------- Dual CS 1 ----------------------- Single CS 2 ----------------------- Multiplexed 5. Technology Blank ----------------- CMOS F ------------------------ Full CMOS S ------------------------ Single Transistor 6. Operating Voltage Blank ------------------ 5V V ------------------------- 3.3V U ------------------------- 3.0V S ------------------------- 2.5V R ------------------------- 2.0V P ------------------------- 1.8V O ------------------------- 1.5V
11. Power 10. Speed
9. Packages 8. Version 7. Organization
7. Organization 8 ---------------------- x8 bit 16 ---------------------- x16 bit 32 ---------------------- x32 bit 8. Version Blank ----------------A ----------------------B ----------------------C ----------------------D ----------------------E ----------------------Mother die First version Second version Third version Fourth version Fifth version
9. Package Blank ----------------- Package W ----------------------- Wafer 10. Speed 45 ---------------------- 45ns 55 ---------------------- 55ns 70 ---------------------- 70ns 85 ---------------------- 85ns 90 ---------------------- 90ns 10 --------------------- 100ns 12 --------------------- 120ns 11. Power LL --------------------- Low Low Power L ---------------------- Low Power S ---------------------- Standard Power
10


▲Up To Search▲   

 
Price & Availability of EM782SP16A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X