Part Number Hot Search : 
PA1224 V6319 A2030V 80500 4A7V5J SST25 MC74VH F05A60
Product Description
Full Text Search
 

To Download DDLK0307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDLK 03..
Vishay Draloric
Ceramic Singlelayer Feed-Through Capacitors 400VDC
DESIGN:
70 -2 12 +1 4.4 0.15 30 -5
Feed-through capacitor solderable, varnished
RATED VOLTAGE UR:
400 VDC (280 VRMS)
DIEL ECTRIC STRENGTH BETWEEN LEADS:
1250VDC 1 s
0.8
DISSIPATION FACTOR tan :
M5 x 0.5 Thread 7.0 Hex 2.5 0.2 Color code
Ceramic Class 1:see General Information Ceramic Class 2: 25 * 10-3
INSULATION RESISTANCE RIS:
Ceramic Class 1: 1 * 1010 Ceramic Class 2: 5 * 109
* Dimensions in mm L1 (mm) 7 12 16 L2 (mm) 39 +1 65 +1 65 +1
CATEGORY TEMPERATURE RANGE A:
Ceramic Class 1:(- 55 to + 125) C Ceramic Class 2:(- 25 to + 85) C
DDLK 0307 DDLK 0312 DDLK 0316
CLIMATIC CATEGORY ACC. TO EN 60068-1:
40 / 085 / 04
PERMISSIBLE POWER LOSS:
DDLK 0307: DDLK 0312: DDLK 0316: 135 mW 135 mW 150 mW
PERMISSIBLE REACTIVE POWER:
DDLK 0307: DDLK 0312: DDLK 0316: 10 A 4 VAr (Class 2), 67 VAr (Class 1) 5.4 VAr (Class 2), 90 VAr (Class 1) 7.1 VAr (Class 2), 120 VAr (Class 1)
MARKING:
none
CLASS CERAMIC DIELECTRIC P 100 NP 0 1B N 075 N 150 N 470 N 750 1F 2 N 1500 R 700 R 2000 R 4000 * This series is available in both the Class 1A and Class 1B (standard) ** Class 1A only available 15 pF CERAMIC DIELECTRIC P 100 to N 750 R 700 to R 2000 R 4000 to R 6000 NOMINAL VALUE < 10 pF 10 pF
DIRECT CURRENT IDC:
CAPACITANCE VALUES (pF) DDLK 0307 1.5 to 10 5 to 15 5 to 20 6.8 to 20 12 to 30 20 to 62 68 to 100 180 to 360 390 to 910 680 to 1800 to 130 to 150 to 680 to 1600 to 3600 to 200 to 180 to 1500 to 3900 to 6800 to 62 to 100 DDLK 0312 to 12 DDLK 0316 to 36
CAPACITANCE TOLERANCE 0.5 pF 1 pF 10 % - 20 + 50 % - 20 + 50 % - 20 + 80 % 20 %
ORDERING INFORMATION
DDLK 0307 Document Number: 22042 Revision: 31-May-05 400 VDC 680 pF - 20 + 50 % R 2000 www.vishay.com 1
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of DDLK0307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X