Part Number Hot Search : 
4HC04 1N4732 WRB122 25DMB 7139A 00LT1 LC7232 MIW4132
Product Description
Full Text Search
 

To Download CY7C1072AV33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
CY7C1072AV33
32-Mbit (1M x 32) Static RAM
Features
* High density 32-Mbit SRAM * High speed -- tAA = 10 ns * Low active power * * * * -- ICC = 450 mA Operating voltages of 3.3 0.3V 2.0V data retention Automatic power-down when deselected TTL compatible inputs and outputs specified on the address pins (A0 through A19). If Byte Enable B (BB) is LOW, then data from I/O pins (I/O8 through I/O15) is written into the location specified on the address pins (A0 through A19). Likewise, BC and BD correspond with the I/O pins I/O16 to I/O23 and I/O24 to I/O31, respectively. Reading from the device is accomplished by enabling the chip by taking CE1 LOW and CE2 HIGH while forcing the Output Enable (OE) LOW and the Write Enable (WE) HIGH. If the first Byte Enable (BA) is LOW, then data from the memory location specified by the address pins will appear on I/O0 to I/O7. If Byte Enable B (BB) is LOW, then data from memory will appear on I/O8 to I/O15. Similarly, Bc and BD correspond to the third and fourth bytes. See the truth table at the back of this data sheet for a complete description of read and write modes. The input/output pins (I/O0 through I/O31) are placed in a high-impedance state when the device is deselected (CE1 HIGH/CE2 LOW), the outputs are disabled (OE HIGH), the byte selects are disabled (BA-D HIGH), or during a Write operation (CE1 LOW, CE2 HIGH, and WE LOW). The CY7C1072AV33 is available in a 119-ball grid array (FBGA) package.
* Available in standard 119-ball FBGA
Functional Description
The CYM1072AV33 is a 3.3V high-performance 32-Megabit static RAM organized as 1M words by 32 bits. Writing to the device is accomplished by enabling the chip (CE1 LOW and CE2 HIGH) while forcing the Write Enable (WE) input LOW. If Byte Enable A (BA) is LOW, then data from the I/O pins (I/O0 through I/O7), is written into the location
Logic Block Diagram
INPUT BUFFERS
CONTROL LOGIC
WE CE1 CE2 OE BA BB BC BD I/O0-I/O31
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9
ROW DECODER
1024K x 32 ARRAY
COLUMN DECODER
Selection Guide
CY7C1072AV33-10 Maximum Access Time Maximum Operating Current Maximum Standby Current 10 450 100 CY7C1072AV33-12 12 400 100 Unit ns mA mA
Cypress Semiconductor Corporation Document #: 38-05635 Rev. *A
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19
*
198 Champion Court
*
OUTPUT BUFFERS
SENSE AMPS
San Jose, CA 95134-1709 * 408-943-2600 Revised September 1, 2005
PRELIMINARY
Pin Configurations
119 BGA
CY7C1072AV33
(Top View)
1 A B C D E F G H J K L M N P R T U
I/O16 I/O17 I/O18 I/O19 I/O20 I/O21 I/O22 I/O23 NC I/O24 I/O25 I/O26 I/O27 I/O28 I/O29 I/O30 I/O31
2
A A Bc VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD A A A
3
A A CE2 VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS Bd A A
4
A CE1 A VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC WE OE
5
A A NC VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS Bb A A
6
A A Ba VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD A A A
7
I/O0 I/O1 I/O2 I/O3 I/O4 I/O5 I/O6 I/O7 DNU I/O8 I/O9 I/O10 I/O11 I/O12 I/O13 I/O14 I/O15
Document #: 38-05635 Rev. *A
Page 2 of 9
PRELIMINARY
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage on VCC to Relative GND
[1]
CY7C1072AV33
DC Input Voltage [1] ............................... -0.3V to VCC + 0.3V Current into Outputs (LOW)......................................... 20 mA Static Discharge Voltage............................................ >2001V (per MIL-STD-883, Method 3015) Latch-Up Current ..................................................... >200 mA
Operating Range
Range Commercial Industrial Ambient Temperature 0C to +70C -40C to +85C VCC 3.3V 0.3V
...... -0.5V to 4.6V
DC Voltage Applied to Outputs in High Z State [1] ...................................-0.3V to VCC + 0.3V
Electrical Characteristics Over the Operating Range
-10 Parameter VOH VOL VIH VIL IIX IOZ ICC ISB1 Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage[1] Input Load Current Output Leakage Current VCC Operating Supply Current Automatic CE Power-Down Current --TTL Inputs Automatic CE Power-Down Current --CMOS Inputs GND < VI < VCC GND < VI < VCC, Output Disabled VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC Max. VCC, CE1 > VIH,CE2< VIL; VIN > VIH or VIN < VIL, f = fMAX Max. VCC, CE1> VCC - 0.3V, CE2 < 0.3V, VIN > VCC - 0.3V, or VIN < 0.3V, f = 0 Com'l / Ind'l Com'l / Ind'l Test Conditions VCC = Min., IOH = -4.0 mA VCC = Min., IOL = 8.0 mA 2.0 -0.3 -2 -2 Min. 2.4 0.4 VCC + 0.3 0.8 +2 +2 450 140 2.0 -0.3 -2 -2 Max. Min. 2.4 0.4 VCC + 0.3 0.8 +2 +2 400 140 -12 Max. Unit V V V V A A mA mA
ISB2
100
100
mA
Capacitance[2]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = 3.3V Max. 12 15 Unit pF pF
Thermal Resistance[2]
Parameter JA JC Description Thermal Resistance (Junction to Ambient)
[3] [2]
Test Conditions Still Air, soldered on a 3 x 4.5 inch, two-layer printed circuit board
All-Packages TBD TBD
Unit C/W C/W
Thermal Resistance (Junction to Case)[2]
AC Test Loads and Waveforms
50 OUTPUT Z0 = 50
R1 317 VTH = 1.5V 3.3V OUTPUT 5 pF ALL INPUT PULSES 3.3V 90% GND
Rise time > 1 V/ns
30 pF* * Capacitive Load consists of all
components of the Test environment
R2 351
(a)
90% 10%
10%
INCLUDING JIG AND SCOPE (b)
(c)
Fall time > 1 V/ns Notes: 1. VIL (min.) = -2.0V and VIH(max) = VCC + 0.5V for pulse durations of less than 20 ns. 2. Tested initially and after any design or process changes that may affect these parameters. 3. Valid SRAM operation does not occur until the power supplies have reached the minimum operating VDD (3.0V). As soon as 1ms (Tpower) after reaching the minimum operating VDD, normal SRAM operation can begin including reduction in VDD to the data retention (VCCDR, 2.0V) voltage.
Document #: 38-05635 Rev. *A
Page 3 of 9
PRELIMINARY
Switching Characteristics[4,5] Over the Operating Range
-10 Parameter Read Cycle tpower tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD tDBE tLZBE tHZBE Write Cycle[9, 10] tWC tSCE tAW tHA tSA tPWE tSD tHD tLZWE tHZWE tBW Write Cycle Time CE active to Write End Address Set-Up to Write End Address Hold from Write End Address Set-Up to Write Start WE Pulse Width Data Set-Up to Write End Data Hold from Write End WE HIGH to Low WE LOW to High Z[7] Z[7] 7 Conditions[12] Com'l / Ind'l 10 7 7 0 0 7 5.5 0 3 5 8 12 8 8 0 0 8 6 0 3 VCC(typical) to the first access[6] Read Cycle Time Address to Data Valid Data Hold from Address Change CE active to Data Valid OE LOW to Data Valid OE LOW to Low Z OE HIGH to High Z[7] CE active to Low Z
[7]
CY7C1072AV33
-12 Max. Min. 1 12 10 12 3 10 5 12 6 1 5 6 3 5 6 0 10 10 12 12 1 5 6 Max. Unit ms ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 6 ns ns
Description
Min. 1 10 3
1 3 0
CE inactive to High CE inactive to
Z[7]
CE active to Power-Up[8] Power-Down[8] Byte Enable to Data Valid Byte Enable to Low-Z Byte Disable to High-Z
1
Byte Enable to End of Write
Data Retention Characteristics Over the Operating Range
Parameter VDR ICCDR tCDR[2] tR[11] Description VCC for Data Retention Data Retention Current Chip Deselect to Data Retention Time Operation Recovery Time VCC = VDR = 2.0V, CE > VCC - 0.3V VIN > VCC - 0.3V or VIN < 0.3V Min. 2.0 100 0 Max Unit V mA ns s
Notes: 4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified IOL/IOH and specified transmission line loads. Test conditions for the Read cycle use output loading shown in part a) of the AC test loads, unless specified otherwise. 5. CE indicates a combination of both chip enables. When ACTIVE LOW, CE indicates the CE1 is LOW and CE2 is HIGH. 6. tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access can be performed. 7. tHZOE, tHZCE, tHZWE, tHZBE and tLZOE, tLZCE, t\LZWE, tLZBE are specified with a load capacitance of 5 pF as in (b) of AC Test Loads. Transition is measured 200 mV from steady-state voltage. 8. These parameters are guaranteed by design and are not tested. 9. The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. CE and WE must be LOW to initiate a write, and the transition of any of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write. 10. The minimum write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD. 11. Test conditions assume tr < 3 ns. 12. No input may exceed VCC + 0.3V.
Document #: 38-05635 Rev. *A
Page 4 of 9
PRELIMINARY
Data Retention Waveform
DATA RETENTION MODE VCC 3.0V tCDR CE VDR > 2V 3.0V tR
CY7C1072AV33
Switching Waveforms
Read Cycle No. 1[13, 14]
tRC ADDRESS tAA tOHA DATA OUT PREVIOUS DATA VALID DATA VALID
Read Cycle No. 2 (OE Controlled)[14, 15]
ADDRESS tRC CE1 CE2 tACE OE tDOE BA, BB, BC, BD tLZOE tDBE tLZBE HIGH IMPEDANCE tLZCE VCC SUPPLY CURRENT tPU 50% tHZCE tHZBE DATA VALID tPD 50% ISB IICC CC tHZOE
HIGH IMPEDANCE
DATA OUT
Notes: 13. Device is continuously selected. OE, CE1, BA, BB, BC, BD = VIL, CE2 = VIH 14. WE is HIGH for read cycle. 15. Address valid prior to or coincident with CE transition LOW, CE2 transition HIGH.
Document #: 38-05635 Rev. *A
Page 5 of 9
PRELIMINARY
Switching Waveforms (continued)
Write Cycle No. 1 (CE Controlled)[5, 16, 17]
tWC ADDRESS
CY7C1072AV33
CE
tSA
tSCE
tAW tPWE WE tBW BA, BB, BC , BD tSD DATA I/O tHD
tHA
Write Cycle No. 2 (BA, BB, BC, BD Controlled)[5, 16, 17]
tWC ADDRESS
tSA BA, BB, BC , BD tAW
tBW
tHA tPWE
WE tSCE CE tSD DATA I/O tHD
Notes: 16. Data I/O is high impedance if OE = VIH or BA/BB/BC/BD = VIH 17. If CE goes HIGH or CE2 goes LOW simultaneously with WE going HIGH, the output remains in a high-impedance state.
Document #: 38-05635 Rev. *A
Page 6 of 9
PRELIMINARY
Switching Waveforms (continued)
Write Cycle No. 3 (WE Controlled, OE LOW)[5, 16, 17]
tWC ADDRESS
CY7C1072AV33
CE
tSCE
tAW tSA tPWE
tHA
WE tBW BA, BB, BC, BD tHZWE DATA I/O tLZWE tSD tHD
Truth Table
CE1 H X L L L L L L L L L L L CE2 X L H H H H H H H H H H H OE X X L L L L L X X X X X H WE X X H H H H H L L L L L H BA X X L L H H H L L H H H X BB X X L H L H H L H L H H X Bc X X L H H L H L H H L H X BD X X L H H H L L H H H L X I/O0- I/O7 High-Z High-Z Data Out Data Out High-Z High-Z High-Z Data In Data In High-Z High-Z High-Z High-Z I/O8- I/O15 High-Z High-Z Data Out High-Z Data Out High-Z High-Z Data In High-Z Data In High-Z High-Z High-Z I/O16- I/O23 High-Z High-Z Data Out High-Z High-Z Data Out High-Z Data In High-Z High-Z Data In High-Z High-Z I/O24- I/O31 High-Z High-Z Data Out High-Z High-Z High-Z Data Out Data In High-Z High-Z High-Z Data In High-Z Mode Power Down Power Down Read All Bits Power (ISB) (ISB) (ICC)
Read Byte A Bits (ICC) Only Read Byte B Bits (ICC) Only Read Byte C Bits (ICC) Only Read Byte D Bits (ICC) Only Write All Bits (ICC) Write Byte A Bits (ICC) Only Write Byte B Bits (ICC) Only Write Byte C Bits (ICC) Only Write Byte D Bits (ICC) Only Selected, Outputs (ICC) Disabled
Document #: 38-05635 Rev. *A
Page 7 of 9
PRELIMINARY
Ordering Information
Speed (ns) 10 12 Ordering Code CY7C1072AV33-10 BBC CY7C1072AV33-10 BBI CY7C1072AV33-12 BBC CY7C1072AV33-12 BBI BB119 119-Ball (14 x 22 x 2.02 mm) FBGA Package Name BB119 Package Type 119-Ball (14 x 22 x 2.02 mm) FBGA
CY7C1072AV33
Operating Range Commercial Industrial Commercial Industrial
Package Diagrams
119 FBGA (14 x 22 x 2.02 MM) BB119B
51-85210-**
Document #: 38-05635 Rev. *A
Page 8 of 9
(c) Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
PRELIMINARY
Document History Page
Document Title: CY7C1072AV33 32-Mbit (1M x 32) Static RAM Module Document Number: 38-05635 REV . ** *A ECN NO. Issue Date Orig. of Change RKF SYT Description of Change New Data Sheet
CY7C1072AV33
278072 See ECN 397700 See ECN
Converted from "Advance Information" to "Preliminary" Changed the MPN from CYM1072AV33 to CY7C1072AV33 Changed Title from "CY7C1072AV33 32-Mbit (1M x 32) Static RAM Module" to "CY7C1072AV33 32-Mbit (1M x 32) Static RAM" Changed address of Cypress Semiconductor Corporation on Page# 1 from "3901 North First Street" to "198 Champion Court" Removed redundant information from the "Features" and "Functional Description" sections Changed Package offering from 119 PBGA (BG119) to 119 FBGA (BB119) Changed the DC Voltage Applied to Outputs in High-Z State and DC Input Voltage from "-0.5V to VCC + 0.5V" to "-0.3V to VCC + 0.3V" in the Maximum Ratings on Page # 3 Changed VCC from "3.3V +5%" to "3.3V + 0.3V" in the Operating Range table on Page # 3 Edited Test Conditions for ISB1 and ISB2 in the Electrical Characteristics table on Page # 3 Changed tDBE from 5 ns to 10 ns and 6 ns to 12 ns for -10 and -12 speed bins respectively on Page # 4 Moved footnote #15 to footnote # 5 Included spec for ICCDR = 100 mA in the Data Retention Characteristics table on Page# 5 Edited footnote # 12 from "VCC + 0.5V" to "VCC + 0.3V" Edited footnote # 13 to include "CE2 = VIH " Edited footnote # 15 to include "CE2 transition HIGH" Edited footnote # 16 to include "BA/BB/BC/BD = VIH " Edited footnote # 17 to include "CE2 goes LOW" Corrected typo on footnote #16 Referenced Footnotes # 5, 16 and 17 on to the Write Cycle No.3 on Page # 7 Corrected Truth table on Page #9 Updated the Ordering Information to include the BB119 Package
Document #: 38-05635 Rev. *A
Page 9 of 9


▲Up To Search▲   

 
Price & Availability of CY7C1072AV33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X