Part Number Hot Search : 
LP801B 1000S E005691 TMG20D80 LT1017IS MB90570C 8SA3KE22 CS2844
Product Description
Full Text Search
 

To Download CY223811FXI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY22381
Three-PLL General Purpose FLASH Programmable Clock Generator
Features

Three integrated phase-locked loops Ultra-wide divide counters (eight-bit Q, eleven-bit P, and seven-bit post divide) Improved linear crystal load capacitors Flash programmability Field programmability Low-jitter, high-accuracy outputs Power-management options (Shutdown, OE, Suspend) Configurable crystal drive strength Frequency select option through external LVTTL Input 3.3V operation Eight-pin SOIC package CyClocks RTTM support
Improves frequency accuracy over temperature, age, process, and initial offset Non-volatile programming enables easy customization, ultra-fast turnaround, performance tweaking, design timing margin testing, inventory control, lower part count, and more secure product supply. Can also be programmed multiple times which reduces programming errors and provides an easy upgrade path for existing designs In-house programming of samples and prototype quantities is available using the CY3672 FTG development Kit. Production quantities are available through Cypress's value-added distribution partners or by using third party programmers from BP Microsystems, HiLo Systems, and others. Performance suitable for high-end multimedia, communications, industrial, A/D converters, and consumer applications Supports numerous low-power application schemes and reduces EMI by allowing unused outputs to be turned off Adjust crystal drive strength for compatibility with virtually all crystals External frequency select option for PLL1, CLKA, and CLKB Industry standard supply voltage Industry standard packaging saves on board space Easy-to-use software support for design entry

Benefits
Generates up to three unique frequencies on three outputs up to 200 MHz from an external source. Functional upgrade for current CY2081 family. Allows for 0 ppm frequency generation and frequency conversion under the most demanding applications
Logic Block Diagram
XTALIN XTALOUT OSC. PLL1 CONFIGURATION FLASH 11-BIT P 8-BIT Q 4x3 Crosspoint Switch Divider 7-BIT CLKC
PLL2 SHUTDOWN/OE FS/SUSPEND 11-BIT P 8-BIT Q
Divider 7-BIT
CLKB
PLL3 11-BIT P 8-BIT Q Divider 7-BIT CLKA
Cypress Semiconductor Corporation Document #: 38-07012 Rev. *E
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised October 10, 2008
[+] Feedback
CY22381
Pinouts
Figure 1. CY22381- 8-pin SOIC CLKC GND XTALIN XTALOUT 1 2 3 4 8 7 6 5 FS/SUSPEND/OE/SHUTDOWN VDD CLKA CLKB
Pin Definitions
Name CLKC GND XTALIN XTALOUT CLKB CLKA VDD FS/SUSPEND/ OE/SHUTDOWN Pin Number 1 2 3 4 5 6 7 8 Description Configurable clock output C Ground Reference crystal input or external reference clock input Reference crystal feedback (float if XTALIN is driven by external reference clock) Configurable clock output B Configurable clock output A Power supply General Purpose Input. Can be Frequency Control, Suspend mode control, Output Enable, or full-chip shutdown. CLKA. Any divider change as a result of switching the FS input is guaranteed to be glitch free. The general-purpose input can simultaneously control the Suspend feature, turning off a set of PLLs and outputs determined during programming. When programmed as an Output Enable (OE) the input forces all outputs to be placed in a three-state condition when LOW. When programmed as a Shutdown, the input forces a full chip shutdown mode when LOW.
Operation
The CY22381 is an upgrade to the existing CY2081. The new device has a wider frequency range, greater flexibility, improved performance, and incorporates many features that reduce PLL sensitivity to external system issues. The device has three PLLs that allow each output to operate at an independent frequencies. These three PLLs are completely programmable.
Configurable PLLs
PLL1 generates a frequency that is equal to the reference divided by an eight-bit divider (Q) and multiplied by an 11-bit divider in the PLL feedback loop (P). The output of PLL1 is sent to the crosspoint switch. The frequency of PLL1 can optionally be changed by using the external CMOS general purpose input. See the following section on "General-Purpose Input" for more detail. PLL2 generates a frequency that is equal to the reference divided by an eight-bit divider (Q) and multiplied by an 11-bit divider in the PLL feedback loop (P). The output of PLL2 is sent to the crosspoint switch. PLL3 generates a frequency that is equal to the reference divided by an eight-bit divider (Q) and multiplied by an 11-bit divider in the PLL feedback loop (P). The output of PLL3 is sent to the cross-point switch.
Crystal Input
The input crystal oscillator is an important feature of this device because of its flexibility and performance features. The oscillator inverter has programmable drive strength. This allows for maximum compatibility with crystals from various manufacturers, processes, performances, and qualities. The input load capacitors are placed on-die to reduce external component cost. These capacitors are true parallel-plate capacitors for ultra-linear performance. These were chosen to reduce the frequency shift that occurs when non-linear load capacitance interacts with load, bias, supply, and temperature changes. Non-linear (FET gate) crystal load capacitors must not be used for MPEG, POTS dial tone, communications, or other applications that are sensitive to absolute frequency requirements The value of the load capacitors is determined by six bits in a programmable register. The load capacitance can be set with a resolution of 0.375pF for a total crystal load range of 6pF to 30pF. For driven clock inputs the input load capacitors may be completely bypassed. This enables the clock chip to accept driven frequency inputs up to 166 MHz. If the application requires a driven input, then XTALOUT must be left floating.
General-Purpose Input
The CY22381 features an output control pin (pin 8) that can be programmed to control one of four features. When programmed as a Frequency Select (FS), the input can select between two arbitrarily programmed frequency settings. The Frequency Select can change the following; the frequency of PLL1, the output divider of CLKB, and the output divider of
Document #: 38-07012 Rev. *E
Page 2 of 9
[+] Feedback
CY22381
Output Configuration
Under normal operation there are four internal frequency sources that may be routed through a programmable crosspoint switch to any of the three outputs through programmable seven-bit output dividers. The four sources are: reference, PLL1, PLL2, and PLL3. The following is a description of each output. CLKA's output originates from the crosspoint switch and goes through a programmable seven-bit post divider. The seven-bit post divider derives its value from one of two programmable registers controlled by FS. CLKB's output originates from the crosspoint switch and goes through a programmable seven-bit post divider. The seven-bit post divider derives its value from one of two programmable registers controlled by FS. CLKC's output originates from the crosspoint switch and goes through a programmable seven-bit post divider. The seven-bit post divider derives its value from one programmable register. The Clock outputs have been designed to drive a single point load with a total lumped load capacitance of 15pF. While driving multiple loads is possible with the proper termination, it is generally not recommended.
5 A (typical). After leaving shutdown mode, the PLLs will have to relock. When configured as SUSPEND, the general-purpose input can be configured to shut down a customizable set of outputs and/or PLLs, when LOW. All PLLs and any of the outputs can be shut off in nearly any combination. The only limitation is that if a PLL is shut off, all outputs derived from it must also be shut off. Suspending a PLL shuts off all associated logic, while suspending an output forces a three-state condition.
Improving Jitter
Jitter Optimization Control is useful in mitigating problems related to similar clocks switching at the same moment and causing excess jitter. If one PLL is driving more than one output, the negative phase of the PLL can be selected for one of the outputs. This prevents the output edges from aligning, allowing superior jitter performance.
CyClocks RT Software
CyClocks RT is our second-generation application that allows users to configure this device. The easy-to-use interface offers complete control of the many features of this family including input frequency, PLL and output frequencies, and different functional options. Data sheet frequency range limitations are checked and performance tuning is automatically applied. You can download a free copy of CyClocks RT on Cypress's web site at http://www.cypress.com.
Power-Saving Features
When configured as OE, the general-purpose input three-states all outputs when pulled LOW. When configured as Shutdown, a LOW on this pin three-states all outputs and shuts off the PLLs, counters, the reference oscillator, and all other active components. The resulting current on the VDD pins is less than
Document #: 38-07012 Rev. *E
Page 3 of 9
[+] Feedback
CY22381
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the device. User guidelines are not tested. Supply Voltage................................................-0.5V to +7.0V DC Input Voltage ..............................-0.5V to + (VDD + 0.5V) Storage Temperature .................................. -65C to +125C Junction Temperature .................................................. 125C Data Retention at Tj = 125C ................................> 10 years Maximum Programming Cycles........................................100 Package Power Dissipation...................................... 250 mW Static Discharge Voltage (per MIL-STD-883, Method 3015) ........................... 2000V Latch up (per JEDEC 17) .................................... 200 mA
Operating Conditions
Parameter VDD TA Supply Voltage Commercial Operating Temperature, Ambient Industrial Operating Temperature, Ambient CLOAD_OUT Max. Load Capacitance fREF External Reference Crystal External Reference Clock[2], Commercial External Reference Clock[2], Industrial tPU Power up time for all VDD's to reach minimum specified voltage (power ramps must be monotonic) Description Min 3.135 0 -40 - 8 1 1 0.05 Typ 3.3 - - - - - - - Max 3.465 +70 +85 15 30 166 150 500 Unit V C C pF MHz MHz MHz ms
Electrical Characteristics
Parameter IOH IOL CXTAL_MIN CXTAL_MAX CIN VIH VIL IIH IIL IOZ IDD IDDS Description Output High Output Low Crystal Load Crystal Load Current[3] Current[3] Capacitance[3] Capacitance[3] Conditions[1] VOH = VDD - 0.5, VDD = 3.3 V VOL = 0.5V, VDD = 3.3 V Capload at minimum setting Capload at maximum setting Except crystal pins CMOS levels,% of VDD CMOS levels,% of VDD VIN = VDD - 0.3 V VIN = +0.3 V Three-state outputs 3.3 V Power Supply; 3 outputs at 50 MHz 3.3 V Power Supply; 3 outputs at 166 MHz Total Power Supply Current in Shutdown active Shutdown Mode Min 12 12 - - - 70% - - - - - - - Typ 24 24 6 30 7 - - <1 <1 - 35 70 5 Max - - - - - - 30% 10 10 10 - - 20 Unit mA mA pF pF pF VDD VDD A A A mA mA A
Input Pin Capacitance[3] HIGH-level Input Voltage LOW-level Input Voltage Input HIGH Current Input LOW Current Output Leakage Current Total Power Supply Current
Notes 1. Unless otherwise noted, Electrical and Switching Characteristics are guaranteed across these operating conditions. 2. External input reference clock must have a duty cycle between 40% and 60%, measured at VDD/2. 3. Guaranteed by design, not 100% tested.
Document #: 38-07012 Rev. *E
Page 4 of 9
[+] Feedback
CY22381
Switching Characteristics
Parameter 1/t1 t2 Name Output Frequency[3, 4] Output Duty Cycle[3, 5] Description Clock output limit, Commercial Clock output limit, Industrial Duty cycle for outputs, defined as t2 / t1, Fout < 100 MHz, divider >= 2, measured at VDD/2 Duty cycle for outputs, defined as t2 / t1, Fout > 100 MHz or divider = 1, measured at VDD/2 t3 t4 t5 t6 t7 Rising Edge Slew Rate[3] Falling Edge Slew Rate[3] Timing[3] Output Three-state Clock Jitter[3, 6] Lock Time[3] Output clock rise time, 20% to 80% of VDD Output clock fall time, 20% to 80% of VDD Time for output to enter or leave three-state mode after SHUTDOWN/OE switches Peak-to-peak period jitter, CLK outputs measured at VDD/2 PLL Lock Time from Power up Min - - 45% Typ. - - 50% Max 200 166 55% Unit MHz MHz
40%
50%
60%
0.75 0.75 -
1.4 1.4 150
- - 300
V/ns V/ns ns
- -
200 1.0
- 3
ps ms
Switching Waveforms
Figure 2. All Outputs, Duty Cycle and Rise and Fall Time
t1 t2 OUTPUT t3 t4
Figure 3. Output Three-State Timing
OE t5 ALL THREE-STATE OUTPUTS t5
Figure 4. CLK Output Jitter
t6 CLK OUTPUT
Notes 4. Guaranteed to meet 20% - 80% output thresholds and duty cycle specifications. 5. Reference Output duty cycle depends on XTALIN duty cycle. 6. Jitter varies significantly with configuration. Reference Output jitter depends on XTALIN jitter and edge rate.
Document #: 38-07012 Rev. *E
Page 5 of 9
[+] Feedback
CY22381
Switching Waveforms (continued)
Figure 5. Frequency Change
SELECT OLD SELECT Fold OUTPUT NEW SELECT STABLE t7 Fnew
Test Circuit
VDD 0.1 mF OUTPUTS CLKout CLOAD
GND
Document #: 38-07012 Rev. *E
Page 6 of 9
[+] Feedback
CY22381
Ordering Information
Ordering Code CY22381FC
[8] [8]
Package Type 8-SOIC 8-SOIC - Tape and Reel FTG Programmer CY22381F Adapter for CY3672-USB 8-SOIC with NiPdAu lead frame
Operating Range Commercial (TA=0C to 70C) Commercial (TA=0C to 70C)
Operating Voltage 3.3V 3.3V
CY22381FCT CY3672-USB CY3699 Pb-Free
CY223811FXI CY22381FSZC CY22381FXC CY22381FXI CY22381FXIT CY22381SXC-xxx[7] CY22381SXC-xxxT[7] CY22381SXI-xxx[7] CY22381SXI-xxxT[7]
[9] [9]
Industrial (TA=-40C to 85C) Commercial (TA=0C to 70C) Commercial (TA=0C to 70C) Commercial (TA=0C to 70C) Industrial (TA=-40C to 85C) Industrial (TA=-40C to 85C) Commercial (TA=0C to 70C) Commercial (TA=0C to 70C) Industrial (TA=-40C to 85C) Industrial (TA=-40C to 85C)
3.3V 3.3V 3.3V 3.3V 3.3V 3.3V 3.3V 3.3V 3.3V 3.3V
8-SOIC 8-SOIC 8-SOIC - Tape and Reel 8-SOIC 8-SOIC - Tape and Reel 8-SOIC 8-SOIC - Tape and Reel 8-SOIC 8-SOIC - Tape and Reel
CY22381FXCT
Notes 7. The CY22381SXC-xxx and CY22381SXI-xxx are factory programmed configurations. Factory programming is available for high-volume design opportunities of 100Ku/year or more in production. For more details, contact your local Cypress FAE or Cypress Sales Representative. 8. Not recommended for new designs. 9. The CY22381FSZC and CY22381FXC are identical. For new designs, use CY22381FXC.
Document #: 38-07012 Rev. *E
Page 7 of 9
[+] Feedback
CY22381
Package Drawing and Dimensions
8 Lead (150 Mil) SOIC - S08
PIN 1 ID
Figure 6. 8-Pin (150-Mil) SOIC S8
4
1
1. DIMENSIONS IN INCHES[MM] MIN. MAX. 2. PIN 1 ID IS OPTIONAL, ROUND ON SINGLE LEADFRAME RECTANGULAR ON MATRIX LEADFRAME 3. REFERENCE JEDEC MS-012
0.230[5.842] 0.244[6.197]
0.150[3.810] 0.157[3.987]
4. PACKAGE WEIGHT 0.07gms
PART # S08.15 STANDARD PKG. 5 8 SZ08.15 LEAD FREE PKG.
0.189[4.800] 0.196[4.978]
SEATING PLANE
0.010[0.254] 0.016[0.406]
X 45
0.061[1.549] 0.068[1.727] 0.004[0.102] 0.050[1.270] BSC 0.004[0.102] 0.0098[0.249] 0~8 0.016[0.406] 0.035[0.889] 0.0075[0.190] 0.0098[0.249]
0.0138[0.350] 0.0192[0.487]
51-85066-*C
Document #: 38-07012 Rev. *E
Page 8 of 9
[+] Feedback
CY22381
Document History Page
Document Title: CY22381 Three-PLL General Purpose Flash Programmable Clock Generator Document Number: 38-07012 REV. ** *A ECN 106737 108514 Orig. of Change TLG JWK Submission Date 07/03/01 08/23/01 New data sheet Updated based on characterization results Removed "Preliminary" heading Removed soldering temperature rating Split crystal load into two typical specs representing digital settings range Changed t5 max to 300 ns Changed t6 typical to 200 ps Changed t7 typical to 1.0 ms Changed from preliminary to final Added power up requirements to Operating Conditions information Added lead-free devices Updated template. Added Note 8 and 9. Added part number CY22381FC, CY22381FCT, CY3672-USB, CY3699, CY22381FSZC in ordering information table. Removed part number CY22381FI, CY22381FIT, CY22381SC-xxx, CY22381SC-xxxT, CY22381SI-xxx, and CY22381SI-xxxT in Ordering Information table. Added CY223811FXI (NiPdAu lead frame). Changed Lead-Free to Pb-Free. Description of Change
*B *C *D *E
110053 121863 279431 2584052
CKN RBI RGL AESA
12/10/01 12/14/02 See ECN 10/10/08
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer's representatives, and distributors. To find the office closest to you, visit us at cypress.com/sales.
Products
PSoC Clocks & Buffers Wireless Memories Image Sensors psoc.cypress.com clocks.cypress.com wireless.cypress.com memory.cypress.com image.cypress.com
PSoC Solutions
General Low Power/Low Voltage Precision Analog LCD Drive CAN 2.0b USB psoc.cypress.com/solutions psoc.cypress.com/low-power psoc.cypress.com/precision-analog psoc.cypress.com/lcd-drive psoc.cypress.com/can psoc.cypress.com/usb
(c) Cypress Semiconductor Corporation, 2001-2008. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement.
Document #: 38-07012 Rev. *E
Revised October 10, 2008
Page 9 of 9
CYClocks RT is a trademark of Cypress Semiconductor Corporation. All products and company names mentioned in this document may be the trademarks of their respective holders.
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY223811FXI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X