Part Number Hot Search : 
MMBTA14 21SC15BB VN2222 330212B 71C05B 1E106 UZ8827 FP3015
Product Description
Full Text Search
 

To Download CVT20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Temperature Compensated Voltage Controlled Crystal Oscillator
2.0x2.5 mm SMD, 2.8V, Clipped Sine
Frequency: Frequency Stability: Temperature Range: Operating: Storage: Input Voltage: Input Current: Control Voltage Range: Frequency Control Range: Output: Output Level: Load: Aging: 19.200 MHz or 26.000MHz 2.5ppm Max -30C to 75C -40C to 85C 2.8V 5% 1.8mA Max 1.4V 1.0V 9ppm to 15ppm Clipped Sine 0.8Vp-p Min 10k//10pF 1ppm Max per year
CVT20 Model
Designed to meet today's requirements for portable applications. Temperature compensation is accomplished through digital technology. Applications include GSM, GPRS, 3G, CDMA, W-CDMA.
Mechanical: Shock: Solderability: Vibration: Solvent Resistance: Resistance to Soldering Heat: Environmental: Thermal Shock: Moisture Resistance: MIL-STD-883, Method 2002, Condition B MIL-STD-883, Method 2003 MIL-STD-883, Method 2007, Condition A MIL-STD-202, Method 215 MIL-STD-202, Method 210, Condition I or J MIL-STD-883, Method 1011, Condition A MIL-STD-883, Method 1004
For Additional Technical Information please contact Crystek at sales@crystek.com 0.0570.008 (1.450.2)
#3
0.098 0.006 (2.5 0.15)
#4
via to ground 0.01F
SUGGESTED PAD LAYOUT 0.083 (2.10)
#4 #3
#1
#2
0.079 0.006 (2.0 0.15)
0.0240.004 (0.60.1)
0.0260.008 (0.650.2)
#4 #3
0.057 (1.45) 0.035 (0.9)
#1 #2
#1
#2
Denotes pad 1 0.0280.004 (0.70.10)
0.0180.004 (0.450.1) Dimensions inches (mm) All dimensions are Max unless otherwise specified.
0.030 (0.75) 0.01uF Bypass Capacitor Recommended
mA M pin 4
Vdd OUT
Co pin 3 OSC.
Vc GND
OUT
FET PROBE
RECOMMENDED REFLOW SOLDERING PROFILE TEMPERATURE
260C 217C 200C 150C
Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec.
PWR Supply
VM
Bypass Cap. pin 1
CL pin 2
RL
PIN 1 2 3 4
Function Voltage Control GND OUT VDD
Preheat 180 Secs. Max. 8 Minutes Max.
90 Secs. Max. 260C for 10 Secs. Max.
NOTE: Reflow Profile with 240C peak also acceptable.
TD-080401 Rev. A
CRYSTEK CORPORATION
12730 Commonwealth Drive * Fort Myers, Florida 33913 Phone: 239-561-3311 * 800-237-3061 Fax: 239-561-1025 * www.crystek.com


▲Up To Search▲   

 
Price & Availability of CVT20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X