Part Number Hot Search : 
NE85639 522Y2 DTC363TK 5A50D TA2S20A SCKV6 1H101 5TUZ52C
Product Description
Full Text Search
 

To Download CSD13002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
CSD13002 TO-92 Plastic Package
For Lead Free Parts, Devices Part # will be Perfixed with "T"
E
CB
Applications Suitable for Lighting, Switching Regulator and Motor Control ABSOLUTE MAXIMUM RATING (Ta=25C ) DESCRIPTION SYMBOL VCBO Collector Base Voltage VCEO Collector Emitter Voltage Emitter Base Voltage Collector Current Continuous Collector Power Dissipation Junction Temperature Storage Temperature Range Junction to Ambient in free air VEBO IC PD Tj Tstg Rth (j-a) VALUE 600 400 9.0 0.5 1.0 150 - 55 to +150 125 UNIT V V V A W C C C/W
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION VCBO IC=1mA, IE=0 Collector Base Voltage ICBO VCB=600V, IE = 0 Collector Cut Off Current IEBO VEB=9V, IC=0 Emitter Cut Off Current hFE IC=0.1A, VCE=5V DC Current Gain *IC=0.2A, VCE=2V IC=0.4A, VCE=5V VCE (sat) Collector Emitter Saturation Voltage IC=200mA, IB=40mA Base Emitter Saturation Voltage Storage Time Transition Frequency *hFE Classification Note:- Product is pre selected in DC current gain (Groups A to E). CDIL reserves the right to ship any of the groups according to production availability. MARKING VBE (sat) ts fT IC=200mA, IB=40mA IC=0.1A VCE=10V, IC=50mA, f=1MHz
MIN 700
TYP
MAX 100 100 40 30 0.8
UNIT V A A
18 14 18
V V s MHz
1.5 5.0
1.2 5.5
A 14-19
B 18-22
C 21-25
E 24-30
CSD 13002 A
CSD 13002 B
CSD 13002 C
CSD 13002 E
CSD13002 Rev_2 290307E
Continental Device India Limited
Data Sheet
Page 1 of 4
CSD13002 TO-92
For Lead Free Parts, Devices Part # will be Perfixed with "T"
TO-92 Plastic Package
B
Dimension With 'L' Uncontrolled
DIM A B C D E F G H K L
L
MIN. 4.32 4.45 3.18 0.41 0.35
MAX. 5.33 5.20 4.19 0.55 0.50
A
2 3 D G F F AA
K
1
D E
SEC AA
5 DEG 1.40 1.14 1.40 1.20 12.70 -- 1.982 2.082 1.20 1.03 M All dimensions are in mm
M 321 Mold Parting Line
Solderability Ensured Beyond 'L'
H
C
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER
321
The TO-92 Package, Tape and Ammo Pack Drawings are correct as on the date of issue/revision of this Data Sheet. The currently valid dimensions and information, may please be confirmed from the TO-92 Drawing in the Packages and Packing Section of the Product Catalogue.
Packing Details
PACKAGE Details TO-92 Bulk TO-92 T&A 1K/ polybag 2K/ ammo box STANDARD PACK Net Weight/Qty 200 gm/ pcs 1K 645 gm/ pcs 2K Size 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" INNER CARTON BOX Qty 5K 2K Size 17" x 15" x 13.5" 17" x 15" x 13.5" OUTER CARTON BOX Qty 80K 32K Gr Wt 23 kgs 12.5 kgs
CSD13002 Rev_2 290307E
Continental Device India Limited
Data Sheet
Page 2 of 4
CSD13002 TO-92 Plastic Package
For Lead Free Parts, Devices Part # will be Perfixed with "T"
Component Disposal Instructions 1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose as per prevailing Environmental Legislation of their Country. 2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
CSD13002 Rev_2 290307E
Continental Device India Limited
Data Sheet
Page 3 of 4
Customer Notes
CSD13002 TO-92 Plastic Package
For Lead Free Parts, Devices Part # will be Perfixed with "T"
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com
CSD13002 Rev_2 290307E
Continental Device India Limited
Data Sheet
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of CSD13002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X