Part Number Hot Search : 
APL1087E AJ45A MKL5010A 19R104C 20LC20US SDA551 28F00 A1037
Product Description
Full Text Search
 

To Download CS20604MX333G104KE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS206
Vishay Dale
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
FEATURES
* * * * * 4 to 18 pins available Available X7R and COG capacitors available Low cross talk e1 Custom design capability "B" 0.250" [6.35 mm], "C" 0.350" [8.89 mm] and "E" 0.325" [8.26 mm] maximum seated height available, dependent on schematic * 10K ECL terminators, Circuits E and M. 100K ECL terminators, Circuit A. Line terminator, Circuit T
STANDARD ELECTRICAL SPECIFICATIONS
VISHAY DALE MODEL CS206 CS206 CS206 PROFILE SCHEMATIC E M T A POWER RATING P70C W 0.125 0.125 0.125 RESISTOR CHARACTERISTICS TEMP. RESISTANCE RESISTANCE TOLERANCE COEFF. RANGE % ppm/C 10 - 1M 10 - 1M 10 - 1M 2, 5 2, 5 2, 5 200 200 200 T.C.R. TRACKING ppm/C 100 100 100 CAPACITOR CHARACTERISTICS CAPACITANCE CAPACITANCE TOLERANCE RANGE % 0.01 F 33 pF to 0.1 F 0.01 F 10 (K), 20 (M) 10 (K), 20 (M) 10 (K), 20 (M)
B C E
TECHNICAL SPECIFICATIONS
PARAMETER Operating Voltage (at + 25 C) Dissipation Factor (maximum) Insulation Resistance (at + 25 C/rated voltage) Dielectric Test Operating Temperature Range UNIT VAC % M V C CS206 50 maximum C0G = 0.15; X7R = 2.5 100 000 2.5 x rated voltage - 55 to + 125 C
Capacitor Temperature Coefficient: COG maximum 0.15 %, X7R maximum 2.5 % Package Power Rating (maximum at 70 C): 8 PINS = 0.80 W 9 PINS = 0.90 W 10 PINS = 1.00 W EIA Characteristics: COG and X7R (COG capacitors may be substituted for X7R capacitors)
0.325" [8.26] High ("E" Profile) 0.350" [8.89] High ("C" Profile)
SCHEMATICS in inches [millimeters]
0.250" [6.35] High ("B" Profile) 0.250" [6.35] High ("B" Profile)
1
2
34
5
6
7N
1
2
3
4
5
6
7
N
12
3456
78
9 10
1
2
3
4
5
6
7
N
Circuit E
Circuit M
Circuit A
Circuit T
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: 20608EC103G471KP (preferred part numbering format)
2
GLOBAL MODEL
0
PIN COUNT
6
0
8
E
C
1
0
3
G
4
7
1
K
P
PACKAGING SPECIAL
CAP. PACKAGE/ RESISTANCE RES. CAPACITANCE CHARACTERISTIC SCHEMATIC VALUE TOLERANCE VALUE TOLERANCE E = BE M = BM A = EA T = CT S = Special C = COG X = X7R S= Special 2 digit significant figure, followed by a multiplier 100 = 10 333 = 33 k 105 = 1 M C G=2% (in pF) J = 5 % 2 digit significant S = Special figure, followed by a multiplier 330 = 33 pF 392 = 3900 pF 104 = 0.1 F 103 G
206 = CS206 04 = 4 Pin 08 = 8 Pin 18 = 18 Pin
K = 10 % E = Lead (Pb)-free, Blank = Bulk Standard M = 20 % (Dash S = Special P = Tin/Lead, Number) Bulk (up to 2 digits)
Historical Part Number example: CS20608BEC103G471KP03 (will continue to be accepted)
CS206
08
B
E
471
K
P03
HISTORICAL PIN PACKAGE SCHEMATIC CHARACTERISTIC MODEL COUNT HEIGHT www.vishay.com 1
RESISTANCE RESISTANCE CAPACITANCE CAPACITANCE PACKAGING VALUE TOLERANCE VALUE TOLERANCE Document Number: 31519 Revision: 07-Aug-08
For technical questions, contact: ff2aresistors@vishay.com
CS206
Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
DIMENSIONS in inches [millimeters]
0.085 [2.160] Typ.
L Max.
Vishay Dale
0.050 [1.27] Typ. 0.135 [3.43] Max.
H Max.
CL 0.010 [0.254] 0.135 + 0.015 - 0.010 [3.43 + 0.381 - 0.254]
Seating Plane for 0.040 [1.016] O Hole 0. 007 [0.178] Ref.
0.020 [0.508] 0.100 0.005 [2.54 0.127] Non-Cumulative at Point of Egress 0.050 [1.27]
H (Height) Maximum: B = 0.250" [6.35] (Circuit E and M) C = 0.350" [8.89] (Circuit T) E = 0.325" [8.26] (Circuit A)
Pin #1 is extreme left-hand terminal on side with marking. NUMBER OF PINS 4 pin 5 pin 6 pin
150
L MAXIMUM 0.400 [10.16] 0.500 [12.70] 0.600 [15.24]
NUMBER OF PINS 7 pin 8 pin 9 pin
L MAXIMUM 0.700 [17.78] 0.800 [20.32] 0.900 [22.86]
NUMBER OF PINS 10 pin 11 pin 12 pin
L MAXIMUM 1.000 [25.40] 1.100 [27.94] 1.200 [30.48]
NUMBER OF PINS 13 pin 14 pin 15 pin
L MAXIMUM 1.300 [33.02] 1.400 [35.56] 1.500 [38.10]
NUMBER OF PINS 16 pin 17 pin 18 pin
L MAXIMUM 1.600 [40.64] 1.700 [43.18] 1.800 [45.72]
TECHNICAL SPECIFICATIONS
Flammability: UL 94V-0 Phosphorus-bronze, solder plated Epoxy coated Per MIL-STD-202, Method 208E Pin #1 identification, part number (abbreviated as space allows), DALE(R) or D, date code Meets requirements of MIL-STD-202, Method 106 Lead Material: Body Material: Solderability: Part Marking:
Power Dissipation %
100
50
0 0 25 50 75 70 100 125 150
Derating
PERFORMANCE
TEST Thermal Shock Short Time Overload
Ambient Temperature C
Moisture Resistance:
CONDITION Subject to 5 cycles from - 65 C to + 125 C 2.5 x rated working voltage for 5 s at + 25 C Cycle from + 25 C to + 65 C to + 25 C over 8 h at 90 - 98 % relative humidity, with 10 % of rated power applied, for 20 cycles. Stop cycling after an even number of cycles and stabilize networks at high humidity for 1 to 4 h. Condition networks at - 10 C for 3 h, then return to temperature cycling. On completion of cycling condition networks at + 25 C at 50 % r.h. for 22 to 24 h Immerse pins in melted solder to the lead standoffs at + 350 C for 3 s max. 18 shocks of 100 G and 6 ms 12 cycles varied logarithmically from 10 Hz to 2000 Hz to 10 Hz over 20 min 1000 h at + 70 C, rated power applied 1.5 h "ON", 0.5 h "OFF" Immerse and scrub samples with isopropyl alcohol, trichlorethylene and Freon TMC Immerse leads in 60/40 tin-lead solder using R flux at + 245 C for 5 s maximum Withstand 2.2 kg pull 1 min 100 V applied between case and terminals tied together
MAX. R (Typical Test Lots) 0.5 % R 0.25 % R
Moisture Resistance
0.5 % R
Resistance to Soldering Heat Mechanical Shock Vibration Load Life Resistance to Solvents Solderability Terminal Strength Case Insulation Resistance
0.25 % R 0.25 % R 0.25 % R 1.0 % R Marking remains legible Minimum 95 % solder coverage 0.25 % R IR = 10 000 M minimum www.vishay.com 2
Document Number: 31519 Revision: 07-Aug-08
For technical questions, contact: ff2aresistors@vishay.com
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of CS20604MX333G104KE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X