Part Number Hot Search : 
11750 09U250P NTE1683 4AC15 124098 102M2 2SA10 ISL21
Product Description
Full Text Search
 

To Download CHR2520FC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type CHR High Resistance Precision Chip Resistors
10 Meg to 100 Meg, 1% Tolerance, Temperature Coefficient to as low as 25 ppm/C
These high resistance precision chip resistors are designed for use in extremely low signal detection / amplification circuits. Applications include: Photodiode signal amplification, photomultipliers, ionization detection, etc. These precision high resistance chip resistors can also be ideal for use as the input resistor for high impedance voltage division. Style FC - Flip Chip version for surface mount applications. This version has solderable metallized termination pads on one side of the substrate, the same side as the resistive element. The back side of the substrate is bare ceramic. Style WB - Wire Bond versions for hybrid applications are available on a custom basis for high quantity applications. Contact Applications Engineering.
Style FC - Flip Chip Version is a surface mount version with solderable pads for flip chip soldering.
Model
CHR2520FC
Resistance Min. 10 Meg Max. 100 Meg
Max. Voltage Rating 150
Max. Temp.
Dimensions in inches and (millimeters) A .250 .007 (6.35 .18) B .200 .007 (5.08 .18) C .027 .003 (.69 .08) D .033 min. (.84)
Comments Solderable Pads
+85C
Standard Resistance Values:
Tolerance 1% Standard. 10.0 Meg 20.0 Meg 25.0 Meg 40.0 Meg 50.0 Meg 75.0 Meg 80.0 Meg 100 Meg
Specifications:
Temperature Coefficient: 10 Meg to 25 Meg: 25 ppm/C -40C to +85C, referenced to +25C. Above 25 Meg: 35 ppm/C +10C to +40C, referenced to +25C. 70 ppm/C -40C to +85C, referenced to +25C. TC is referenced to +25C, R taken at low temperature and high temperature. Load Life: 1000 hours at rated voltage at +85C, R 0.3% max. Momentary Overload: 1.5 times rated voltage, for 5 seconds, R 0.3% max. Thermal Shock: Mil-Std-202, Method 107. -40C to +85C, 5 cycles, R 0.3% max. Operating Temperature: -40C to +85C.
Custom resistance values and non-standard tolerances can be manufactured for high quantity applications. Please contact Caddock Applications Engineering.
Custom Type CHR Resistors
* * * * * * *
Higher Resistances up to 1,000 Meg Higher Voltage Ratings Application Optimized Tolerance and TC Precision Tolerance to 0.25% Offset TC (such as -150 ppm/C 50 ppm/C) Gold Wire Bondable Versions Aluminum Wire Bondable Versions
Packaging information:
Solder attachment note:
Style FC has a bare ceramic back surface. The recommended solders for flip chip solder attachment are 62Sn/36Pb/2Ag, 96.5Sn/3.5Ag, or standard Sn/Ag/Cu solder alloys.
Style FC, flip chip resistors, are shipped with the bare ceramic side up in the pocket, with the solderable pads facing down. The illustration shows the orientation of the pocket. The CHR2520FC is available only with this pocket orientation.
12mm 0.473"
Bo
Ao
7" dia. (178 mm)
Dimensions:
D
Ko signifies tape thickness and dimension
A
C B
Size 2520 Ao Bo Ko 0.271" (6.88mm) 0.216" (5.49mm) 0.066" (1.68mm)
Ordering Information:
Physical Size 2520 = 0.250" x 0.200"
.512" arbor hole (13mm)
Carrier Tape and pocket dimensions: Tape is 12mm Carrier Tape (8mm pitch)
CHR 2520 FC - 10.0 Meg - 1%
Type CHR
Tolerance:
See table for dimensions in inches and (millimeters).
Full reel quantities: 1000 pieces per reel. Quantities of less than 250 will be shipped in tape without reel and without tape leader at the option of Caddock. Tape dimensions and materials will be consistent with EIA-481-1. Reels will be marked with a label containing Caddock logo, part number, resistor value, tolerance, packaging date, and quantity.
Style: FC Resistor Value () See "Standard Resistance Values"
Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408
(c) 2004 Caddock Electronics, Inc.
CADDOCK
e-mail: caddock@caddock.com * web: www.caddock.com For Caddock Distributors listed by country see caddock.com/contact/dist.html
Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (951) 788-1700 Fax: (951) 369-1151
28_IL133.1004


▲Up To Search▲   

 
Price & Availability of CHR2520FC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X