|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CDR-MIL-PRF-55681 Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR FEATURES * Military qualified products * Federal stock control number, CAGE CODE 95275 * High reliability tested per MIL-PRF-55681 * Tin/lead "Z" and "U" termination codes available * Lead (Pb)-free applied for "Y" and "M" termination code * Surface Mount, precious metal technology, wet build process Available RoHS* COMPLIANT ELECTRICAL SPECIFICATIONS Note: Electrical characteristics at + 25 C unless otherwise specified. Operating Temperature: BP, BX: - 55 C to + 125 C Capacitance Range: 1.0 pF to 0.47 F Voltage Rating: 50 Vdc to 100 Vdc Voltage - Temperature Limits: BP: 0 30 ppm/C from - 55 C to + 125 C, with 0 Vdc applied BX: 15 % from - 55 C to + 125 C, with 0 Vdc applied BX: + 15, - 25 % from - 55 C to + 125 C, with 100 % rated Vdc applied Dissipation Factor (DF): BP: 0.15 % maximum; BX: 2.5 % maximum Test Frequency: 1 MHz 50 kHz for BP capacitors 1000 pF and for BX capacitors 100 pF All other BP and BX capacitors are tested a 1 kHz 50 Hz Aging Rate: BP: = 0 % maximum per decade BR, BX: = 1 % maximum per decade Insulation Resistance (IR): At + 25 C and rated voltage 100 000 M minimum or 1000 F, whichever is less Dielectric Withstanding Voltage (DWV): This is the maximum voltage the capacitors are tested for a 1 to 5 second period and the charge/discharge current does not exceed 50 mA. 100 Vdc: DWV at 250 % of rated voltage DIMENSIONS in inches [millimeters] L W T MAX. P MIL-PRF-55681 STYLE CDR01 LENGTH (L) 0.080 0.015 [2.03 0.38] 0.180 0.015 [4.57 0.38] 0.180 0.015 [4.57 0.38] 0.180 0.015 [4.57 0.38] 0.220 0.010 [5.59 0.25] 0.078 0.008 [2.00 0.20] 0.125 0.008 [3.20 0.20] 0.125 0.010 [3.20 0.25] 0.176 0.010 [4.50 0.25] 0.176 0.012 [4.50 0.30] WIDTH (W) 0.050 0.015 [1.27 0.38] 0.050 0.015 [1.27 0.38] 0.080 0.015 [2.03 0.38] 0.125 0.015 [3.20 0.38] 0.250 0.010 [6.35 0.25] 0.049 0.008 [1.25 0.20] 0.062 0.008 [1.60 0.20] 0.098 0.010 [2.50 0.25] 0.125 0.010 [3.20 0.25] 0.250 0.012 [6.40 0.30] MAXIMUM THICKNESS (T) 0.055 [1.40] 0.055 [1.40] 0.080 [2.03] 0.080 [2.03] 0.045 [1.14] 0.051 [1.30] 0.051 [1.30] 0.059 [1.50] 0.059 [1.50] 0.059 [1.50] TERM. (P) MINIMUM 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.010 [0.25] 0.012 [0.30] 0.012 [0.30] 0.010 [0.25] 0.010 [0.25] 0.008 [0.20] MAXIMUM 0.030 [0.76] 0.030 [0.76] 0.030 [0.76] 0.030 [0.76] 0.030 [0.76] 0.028 [0.70] 0.028 [0.70] 0.030 [0.76] 0.030 [0.76] 0.032 [0.80] /1 CDR02 CDR03 CDR04 /3 /7 /8 /9 /10 /11 CDR06 CDR31 CDR32 CDR33 CDR34 CDR35 * Pb containing terminations are not RoHS compliant, exemptions may apply. www.vishay.com 128 For technical questions, contact: mlcc.specials@vishay.com Document Number: 45026 Revision: 20-Feb-08 CDR-MIL-PRF-55681 Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR ORDERING INFORMATION - MILITARY CDR31 STYLES BX 102 CAPACITANCE NOMINAL CODE CDR01 CDR02 CDR03 CDR04 CDR06 CDR31 CDR32 CDR33 CDR34 CDR35 BP and BX Expressed in picofarads (pF). The first two digits are significant, the third is a multiplier. Examples: 102 = 1000 pF 1R8 = 1.8 pF A DC VOLTAGE RATING (1) A = 50 V B = 100 V C = 0.25 pF D = 0.5 pF F=1% J=5% K = 10 % M = 20 % Y = Ni barrier with 100 % tin W = Ni barrier with 100 % tin or tin/lead plate with min. 4 % lead Z = Ni barrier with tin/lead plate min. 4 % lead M = AgPd U = Base metallization-barrier metal-solder coated (tin/lead alloy, with a minimum of 4 % lead). Solder has a melting point of + 200 C or less. Solder coat thickness is a minimum of 69 " T = 7" reel/plastic tape J = 7" reel/plastic tape (low qty) C = 7" reel/paper tape R = 11 1/4" reel/plastic tape P = 11 1/4" reel/paper tape B = Bulk M = 1.0 % P = 0.1 % R = 0.01 % S = 0.001 % Consult factory for failure rate status A = Unmarked K CAPACITANCE TOLERANCE Y TERMINATION S FAILURE RATE A MARKING T PACKAGING MILITARY DIELECTRIC Vishay Vitramon Notes: (1) (2) DC voltage rating should not be exceeded in application MIL-PFR_55681 "U" Termination part number code for CDR product length, width and thickness dimensions positive tolerances (including bandwidth) above are allowed to increase by the following amounts: MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CDR01BP CDR01BP100B_ _ _ CDR01BP120BJ_ _ CDR01BP150B_ _ _ CDR01BP180BJ_ _ CDR01BP220B_ _ _ CDR01BP270BJ_ _ CDR01BP330B_ _ _ CDR01BP390BJ_ _ CDR01BP470B_ _ _ CDR01BP560BJ_ _ CDR01BP680B_ _ _ CDR01BP820BJ_ _ CDR01BP101B_ _ _ CDR01B-121B_ _ _ CDR01B-151B_ _ _ CDR01B-181B_ _ _ 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 J, K J J, K J J, K J J, K J J, K J J, K J J, K J, K J, K J, K BP BP BP BP BP BP BP BP BP BP BP BP BP BP, BX BP, BX BP, BX 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 CAPACITANCE CODE CAPACITANCE (pF) CAPACITANCE TOLERANCE RATED TEMP. AND VOLTAGE TEMP. LIMITS VOLTAGE (DC) Document Number: 45026 Revision: 20-Feb-08 For technical questions, contact: mlcc.specials@vishay.com www.vishay.com 129 CDR-MIL-PRF-55681 Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CDR01BX CDR01BX221B_ _ _ CDR01BX271BK_ _ CDR01BX331B_ _ _ CDR01BX391BK_ _ CDR01BX471B_ _ _ CDR01BX561BK_ _ CDR01BX681B_ _ _ CDR01BX821BK_ _ CDR01BX102B_ _ _ CDR01BX122BK_ _ CDR01BX152B_ _ _ CDR01BX182BK_ _ CDR01BX222B_ _ _ CDR01BX272BK_ _ CDR01BX332B_ _ _ CDR01BX392AK_ _ CDR01BX472A_ _ _ CDR02BP CDR02BP221B_ _ _ CDR02BP271BJ_ _ CDR02BX CDR02BX392BK_ _ CDR02BX472B_ _ _ CDR02BX562BK_ _ CDR02BX682B_ _ _ CDR02BX822BK_ _ CDR02BX103B_ _ _ CDR02BX123AK_ _ CDR02BX153A_ _ _ CDR02BX183AK_ _ CDR02BX223A_ _ _ CDR03BP CDR03BP331B_ _ _ CDR03BP391BJ_ _ CDR03BP471B_ _ _ CDR03BP561BJ_ _ CDR03BP681B_ _ _ CDR03BP821BJ_ _ CDR03BP102B_ _ _ CDR03BX CDR03BX123BK_ _ CDR03BX153B_ _ _ CDR03BX183BK_ _ CDR03BX223B_ _ _ CDR03BX273BK_ _ CDR03BX333B_ _ _ CDR03BX393AK_ _ CDR03BX473A_ _ _ CDR03BX563AK_ _ CDR03BX683A_ _ _ CAPACITANCE CODE 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 392 472 221 271 392 472 562 682 822 103 123 153 183 223 331 391 471 561 681 821 102 123 153 183 223 273 333 393 473 563 683 CAPACITANCE (pF) 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 220 270 3900 4700 5600 6800 8200 10 000 12 000 15 000 18 000 22 000 330 390 470 560 680 820 1000 12 000 15 000 18 000 22 000 27 000 33 000 39 000 47 000 56 000 68 000 CAPACITANCE TOLERANCE K, M K K, M K K, M K K, M K K, M K K, M K K, M K K, M K K, M J, K J K K, M K K, M K K, M K K, M K K, M J, K J J, K J J, K J J, K K K, M K K, M K K, M K K, M K K, M RATED TEMP. AND VOLTAGE TEMP. LIMITS BX BX BX BX BX BX BX BX BX BX BX BX BX BX BX BX BX BP BP BX BX BX BX BX BX BX BX BX BX BP BP BP BP BP BP BP BX BX BX BX BX BX BX BX BX BX VOLTAGE (DC) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 100 100 100 100 100 100 100 100 50 50 50 50 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 www.vishay.com 130 For technical questions, contact: mlcc.specials@vishay.com Document Number: 45026 Revision: 20-Feb-08 CDR-MIL-PRF-55681 Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR Vishay Vitramon MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CDR04BP CDR04BP122BJ_ _ CDR04BP152B_ _ _ CDR04BP182BJ_ _ CDR04BP222B_ _ _ CDR04BP272BJ_ _ CDR04BP332B_ _ _ CDR04BX CDR04BX393BK_ _ CDR04BX473B_ _ _ CDR04BX563BK_ _ CDR04BX823AK_ _ CDR04BX104A_ _ _ CDR04BX124AK_ _ CDR04BX154A_ _ _ CDR04BX184AK_ _ CDR06BX CDR06BX394AK_ _ CDR06BX474A_ _ _ CDR31BP CDR31BP1R0B_ _ _ CDR31BP1R1B_ _ _ CDR31BP1R2B_ _ _ CDR31BP1R3B_ _ _ CDR31BP1R5B_ _ _ CDR31BP1R6B_ _ _ CDR31BP CDR31BP1R8B_ _ _ CDR31BP2R0B_ _ _ CDR31BP2R2B_ _ _ CDR31BP2R4B_ _ _ CDR31BP2R7B_ _ _ CDR31BP3R0B_ _ _ CDR31BP3R3B_ _ _ CDR31BP3R6B_ _ _ CDR31BP3R9B_ _ _ CDR31BP4R3B_ _ _ CDR31BP4R7B_ _ _ CDR31BP5R1B_ _ _ CDR31BP5R6B_ _ _ CDR31BP6R2B_ _ _ CDR31BP6R8B_ _ _ CDR31BP7R5B_ _ _ CDR31BP8R2B_ _ _ CDR31BP9R1B_ _ _ 1R8 2R0 2R2 2R4 2R7 3R0 3R3 3R6 3R9 4R3 4R7 5R1 5R6 6R2 6R8 7R5 8R2 9R1 1.8 2 2.2 2.4 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 C C C C C, D C, D C, D C, D C, D C, D C, D C, D C, D C, D C, D C, D C, D C, D BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 1R0 1R1 1R2 1R3 1R5 1R6 1 1.1 1.2 1.3 1.5 1.6 C C C C C C BP BP BP BP BP BP 100 100 100 100 100 100 394 474 390 000 470 000 K K, M BX BX 50 50 393 473 563 823 104 124 154 184 39 000 47 000 56 000 82 000 100 000 120 000 150 000 180 000 K K, M K K K, M K K, M K BX BX BX BX BX BX BX BX 100 100 100 50 50 50 50 50 122 152 182 222 272 332 1200 1500 1800 2200 2700 3300 J J, K J J, K J J, K BP BP BP BP BP BP 100 100 100 100 100 100 CAPACITANCE CODE CAPACITANCE (pF) CAPACITANCE TOLERANCE RATED TEMP. AND VOLTAGE TEMP. LIMITS VOLTAGE (DC) Document Number: 45026 Revision: 20-Feb-08 For technical questions, contact: mlcc.specials@vishay.com www.vishay.com 131 CDR-MIL-PRF-55681 Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CDR31BP CDR31BP100B_ _ _ CDR31BP110B_ _ _ CDR31BP120B_ _ _ CDR31BP130B_ _ _ CDR31BP150B_ _ _ CDR31BP160B_ _ _ CDR31BP180B_ _ _ CDR31BP200B_ _ _ CDR31BP220B_ _ _ CDR31BP240B_ _ _ CDR31BP270B_ _ _ CDR31BP300B_ _ _ CDR31BP330B_ _ _ CDR31BP360B_ _ _ CDR31BP390B_ _ _ CDR31BP430B_ _ _ CDR31BP470B_ _ _ CDR31BP510B_ _ _ CDR31BP560B_ _ _ CDR31BP620B_ _ _ CDR31BP680B_ _ _ CDR31BP750B_ _ _ CDR31BP820B_ _ _ CDR31BP910B_ _ _ CDR31BP101B_ _ _ CDR31BP111B_ _ _ CDR31BP121B_ _ _ CDR31BP131B_ _ _ CDR31BP151B_ _ _ CDR31BP161B_ _ _ CDR31BP181B_ _ _ CDR31BP201B_ _ _ CDR31BP221B_ _ _ CDR31BP241B_ _ _ CDR31BP271B_ _ _ CDR31BP301B_ _ _ CDR31BP331B_ _ _ CDR31BP361B_ _ _ CDR31BP391B_ _ _ CDR31BP431B_ _ _ CDR31BP471B_ _ _ CDR31BP511A_ _ _ CDR31BP561A_ _ _ CDR31BP621A_ _ _ CDR31BP681A_ _ _ 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181 201 221 241 271 301 331 361 391 431 471 511 561 621 681 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 CAPACITANCE CODE CAPACITANCE (pF) CAPACITANCE TOLERANCE RATED TEMP. AND VOLTAGE TEMP. LIMITS VOLTAGE (DC) www.vishay.com 132 For technical questions, contact: mlcc.specials@vishay.com Document Number: 45026 Revision: 20-Feb-08 CDR-MIL-PRF-55681 Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CDR31BX CDR31BX471B_ _ _ CDR31BX561B_ _ _ CDR31BX681B_ _ _ CDR31BX821B_ _ _ CDR31BX102B_ _ _ CDR31BX122B_ _ _ CDR31BX152B_ _ _ CDR31BX182B_ _ _ CDR31BX222B_ _ _ CDR31BX272B_ _ _ CDR31BX332B_ _ _ CDR31BX392B_ _ _ CDR31BX472B_ _ _ CDR31BX562A_ _ _ CDR31BX682A_ _ _ CDR31BX822A_ _ _ CDR31BX103A_ _ _ CDR31BX123A_ _ _ CDR31BX153A_ _ _ CDR31BX183A_ _ _ CDR32BP CDR32BP1R0B_ _ _ CDR32BP1R1B_ _ _ CDR32BP1R2B_ _ _ CDR32BP1R3B_ _ _ CDR32BP1R5B_ _ _ CDR32BP1R6B_ _ _ CDR32BP1R8B_ _ _ CDR32BP2R0B_ _ _ CDR32BP2R2B_ _ _ CDR32BP2R4B_ _ _ CDR32BP2R7B_ _ _ CDR32BP3R0B_ _ _ CDR32BP3R3B_ _ _ CDR32BP3R6B_ _ _ CDR32BP3R9B_ _ _ CDR32BP4R3B_ _ _ CDR32BP4R7B_ _ _ CDR32BP5R1B_ _ _ CDR32BP5R6B_ _ _ CDR32BP6R2B_ _ _ CDR32BP6R8B_ _ _ CDR32BP7R5B_ _ _ CDR32BP8R2B_ _ _ CDR32BP9R1B_ _ _ 1R0 1R1 1R2 1R3 1R5 1R6 1R8 2R0 2R2 2R4 2R7 3R0 3R3 3R6 3R9 4R3 4R7 5R1 5R6 6R2 6R8 7R5 8R2 9R1 1 1.1 1.2 1.3 1.5 1.6 1.8 2 2.2 2.4 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 C C C C C C C C C C C, D C, D C, D C, D C, D C, D C, D C, D C, D C, D C, D C, D C, D C, D BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 123 153 183 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10 000 12 000 15 000 18 000 K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M BX BX BX BX BX BX BX BX BX BX BX BX BX BX BX BX BX BX BX BX 100 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 50 CAPACITANCE CODE CAPACITANCE (pF) CAPACITANCE TOLERANCE RATED TEMP. AND VOLTAGE TEMP. LIMITS VOLTAGE (DC) Vishay Vitramon Document Number: 45026 Revision: 20-Feb-08 For technical questions, contact: mlcc.specials@vishay.com www.vishay.com 133 CDR-MIL-PRF-55681 Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CDR32BP CDR32BP100B_ _ _ CDR32BP110B_ _ _ CDR32BP120B_ _ _ CDR32BP130B_ _ _ CDR32BP150B_ _ _ CDR32BP160B_ _ _ CDR32BP180B_ _ _ CDR32BP200B_ _ _ CDR32BP220B_ _ _ CDR32BP240B_ _ _ CDR32BP270B_ _ _ CDR32BP300B_ _ _ CDR32BP330B_ _ _ CDR32BP360B_ _ _ CDR32BP390B_ _ _ CDR32BP430B_ _ _ CDR32BP470B_ _ _ CDR32BP510B_ _ _ CDR32BP560B_ _ _ CDR32BP620B_ _ _ CDR32BP680B_ _ _ CDR32BP750B_ _ _ CDR32BP820B_ _ _ CDR32BP910B_ _ _ CDR32BP101B_ _ _ CDR32BP111B_ _ _ CDR32BP121B_ _ _ CDR32BP131B_ _ _ CDR32BP151B_ _ _ CDR32BP161B_ _ _ CDR32BP181B_ _ _ CDR32BP201B_ _ _ CDR32BP221B_ _ _ CDR32BP241B_ _ _ CDR32BP271B_ _ _ CDR32BP301B_ _ _ CDR32BP331B_ _ _ CDR32BP361B_ _ _ CDR32BP391B_ _ _ CDR32BP431B_ _ _ CDR32BP471B_ _ _ CDR32BP511B_ _ _ CDR32BP561B_ _ _ CDR32BP621B_ _ _ CDR32BP681B_ _ _ CDR32BP751B_ _ _ CDR32BP821B_ _ _ CDR32BP911B_ _ _ www.vishay.com 134 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181 201 221 241 271 301 331 361 391 431 471 511 561 621 681 751 821 911 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 Document Number: 45026 Revision: 20-Feb-08 CAPACITANCE CODE CAPACITANCE (pF) CAPACITANCE TOLERANCE RATED TEMP. AND VOLTAGE TEMP. LIMITS VOLTAGE (DC) For technical questions, contact: mlcc.specials@vishay.com CDR-MIL-PRF-55681 Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR Vishay Vitramon MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CDR32BP CDR32BP102B_ _ _ CDR32BP112A_ _ _ CDR32BP122A_ _ _ CDR32BP132A_ _ _ CDR32BP152A_ _ _ CDR32BP162A_ _ _ CDR32BP182A_ _ _ CDR32BP202A_ _ _ CDR32BP222A_ _ _ CDR32BX CDR32BX472B_ _ _ CDR32BX562B_ _ _ CDR32BX682B_ _ _ CDR32BX822B_ _ _ CDR32BX103B_ _ _ CDR32BX123B_ _ _ CDR32BX153B_ _ _ CDR32BX183A_ _ _ CDR32BX223A_ _ _ CDR32BX273A_ _ _ CDR32BX333A_ _ _ CDR32BX393A_ _ _ CDR33BP CDR33BP102B_ _ _ CDR33BP112B_ _ _ CDR33BP122B_ _ _ CDR33BP132B_ _ _ CDR33BP152B_ _ _ CDR33BP162B_ _ _ CDR33BP182B_ _ _ CDR33BP202B_ _ _ CDR33BP222B_ _ _ CDR33BP242A_ _ _ CDR33BP272A_ _ _ CDR33BP302A_ _ _ CDR33BP332A_ _ _ CDR33BX CDR33BX153B_ _ _ CDR33BX183B_ _ _ CDR33BX223B_ _ _ CDR33BX273B_ _ _ CDR33BX393A_ _ _ CDR33BX473A_ _ _ CDR33BX563A_ _ _ CDR33BX683A_ _ _ CDR33BX823A_ _ _ CDR33BX104A_ _ _ 102 112 122 132 152 162 182 202 222 472 562 682 822 103 123 153 183 223 273 333 393 102 112 122 132 152 162 182 202 222 242 272 302 332 153 183 223 273 393 473 563 683 823 104 1000 1100 1200 1300 1500 1600 1800 2000 2200 4700 5600 6800 8200 10 000 12 000 15 000 18 000 22 000 27 000 33 000 39 000 1000 1100 1200 1300 1500 1600 1800 2000 2200 2400 2700 3000 3300 15 000 18 000 22 000 27 000 39 000 47 000 56 000 68 000 82 000 100 000 F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M BP BP BP BP BP BP BP BP BP BX BX BX BX BX BX BX BX BX BX BX BX BP BP BP BP BP BP BP BP BP BP BP BP BP BX BX BX BX BX BX BX BX BX BX 100 50 50 50 50 50 50 50 50 100 100 100 100 100 100 100 50 50 50 50 50 100 100 100 100 100 100 100 100 100 50 50 50 50 100 100 100 100 50 50 50 50 50 50 CAPACITANCE CODE CAPACITANCE (pF) CAPACITANCE TOLERANCE RATED TEMP. AND VOLTAGE TEMP. LIMITS VOLTAGE (DC) Document Number: 45026 Revision: 20-Feb-08 For technical questions, contact: mlcc.specials@vishay.com www.vishay.com 135 CDR-MIL-PRF-55681 Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CDR34BP CDR34BP222B_ _ _ CDR34BP242B_ _ _ CDR34BP272B_ _ _ CDR34BP302B_ _ _ CDR34BP332B_ _ _ CDR34BP362B_ _ _ CDR34BP392B_ _ _ CDR34BP432B_ _ _ CDR34BP472B_ _ _ CDR34BP512A_ _ _ CDR34BP562A_ _ _ CDR34BP622A_ _ _ CDR34BP682A_ _ _ CDR34BP752A_ _ _ CDR34BP822A_ _ _ CDR34BP912A_ _ _ CDR34BP103A_ _ _ CDR34BX CDR34BX273B_ _ _ CDR34BX333B_ _ _ CDR34BX393B_ _ _ CDR34BX473B_ _ _ CDR34BX563B_ _ _ CDR34BX104A_ _ _ CDR34BX124A_ _ _ CDR34BX154A_ _ _ CDR34BX184A_ _ _ CDR35BP CDR35BP472B_ _ _ CDR35BP512B_ _ _ CDR35BP562B_ _ _ CDR35BP622B_ _ _ CDR35BP682B_ _ _ CDR35BP752B_ _ _ CDR35BP822B_ _ _ CDR35BP912B_ _ _ CDR35BP103B_ _ _ CDR35BP113A_ _ _ CDR35BP123A_ _ _ CDR35BP133A_ _ _ CDR35BP153A_ _ _ CDR35BP163A_ _ _ CDR35BP183A_ _ _ CDR35BP203A_ _ _ CDR35BP223A_ _ _ 472 512 562 622 682 752 822 912 103 113 123 133 153 163 183 203 223 4700 5100 5600 6200 6800 7500 8200 9100 10 000 11 000 12 000 13 000 15 000 16 000 18 000 20 000 22 000 F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 50 50 273 333 393 473 563 104 124 154 184 27 000 33 000 39 000 47 000 56 000 100 000 120 000 150 000 180 000 K, M K, M K, M K, M K, M K, M K, M K, M K, M BX BX BX BX BX BX BX BX BX 100 100 100 100 100 50 50 50 50 222 242 272 302 332 362 392 432 472 512 562 622 682 752 822 912 103 2200 2400 2700 3000 3300 3600 3900 4300 4700 5100 5600 6200 6800 7500 8200 9100 10 000 F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K F, J, K BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP BP 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 50 50 CAPACITANCE CODE CAPACITANCE (pF) CAPACITANCE TOLERANCE RATED TEMP. AND VOLTAGE TEMP. LIMITS VOLTAGE (DC) www.vishay.com 136 For technical questions, contact: mlcc.specials@vishay.com Document Number: 45026 Revision 20-Feb-08 CDR-MIL-PRF-55681 Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR Vishay Vitramon MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CDR35BX CDR35BX563B_ _ _ CDR35BX683B_ _ _ CDR35BX823B_ _ _ CDR35BX104B_ _ _ CDR35BX124B_ _ _ CDR35BX154B_ _ _ CDR35BX184A_ _ _ CDR35BX224A_ _ _ CDR35BX274A_ _ _ CDR35BX334A_ _ _ CDR35BX394A_ _ _ CDR35BX474A_ _ _ 563 683 823 104 124 154 184 224 274 334 394 474 56 000 68 000 82 000 100 000 120 000 150 000 180 000 220 000 270 000 330 000 390 000 470 000 K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M BX BX BX BX BX BX BX BX BX BX BX BX 100 100 100 100 100 100 50 50 50 50 50 50 CAPACITANCE CODE CAPACITANCE (pF) CAPACITANCE TOLERANCE RATED TEMP. AND VOLTAGE TEMP. LIMITS VOLTAGE (DC) TAPE AND REEL QUANTITIES (1) (2) (3) 7" REEL QUANTITIES STYLES CDR01, CDR31 CDR32 CDR33 CDR02 CDR03 CDR04, CDR34 CDR35 CDR06 Notes: (1) (2) 11 1/4" AND 13" REEL QUANTITIES "J" 1000 1000 1000 500 500 500 500 500 "P" 10 000 N/a N/a N/a N/a N/a N/a N/a "R" 10 000 10 000 10 000 10 000 10 000 5000 5000 5000 BULK "B" 100 100 100 100 100 100 100 100 BODY SIZE 0805 1206 1210 1805 1808 1812 1825 2225 TAPE SIZE 8 mm 8 mm 8 mm 12 mm 12 mm 12 mm 12 mm 12 mm "C" 3000 N/a N/a N/a N/a N/a N/a N/a "T" 3000 3000 3000 3000 3000 1000 1000 1000 Vishay Vitramon uses embossed plastic carrier tape and punched paper carrier tape Paper tape is not available for case sizes > 1206 or for component thickness > 0.035" [0.89 mm] (3) DC Voltage rating should not be exceeded in application Document Number: 45026 Revision: 20-Feb-08 For technical questions, contact: mlcc.specials@vishay.com www.vishay.com 137 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of CDR01BP102AFYM |