Part Number Hot Search : 
ST485AN JE210 24012 P4SMA100 SP236A 80MJ50 ASI2010 KA78RM33
Product Description
Full Text Search
 

To Download BD2425N50100A00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model BD2425N50100A00
Rev E
Ultra Low Profile 0404 Balun 50 to 100 Balanced
Description
The BD2425N50100A00 is a low cost, low profile sub-miniature unbalanced to balanced transformer designed for differential inputs and output locations on modern chipsets in an easy to use surface mount package. The BD2425N50100A00 is ideal for high volume manufacturing and delivers higher performance than traditional ceramic baluns. The BD2425N50100A00 has an unbalanced port impedance of 50 and a 100 balanced port impedance. This transformation enables single ended signals to be applied to differential ports on modern integrated chipsets. The output ports have equal amplitude (-3dB) with 180 degree phase differential. The BD2425N50100A00 is available on tape and reel for pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice. Features:
* * * * * * * * * * * * 2400 - 2500 MHz 0.57 mm Height Profile 50 Ohm to 2 x 50 Ohm Low Insertion Loss 802.11 b+g MIMO b+g Bluetooth Zigbee Surface Mountable Tape & Reel Non-conductive RoHS Compliant Parameter Frequency Unbalanced Port Impedance Balanced Port Impedance Return Loss Insertion Loss* Amplitude Balance Phase Balance CMRR Power Handling Operating Temperature Min. 2400
ROOM (25C) Typ. 50 100 25 0.6 0.2 1 37 Max 2500 Unit MHz dB dB dB Degrees dB Watts C
18
0.7 0.6 3 1 +85
-55
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 C)
Outline Drawing
Top View (Near-side) Side View Bottom View (Far-side)
.041.004 [1.050.10] .041.004 [1.050.10]
.022.001 [0.570.03]
.012 [0.30] 1 0.12 [0.30]
2 3x.010 [0.25] 4 3 3x.010 [0.25]
.020 [0.50] .020 [0.50]
Pin Designation GND / DC Feed 1 + RF GND
Dimensions are in Inches [Millimeters] Mechanical Outline
2 Unbalanced Port 3 Balanced Port 4 Balanced Port
Tolerances are Non-Cumulative
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model BD2425N50100A00
Rev E
Typical Performance:2300 MHz. to 2600 MHz.
Return Loss - Input
0 -3 -6 -9 -12 -15
[dB]
Insertion Loss
0 -0.3 -0.6 -0.9 -1.2 -1.5
[dB]
-18 -21 -24 -27 -30 -33 -36 2300 2350 2400 2450 2500 2550 2600
-1.8 -2.1 -2.4 -2.7 -3 -3.3 -3.6 2300 2350 2400 2450 2500 2550 2600
Frequency [MHz]
Frequency [MHz]
Amplitude Balance
2 1.5 1 0.5
[dB]
Phase Balance
20 15 10 5
deg
0 -0.5 -1 -1.5 -2 2300 2350 2400 2450 2500 2550 2600
0 -5 -10 -15 -20 2300 2350 2400 2450 2500 2550 2600
Frequency [MHz]
Frequency [MHz]
CMRR
0 -3 -6 -9 -12 -15
[dB]
-18 -21 -24 -27 -30 -33 -36 2300 2350 2400 2450 2500 2550 2600
Frequency [MHz]
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
Model BD2425N50100A00
Rev E
Wide Band Performance: 500 MHz. to 8500 MHz.
Return Loss - Input
0 -3 -6 -9 -12 -15
[dB]
Insertion Loss
0 -0.3 -0.6 -0.9 -1.2 -1.5
[dB]
-18 -21 -24 -27 -30 -33 -36 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500
-1.8 -2.1 -2.4 -2.7 -3 -3.3 -3.6 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000
8000
Frequency [MHz]
Frequency [MHz]
Amplitude Balance
2 1.5 1 0.5
[dB]
deg
Phase Balance
20 15 10 5 0 -5 -10 -15 -20 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500
0 -0.5 -1 -1.5 -2 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500
Frequency [MHz]
Frequency [MHz]
CMRR
0 -3 -6 -9 -12 -15
[dB]
-18 -21 -24 -27 -30 -33 -36 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500
Frequency [MHz]
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
8500
8500
Model BD2425N50100A00
Rev E
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet published specifications. All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/oC. An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances.
With No DC Bias
3X .011 [0.29] .008 [0.21] 3X .011 [0.29] Plated thru hole to ground .014 [0.36]
With DC Bias
3X .011 [0.29] .008 [0.21] 3X .011 [0.29] Plated thru hole to ground
.014 [0.36]
.020 [0.50]
.008 [0.21]
.020 [0.50]
.008 [0.21]
3X Transmission Line
.020 [0.50]
3X Transmission Line
.020 [0.50]
Circuit Pattern Footprint Pad (s) Solder Resist Dimensions are in Inches [Millimeters] Mounting Footprint
Circuit Pattern Footprint Pad (s) Solder Resist Dimensions are in Inches [Millimeters] Mounting Footprint
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
Model BD2425N50100A00
Rev E
Packaging and Ordering Information
Parts are available in reel and are packaged per EIA 481-2. Parts are oriented in tape and reel as shown below. Minimum order quantities are 4000 per reel. See Model Numbers below for further ordering information.
OA
OC
OD
QUANTITY/REEL 4000
TABLE 1 REEL DIMENSIONS (inches [mm]) OA 7.00 [177.8] B 0.32 [8.0] OC 2.0 [50.8] OD 0.512 [13.0]
B
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model BD2425N50100A00
Rev E
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.


▲Up To Search▲   

 
Price & Availability of BD2425N50100A00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X