Part Number Hot Search : 
6397D5 GP2D150A 11A04 G9091 TS128MCF PMD5001K T5001 HVM100
Product Description
Full Text Search
 

To Download BAY80-TAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAY80
Vishay Semiconductors
Small Signal Switching Diode, High Voltage
Features
* Silicon Epitaxial Planar Diode * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
e2
Applications
* General purpose
94 9367
Mechanical Data
Case: DO35 Glass case Weight: approx. 125 mg Cathode Band Color: black Packaging Codes/Options: TR/10 k per 13" reel (52 mm tape), 50 k/box TAP/10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Part BAY80 Ordering code BAY80-TR or BAY80-TAP Type Marking BAY80 Remarks Tape and Reel/Ammopack
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified
Parameter Repetitive peak reverse voltage Reverse voltage Peak forward surge current Repetitive peak forward current Forward continuous current Average forward current tp = 1 s Test condition Symbol VRRM VR IFSM IFRM IF IFAV Value 150 120 1 625 250 200 Unit V V A mA mA mA
Thermal Characteristics
Tamb = 25 C, unless otherwise specified
Parameter Junction to ambient air Storage temperature range Test condition Symbol RthJA Tj Tstg Value 350 + 175 - 65 to + 175 Unit K/W C C Thermal resistance junction to ambient air l = 4 mm, TL = constant
Document Number 85553 Rev. 1.8, 19-Feb-07
www.vishay.com 1
BAY80
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified
Parameter Forward voltage Test condition IF = 0.1 mA IF = 10 mA IF = 50 mA IF = 100 mA IF = 150 mA Reverse current Breakdown voltage Diode capacitance Differential forward resistance Reverse recovery time VR = 120 V VR = 120 V, Tj = 150 C IR = 100 A, tp/T = 0.01, tp = 0.3 ms VR = 0, f = 1 MHz IF = 10 mA IF = IR = 30 mA, iR = 3 mA, RL = 100 Symbol VF VF VF VF VF IR IR V(BR) CD rf trr 150 1.5 5 50 5 Min 400 630 730 780 Typ. Max 520 780 920 1000 1070 100 100 Unit mV mV mV mV mV nA A V pF ns
Typical Characteristics
Tamb = 25 C, unless otherwise specified
I R - Reverse Current (A)
100 Scattering Limit 10
rf - Differential Forward Resistance ()
1000
1000
100
1 VR = VRRM
Tj = 25 C 10
0.1 0.01 0 40 80 120
160
200
1 0.1
1
10
100
94 9084
Tj - Junction Temperature (C)
94 9089
I F - Forward Current (mA)
Figure 1. Reverse Current vs. Junction Temperature
Figure 3. Differential Forward Resistance vs. Forward Current
1000 Tj = 25 C
I F - Forward Current (mA)
100
Scattering Limit 10
1
0.1 0
94 9085
0.4
0.8
1.2
1.6
2.0
V F - Forward Voltage (V)
Figure 2. Forward Current vs. Forward Voltage
www.vishay.com 2
Document Number 85553 Rev. 1.8, 19-Feb-07
BAY80
Vishay Semiconductors Package Dimensions in millimeters (inches): DO35
Cathode Identification
0.55 max. (0.022)
1.7 (0.067)
Rev. 6 - Date: 29. January 2007 Document no.: 6.560-5004.02-4
94 9366
Document Number 85553 Rev. 1.8, 19-Feb-07
1.5 (0.059)
www.vishay.com 3
26 min. (1.024)
3.9 max. (0.154)
26 min. (1.024)
BAY80
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85553 Rev. 1.8, 19-Feb-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BAY80-TAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X